Part Number Hot Search : 
Z8MFJ X5R1C 03S2N BPNPA16E UTR01 2SA1603A BPNPA16E MBR6045
Product Description
Full Text Search
 

To Download MT6L57AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MT6L57AT
TOSHIBA Transistor Silicon NPN Epitaxial Planar Type
MT6L57AT
VHF~UHF Band Low Noise Amplifier Applications
* Two devices are built in to the super-thin and ultra super mini (6 pins) package: TU6 Unit: mm
Mounted Devices
Q1: SSM (TESM) Three-pins (SSM/TESM) mold products are corresponded. MT3S06S (MT3S06T) Q2: SSM (TESM) MT3S04AS (MT3S04AT)
Maximum Ratings (Ta = 25C)
Characteristics Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature range Symbol VCBO VCEO VEBO IC IB PC Tj Tstg Q1 10 5 1.5 15 7 150 125 -55~125 Q2 10 5 2 40 10 Unit V V V mA mA mW C C
JEDEC JEITA TOSHIBA
2-2JA1C
Weight: 0.0045 g (typ.)
Marking
Pin Assignment (top view)
1
2003-09-19
MT6L57AT
Electrical Characteristics Q1 (Ta = 25C)
Characteristics Collector cut-off current Emitter cut-off current DC current gain Transition frequency Insertion gain Symbol ICBO IEBO hFE fT S21e2 (1) S21e2 (2) NF (1) NF (2) Cre Test Condition VCB = 5 V, IE = 0 VEB = 1 V, IC = 0 VCE = 1 V, IC = 5 mA VCE = 3 V, IC = 5 mA VCE = 1 V, IC = 5 mA, f = 2 GHz VCE = 3 V, IC = 7 mA, f = 2 GHz VCE = 1 V, IC = 3 mA, f = 2 GHz VCE = 3 V, IC = 3 mA, f = 2 GHz VCB = 1 V, IE = 0, f = 1 MHz (Note) Min 70 7 4.5 Typ. 10 7.5 8 1.7 1.6 0.35 Max 0.1 1 140 3 3 0.75 GHz dB Unit A A
Noise figure Reverse transfer capacitance
dB pF
Note: Cre is measured by 3 terminal method with capacitance bridge.
Electrical Characteristics Q2 (Ta = 25C)
Characteristics Collector cut-off current Emitter cut-off current DC current gain Transition frequency Symbol ICBO IEBO hFE fT (1) fT (2) S21e2 (1) S21e (2) NF (1) NF (2) Cre
2
Test Condition VCB = 5 V, IE = 0 VEB = 1 V, IC = 0 VCE = 1 V, IC = 5 mA VCE = 1 V, IC = 5 mA VCE = 3 V, IC = 7 mA VCE = 1 V, IC = 5 mA, f = 1 GHz VCE = 3 V, IC = 20 mA, f = 1 GHz VCE = 1 V, IC = 5 mA, f = 1 GHz VCE = 3 V, IC = 7 mA, f = 1 GHz VCB = 1 V, IE = 0, f = 1 MHz (Note)
Min 80 2 5 7.5
Typ. 4.5 7 8.5 11 1.3 1.2 0.9
Max 0.1 1 160 2.2 2 1.25
Unit A A
GHz
Insertion gain
dB
Noise figure Reverse transfer capacitance
dB pF
Note: Cre is measured by 3 terminal method with capacitance bridge.
Handling Precaution
When handling individual devices (which are not yet mounted on a circuit board), be sure that the environment is protected against electrostatic electricity. Operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials.
2
2003-09-19
MT6L57AT
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
030619EAA
* The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * TOSHIBA products should not be embedded to the downstream products which are prohibited to be produced and sold, under any law and regulations.
3
2003-09-19


▲Up To Search▲   

 
Price & Availability of MT6L57AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X