Part Number Hot Search : 
KDZ91V BD620 N5821 2SC2216 4LS85 NTE7152 2CQ60 AD822
Product Description
Full Text Search
 

To Download MSS3205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOSEL VITELIC INC.
MSS3205
32" Voice ROM
August 1996
Features
Single power can operate at 2.4V through 6.0V. Current output could drive 8 ohm speaker with a transistor, Vout could drive buzzer directly. The voice content is stored up to 32 seconds at 5.8 KHz (30000h) for S6605 and can be separated to 128 sections. See next page for other device's data. Duration of each section can be different and is multiples of 100h. Total duration of all 128 sections with mute is up to 96 seconds (80000h). The voice content can be accessed in "Sentence" type on KeyBoard (KBD) and Matrix(MTX) modes. Up to 50 Sentences for KeyBoard, 56 Sentences for Matrix modes. Each sentence is composed of one or more than one section(s). Automatic power down . Three addressing interface modes are provided for versatile applications: CPU, KBD and MTX. KeyBoard addressing mode: a. 50 sentences can be accessed by 15 addressing input dual-tree type trigger. b. Sentence is numbered by 00 through 49. c. 5 input pins on D-tree (D0-D4) tells the 1st digit (0 through 4), another 10 input pins on S-tree (S0-S9) tells the 2nd digit (0 through 9). By these two digits,all 50 sentences can be accessed. d. With 2nd digit only also can access a sentence. e. Section is located and numbered by 0 through 127. f. Total section number of all sentences is up to 256. Matrix addressing mode: a. 56 sentences can be accessed by 8x7 wiring matrix. b. Sentence is numbered by 00 through 55. c. Section is located and numbered by 0 through 127. d. Total section number of all sentences is up to 256. CPU addressing mode: a. 128 sections can be accessed by 7 address bits with an enable strobe trigger. b. Section is located and numbered by 00 through 127 . Power on trigger play is available by bonding VSS and trigger together. A dedicate LED output pin with 6 Hz flash is provided to tell the audio status. Playall function (OKY) plays all up to 64 defined sentences one by one by single trigger. Playnext (sequential) function (OKY) : one trigger plays next sentence of up to 64 defined sentences circularly. Random-play function (OKY) : one trigger plays one of 64 defined sentences randomly. Continue sequence(PLAYNEXT):The first OKY trigger after any addressing will keep current sequence continuously. Home sequence(PLAYNEXT):The first OKY trigger after any addressing will return the sequence to the first sentence. Automatically ramp up & ramp down. Sound Sentence & quality could be emulated on 9009 board.
See 27-page data sheet PID 248*** 08/96 for details which belongs to MSS6605.
Taiwan #1, Creation Road I, Science - based Industrial Park, Hsinchu, 30077 Taiwan, ROC "audio_reply @ccmail.mosel.com.tw" TEL: 886-3-5770055 FAX: 886-3-5772788 FAX: 886-3-5784732
Taipei 7F, #102 Sec. 3, Ming Chung E. Road, Taipei,105 Taiwan, ROC TEL: 886-2-5451213 FAX: 886-2-5451214
Hongkong #19 Dai Fu Street, Taipo Industrial Estate, Taipo, N.T. Hongkong TEL: 852-2388-8277(MKO) TEL: 852-2665-4883 FAX: 852-2664-2406 FAX: 852-2770-8011(MKO)
U.S.A. #3910 North First Street, San Jose, CA. 65134-1501 U.S.A. TEL: 1-408-433-6000 FAX: 1-408-433-0952
Specifications subject to change without notice, contact your sales representatives for the most recent information.
1/1
(PID 248*** 08/96)


▲Up To Search▲   

 
Price & Availability of MSS3205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X