Part Number Hot Search : 
ZXMN4A06 R5030413 EMZ7T2R SY10E 18F66 MSZ52 C4064 STBS06H
Product Description
Full Text Search
 

To Download MSR860G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MSR860 SWITCHMODEt Soft Recovery Power Rectifier
Plastic TO-220 Package
These state-of-the-art devices are designed for use as free wheeling diodes in variable speed motor control applications and switching power supplies.
Features http://onsemi.com
* Soft Recovery with Guaranteed Low Reverse Recovery Charge * * * * * * *
(QRR) and Peak Reverse Recovery Current (IRRM) 150C Operating Junction Temperature Popular TO-220 Package Epoxy meets UL 94 V-0 @ 0.125 in Low Forward Voltage Low Leakage Current High Temperature Glass Passivated Junction Pb-Free Package is Available*
SOFT RECOVERY POWER RECTIFIER 8.0 AMPERES, 600 VOLTS
1 4 3
4
Mechanical Characteristics:
* Case: Epoxy, Molded * Weight: 1.9 Grams (Approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal *
Leads Readily Solderable Lead Temperature for Soldering Purposes: 260C Max. for 10 Seconds
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (Rated VR, TC = 125C) Peak Repetitive Forward Current (Rated VR, Square Wave, 20 kHz, TC = 125C) Non-Repetitive Peak Surge Current (Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz) Storage/Operating Case Temperature Operating Junction Temperature Symbol VRRM VRWM VR IO IFRM IFSM Value 600 Unit V 1 3
TO-220AC CASE 221B STYLE 1
MAXIMUM RATINGS MARKING DIAGRAM
8.0 16 100
A A A AY WWG MSR860 KA
Tstg, TC TJ
-65 to +150 -65 to +150
C C A Y WW G KA = Assembly Location = Year = Work Week = Pb-Free Package = Diode Polarity
THERMAL CHARACTERISTICS
Parameter Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-to-Ambient Symbol RqJC RqJA Value 1.6 72.8 Unit C/W
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2006
ORDERING INFORMATION
Device MSR860 MSR860G Package TO-220 TO-220 (Pb-Free) Shipping 50 Units/Rail 50 Units/Rail
1
February, 2006 - Rev. 3
Publication Order Number: MSR860/D
MSR860
ELECTRICAL CHARACTERISTICS
Characteristic Maximum Instantaneous Forward Voltage (Note 1) (IF = 8.0 A) Typical Maximum Instantaneous Reverse Current (VR = 600 V) Typical Maximum Reverse Recovery Time (Note 2) (VR = 400 V, IF = 8.0 A, di/dt = 200 A/ms) Typical Typical Recovery Softness Factor (VR = 400 V, IF = 8.0 A, di/dt = 200 A/ms) Maximum Peak Reverse Recovery Current (VR = 400 V, IF = 8.0 A, di/dt = 200 A/ms) Maximum Reverse Recovery Charge (VR = 400 V, IF = 8.0 A, di/dt = 200 A/ms) 1. Pulse Test: Pulse Width 380 ms, Duty Cycle 2% 2. TRR measured projecting from 25% of IRRM to zero current Symbol VF Value TJ = 25C 1.7 1.4 IR TJ = 25C 10 2.0 trr TJ = 25C 120 95 s = tb/ta IRRM QRR 2.5 5.8 350 TJ = 150C 1.3 1.1 TJ = 150C 1000 80 TJ = 125C 190 125 3.0 8.3 700 A nC ns mA Unit V
TYPICAL ELECTRICAL CHARACTERISTICS
100 100 TJ = 150C 10 125C
IR , REVERSE CURRENT (m A)
100C 1 25C
IF, INSTANTANEOUS FORWARD CURRENT (AMPS)
TJ = 150C 100C 25C 10
0.1 100 200 300 400 500 600 VR, REVERSE VOLTAGE (VOLTS)
Figure 2. Typical Reverse Current
IF(AV) , AVERAGE FORWARD CURRENT (AMPS)
14 12 10 8 6 4 2 0 0 RATED VR APPLIED 40 80 120 160 SQUARE WAVE dc
1
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
VF, FORWARD VOLTAGE DROP (VOLTS)
TC, CASE TEMPERATURE (C)
Figure 1. Typical Forward Voltage http://onsemi.com
2
Figure 3. Current Derating, Case
MSR860
TYPICAL ELECTRICAL CHARACTERISTICS
PF(AV) , AVERAGE POWER DISSIPATION (WATTS) IF(AV) , AVERAGE FORWARD CURRENT (AMPS) 3.0 2.5 2.0 dc 1.5 SQUARE WAVE 1.0 0.5 0 RATED VR APPLIED 16 14 12 10 8 6 4 2 0 0 TJ = 150C 2 4 6 8 10 12 IF(AV), AVERAGE FORWARD CURRENT (AMPS) 14 SQUARE WAVE dc
0
40 80 120 TA, AMBIENT TEMPERATURE (C)
160
Figure 4. Current Derating, Ambient
Figure 5. Power Dissipation
160 t rr , REVERSE RECOVERY TIME (ns) 140 120 100 80 60 40 20 0 100 200 300 dIF/dt (A/mS) 400 500 8A 4A IF = 16 A t rr , REVERSE RECOVERY TIME (ns) TJ = 25C VR = 400 V
250 TJ = 125C VR = 400 V
200 IF = 16 A 8A 4A
150
100
50 0
100
200
300 dIF/dt (A/mS)
400
500
Figure 6. Typical Reverse Recovery Time
I RRM , PEAK REVERSE RECOVERY CURRENT (AMPS) IRRM, PEAK REVERSE RECOVERY CURRENT (AMPS) 14 12 10 8 6 4 2 0 100
Figure 7. Typical Reverse Recovery Time
8 IF = 16 A 6 8A 4A 4
IF = 16 A
4A
8A
2 TJ = 25C VR = 400 V 0 100 200 300 dIF/dt (A/mS) 400 500
TJ = 125C VR = 400 V 200 300 dIF/dt (A/mS) 400 500
Figure 8. Typical Peak Reverse Recovery Current
Figure 9. Typical Peak Reverse Recovery Current
http://onsemi.com
3
MSR860
TYPICAL ELECTRICAL CHARACTERISTICS
350 Q RR , REVERSE RECOVERY CHARGE (nC) Q RR , REVERSE RECOVERY CHARGE (nC) 300 250 200 8A 150 4A 100 50 0 100 200 300 dIF/dt (A/mS) 400 TJ = 25C VR = 400 V 500 IF = 16 A 900 800 700 600 500 400 300 200 100 0 100 200 300 dIF/dt (A/mS) 400 4A 8A IF = 16 A
TJ = 125C VR = 400 V 500
Figure 10. Typical Reverse Recovery Charge
Figure 11. Typical Reverse Recovery Charge
90 E OFF , SWITCHING OFF LOSSES ( m J) E OFF , SWITCHING OFF LOSSES ( m J) 80 70 60 50 40 30 20 10 0 100 200 300 dlF/dt (A/mS) 400 TJ = 25C VR = 400 V 500 8A 4A IF = 16 A
250 IF = 16 A 200
150 8A 100 4A 50 0 TJ = 125C VR = 400 V 100 200 300 dIF/dt (A/mS) 400 500
Figure 12. Typical Switching Off Losses
Figure 13. Typical Switching Off Losses
1.0 r(t), TRANSIENT THERMAL RESPONSE (NORMALIZED) D = 0.5
0.1 0.1 0.05 0.01 SINGLE PULSE t1 P(pk) ZqJC(t) = r(t) RqJC RqJC = 1.6C/W MAX D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT t1 TJ(pk) - TC = P(pk) ZqJC(t) 100 1000
t2 DUTY CYCLE, D = t1/t2 0.1 1.0 t, TIME (ms) 10
0.01 0.01
Figure 14. Thermal Response
http://onsemi.com
4
MSR860
PACKAGE DIMENSIONS TO-220 TWO-LEAD CASE 221B-04 ISSUE D
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A B C D F G H J K L Q R S T U STYLE 1: PIN 1. 2. 3. 4. INCHES MIN MAX 0.595 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.147 0.190 0.210 0.110 0.130 0.018 0.025 0.500 0.562 0.045 0.060 0.100 0.120 0.080 0.110 0.045 0.055 0.235 0.255 0.000 0.050 CATHODE N/A ANODE CATHODE MILLIMETERS MIN MAX 15.11 15.75 9.65 10.29 4.06 4.82 0.64 0.89 3.61 3.73 4.83 5.33 2.79 3.30 0.46 0.64 12.70 14.27 1.14 1.52 2.54 3.04 2.04 2.79 1.14 1.39 5.97 6.48 0.000 1.27
C Q B F T S
4
A
1 3
U
H K
L G
D J
R
SWITCHMODE is a trademark of Semiconductor Components Industries, LLC.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
5
MSR860/D


▲Up To Search▲   

 
Price & Availability of MSR860G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X