Part Number Hot Search : 
10H2CNX AQV252AX PC810 G226M 10H2CNX 10H2CNX MAX746 CY7B99
Product Description
Full Text Search
 

To Download MSMF24C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 05195
MSMF05C
thru
Only One Name Means ProT ek'TionTM
MSMF24C
ST ANDARD TVS ARRA Y
APPLICA TIONS Computer Notebooks Communication Systems & Cellular Phones Printers Personnal Digital Assitant(PDA) Video Equipment
IEC COMPA TIBILITY (EN61000-4) 61000-4-2 (ESD): Air - 15kV, Contact - 8kV 61000-4-4 (EFT): 40A - 5/50ns FEA TURES 100 Watts Peak Pulse Power per Line (tp=8/20s) Monolithic Structure Available in 4 Voltage Types: 5V to 24V Low Clamping Voltage ESD Protection > 40 kilovolts Low Leakage Current Protects Four (4) Bidirectional Lines and Five (5) Unidirectional Lines RoHS Compliant on Lead-Free Versions MECHANICAL CHARACTERISTICS Molded JEDEC SOT-563 Package Weight 3 milligrams (Approximate) Available in Lead-Free Nickel-Paladium-Gold Plating Solder Reflow Temperature: Nickel-Paladium-Gold (Ni/Pd/Au) Sn/Ag/Cu, 96/3.5/0.5: 260-270C Flammability Rating UL 94V-0 8mm Tape and Reel Per EIA Standard 481 Marking: Marking Code & Pin One Defined By Dot on Top of Package
SOT-563
PIN CONFIGURA TION
1 2 3
6 5 4
05195.R3 6/05
1
www.protekdevices.com
MSMF05C
thru
MSMF24C
DEVICE CHARACTERISTICS MAXIMUM RATINGS @ 25C Unless Otherwise Specified
PARAMETER Peak Pulse Power (tp = 8/20s) - See Figure 1 Operating Temperature Storage Temperature SYMBOL PPP TJ TSTG VALUE 100 -55C to 150C -55C to 150C UNITS Watts C C
ELECTRICAL CHARACTERISTICS PER LINE @ 25C Unless Otherwise Specified
PART NUMBER DEVICE MARKING RATED STAND-OFF VOLTAGE MINIMUM BREAKDOWN VOLTAGE MAXIMUM CLAMPING VOLTAGE (See Fig. 2) @ IP = 5A VC VOLTS 9.8 MAXIMUM CLAMPING VOLTAGE (See Fig. 2) MAXIMUM LEAKAGE CURRENT TYPICAL CAPACITANCE (See Note 1)
VWM VOLTS MSMF05C MSMF12C MSMF15C MSMF24C B D F H 5.0 12.0 15.0 24.0
@ 1mA V(BR) VOLTS 6.0 13.3 16.7 26.7
@8/20s VC @ IPP 12.0V @ 9.0A 23.8V @ 4.2A 33.3V @ 3.0A 55.5V @ 1.8A
@VWM ID A 1 1 1 1
0V @ 1 MHz C pF 40 20 15 10
Note 1: Pins 1, 3, 4, 5 or 6 to pin 2.
FIGURE 1 PEAK PULSE POWER VS PULSE TIME
10,000
IPP - Peak Pulse Current - % of IPP PPP - Peak Pulse Current - Watts
120 100 80 60 40 20 0 tf
FIGURE 2 PULSE WAVE FORM
Peak Value IPP TEST WAVEFORM PARAMETERS tf = 8s td = 20s
1,000
e-t
100W, 8/20s Waveform 100
td = t I /2 PP
10 0.01
1
10 100 td - Pulse Duration - s
1,000
10,000
0
5
10
15 t - Time - s
20
25
30
05195.R3 6/05
2
www.protekdevices.com
MSMF05C
thru
MSMF24C
GRAPHS
FIGURE 3 POWER DERATING CURVE
Peak Pulse Power 8/20s
100 80
% Of Rated Power
60
40 20 Average Power 0 0 25 50 75 100 125 TL - Lead Temperature - C 150
16
VC - Clamping Voltage - Volts
FIGURE 4 TYPICAL CLAMPING VOLTAGE VS PEAK PULSE CURRENT MSMF05C
12
8
4
0 0 2 4 6 IPP - Peak Pulse Current - Amps 8 10
05195.R3 6/05
3
www.protekdevices.com
MSMF05C
thru
MSMF24C
PACKAGE OUTLINE & DIMENSIONS
PACKAGE OUTLINE SOT-563
A
C 4 B
K
6
5
S
DIM
PACKAGE DIMENSIONS MILLIMETERS MIN MAX
1.50 1.10 0.50 0.17 0.50 BSC 0.08 0.10 1.50 1.70 1.30 0.60 0.27 0.16 0.30 1.70
1
2
3
A B C D G J K S
INCHES MIN MAX
0.059 0.043 0.020 0.007 0.020 BSC 0.003 0.004 0.059 0.067 0.051 0.024 0.011 0.007 0.012 0.067
G
D
J
MOUNTING PAD
TYPICAL DIM Millimeters Inches 1 2 3 4 5 0.30 1.02 0.51 1.40 0.51 0.012 0.040 0.020 0.055 0.020
5
NOTES 1. 2. 3. 4. Dimensioning and tolerances per ANSI Y14.5M, 1985. Controlling Dimension: Inches Pin 3 is the cathode (Unidirectional Only). Dimensions are exclusive of mold flash and metal burrs.
TAPE & REEL/BULK ORDERING NOMENCLATURE
1
1. Surface mount product is taped and reeled in accordance with EIA-481. 2. Suffix -T7 = 7 Inch Reel - 3,000 pieces per 8mm tape, i.e., MSMF05C-T7. 3. Suffix -T13 = 13 Inch Reel - 10,000 pieces per 8mm tape, i.e., MSMF05C-T13. 4. Suffix - P = Lead-Free, Nickel-Paladium-Gold Plating, i.e., MSMF05C-P-T-7.
2 3
4
Outline & Dimensions: Rev1 - 9/05, 06051
Tape & Reel Specifications (Dimensions in millimeters)
Reel Dia. 178mm (7") Tape Width 8mm A0 B0 K0 D E F W P0 P2 P tmax 0.25
1.78 0.05 1.78 0.05 0.69 0.05 1.50 0.10 1.75 0.10 3.50 0.05 8.00 0.30 4.00 0.10 2.00 0.05 4.00 0.10
P0 t D P2 10 Pitches Cumulative Tolerance on Tape. 0.2
E Top cover tape A0 K0 B0 Pin 1 Indicated by Dot
F
W
P
User Direction of Feed
COPYRIGHT (c) ProTek Devices 2005 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer's and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products.
ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com
05195.R3 6/05
4
www.protekdevices.com


▲Up To Search▲   

 
Price & Availability of MSMF24C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X