Part Number Hot Search : 
MSS1807 ZR36432 FJ20C ER14505 P6SMBJ85 MAE34021 SISS98DN XXXBB
Product Description
Full Text Search
 

To Download MSM7581 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E2U0032-28-82
Semiconductor MSM7581
Semiconductor ITU-T G.721 4ch ADPCM TRANSCODER
This version: Aug. 1998 MSM7581 Previous version: Nov. 1996
GENERAL DESCRIPTION
The MSM7581 is an ADPCM transcoder which is used by the new digital cordless system. It converts 64 kbps voice PCM serial data to 32 kbps ITU-T G.721 ADPCM serial data, and vice versa. This device is consists of four systems with full-duplex voice data channels and a data-through mode. The MSM7581 provides cost effective solutions for digital cordless office telephone systems which are incorporated into PABXs, and for the public base stations which are connected to the Central Office through digital PSTNs.
FEATURES
* Conforms to ITU-T G.721 * Built-in Full-duplex Transcoder with Four Data Channels * PCM companding Law: A-law/-law selectable * Serial PCM Data Transmission Speed: 64 kbps to 2048 kbps * Serial ADPCM Data Transmission Speed: 32 kbps to 2048 kbps * Hardware Reset - ITU-T G.721 Optional Reset - for each channel * Power Down Control for each channel * Decoder (ADPCM AE PCM ) Mute Mode and PAD Mode for each channel * ADPCM Data-through Mode * Capable of time slot conversion * Special ADPCM Input Data Code ("0000") Detector for each channel * Master Clock Signal : Not necessary * Power supply voltage/Consumption current : +2.7 V to +5.5 V, 2 mA/channel (max) * Package : 100-pin plastic TQFP (TQFP100-P-1414-0.50-K) (Product name : MSM7581TS-K)
1/18
Semiconductor
MSM7581
BLOCK DIAGRAM
VDD PAD11 PAD10 SYXP1 BCKP1 SIP1 SOP1 SYRP1 RES1 PAD21 PAD20 SYXP2 BCKP2 SIP2 SOP2 SYRP2 RES2 PAD31 PAD30 SYXP3 BCKP3 SIP3 SOP3 SYRP3 RES3 PAD41 PAD40 SYXP4 BCKP4 SIP4 SOP4 SYRP4 RES4 CODER SP DECODER SP PAD/ MUTE CODER SP DECODER SP PAD/ MUTE CODER SP DECODER SP PAD/ MUTE CODER SP DECODER SP PAD/ MUTE +2.7 V to 5.5 V GND LAW 0V PLL MCK CODER DECODER "0000" DETECT CODER PS DECODER PS PLCKEN THR1 PLCK1 SYXA1 BCKA1 SOA1 SIA1 DET1 SYRA1 PDN1 THR2 PLCK2 SYXA2 BCKA2 CODER PS "0000" DETECT DECODER PS SOA2 SIA2 DET2 SYRA2 PDN2 THR3 PLCK3 SYXA3 BCKA3 CODER PS "0000" DETECT DECODER PS SOA3 SIA3 DET3 SYRA3 PDN3 THR4 PLCK4 SYXA4 BCKA4 CODER PS "0000" DETECT DECODER PS SOA4 SIA4 DET4 SYRA4 PDN4
PLL MCK CODER DECODER
PLL MCK CODER DECODER
PLL MCK CODER DECODER
2/18
Semiconductor
MSM7581
PIN CONFIGURATION (TOP VIEW)
PLCKEN
SYRP1
SYRP4
BCKP1
SYXP1
SYXP4
BCKP4
PAD10
PAD11
PAD41
PAD40
SOP1
SOP4
RES1
100 NC
RES4 77
SIP1
SIP4
GND
VDD
NC
NC
NC
NC
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
NC THR1 PLCK1 SYXA1 SOA1 SIA1 NC DET1 SYRA1 BCKA1 NC PDN1 NC PDN2 NC BCKA2 SYRA2 DET2 NC SIA2 SOA2 SYXA2 PLCK2 THR2 NC
76
NC
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
NC THR4 PLCK4 SYXA4 SOA4 SIA4 NC DET4 SYRA4 BCKA4 NC PDN4 NC PDN3 NC BCKA3 SYRA3 DET3 NC SIA3 SOA3 SYXA3 PLCK3 THR3 NC
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49 RES3
GND
SYRP2
SYRP3
VDD
SOP3
SIP2
SOP2
BCKP2
SYXP2
PAD20
PAD21
PAD31
PAD30
SYXP3
BCKP3
SIP3
LAW
NC
RES2
NC
NC
NC
NC : No connect pin
100-Pin Plastic TQFP
NC
NC
50
3/18
Semiconductor
MSM7581
PIN AND FUNCTIONAL DESCRIPTIONS
GND Ground, 0 V. SIP1, SOP1 PCM serial data input (SIP1) and output (SOP1) for Channel 1. SOP1 is an open-drain output, which goes into a high impedance state after a continuous 8-bit serial data output. SIP2, SOP2 PCM serial data input (SIP2) and output (SOP2) for Channel 2. SOP2 is an open-drain output, which goes into a high impedance state after a continuous 8-bit serial data output. SIP3, SOP3 PCM serial data input (SIP3) and output (SOP3) for Channel 3. SOP3 is an open-drain output, which goes into a high impedance state after a continuous 8-bit serial data output. SIP4, SOP4 PCM serial data input (SIP4) and output (SOP4) Channel 4. SOP4 is an open-drain output, which goes into a high impedance state after a continuous 8-bit serial data output. PAD10 - PAD40, PAD11 - PAD41 PAD mode control. The PCM output can be attenuated by 12 dB or 6 dB and set to an out-of-service pattern (idle pattern) by controlling these pins. Set these pins to digital "0" level during normal operation.The control sequences are as follows:
PAD11 - PAD41 0 0 1 1
PAD10 - PAD40 0 1 0 1 Normal 6 dB Loss 12 dB Loss Out-of-service Pattern
4/18
Semiconductor THR1, THR2, THR3, THR4
MSM7581
Control pins for the data-through modes. THR (1 - 4) are for Channel (1 - 4), respectively. The data-through mode is selected when digital "1" is applied to THR (1 - 4). In this mode, 8-bit serial input data applied to SIA (1 - 4) (ADPCM data input) is passed to the PCM serial data output pins, SOP (1 - 4), without any data modification. SOP (1 - 4) go to the high impedance state after the output of 8-bit data has been applied to SIA (1 - 4). Conversely 8-bit serial input data applied to SIP (1 - 4) (PCM data input) is passed to ADPCM serial data output pins, SOA (1 - 4), without any data modification. SOA (1 - 4) go to the high impedance state after the output of 8-bit serial data has been applied to SIP (1 - 4). ADPCM and PCM data interfaces have the mutually independent signal input pins for synchronizing signals. The time slots for data input and output can be exchanged between them. Some timing at which data may be deleted or duplicated as described in "Note on Usage" should not be used. SYXP1 - 4, SYRP1 - 4 Synchronous signal input pins to define PCM data input and output timing for Channel 1 (SIP1, SOP1), Channel 2 (SIP2, SOP2), Channnel 3 (SIP3, SOP3), and Channel 4 (SIP4, SOP4). The synchronous signals SYXA1 and SYRAI (Channel 1), SYXA2 and SYRA2 (Channel 2), SYXA3 and SYRA3 (Channel 3), and SYXA4 and SYRA4 (Channel 4), which define ADPCM data input and output timing are provided. PCM and ADPCM data interfaces can be used at a mutually independent timing except some timing. Note: When PCM and ADPCM data interfaces are used at a mutually independent timing, the timing described in "Note on Usage" should not be used. SYXP signals must be input for PAD signal input processing. BCKP1 - 4 Bit clock input. These signals define the PCM data transmission speed at the PCM data input/output terminals. BCKP (1 - 4) are used for Channel (1 - 4). Since BCKA (1 - 4) defines the data rate of the ADPCM data interface, the PCM and ADPCM data can be input or output at different speeds. LAW PCM data companding law selection. Digital "1" and "0" correspond to A-law and -law, respectively. PDN1, PDN2, PDN3, PDN4 Power down mode selection. PDN1 - 4 can be independently set to power down mode. When digital "0" is applied, these pins are in the power-down mode.
5/18
Semiconductor SIA1, SOA1
MSM7581
ADPCM serial data input (SIA1) and output (SOA1) pins for Channel 1. SOA1 is an open-drain pin and enters to the high impedance state after outputting a continuous 4-bit serial data stream. When the data-through mode is selected, SOA1 enters to the high impedance state after outputting an 8-bit serial data stream. SIA2, SOA2 ADPCM serial data input (SIA2) and output (SOA2) pins for Channel 2. These pins function the same as SIA1 and SOA1. SIA3, SOA3 ADPCM serial data input (SIA3) and output (SOA3) pins for Channel 3. These pins function the same as SIA1 and SOA1. SIA4, SOA4 ADPCM serial data input (SIA4) and output (SOA4) pins for Channel 4. These pins function the same as SIA1 and SOA1. SYXA1 - 4 , SYRA1 - 4 SYXA1, SYXA2, SYXA3, and SYXA4 are synchronous signal input pins to define ADPCM data input and output timings for Channel 1 (SIA1, SOA1), Channel 2 (SIA2, SOA2), Channel 3 (SIA3, SOA3), and Channel 4 (SIA4, SOA4), respectively. Therefore, PCM data interfaces can be used at a mutually independent timing except some timing. Since master clocks are generated by the internal PLL using SYXA1 to SYXA4, a synchronous signal should be input to these pins. Note: When PCM and ADPCM data interfaces are used at a mutually independent timing, the timing described in "Note on Usage" should not be used. DET1, DET2, DET3, DET4 Special ADPCM input data pattern detect pins. When detecting a 4-bit continuous "0" pattern at the ADPCM input pins Channel 1 (SIA1), Channel 2 (SIA2), Channel 3 (SIA3), and Channel 4 (SIA4), DET (1 - 4) goes from a digital "0" to a digital "1" state. A digital "1" is output at the rising edge of the clock. The fourth data bit (LSB) is clocked into the register by the bit clock (BCKA 1 - 4) and held there until the rising edge in the next time frame. When detecting the special data pattern in the next time frame, the digital "1" on the pins DET (1 - 4) is remains.
6/18
Semiconductor RES1, RES2, RES3, RES4 Algorithm reset signal input pins for each Channel (1 - 4) . When digital "0" is applied, the entire transcoder goes to the initial state. This reset is defined by ITU-T G.721 and is an optional reset. The reset width (during "L") should be 125 ms or more. BCKA1 - 4
MSM7581
Bit clock input pins used to define the data transmission speed at the ADPCM interface. Using these pins, the ADPCM data interface can be defined at a speed other than the PCM data interface. VDD Power supply. The device must operate between +2.7 V and +5.5 V. PLCKEN Input pin which enables the output of an 8 kHz clock from the PLLs. This pin generates the internal master clocks. The 8 kHz clocks from the internal PLLs synchronized with external signals applied to SYXA 1 - 4 are output to PLCK 1 - 4. Set this pin at digital "0" during normal operation since it is used as the control pin for testing the IC. PLCK1 - 4 Output pins of the 8 kHz clock from PLLs. When PLCKEN = "1", the 8 kHz clock pulses synchronized with external signals are applied to SYXA1 - 4 outputs. When PLCKEN = "0", "0" level is output to these pins.
7/18
Semiconductor
MSM7581
ABSOLUTE MAXIMUM RATINGS
Parameter Power Supply Voltage Digital Input Voltage Storage Temperature Symbol VDD VDIN TSTG Condition -- -- -- Rating 0 to 7 -0.3 to VDD + 0.3 -55 to +150 Unit V V C
RECOMMENDED OPERATING CONDITIONS
Parameter Power Supply Voltage Operating Temperature Digital Input High Voltage Digital Input Low Voltage Bit Clock Frequency Synchronous signal Frequency Clock Duty Ratio Digital Input Rise Time Digital Input Fall Time Synchronous signal Timing CODER Synchronous signal Timing DECODER Synchronous signal Width Data Set-up Time Data Hold Time Symbol VDD Ta VIH VIL FBCLKA FBCLKP FSYNC DC tIr tIf tXS tSX tRS tSR tWS tDS tDH RDL Digital Output Load CDL Condition -- -- All digital input pins BCKA1 - 4 BCKP1 - 4 SYXP1 - 4, SYRP1 - 4 SYXA1 - 4, SYRA1 - 4 BCKA1 - 4, BCKP1 - 4 All Digital Input Pins BCKP1 - 4 to SYXP1 - 4 SYXA1 - 4 to BCKA1 - 4 BCKA1 - 4 to SYRA1 - 4 SYRP1 - 4 to BCKP1 - 4 SYXP1 - 4, SYRP1 - 4 SYXA1 - 4, SYRA1 - 4 -- -- SOP1 - 4, SOA1 - 4 (Pull-up Resistor) SOP1 - 4, SOA1 - 4 DET1 - 4, PLCK1 - 4 Min. 2.7 -30 0.45 VDD 0 32 64 -- 30 -- -- 100 100 100 100 1 BCLK 100 100 500 -- Typ. -- +25 -- -- -- -- 8.0 50 -- -- -- -- -- -- -- -- -- -- -- Max. 5.5 +80 VDD 0.16 VDD 2048 2048 -- 70 50 50 -- -- -- -- 100 -- -- -- 100 Unit V C V V kHz kHz kHz % ns ns ns ns ns ns ms ns ns W pF
8/18
Semiconductor
MSM7581
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter Power Supply Current Digital Input High Voltage Digital Input Low Voltage Input Leakage Current Digital Output High Voltage Digital Output Low Voltage Output Leakage Current Input Capacitance Symbol IDD1 IDD2 VIH VIL IIH IIL VOH VOL1 VOL2 IOL CIN Condition Power On Mode: 4 Channels (VDD = 2.7 V to 5.5 V, Ta = -30C to +80C) Min. -- Typ. 5 10 -- -- -- -- -- 0.2 0.2 -- 5 Max. 8 50 VDD 0.16 VDD 2.0 0.5 VDD 0.4 0.4 10 -- Unit mA mA V V mA mA V V V mA pF
-- Power Down Mode: 4 Channels All Digital Input Pins 0.45 VDD All Digital Input Pins 0.0 VI = VDD VI = 0 V -- --
DET1 - 4, PLCK1 - 4 : IOH = -0.4 mA 0.5 VDD SOA1 - 4, SOP1 - 4, Pull-up 500 W DET1 - 4, PLCK1 - 4 : IOL = 2 mA SOP1 - 4, SOA1 - 4 All Digital Input Pins 0.0 0.0 -- --
AC Characteristics
Parameter Symbol tSDX tSDR tXD1, tRD1 Digital Output Delay Time tXD2, tRD2 tXD3, tRD3 tDD1 tDD2 1 LSTTL + 100 pF Pull-up: 500 W Condition
(VDD = 2.7 V to 5.5 V, Ta = -30C to +80C) Min. 0 0 0 0 0 0 0 Typ. -- -- -- -- -- -- -- Max. 200 200 200 200 200 200 200 Unit ns ns ns ns ns ns ns
9/18
Semiconductor
MSM7581
TIMING DIAGRAM
CODER
BCKP1 - 4 SYXP1 - 4 SIP1 - 4 BCKA1 - 4 SYXA1 - 4 SOA1 - 4 tSDX 0 tXS 1 MSB
,, ,, ,,
0 tXS
1 tSX
2
3
4
5
6
7
8
9
10
tDS tDH
,, ,, ,, ,, ,, ,, ,, , ,, ,, ,,
LSB
,, ,, ,, ,
tSX tXD1
,
2
,, ,, ,, ,
3
4
,,
,,
,,
,
5 ,
,,
6
,, ,,
7
8
9
10
tXD2 MSB
tXD3 LSB
DECODER
BCKA1 - 4 SYRA1 - 4 SIA1 - 4 BCKP1 - 4 SYRP1 - 4 SOP1 - 4 tSDR 0 tRS MSB
,, ,,
0 tRS
1 tSR
2
3
4
5
6
7
8
9
10
tDS tDH
,, ,, ,,
LSB 4 5 6 7 8 9 10
tSR tRD1 MSB
1
,,
2 ,,
,,
,,
3
,, ,
tRD2
tRD3 LSB
DET ("0000" detection) Output Timing
BCKA1 - 4 SYRA1 - 4 Note) SIA1 - 4 "0000" "0000"
DET1 - 4 tDD1 tDD2
Note: 4 bit data pattern except "0000"
10/18
Semiconductor PAD Processing Timing
SYXA BCKA SIA
78.125ms Internal 12dBPAD processing Timing 121.09ms Internal MUTE processing Timing 78.125ms MSB LSB 78.125ms
MSM7581
PAD10 to PAD40, PAD11 to PAD41 Timings
SYXP PAD10, 11 ts Internal PAD Signal
th
ts=100ns or more th=100ns or more
BCKP SOP
MSB
0dB transmit data
As mentioned above, PAD and MUTE processings are performed according to the rising edge of SYXA. Even if BLOCK is not 128 kHz, these processings are performed in the absolute time counted from the rising edge of SYXA. The PAD pin must be controlled so as to cover these processings. The PAD signal is input in the device at the rising edge of SYXP. Therefore, the PAD signal should be input at ts and th for the rise of SYXP.

LSB
PAD processing transmit data
0dB transmit data
11/18
Semiconductor
MSM7581
THR Processing Timing
Timing Block Diagrams, when CODER and DECODER output data, are shown in the following figures. The parallel to serial conversion of the output unit employs a load format and the load point is at the rising edge of a synchronous signal. Therefore, input THR signal with respect to SYXA for CODER with timing of satisfying ts and th conditions shown in the figure. For DECODER, THR signal should be input even of through-data is input. The input timing should satisfy the conditions shown in the following figures. CODER
Through-data 8b SYXP SIP BCKP THR PCM side SYNC (SYXP) PCM Input (SIP) MSB LSB Parallel Latch timing=A Serial 8 ADPCM CODER S E L 4b Parallel Serial SYNCA SOA BCLKA
Latch
Internal Latch timing (A) Internal Input Data Through-data
ADPCM side SYNC (SYXA) Through-data Output (SOA) BCKA THR ts th ts=100ns or more th=100ns or more MSB
Note: That data-ship may occur when the rising edge (data load point) of SYXA and input of the internal latch timing overlap each other.
12/18
Semiconductor DECODER
Through-data 8b SYNCA SIA BCLKA THR ADPCM side SYNC (SYXA) ADPCM Input (SIA) MSB LSB Parallel Latch timing=A Serial 8 ADPCM DECODER S E L 8b Parallel Serial
MSM7581
SYNCP SOP BCLKP
Latch
Internal Latch timing (A) Internal Input Data Through-data This data is output here. PCM side SYNC (SYXP) Throgh-data output (SOP) BCLKP THR MSB
Less than are BCLKP cycle from the rising edge of SYXA signal.
100ns or more
13/18
Semiconductor
MSM7581
APPLICATION CIRCUIT
DECODER 4 Side ADPCM Intput DECODER 3 Side ADPCM Intput CODER 4 Side ADPCM Output CODER 3 Side ADPCM Output
VDD 8 kHz Synchronous Signal (Channel 4)
VDD 8 kHz Synchronous Signal (Channel 3)
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
PDN3
SYRA4
SYRA3
PDN4
BCKA3
SIA3
SOA3
SYXA4
BCKA4
SYXA3
PLCK3
SOA4
PLCK4
THR3
NC
SIA4
DET3
NC
NC
NC
NC
THR4
VDD
76 77 78
DET4
NC
NC
NC RES3
51
NC RES4 SYRP4 SIP4 SOP4 BCKP4 NC SYXP4 PAD40 PAD41 NC
50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26
VDD
CODER 4 Side PCM Intput DECODER 4 Side PCM Output
SYRP3 SIP3 SOP3 BCKP3 NC SYXP3 PAD30 PAD31 NC LAW
79 80 81 82 83 84 85 86 87 88 89 90 91
CODER 3 Side PCM Intput DECODER 3 Side PCM Output
VDD
PLCKEN VDD GND NC PAD11 PAD10 SYXP1 NC BCKP1 SOP1 SIP1 SYRP1 RES1
MSM7581
GND VDD NC PAD21 PAD20 SYXP2 NC BCKP2 SOP2 SIP2 SYRP2 RES2
GND VDD
92 93 94 95
VDD
DECODER 1 Side PCM Output CODER 1 Side PCM Intput
96 97 98 99 100
DECODER 2 Side PCM Output CODER 2 Side PCM Intput
SYRA1
SYRA2
SYXA1
BCKA1
BCKA2
SYXA2
PLCK1
PLCK2
PDN1
PDN2
SOA1
SOA2
THR1
THR2
24
DET1
DET2
SIA1
SIA2
NC
NC
25
NC
NC
NC
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
NC
8 kHz Synchronous Signal (Channel 1) VDD VDD
8 kHz Synchronous Signal (Channel 2) Shift Clock (Channel 1 - 4) 64 kHz to 2048 kHz
DECODER 2 Side ADPCM Intput
VDD 0.1 mF GND + 10 mF
CODER 1 Side ADPCM Output
DECODER 1 Side ADPCM Intput
CODER 2 Side ADPCM Output
14/18
Semiconductor
MSM7581
NOTES ON USAGE
(1) Through Mode (CODER Side)
t0 BCLK PCM side SYNC (SYXP) PCM Input (SIP) Internal Latch Timing (A) ADPCM side SYNC (SYXA) Through-Data Output (SOA) ADPCMDATA0 ADPCMDATA1 ADPCMDATA2 PCMDATA1 PCMDATA2 PCMDATA3 1 2 3 4 5 6 7 8 t1
(B) ADPCM side SYNC (SYXA) Through-Data Output (SOA) ADPCMDATA0 *t1 is the falling edge of the 8th BCLK counted from t0. (A) When SYXA rises after t1, PCMDATA1 is output to ADPCMDATA1. (B) When SYXA rises before t1, PCMDATA1 is output to ADPCMDATA1. If SYXA rises near the t1 and jitter occurs, data slip may occur. Therefore SYXA should not rise in the range of 500ns from t1. The data slip means that data is deleted or the same data is output twice. ADPCMDATA1
(2) Through Mode (DECODER Side)
t0 BCLK ADPCM side SYNC (SYRA) ADPCM Input (SIA) Internal Latch Timing (A) PCM side SYNC (SYRP) Through-Data Output (SOP) PCMDATA0 PCMDATA1 PCMDATA2 ADPCMDATA1 ADPCMDATA2 ADPCMDATA3 1 2 3 4 5 6 7 8 t1
(B) PCM side SYNC (SYRP) Through-Data Output (SOP) PCMDATA0 *t1 is the falling edge of the 8th BCLK counted from t0. (A) When SYRP rises after t1, ADPCMDATA1 is output to PCMDATA1. (B) When SYRP rises before t1, ADPCMDATA1 is output to PCMDATA1. If SYRP rises near the t1 and jitter occurs, data slip may occur. Therefore SYRP should not rise in the range of 500ns from t1. The data slip means that data is deleted or the same data is output twice. PCMDATA1
15/18
Semiconductor (3) PCMAEADPCM, ADPCMAEPCM during Transcode (a) CODER Timing Diagram
t0 SYXA SYXP BCKP SIP Internal (1) Timing (2) Timing (3) 1
MSB
MSM7581
2
3
4
5
6
7
8
LSB
Tsip
t4 104.2ms 119.8ms
PCM Input Data A t1 t2
MSB
* t4 is the falling edge of the 8th BCLK counted from the rising edge of SYXP.
SOA
LSB
MSB
LSB
Tsoa
t5
* t5 is the rising edge of SYXA.
(b) DECODER Timing Diagram
SYRA BCKA SIA Internal (6) SYRP Timing (4) Timing (5) 65.2ms t3 t2 PCM Output Data
MSB LSB
1
MSB
2
3
4
LSB MSB
ADPCM Input Data
* t6 is the falling edge of the 4th BCLK counted from the rising edge of SYRA.
Tsia Tsop
t7
t6 * t7 is the rising edge of SYRP. B
119.8ms SOP
(c) Internal Circuit Configuration
SIP SYXP S / P (1) 8bit P / S SOA SYXA
Latch
To CODER
(2) (5)
From CODER
(3) (4)
Latch
8bit
BCKP SYRP SOP P / S 8bit Latch
PLL
BCKA Latch (6) 8bit S / P SYRA SIA
From DECODER
To DECODER SYXA
16/18
Semiconductor
MSM7581
In this device, internal operating signals are generated according to the ADPCM side SYNC (SYXA) signal. The timings are shouwn in the figures (a) and (b); The arithmetic operation of CODER is performed at "A" in the figure (a). The arithmetic operation of DECODER is performed at "B" in the figure (b). Therefore, when the conversion delay time Tsip of the CODER is less than t1, ADPCM is output at the timing of Tsoa. When Tsip is more than t1, ADPCM is output at the timing of Tsoa + 125ms. For DECODER, when Tsia17/18
Semiconductor
MSM7581
PACKAGE DIMENSIONS
(Unit : mm)
TQFP100-P-1414-0.50-K
Mirror finish
Package material Lead frame material Pin treatment Solder plate thickness Package weight (g)
Epoxy resin 42 alloy Solder plating 5 mm or more 0.55 TYP.
Notes for Mounting the Surface Mount Type Package The SOP, QFP, TSOP, SOJ, QFJ (PLCC), SHP and BGA are surface mount type packages, which are very susceptible to heat in reflow mounting and humidity absorbed in storage. Therefore, before you perform reflow mounting, contact Oki's responsible sales person for the product name, package name, pin number, package code and desired mounting conditions (reflow method, temperature and times).
18/18


▲Up To Search▲   

 
Price & Availability of MSM7581

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X