Part Number Hot Search : 
2SC3725 78L05 YBBND 229J5XA HSN500 3SK259 20PT1 HD44700
Product Description
Full Text Search
 

To Download MSM533232E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor MSM533232E
2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit MASKROM
DESCRIPTION
The OKI MSM533232E is a high-speed CMOS Mask ROM that can electrically switch between 2,097,152-word x 16-bit or 4,194,304-word x 8-bit configurations. The MSM533232E operates on a single 3.0V or 3.3V power supply but offers the same fast access times as products operating at 5.0V. The MSM531622E make it suited as large capacity read-only memory for portable microcomputers and data terminal equipment.
FEATURES
3.0V or 3.3V single power supply 2,097,152-word x 16-bit / 4,194,304-word x 8-bit Access Time-Current Consumption 200ns-20mA @3.0V10% operation 150ns-30mA @3.0V10% operation Tri-state output configurations Internal powerdown function Package: 44-PIN PLASTIC SOP (SOP44-P-600-K) 48-PIN PLASTIC TSOP (TSOP48-P-550-K)
1
MSM533232E
PIN CONFIGURATION
NC 1 NC 1 A18 2 A17 3 A7 4 A6 5 A5 6 A4 7 A3 8 A2 9 A1 10 A0 11 CE 12 VSS 13 OE 14 D0 15 D8 16 D1 17 D9 18 D2 19 D10 20 D3 21 D11 22 44 PIN SOP 44 A20 43 A19 42 A8 41 A9 40 A10 39 A11 38 A12 37 A13 36 A14 35 A15 34 A16 33 BYTE 32 VSS 30 D7 29 D14 28 D6 27 D13 26 D5 25 D12 24 D4 23 VCC NC 2 NC 3 A18 4 A17 5 A7 6 A6 7 A5 8 A4 9 A3 10 A2 11 A1 12 A0 13 CE 14 VSS 15 D0 17 D8 18 D1 19 D9 20 D2 21 D10 22 D3 23 D11 24
48 NC 47 NC 46 A20 45 A19 44 A8 43 A9 42 A10 41 A11 40 A12 39 A13 38 A14 37 A15 36 A16 35 BYTE 34 VSS 33 D15/A-1 32 D7 31 D14 30 D6 29 D13 28 D5 27 D12 26 D4 25 VCC
31 D15/A-1 OE 16
48 PIN TSOP
Pin Name D15/A-1 A0 to A20 D0 to D15 CE OE BYTE VCC, VSS
Function Data output / address input Address input Data output Chip enable Output enable Mode switch Power supply
2
MSM533232E
BLOCK DIAGRAM
VCC VSS A-1 BYTE
Output Switching Between 8 and 16 bits
CE
OE
CE
OE
Control
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16 A17 A18 A19 A20
Memory Cell Matrix 2,097,152-Word x 16 or 4,194,304 x 8 X Decoder
Address Buffer
Multiplexer
Y Decoder D0 D1 D2 D3 D4 D5
Output Buffer
D6 D7
D8
D10 D12 D14 D9 D11 D13 D15
FUNCTION TABLE
CE H L L L L OE X H L L L BYTE X X H L L A-1/D15 X X
Input Inhibited (D15)
D0 to D7 Hi-Z Hi-Z D0 to D7 D0 to D7 D8 to D15
D8 to D15 Hi-Z Hi-Z D8 to D15 Hi-Z Hi-Z
DOUT Mode Hi-Z 16 bit 8 bit
LSB -- A0 A-1
MSB -- A20 A20
L H
3
MSM533232E
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter Power Supply Voltage Input Voltage Output Voltage Power Dissipation Operating Temperature Storage Temperature Symbol VCC VI VO PD Topr Tstg Per Package Topr = 25C to VSS Conditions Rating -0.3 to 7 -0.3 to VCC + 0.5 -0.3 to VCC + 0.5 1.0 0 to 70 -55 to 150 Unit V V V W C C
Recommended Operating Conditions (V CC=3.0V0.3V)
Parameter Power Supply Voltage "H" Input Voltage "L" Input Voltage Operating Temperature Symbol VCC VSS VIH VIL Topr Conditions -- -- -- -- -- Rated Value Min. 2.7 0.0 2.0 -0.3 0 Typ. 3.0 0.0 3.0 0.0 -- Max. 3.3 0.0 6.0 0.8 70 Unit V V V V C
Recommended Operating Conditions (V CC=3.3V0.3V)
Parameter Power Supply Voltage "H" Input Voltage "L" Input Voltage Operating Temperature Symbol VCC VSS VIH VIL Topr Conditions -- -- -- -- -- Rated Value Min. 3.0 0.0 2.0 -0.3 0 Typ. 3.3 0.0 3.3 0.0 -- Max. 3.6 0.0 6.0 0.6 70 Unit V V V V C
4
MSM533232E
DC CHARACTERISTICS (V CC=3.0V0.3V)
(VCC = 5V10%, Ta = 0 to 70C) Parameter "H" Output Voltage "L" Output Voltage Input Leakage Current Output Leakage Current Power Supply Current (Operating) Power Supply Current (Standby) Symbol VOH1 VOH2 VOL1 VOL2 ILI ILO ICC ICCSC ICCST Conditions IOH = -100A IOH = -400A IOL = 100A IOI = 1.0mA VI = 0 to VCC VO = 0 to VCC CE = VIH MIN CE = VIL,OE = VIH,tC = 200ns CE = VCC-0.2V CE = VIH MIN Rated Value Min. Max. Typ. VCC - 0.1 -- -- VCC - 0.4 -- -- -10 -10 -- -- -- -- -- -- -- -- -- -- -- -- 0.1 0.4 10 10 20 10 50 Unit V V V V A A mA A A
DC CHARACTERISTICS (V CC=3.3V0.3V)
Parameter "H" Output Voltage "L" Output Voltage Input Leakage Current Output Leakage Current Power Supply Current (Operating) Power Supply Current (Standby) Symbol VOH1 VOH2 VOL1 VOL2 ILI ILO ICC ICCSC ICCST Conditions IOH = -100A IOH = -400A IOL = 100A IOI = 1.0mA VI = 0 to VCC VO = 0 to VCC CE = VIH MIN CE = VIL,OE = VIH,tC = 150ns CE = VCC-0.2V CE = VIH MIN
(VCC = 5V10%, Ta = 0 to 70C) Rated Value Min. VCC - 0.1 VCC - 0.4 -- -- -10 -10 -- -- -- Typ. -- -- -- -- -- -- -- -- -- Max. -- -- 0.1 0.4 10 10 30 10 50 Unit V V V V A A mA A A
5
MSM533232E
AC CHARACTERISTICS
Timing conditions
Parameter Input Signal Level Transtion Time Timing Reference Level Load Condition Conditions VIH=2.4V, VIL=0.6V tr=tf=5ns Input Voltage=1.5V Output Voltage=0.8V&2.0V CL=100pF+1TTL
Read Cycle (Vcc=3.0V0.3V)
(Ta = 0 to 70C) Parameter Cycle time Address Access time CE Access time OE Access time CE Output Disable time OE Output Disable time Output Hold time Symbol tC tACC tCE tOE tCHZ tOHZ tOH Conditions -- -- -- -- -- -- -- Rated Value Min. 200 -- -- -- 0 0 0 Typ. -- -- -- -- -- -- -- Max. -- 200 200 100 70 60 -- Unit ns ns ns ns ns ns ns
Read Cycle (Vcc=3.3V0.3V)
(Ta = 0 to 70C) Parameter Cycle time Address Access time CE Access time OE Access time CE Output Disable time OE Output Disable time Output Hold time Symbol tC tACC tCE tOE tCHZ tOHZ tOH Conditions -- -- -- -- -- -- -- Value Min. 150 -- -- -- 0 0 0 Typ. -- -- -- -- -- -- -- Max. -- 150 150 80 60 50 -- Unit ns ns ns ns ns ns ns
6
MSM533232E
Read Cycle (Note 1)
tC Address tACC OE tOE tOH tOHZ (Note 3) DOUT
Read Cycle (Note 2)
tC CE tCE OE tOE DOUT
tCHZ (Note 3)
Note)
1. CE is low level. 2. Address is fixed before or at the same time when CE level falls. 3. tCHZ & tOHZ indicate the time until floating. They are not determined by the output level.
I/O CAPACITANCE
Parameter Input Capacitance Output Capacitance Symbol CI CO Conditions VI=0V VO=0V Rated Value Min. -- -- Typ. -- -- Max. 8 10 Unit pF pF
7
Semiconductor
NOTICE
The information contained herein can change without notice owing to product and/or technical improvements. Before using the product, please make sure that the information being referred to is up-todate. The outline of action and examples for application circuits described herein have been chosen as an explanation for the standard action and performance of the product. When planning to use the product, please ensure that the external conditions are reflected in the actual circuit, assembly, and program designs. When designing your product, please use our product below the specified maximum ratings and within the specified operating ranges including, but not limited to, operating voltage, power dissipation, and operating temperature. Oki assumes no responsibility or liability whatsoever for any failure or unusual or unexpected operation resulting from misuse, neglect, improper installation, repair, alteration or accident, improper handling, or unusual physical or electrical stress including, but not limited to, exposure to parameters beyond the specified maximum ratings or operation outside the specified operating range. Neither indemnity against nor license of a third party's industrial and intellectual property right, etc. is granted by us in connection with the use of the product and/or the information and drawings contained herein. No responsibility is assumed by us for any infringement of a third party's right which may result from the use thereof. The products listed in this document are intended for use in general electronics equipment for commercial applications (e.g., office automation, communication equipment, measurement equipment, consumer electronics, etc.). These products are not authorized for use in any system orapplication that requires special or enhanced quality and reliability characteristics nor in any system or application where the failure of such system or application may result in the loss or damage of property, or death or injury to humans. Such applications include, but are not limited to, traffic and automotive equipment, safety devices, aerospace equipment, nuclear power control, medical equipment, and life-support systems. Certain products in this document may need government approval before they can be exported to particular countries. The purchaser assumes the responsibility of determining the legality of export of these products and will take appropriate and necessary steps at their own expense for these. No part of the contents cotained herein may be reprinted or reproduced without our prior permission. All brand, company and product names are the trademarks or registered trademarks of their respective owners.
Copyright 1998 Oki Electric Industry Co., Ltd.
ADDRESSES & SEMICONDUCTOR WEB SITES
Ltd., OKI Electric Industry Co., Ltd. Device Business Group, 10-3, Shibaura, 4-chome, Minato-ku, Tokyo 108, Japan, Tel.: +81-(0)3-5445-6327, Fax.: +81-(0)3-5445-6328, http://www.oki.co.jp/OKI/DBG/english/index.htm (NOTE: URL is case sensitive) Group, OKI Semiconductor Group 785 North Mary Avenue, Sunnyvale, CA 94086, U.S.A., Tel.: +1-408-720-1900, Fax.: +1-408-720-1918, http://www.okisemi.com/ GmbH, OKI Electric Europe GmbH Head Office Europe, Hellersbergstrasse 2, D-41460 Neuss, Germany, Tel: +49-2131-15960, Fax: +49-2131-103539, http://www.oki-europe.de/ Ltd., OKI Electronics (Hong Kong) Ltd. Suite 1901-1&19, Tower 3, China Hong Kong City, 33 Canton Road, Tsimshatsui, Kowloon, Hong Kong, Tel.: +852-2-736-2336, Fax.: +852-2-736-2395 Ltd., OKI Semiconductor (Asia) Pte. Ltd. 78 Shenton Way 09-01, Singapore 0207, Tel.: +65-221-3722, Fax.: +65-323-5376 Ltd., OKI Semiconductor (Asia) Pte. Ltd. Taipei Branch, 7th Fl. No.260, Tun Hwa North Road, Taipei, Taiwan, R.O.C., Sumitomo-Flysun Building, Tel.: +886-2-2719-2561, Fax.: +886-2-2715-2892 http://www.oki.net.tw/
For further information, please contact:
People To People Technology


▲Up To Search▲   

 
Price & Availability of MSM533232E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X