Part Number Hot Search : 
EN29F080 MBZ5230 E28F320 190AX352 HYB31 MB5005 AAT5101 APED3
Product Description
Full Text Search
 

To Download MSM51V16805BSL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  Semiconductor MSM51V16805B/BSL
Semiconductor
MSM51V16805B/BSL
E2G0077-17-41
2,097,152-Word 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
DESCRIPTION
The MSM51V16805B/BSL is a 2,097,152-word 8-bit dynamic RAM fabricated in Oki's silicon-gate CMOS technology. The MSM51V16805B/BSL achieves high integration, high-speed operation, and low-power consumption because Oki manufactures the device in a quadruple-layer polysilicon/ double-layer metal CMOS process. The MSM51V16805B/BSL is available in a 28-pin plastic SOJ or 28-pin plastic TSOP. The MSM51V16805BSL (the self-refresh version) is specially designed for lower-power applications.
FEATURES
* 2,097,152-word 8-bit configuration * Single 3.3 V power supply, 0.3 V tolerance * Input : LVTTL compatible, low input capacitance * Output : LVTTL compatible, 3-state * Refresh : 4096 cycles/64 ms, 4096 cycles/128 ms (SL version) * Fast page mode with EDO, read modify write capability * CAS before RAS refresh, hidden refresh, RAS-only refresh capability * CAS before RAS self-refresh capability (SL version) * Multi-bit test mode capability * Package options: 28-pin 400 mil plastic SOJ (SOJ28-P-400-1.27) (Product : MSM51V16805B/BSL-xxJS) 28-pin 400 mil plastic TSOP (TSOPII28-P-400-1.27-K) (Product : MSM51V16805B/BSL-xxTS-K) xx indicates speed rank.
PRODUCT FAMILY
Family Access Time (Max.) tRAC tAA tCAC tOEA Cycle Time Power Dissipation (Min.) Operating (Max.) Standby (Max.) 84 ns 104 ns 124 ns 540 mW 468 mW 396 mW 1.8 mW/ 0.72 mW (SL version)
MSM51V16805B/BSL-50 50 ns 25 ns 13 ns 13 ns MSM51V16805B/BSL-60 60 ns 30 ns 15 ns 15 ns MSM51V16805B/BSL-70 70 ns 35 ns 20 ns 20 ns
369
MSM51V16805B/BSL
PIN CONFIGURATION (TOP VIEW)
VCC 1
DQ1 2 DQ2 3 DQ3 4 DQ4 5 WE 6 RAS 7 A11R 8 A10R 9
,
A0 10 A1 11 A2 12 A3 13 VCC 14 28-Pin Plastic SOJ Pin Name A0 - A8, A9R - A11R RAS CAS DQ1 - DQ8 OE WE VCC VSS
Semiconductor
28 VSS 26 DQ7 25 DQ6 24 DQ5
VCC 1 DQ1 2 DQ2 3 DQ3 4 DQ4 5 WE 6 RAS 7 A11R 8 A10R 9 A0 10 A1 11 A2 12 A3 13 VCC 14
28 VSS 27 DQ8 26 DQ7 25 DQ6 24 DQ5 23 CAS 22 OE 21 A9R 20 A8 19 A7 18 A6 17 A5 16 A4 15 VSS
27 DQ8
23 CAS 22 OE 20 A8 19 A7 18 A6 17 A5 16 A4 15 VSS 21 A9R
28-Pin Plastic TSOP (K Type)
Function Address Input Row Address Strobe Column Address Strobe Data Input/Data Output Output Enable Write Enable Power Supply (3.3 V) Ground (0 V)
Note :
The same power supply voltage must be provided to every VCC pin, and the same GND voltage level must be provided to every VSS pin.
370
Semiconductor
MSM51V16805B/BSL
BLOCK DIAGRAM
Timing Generator
WE
I/O Controller
OE
8
RAS CAS
Output Buffers
8
DQ1 - DQ8
9
Column Address Buffers Internal Address Counter
9
Column Decoders
8
Input Buffers
8
A0 - A8
9
Refresh Control Clock
Sense Amplifiers
8
I/O Selector
8
A9R - A11R
3
Row Row Address 12 DecoBuffers ders
Word Drivers
Memory Cells
VCC
On Chip VBB Generator
VSS
371
MSM51V16805B/BSL
Semiconductor
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter Voltage on Any Pin Relative to VSS Short Circuit Output Current Power Dissipation Operating Temperature Storage Temperature Symbol VT IOS PD * Topr Tstg Rating -0.5 to 4.6 50 1 0 to 70 -55 to 150 Unit V mA W C C
*: Ta = 25C Recommended Operating Conditions
Parameter Power Supply Voltage Input High Voltage Input Low Voltage Symbol VCC VSS VIH VIL Min. 3.0 0 2.0 -0.3 Typ. 3.3 0 -- -- Max. 3.6 0 VCC + 0.3 0.8 (Ta = 0C to 70C) Unit V V V V
Capacitance
Parameter Input Capacitance (A0 - A8, A9R - A11R) Input Capacitance (RAS, CAS, WE, OE) Output Capacitance (DQ1 - DQ8) Symbol CIN1 CIN2 CI/O Typ. -- -- --
(VCC = 3.3 V 0.3 V, Ta = 25C, f = 1 MHz) Max. 5 7 7 Unit pF pF pF
372
Semiconductor DC Characteristics
Parameter Output High Voltage Output Low Voltage Input Leakage Current
Symbol
MSM51V16805B/BSL
(VCC = 3.3 V 0.3 V, Ta = 0C to 70C) Condition MSM51V16805 MSM51V16805 MSM51V16805 B/BSL-50 B/BSL-60 B/BSL-70 Unit Note Min. VOH IOH = -2.0 mA VOL IOL = 2.0 mA 0 V VI VCC + 0.3 V; ILI All other pins not under test = 0 V DQ disable 0 V VO VCC RAS, CAS cycling, tRC = Min. RAS, CAS = VIH ICC2 RAS, CAS VCC -0.2 V RAS cycling, ICC3 CAS = VIH, tRC = Min. RAS = VIH, ICC5 CAS = VIL, DQ = enable ICC6 RAS cycling, CAS before RAS RAS = VIL, ICC7 CAS cycling, tHPC = Min. tRC = 31.3 ms, ICC10 CAS before RAS, tRAS 1 ms RAS 0.2 V, CAS 0.2 V -- 400 -- 400 -- 400 mA 1, 4, 5 -- 150 -- 130 -- 110 mA 1, 3 -- 110 -- 90 -- 80 mA 1, 2 -- 5 -- 5 -- 5 mA 1 -- 110 -- 90 -- 80 mA 1, 2 -10 10 -10 10 -10 10 mA 2.4 0 Max. VCC 0.4 Min. 2.4 0 Max. VCC 0.4 Min. 2.4 0 Max. VCC 0.4 V V
Output Leakage Current Average Power Supply Current (Operating) Power Supply Current (Standby) Average Power Supply Current (RAS-only Refresh) Power Supply Current (Standby) Average Power Supply Current (CAS before RAS Refresh) Average Power Supply Current (Fast Page Mode) Average Power Supply Current (Battery Backup) Average Power Supply Current (CAS before RAS Self-Refresh)
ILO
-10
10
-10
10
-10
10
mA
ICC1
-- -- -- --
110 2 0.5 200
-- -- -- --
90 2 0.5 200
-- -- -- --
80 2 0.5 200
mA
1, 2
mA mA
1 1, 5
ICCS
--
300
--
300
--
300
mA
1, 5
Notes : 1. 2. 3. 4. 5.
ICC Max. is specified as ICC for output open condition. The address can be changed once or less while RAS = VIL. The address can be changed once or less while CAS = VIH. VCC - 0.2 V VIH VCC + 0.3 V, -0.3 V VIL 0.2 V. SL version.
373
MSM51V16805B/BSL AC Characteristics (1/2)
Semiconductor
(VCC = 3.3 V 0.3 V, Ta = 0C to 70C) Note 1, 2, 3, 12, 13 Parameter Random Read or Write Cycle Time Read Modify Write Cycle Time Fast Page Mode Cycle Time Fast Page Mode Read Modify Write Cycle Time Access Time from RAS Access Time from CAS Access Time from Column Address Access Time from CAS Precharge Access Time from OE Output Low Impedance Time from CAS Data Output Hold After CAS Low CAS to Data Output Buffer Turn-off Delay Time RAS to Data Output Buffer Turn-off Delay Time OE to Data Output Buffer Turn-off Delay Time WE to Data Output Buffer Turn-off Delay Time Transition Time Refresh Period Refresh Period (SL version) RAS Precharge Time RAS Pulse Width RAS Hold Time RAS Hold Time referenced to OE CAS Precharge Time (Fast Page Mode with EDO) CAS Pulse Width CAS Hold Time CAS to RAS Precharge Time RAS Hold Time from CAS Precharge OE Hold Time from CAS (DQ Disable) RAS to CAS Delay Time RAS to Column Address Delay Time Row Address Set-up Time Row Address Hold Time Column Address Set-up Time Column Address Hold Time Column Address to RAS Lead Time
Symbol
MSM51V16805 MSM51V16805 MSM51V16805 B/BSL-50 B/BSL-60 B/BSL-70 Unit Note Min. Max. -- -- -- -- 50 13 25 30 13 -- -- 13 13 13 13 50 64 128 -- 10,000
100,000
Min. 104 135 25 68 -- -- -- -- -- 0 5 0 0 0 0 1 -- -- 40 60 60 10 10 10 10 40 5 35 5 14 12 0 10 0 10 30
Max. -- -- -- -- 60 15 30 35 15 -- -- 15 15 15 15 50 64 128 -- 10,000
100,000
Min. 124 160 30 78 -- -- -- -- -- 0 5 0 0 0 0 1 -- -- 50 70 70 13 13 10 13 45 5 40 5 14 12 0 10 0 13 35
Max. -- -- -- -- 70 20 35 40 20 -- -- 20 20 20 20 50 64 128 -- 10,000
100,000
tRC tRWC tHPC tHPRWC tRAC tCAC tAA tCPA tOEA tCLZ tDOH tCEZ tREZ tOEZ tWEZ tT tREF tREF tRP tRAS tRSH tROH tCP tCAS tCSH tCRP tRHCP tCHO tRCD tRAD tASR tRAH tASC tCAH tRAL
84 110 20 58 -- -- -- -- -- 0 5 0 0 0 0 1 -- -- 30 50 50 7 7 7 7 35 5 30 5 11 9 0 7 0 7 25
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms ms ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 5 6 7, 8 7, 8 7 7 3 14 4, 5, 6 4, 5 4, 6 4 4 4
RAS Pulse Width (Fast Page Mode with EDO) tRASP
-- -- -- 10,000 -- -- -- -- 37 25 -- -- -- -- --
-- -- -- 10,000 -- -- -- -- 45 30 -- -- -- -- --
-- -- -- 10,000 -- -- -- -- 50 35 -- -- -- -- --
374
Semiconductor AC Characteristics (2/2)
MSM51V16805B/BSL
(VCC = 3.3 V 0.3 V, Ta = 0C to 70C) Note 1, 2, 3, 12, 13 Parameter Read Command Set-up Time Read Command Hold Time Read Command Hold Time referenced to RAS Write Command Set-up Time Write Command Hold Time Write Command Pulse Width WE Pulse Width (DQ Disable) OE Command Hold Time OE Precharge Time OE Command Hold Time Write Command to RAS Lead Time Write Command to CAS Lead Time Data-in Set-up Time Data-in Hold Time OE to Data-in Delay Time CAS to WE Delay Time Column Address to WE Delay Time RAS to WE Delay Time CAS Precharge WE Delay Time CAS Active Delay Time from RAS Precharge RAS to CAS Set-up Time (CAS before RAS) RAS to CAS Hold Time (CAS before RAS)
Symbol
MSM51V16805MSM51V16805 MSM51V16805 B/BSL-50 B/BSL-60 B/BSL-70 Unit Note Min. Max. -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Min. 0 0 0 0 10 10 10 10 10 10 10 10 0 10 15 34 49 79 54 5 5 10 10 10 10 10 100 110 -50 Max. -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Min. 0 0 0 0 13 10 10 13 10 10 13 13 0 13 20 44 59 94 64 5 5 10 10 10 10 10 100 130 -50 Max. -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms ns ns 14 14 14 11 11 10 10 10 10 9 9 10 0 0 0 0 7 7 7 7 7 7 7 7 0 7 13 30 42 67 47 5 5 10 10 10 10 10 100 90 -50
tRCS tRCH tRRH tWCS tWCH tWP tWPE tOEH tOEP tOCH tRWL tCWL tDS tDH tOED tCWD tAWD tRWD tCPWD tRPC tCSR tCHR
WE to RAS Precharge Time (CAS before RAS) tWRP WE Hold Time from RAS (CAS before RAS) tWRH RAS to WE Set-up Time (Test Mode) tWTS RAS to WE Hold Time (Test Mode) tWTH RAS Pulse Width (CAS before RAS Self-Refresh) RAS Precharge Time (CAS before RAS Self-Refresh) CAS Hold Time (CAS before RAS Self-Refresh) tRASS tRPS tCHS
375
MSM51V16805B/BSL Notes:
Semiconductor
1. A start-up delay of 200 s is required after power-up, followed by a minimum of eight initialization cycles (RAS-only refresh or CAS before RAS refresh) before proper device operation is achieved. 2. The AC characteristics assume tT = 2 ns. 3. VIH (Min.) and VIL (Max.) are reference levels for measuring input timing signals. Transition times (tT) are measured between VIH and VIL. 4. This parameter is measured with a load circuit equivalent to 1 TTL load and 100 pF. The output timing reference levels are VOH = 2.0 V and VOL = 0.8 V. 5. Operation within the tRCD (Max.) limit ensures that tRAC (Max.) can be met. tRCD (Max.) is specified as a reference point only. If tRCD is greater than the specified tRCD (Max.) limit, then the access time is controlled by tCAC. 6. Operation within the tRAD (Max.) limit ensures that tRAC (Max.) can be met. tRAD (Max.) is specified as a reference point only. If tRAD is greater than the specified tRAD (Max.) limit, then the access time is controlled by tAA. 7. tCEZ (Max.), tREZ (Max.), tWEZ (Max.) and tOEZ (Max.) define the time at which the output achieves the open circuit condition and are not referenced to output voltage levels. 8. tCEZ and tREZ must be satisfied for open circuit condition. 9. tRCH or tRRH must be satisfied for a read cycle. 10. tWCS, tCWD, tRWD, tAWD and tCPWD are not restrictive operating parameters. They are included in the data sheet as electrical characteristics only. If tWCS tWCS (Min.), then the cycle is an early write cycle and the data out will remain open circuit (high impedance) throughout the entire cycle. If tCWD tCWD (Min.) , tRWD tRWD (Min.), tAWD tAWD (Min.) and tCPWD tCPWD (Min.), then the cycle is a read modify write cycle and data out will contain data read from the selected cell; if neither of the above sets of conditions is satisfied, then the condition of the data out (at access time) is indeterminate. 11. These parameters are referenced to the CAS leading edge in an early write cycle, and to the WE leading edge in an OE control write cycle, or a read modify write cycle. 12. The test mode is initiated by performing a WE and CAS before RAS refresh cycle. This mode is latched and remains in effect until the exit cycle is generated. The test mode specified in this data sheet is a 2-bit parallel test function. CA8 is not used. In a read cycle, if all internal bits are equal, the DQ pin will indicate a high level. If any internal bits are not equal, the DQ pin will indicate a low level. The test mode is cleared and the memory device returned to its normal operating state by performing a RAS-only refresh cycle or a CAS before RAS refresh cycle. 13. In a test mode read cycle, the value of access time parameters is delayed for 5 ns for the specified value. These parameters should be specified in test mode cycle by adding the above value to the specified value in this data sheet. 14. Only SL version.
See ADDENDUM O for AC Timing Waveforms
376


▲Up To Search▲   

 
Price & Availability of MSM51V16805BSL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X