Part Number Hot Search : 
ID244H01 H11D4X MAX4193 NTE71 DB101 N411083 6714VM NTE71
Product Description
Full Text Search
 

To Download MSK613H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ISO 9001 CERTIFIED BY DSCC
M.S.KENNEDY CORP. FEATURES:
HIGH VOLTAGE/HIGH SPEED SURFACE MOUNT AMPLIFIER
613
(315) 701-6751
4707 Dey Road Liverpool, N.Y. 13088 Ultra Low Quiescent Current - 10mA for High Voltage 80V Peak to Peak Output Voltage Swing Slew Rate - 3500V/S Typical Input Offset Voltage Only - 1mV Typ. Output Current - 150mA Peak Typ. Adjustable VHV Power Supply Minimizes Power Dissipation
MIL-PRF-38534 QUALIFIED
DESCRIPTION:
The MSK 613 is a high voltage/high speed amplifier designed to provide large voltage swings at high slew rates in wideband systems. The true inverting op-amp topology employed in the MSK 613 provides excellent D.C. specifications such as input offset voltage and input bias current. These attributes are important in amplifiers that will be used in high gain configurations since the input error voltages will be multiplied by the system gain. The MSK 613 achieves impressive settling time specifications by employing a feed forward A.C. path through the amplifier, however, the device is internally configured in inverting mode to utilize this benefit. Internal compensation for gains of -5V/V or greater keeps the MSK 613 stable in this range. The MSK 613 is packaged in a space efficient, hermetically sealed, 36 pin flatpack.
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
Fast Settling High Voltage Amplifier High Resolution CRT Monitor Ultra High Performance Video Processing CRT Beam Intensity Control Varactor Tuned VCO Driver Automatic Test Equipment 1 2 3 4 5 6 7 8 9
PIN-OUT INFORMATION
N/C COMP N/C +VCC N/C N/C CASE GND GND N/C
1
10 11 12 13 14 15 16 17 18
N/C -VCC N/C N/C INPUT N/C N/C N/C N/C
19 20 21 22 23 24 25 26 27
N/C -VHV -VHV -VSC -VSC GND GND N/C VOUT
28 29 30 31 32 33 34 35 36
VOUT N/C CASE GND GND +VSC +VSC +VHV +VHV N/C
Rev. B 8/00
ABSOLUTE MAXIMUM RATINGS

TC TJ
ELECTRICAL SPECIFICATIONS
Group A Subgroup 1,2,3 1,2,3 1,2,3 1,2,3 1 2,3 1 2,3 VIN=0 VCC VHV f=1KHz f=1KHz V0=40V V0=1.0V V0=40V VO=40V f=1KHz AV=-10V/V VO=40V AV=-10V/V VO=40V AV=-10V/V VO=40V 2,3 4 4 4 Min. 12 40 40 5 80 2000 90 MSK 613H Typ. 1.0 12 10 12 0.2 1.0 50 100 15 15 55 45 12 100 3500 100 100 400 750 Max. 3.5 30 15 15 5.0 10.0 250 500 50 18 65 1.5 Min. 12 40 40 4 80 90 MSK 613 3 Typ. 1.0 15 10 10 1.0 2.0 50 100 15 15 55 45 12 100 100 100 400 750 Max. 4.0 32 15 15 5.0 500 18 65 1.6
Parameter STATIC
Test Conditions 1
VIN=0 @ +VCC Quiescent Current VIN=0 @ -VCC VIN=0 @ +VHV VIN=0 @ -VHV Input Offset Voltage VIN=0
Input Bias Current
2
Input Offset Voltage Drift 2 Power Supply Range 2 DYNAMIC CHARACTERISTICS Output Voltage Swing Peak Output Current 2 Full Power Output 2 Unity Gain Bandwidth 2 Slew Rate Voltage Gain 2 Settling Time to 1% 2 Settling Time to 0.1% 2 Settling Time to 0.05% 2
100 150
100 150
2000 3500
NOTES:
1 2 3 4 5 Unless otherwise specified, VCC=15VDC, VHV=55VDC, CL=8pF (probe capacitance) and AV=10V/V. This parameter is guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only. Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise specified. Military grade devices ('H' suffix) shall be 100% tested to subgroups 1,2,3 and 4. Subgroup 1,4 TA=TC=+25C Subgroup 2,5 TA=TC=+125C Subgroup 3,6 TA=TC=-55C
2
Rev. B 8/00













VHV VIN VCC JC
Supply Voltage Input Voltage Range Supply Voltage (Input Stage) Thermal Resistance (Output Devices)
65VDC VCC 18VDC 25C/W
TST TLD
Storage Temperature Range -65C to +150C Lead Temperature Range 300C (10 Seconds) Case Operating Temperature MSK613 -40 C to +85C MSK613H -55C to +125C Junction Temperature 150C
Units
mA mA mA mA mV mV nA nA V/C V V V mA MHz MHz V/S dB nS nS S
APPLICATION NOTES FEED FORWARD TOPOLOGY
The MSK 613 employs a circuit topology known as "feed forward". This inverting configuration allows the user to realize the excellent D.C. input characteristics of a differential amplifier without losing system bandwidth. The incoming signal is split at the input into its A.C. and D.C. component. The D.C. component is allowed to run through the differential amplifier where any common mode noise is rejected. The A.C. component is "fed forward" to the output section through a very high speed linear amplifier where it is mixed back together with the D.C. component. The result is an amplifier with most of the benefits of a differential amplifier without the loss in system bandwidth.
VOLTAGE GAIN
-10V/V -20V/V -50V/V
-RIN
1K 249 100
RF
10K 5K 5K
CF
0.5-5pF N/A N/A
Table 1
INTERNAL COMPENSATION
Since the MSK 613 is a high voltage amplifier, it is commonly used in circuits employing large gains. Therefore, the internal compensation was chosen for gains of -5V/V or greater. In circuits running at gains of less than -5V/V, the user can further compensate the device by adding compensation networks at the input or feedback node. Pin 2 (comp) should be bypassed with a 1.0uF ceramic capacitor to +VHV for all applications.
CURRENT LIMIT
Figure 2 is a possible active short circuit protection scheme for the MSK 613. The following formula may be used for setting current limit: Current Limit 0.6V / Rsc RBASE must be selected based on the value of VHV as follows: RBASE = ((+VHV - (-VHV)) - 1.2V) / 4mA This formula guarantees that Q2 and Q4 will always have sufficient base current to be in operation. This circuit can be made tolerant of high frequency output current spikes with the addition of CSC. The corresponding time constant would be: T = (RSC) (CSC) A common value for CSC is approximately 1000pF. If current limit is unnecessary, short pins20 & 21 to pins 22 & 23 and pins 34 & 35 to pins 32 & 33 as shown in Figure 1.
HIGH VOLTAGE SUPPLIES
The positive and negative high voltage supplies on the MSK 613 can be adjusted to reduce power dissipation. The output of the MSK 613 will typically swing to within 8V of either high voltage power supply rail. Therefore, if the system in question only needs the output of the amplifier to swing 40V peak, the power supply rails could be set to 50V safely. For best performance, the minimum value of VHV should be 40VDC. Unbalanced power supply rails are also allowed as long as one or the other is not decreased to below 30V or above 80V. The high voltage and low voltage power supplies should be decoupled as shown in Figure 1.
TRANSITION TIMES
Transition time optimization of the MSK 613 follows the same basic rules as most any other amplifier. Best transition times will be realized with minimum load capacitance, minimum external feedback resistance and lowest circuit gain. Transition times will degrade if the output is driven too close to either supply rail. Feedback and input resistor values will affect transition time as well. See Figure 1 and Table 1 for recommended component values.
Figure 1
Figure 2
3
Rev. B 8/00
MECHANICAL SPECIFICATIONS
NOTE: ESD Triangle indicates Pin 1. ALL DIMENSIONS ARE 0.010 INCHES UNLESS OTHERWISE LABELED
ORDERING INFORMATION
Part Number MSK613 MSK613H Screening Level Industrial Military-Mil-PRF-38534
PLEASE CONTACT FACTORY FOR LEAD FORM OPTIONS IF DESIRED
4707 Dey Road, Liverpool, New York 13088 Phone (315) 701-6751 FAX (315) 701-6752 www.mskennedy.com
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
M.S. Kennedy Corp.
4
Rev. B 8/00


▲Up To Search▲   

 
Price & Availability of MSK613H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X