Part Number Hot Search : 
CZT3055 SCL4002B 14D781K TDA6120 Z5SMC15 SBH1540S SI4450 TA8132AN
Product Description
Full Text Search
 

To Download MSK5045-50HG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIL-PRF-38534 CERTIFIED
M.S.KENNEDY CORP. FEATURES:
HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
5045
SERIES
(315) 701-6751
4707 Dey Road Liverpool, N.Y. 13088 Up To 88% Efficiency For 5V Version 4 Amp Output Current 1.2 x VOUT to 80V Input Range with Separate Bias 12V to 80V Input Range with UVLO (VBias=VIN) Preset 2.5V, 3.3V or 5.0V Output Versions 300KHz Switching Frequency @ 1 Amp User Programmable Soft-Start User Programmable Current Limit Hermetic Package -55C to +125C Operating Temperature Range Available with Gull Wing Leads Contact MSK for MIL-PRF-38534 Qualification Status
DESCRIPTION:
The MSK 5045 series are high efficiency, 4 amp, surface mount switching regulators. The output voltage is configured for 2.5V, 3.3V or 5.0V internally with a tolerance of 1% at 1.5 amps. The operating frequency of the MSK 5045 is 300KHz. An external "soft start" capacitor allows the user to control how quickly the output comes up to regulation voltage after the application of an input. A low quiescent current and greater than 85% operating efficiency keep the total internal power dissipation of the MSK 5045 down to an absolute minimum. The input circuitry has been designed to withstand a very wide range of voltages from less than 12V to as high as 80V. The device is packaged in a hermetic kovar flatpack for high reliability applications, and is available screened to MIL-PRF-38534 Class H.
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
Step-down Switching Regulator Microprocessor Power Source High Efficiency Low Voltage Subsystem Power Supply 1 2 3 4 5 6 7
1
PIN-OUT INFORMATION
Case Sense High Sense Low NC RFB NC PWR SAVE 34-44 23-33 12-22 11 10 9 8 VOUT Ground VIN VBias Enable NC CTON
Rev. G 2/06
ABSOLUTE MAXIMUM RATINGS

11
TC
ELECTRICAL SPECIFICATIONS
NOTES:
1 VIN=VBias=28V, 5mV(sense high-sense low) 75mV, IL=0A, Enable=NC, PWR SAVE=NC COUT=6x220F, CIN=1x250F+4x10F, CTON=0.01F unless otherwise specified. 2 Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only. 3 All output parameters are tested using a low duty cycle pulse to maintain TJ = TC. 4 Industrial grade and 'E' suffix devices shall be tested to subgroup 1 unless otherwise specified. 5 Military grade devices ('H' suffix) shall be 100% tested to subgroups 1,2 and 3. 6 Subgroup 1 TA=TC=+25C Subgroup 2 TA=TC=+125C Subgroup 3 TA=TC=-55C 7 Actual switching frequency is load dependent if output current is low and sense resistor is large or zero. Refer to typical performance curves. 8 Alternate output voltages are available. Please contact the factory. 9 The device can withstand input voltages as high as 80V, but efficiency is best at lower inputs. 10 With VBias (pin 11) connected to a separate source, VIN Min. is VOUT+VDROPOUT; see dropout curves. 11 Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
2
Rev. G 2/06



15C/W
TJ
-40C to +85C -55C to +125C +150C













Input Voltage Enable PWR SAVE Output Current Sense Pin Voltage Thermal Resistance (@ 125C) (Each MOSFET)

-0.3V, +80V -0.3V, 10.5V -0.3V, 5.5V 4.0 Amps -0.3V, +7V
TST TLD
Storage Temperature Range Lead Temperature Range (10 Seconds) Case Operating Temperature MSK5045 Series MSK5045H/E Series Junction Temperature
-65C to +150C 300C
APPLICATION NOTES
SOFT START/Cton: INPUT BIAS AND UVLO:
Pin 11 of the MSK 5045 provides bias to an internal linear regulator that powers the control circuitry. The Vbias pin can be connected directly to the input bus for 12V to 80V operation or it can be biased separately with a 12V to 15V source to extend the input range of the device and improve efficiency at high line; refer to the paragraph titled "INPUT VOLTAGE RANGE". Vbias must be applied simultaneous with or prior to the input voltage. The MSK 5045's built in under voltage lockout feature prevents damage to downstream devices in the event of a drop in bias voltage. Under voltage lockout occurs at bias voltages of approximately 10V rising and 9.7V falling. When separating the bias voltage from Vin to extend the input range below the Vbias UVLO set point, a simple open collector circuit can disable the device at any desired set point for Vin if UVLO is required. The internal bias draws approximately 30mA under normal operation and less than 10mA in Power Save mode with a light load on the output. The internal soft-start circuitry allows a gradual increase of the internal current-limit level at start-up for the purpose of reducing input surge currents, and possibly for power-supply sequencing. In Disable mode, the soft-start circuit holds the Cton capacitor discharged to ground. When Enable goes high, a 4A current source charges the Cton capacitor up to 3.2V. The resulting linear ramp causes the internal current-limit threshold to increase proportionally from 20mV to 100mV. The output capacitors charge up relatively slowly, depending on the Cton capacitor value. The exact time of the output rise depends on output capacitance and load current and is typically 1mS per nanofarad of soft-start capacitance. With no capacitor connected, maximum current limit is reached typically within 10S.
POWER DISSIPATION:
In high current applications, it is very important to ensure that both MOSFETS are within their maximum junction temperature at high ambient temperatures. Temperature rise can be calculated based on package thermal resistance and worst case dissipation for each MOSFET. These worst case dissipations occur at minimum voltage for the high side MOSFET and at maximum voltage for the low side MOSFET. Calculate power dissipation using the following formulas: Pd (upper FET)=ILOAD x 0.090 x DUTY + VIN x ILOAD x f x VIN x CRSS+25ns IGATE Pd (lower FET)=ILOAD x 0.090 x (1-DUTY) DUTY= (VOUT+VQ2) (VIN-VQ1) Where: VQ1 or VQ2 (on state voltage drop)=ILOAD x 0.090 CRSS=65pF IGATE=2A During output short circuit, Q2, the synchronous-rectifier MOSFET, will have an increased duty factor and will see additional stress. This can be calculated by: Q2 DUTY=1VQ2 VIN(MAX)-VQ1
INPUT VOLTAGE RANGE
The MSK 5045's wide input range of 12V to 80V can be further extended down to VOUT + VDROPOUT by using a separate bias supply; refer to the paragraph titled "LOW VOLTAGE OPERATION". In this configuration very efficient low V to low V conversion can be achieved. At high line voltages the internal linear regulator dissipates more power than at low line. This loss in efficiency can be eliminated with a separate bias supply pushing the high line efficiency up close to the low line performance. Output ripple changes with line voltage; refer to the paragraph titled "OUTPUT INDUCTOR (OPTIONAL)" for more information.
SELECTING RS:
The MSK 5045 monitors the inductor current and the average load current by sensing the voltage across RS. Cycle-bycycle current limiting is controlled with an upper threshold of 100mV 20mV; the high side MOSFET switch is gated off whenever the upper threshold is exceeded. Pulse skipping occurs in power save mode when the signal falls below the 30% current threshold of 30mV. The sychronous rectifier is disabled when the signal falls below 0V indicating discontinuous inductor current. Selection of RS must take all of these features into consideration. When operated in the continuous conduction mode peak to peak inductor current is approximated by the equation
Where: VQ1 or VQ2=(120MV/RSENSE) x 0.090
(VIN-VOUT) . VOUT f . L . VIN
where f=300KHz and L=6.4H. (If optional output inductance is used L=6.4uH + optional L). The device will operate in continuous conduction as long as IOUT 1/2 Ip-p. The maximum and minimum current peaks are equal to IOUT1/2 Ip-p. RS translates the current levels into the control signal. Once the current levels are established the designer can size RS for specific applications. Care must be taken when selecting RS because under a short circuit condition the output current will approach the cycle-by-cycle current limit. For most applications, it may be useful to wire the sense inputs with a twisted pair instead of PCB traces. Low inductance current sense resistors, such as metal film surface mount styles are best.
INPUT CAPACITOR SELECTION:
The MSK 5045 should have an external high frequency ceramic capacitor (0.1uF) between VIN and GND. Connect a low-ESR bulk capacitor directly to the input pin of the MSK 5045. Select the bulk input filter capacitor according to input ripple-current requirements and voltage rating, rather than capacitor value. Electrolytic capacitors that have low enough ESR to meet the ripple-current requirement invariably have more than adequate capacitance values. Aluminum-electrolytic capacitors are preferred over tantalum types, which could cause power-up surge-current failure when connecting to robust AC adapters or low-impedance batteries. RMS input ripple current is determined by the input voltage and load current, with the worst possible case occuring at VIN = 2 x VOUT: IRMS = ILOAD x VOUT(VIN-VOUT) VIN 3 Rev. G 2/06
APPLICATION NOTES CONT'D OUTPUT CAPACITOR SELECTION:
The output capacitor values are generally determined by the ESR and voltage rating requirements rather than capacitance requirements for stability. Low ESR capacitors that meet the ESR requirement usually have more output capacitance than required for stability. Only specialized low-ESR capacitors intended for switching-regulator applications, such as AVX TPS, Sprague 595D, Sanyo OS-CON, Nichicon PL series or Kemet T510 series should be used. The capacitor must meet minimum capacitance and maximum ESR values as given in the following equations: CF > 2.5V(1 + VOUT/VIN(MIN)) VOUT x RSENSE x f RESR < RSENSE x VOUT 2.5V These equations provide 45 degrees of phase margin to ensure jitter-free fixed-frequency operation and provide a damped output response for zero to full-load step changes. Lower quality capacitors can be used if the load lacks large step changes. Bench testing over temperature is recommended to verify acceptable noise and transient response. As phase margin is reduced, the first symptom is timing jitter, which shows up in the switching waveforms. Technically speaking, this typically harmless jitter is unstable operation, since the switching frequency is non-constant. As the capacitor ESR is increased, the jitter becomes worse. Eventually, the load-transient waveform has enough ringing on it that the peak noise levels exceed the output voltage tolerance. With zero phase margin and instability present, the output voltage noise never gets much worse than IPEAK x RESR (under constant loads). Designers of industrial temperature range digital systems can usually multiply the calculated ESR value by a factor of 1.5 without hurting stability or transient response. The output ripple is usually dominated by the ESR of the filter capacitors and can be approximated as IRIPPLE x RESR. Including the capacitive term, the full equation for ripple in the continuous mode is VNOISE(p-p)=IRIPPLE x (RESR + 1/(2fC)). In pulse skipping mode, the inductor current becomes discontinuous with high peaks and widely spaced pulses, so the noise can actually be higher at light load compared to full load. In pulse skipping mode, the output ripple can be calculated as follows:
VNOISE(p-p)= 0.02 x RESR + 0.0003 x 6.4H x [1/VOUT+1/(VIN-VOUT)] RSENSE (RSENSE) x C
CURRENT LIMITING:
Current limiting the MSK5045 is achieved by setting the cycle-by-cycle current limit as described in the section titled SELECTING RS. The designer must set the peak current limit such that the average output current will not exceed the application limits. In a short circuit condition the average output current will approach the peak current limit. RS should be selected such that the average output current will not exceed 4.0 Amps. RS must be small enough to allow for the required load current plus the peak ripple current; 80mV/RS=IOUT+1/2Ip-p. Load components should be sized to withstand a maximum current of 120mV/RS
OUTPUT INDUCTOR (OPTIONAL):
Placing an output inductor between the package and the sense resistor will reduce output ripple and noise. Output ripple and noise increase as the input to output voltage differential increases. Ouput ripple is also higher when the MSK 5045 is operated in power save mode. Optional inductance will directly add to the internal inductance of the device and should be included in peak to peak current calculations (see SELECTING RS). Since additional inductance will affect the output response of the regulator, the inductance value must be carefully selected for each application.
RFB:
It is very important that the DC voltage returned to the RFB pin from the output be as noise and oscillation free as possible. This voltage helps to determine the final output and therefore must be a clean voltage. Excessive noise or oscillation can cause the device to have an incorrect output voltage. Proper PC board layout techniques can help to achieve a noise free voltage at the RFB pin.
POWER SAVE MODE:
Power save mode is enabled by applying a logic low to the PWR SAVE pin and disabled by applying a logic high or leaving it open. The MSK5045 will skip switching pulses to save gate drive current in Q1 and Q2 when operated under light load with power save enabled. MSK5045 senses the voltage across RS and skips most switching pulses when the voltage falls below 30mV indicating a light load condition. The oscillator is gated off because the minimum current comparator resets the high side latch at the start of each cycle until the voltage feedback signal falls below the output voltage set point. Under heavy loads the voltage across RS does not fall below 30mV and the MSK5045 operates in full PWM mode at 300 KHz. Disabling the power save mode sets the PWM to 300KHz constant switching frequency for low noise mode operation. Maximum input voltage on the PWR SAVE pin is 5.5V. The PWR SAVE pin has an internal pull-up resistor to 5V. RS should not be eliminated when power save is disabled because it provides cycle-by-cycle current limiting and synchronous rectifier control as described in the SEQUENCE OF OPERATION paragraph. Refer to table 1 for power save mode operational characteristics.
4 Rev. G 2/06
ENABLE FUNCTION:
The MSK 5045 is enabled by applying a logic level high to the Enable pin or leaving it open. A logic level low will disable the device and quiescent input current will reduce to approximately 1mA. The Enable threshold voltage is 1V. If automatic start up is required, simply make no connection. Maximum Enable voltage is +10.5V. The Enable pin has an internal pull up resistor to 10.5V.
APPLICATION NOTES CONT'D
LOW VOLTAGE OPERATION
The MSK 5045 is capable of low voltage to low voltage conversion with up to 90% efficiency. A 5V bus can be stepped down to 3.3V or 2.5V with greater efficiency than linear conversion. Using an external bias supply the input voltage can be as low as VOUT plus VDROPOUT; consult the dropout curves for typical dropout voltages. Low line regulation error is easily trimmed with a low value feedback resistor in series with the RFB pin (5). Since the input current of the pin is approximately 250uA the output will increase by approximately 25mV per 100 ohms of resistance. The resistor should be selected such that the output voltage does not exceed the nominal output by more than 0.25V under the high input condition. Placing the feedback resistor as close to the device pin as possible helps to maintain noise immunity.
SEQUENCE OF OPERATION
Each pulse from the oscillator sets the internal PWM latch that turns on the high-side MOSFET. As the high-switch turns off, the synchronous rectifier latch is set. 60ns later the low-side MOSFET turns on until the start of the next clock cycle or until the inductor current crosses zero. Under fault conditions the current exceeds the 100mV current-limit threshold and the high-side switch turns off. Under light load conditions the synchronous rectifier is gated off as the inductor current falls through zero.
TABLE 1 OPERATIONAL CHARACTERISTICS PWR SAVE
X 0 0 0 1
ENABLE
0 1 1 1 1
LOAD
X LOW <10% MED <30% HIGH >30% X
DESCRIPTION
DEVICE DISABLED PULSE SKIPPING MODE DISCONTINUOUS INDUCTOR CURRENT PULSE SKIPPING MODE CONTINUOUS INDUCTOR CURRENT CONSTANT FREQ. PWM MODE CONTINUOUS INDUCTOR CURRENT LOW NOISE CONSTANT FREQ. MODE
5
Rev. G 2/06
TYPICAL 2.5V APPLICATION CIRCUIT
TYPICAL PERFORMANCE CURVES
6
Rev. G 2/06
TYPICAL PERFORMANCE CURVES CONTINUED
7
Rev. G 2/06
MECHANICAL SPECIFICATIONS
WEIGHT=17 GRAMS TYPICAL ESD Triangle indicates Pin 1. NOTE: ALL DIMENSIONS ARE 0.010 INCHES UNLESS OTHERWISE LABELED.
ORDERING INFORMATION
MSK5045-3.3 H G
LEAD FORM OPTIONS BLANK=STRAIGHT; G= GULL WING SCREENING BLANK= INDUSTRIAL; E = EXTENDED RELIABILITY H= MIL-PRF-38534 CLASS H OUTPUT VOLTAGE 2.5=+2.5V; 3.3=+3.3V; 5.0=+5.0V GENERAL PART NUMBER The above example is a +3.3V, Military regulator with gull wing leads.
8
Rev. G 2/06
MECHANICAL SPECIFICATIONS CONTINUED
WEIGHT=17 GRAMS TYPICAL ESD Triangle indicates Pin 1. NOTE: ALL DIMENSIONS ARE 0.010 INCHES UNLESS OTHERWISE LABELED.
ORDERING INFORMATION
MSK5045-3.3 H
LEAD FORM OPTIONS BLANK=STRAIGHT; G= GULL WING SCREENING BLANK= INDUSTRIAL; E = EXTENDED RELIABILITY H= MIL-PRF-38534 CLASS H OUTPUT VOLTAGE 2.5=+2.5V; 3.3=+3.3V; 5.0=+5.0V GENERAL PART NUMBER The above example is a +3.3V, Military regulator.
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, New York 13088 Phone (315) 701-6751 FAX (315) 701-6752 www.mskennedy.com
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make changes to its products or specifications without notice, however, and assumes no liability for the use of its products. Please visit our website for the most recent revision of this datasheet. Contact MSK for MIL-PRF-38534 quailfication status.
9
Rev. G 2/06


▲Up To Search▲   

 
Price & Availability of MSK5045-50HG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X