Part Number Hot Search : 
I506ERW 2CL71 100LVE MCT5210 DL4728 70430 NJU66 GP402
Product Description
Full Text Search
 

To Download MSK4363H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ISO 9001 CERTIFIED BY DSCC
M.S.KENNEDY CORP.
4707 Dey Road Liverpool, N.Y. 13088
10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
4363
(315) 701-6751
FEATURES:
75 Volt Motor Supply Voltage 10 Amp Output Switch Capability 100% Duty Cycle High Side Conduction Capable Shoot-Through/Cross Conduction Protection Hall Sensing and Commutation Circuitry on Board "Real" Four Quadrant Torque Control Capability Good Accuracy Around the Null Torque Point Isolated Base Plate Design for High Voltage Isolation Plus Good Thermal Transfer 60/ 120 Phasing Selectable
MIL-PRF-38534 QUALIFIED
DESCRIPTION:
The MSK 4363 is a complete 3 Phase MOSFET Bridge Brushless Motor Control System in an electrically isolated hermetic package. The hybrid is capable of 10 amps of output current and 75 volts of DC bus voltage. It has the normal features for protecting the bridge. Included is all the bridge drive circuitry, hall sensing circuitry, commutation circuitry and all the current sensing and analog circuitry necessary for closed loop current mode (torque) control. When PWM'ing, the transistors are modulated in locked anti-phase mode for the tightest control and the most bandwidth. Provisions for applying different compensation schemes are included. The MSK 4363 has good thermal conductivity of the MOSFET's due to isolated substrate/package design that allows direct heat sinking of the hybrid without insulators.
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
3 Phase Brushless DC Motor Control Servo Control Fin Actuator Control Gimbal Control AZ-EL Control
1
Rev. G 8/01
ABSOLUTE MAXIMUM RATINGS
V+ High Voltage Supply VIN Current Command Input +Vcc -Vcc IOUT Continuous Output Current IPK Peak Output Current

-55C to +125C +150C

ELECTRICAL SPECIFICATIONS
All Ratings: Tc=+25C Unless Otherwise Specified Parameter
POWER SUPPLY REQUIREMENTS +Vcc -Vcc PWM Free Running Frequency CONTROL Transconductance Current Monitor 7 Output Offset HALL INPUTS Low Level Input Voltage 1 High Level Input Voltage 1 ERROR AMP Input Voltage Range 1 Slew Rate 1 1 1 Output Voltage Swing Gain Bandwidth Product OUTPUT Rise Time 1 Fall Time 1 @ 64V, +150C Junction @ 10 Amps Leakage Current 1 100 100 280 2 750 0.3 0.6 0.026 2.6 100 100 280 2 750 0.3 0.6 0.026 2.6 nSec nSec Amps Volts Volts Volts nSec Sec 11 6.5 12 175 12 8 13 6.5 275 11 6.5 12 175 12 8 13 6.5 275 Volts V/Sec Volts MHz V/mV 3.0 0.8 3.0 0.8 Volts Volts 7 8 Amps Output 8 Amps Output @ 0 Volts Command 4,5,6 4,5,6 4 5,6 1.9 0.45 2 0.5 5.0 2.1 0.55 25.0 50.0 1.8 0.45 2 0.5 5.0 2.2 0.55 35.0 Amp/Volt V/Amp mAmp mAmp 4,5,6 23.5 25 26.5 22 25 28 KHz @ +15V @ -15V 1,2,3 1,2,3 60 16 85 35 60 16 85 35 mA mA
Test Conditions
Group A Subgroup
MSK 4363H Min. Typ.
3
Max. Min.
MSK 4363 Typ.
2
Max.
45
Large Signal Voltage Gain 1
Voltage Drop Across Bridge (1 Upper and 1 Lower)1 Drain-Source On Resistance (Each MOSFET) 6 Diode VSD 1 trr 1 Dead Time 1
Voltage Drop Across Bridge (1 Upper and 1 Lower) 1 @10Amps, +150C Junction @ 10 Amps, 150C Junction @ 10 Amps, Each FET IF=10 Amps, di/dt=100A/S
NOTES: 1 2 3 4 5 6 7 Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only. Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise specified. Military grade devices ("H" Suffix) shall be 100% tested to Subgroups 1, 2, 3 and 4. Subgroups 5 and 6 testing available upon request. Subgroup 1, 4 TA = TC = +25C 2, 5 TA = TC = +125C 3, 6 TA = TC = -55C This is to be used for MOSFET thermal calculation only. Measurements do not include offset current at 0V current command. 2 Rev. G 8/01








75V 13.5V +16V -18V 10A 20A

JC Thermal Resistance TST Storage Temperature Range TLD Lead Temperature Range (10 Seconds) TC Case Operating Temperature TJ Junction Temperature
3.1C/W -65C to +150C +300C








Units
APPLICATION NOTES MSK 4363 PIN DESCRIPTIONS
AV+, BV+, CV+ - are the power connections from the hybrid to the bus. All three pins for the motor voltage supply should be connected together to share the current through the three pins in the hybrid. The external wiring to these pins should be sized according to the RMS current required by the motor. A high quality monolithic ceramic capacitor for high frequencies and enough bulk capacitance for keeping the V+ supply from drooping should bypass these pins. 1000F is recommended. Capacitors should be placed as close to these pins as practical. AO, BO & CO- are the connections to the motor phase windings from the bridge output. The wiring to these pins should be sized according to the required current by the motor. There are no short circuit provisions for these outputs. Shorts to V+ or gound from these pins must be avoided or the bridge will be destroyed. All three pins for each phase should be connected together to share the current through the three pins in the hybrid. RTN - is the power return connection from the module to the bus. All internal ground returns connect to this point inside the hybrid. All three pins should be connected together to share the current. All capacitors from the V+ bus should connect to this point as close as possible. All external V+ return connections should be made as close to these pins as possible. Wiring sizing to this pin should be made according to the required current. GND - is the return point for the low powered circuitry inside the hybrid. All GND pins should be tied together. All capacitors for bypassing the + and -15V supplies should be tied at this point, as close to the pins as possible. Any ground plane connections for low powered and analog citcuitry outside the hybrid should be tied to this point. +15VIN - is the input for applying +15 volts to run the low power section of the hybrid. Both pins should be used together for optimum operation. These pins should be bypassed with a 10F capacitor and a 0.1F capacitor as close to these pins as possible. -15VIN - is the input for applying -15 volts to run the low power section of the hybrid. Both pins should be used together for optimum operation. These pins should be bypassed with a 10F capacitor and a 0.1F capacitor as close to these pins as possible. HALL A,B,C - are the hall input pins from the hall devices in the motor. These pins are internally pulled up to 6.25 volts. The halls can reflect a 120/240 degree commutation or a 60/ 300 degree scheme. BRAKE - is a pin for commanding the output bridge into a motor BRAKE mode. When pulled low, normal operation proceeds. When pulled high, the three high side bridge transistors turn off and the three low side transistors turn fully on without PWM'ing. This will cause rapid deceleration of the motor and will cease motor operation until pulled high again. Logic levels for this input are TTL compatible. It is internally pulled high. 60/120 - is a pin for selecting the orientation scheme of the motor. A high state will produce 60/300 degree commutation, whereas a low state will produce 120/240 degree commutation. Logic levels for this input are TTL compatible. It is internally pulled high. DISABLE - is a pin for externally disabling the output bridge. A TTL logic low will enable the bridge and a TTL high will disable it. It is internally pulled up by a 100Amp pull-up. CURRENT COMMAND (+,-) - are differential inputs for controlling the module in current mode. Scaled at 2 amps per volt of input command, the bipolar input allows both forward and reverse current control capability regardless of motor commutation direction. The maximum operational command voltage should be 5 volts for 10 amps of motor current. Going beyond 5 volts of command voltage will force the bridge to conduct more than the desired maximum current. There is internal current limiting that will ultimately limit the absolute maximum current being output by the bridge.
IN
CURRENT MONITOR- is a pin providing a current viewing signal for external monitoring purposes. This is scaled at 2 amps of motor current per volt output, up to a maximum of 5 volts, or 10 amps. Going beyond the 5 volt maximum may result in clipping of the waveform peaks. E/A OUT - is the current loop error amplifier output. It is brought out for allowing various loop compensation circuits to be connected between this and E/A-. E/A- - is the current loop error amplifier inverting input. It is brought out for allowing various loop compensation circuits to be connected between this and E/A OUT.
3
Rev. G 8/01
APPLICATION NOTES CONTINUED
COMMUTATION TRUTH TABLE HALL SENSOR PHASING 120 60 ICOMMAND = POS. ICOMMAND = NEG. BRAKE
HALL HALL HALL HALL HALL HALL A B C A B C 1 1 0 0 0 1 1 0 X
1 0 X
AO H L L H L
BO H H L L L
CO L L H H L
AO L H H L L
BO L L H H L
CO H H L L L 0 0 0 0 0 0 0 0 1
0 1 1 1 0 0 1 0 X
0 0 0 1 1 1 1 0 X
H L -
1 1 1 0 0 0 1 0 X
0 1 1 1 0 0 0 1 X
0 0 1 1 1 0 1 0 X
NOTE:
= High Level = Low Level = Don't Care
= SOURCE = SINK = OPEN
Because of the true 4 quadrant method of output switching, the output switches will PWM between the ICOMMAND POSITIVE and ICOMMAND NEGATIVE states, with the average percentage based on ICOMMAND being a positive voltage and a negative voltage. With a zero voltage ICOMMAND, the output switches will modulate with exactly a 50% duty cycle between the ICOMMAND POSITIVE and ICOMMAND NEGATIVE states.
4
Rev. G 8/01
APPLICATION NOTES CONTINUED
BUS VOLTAGE FILTER CAPACITORS The size and placement of the capacitors for the DC bus has a direct bearing on the amount of noise filtered and also on the size and duration of the voltage spikes seen by the bridge. What is being created is a series RLC tuned circuit with a resonant frequency that is seen as a damped ringing every time one of the transistors switches. For the resistance, wire resistance, power supply impedance and capacitor ESR all add up for the equivalent lumped resistance in the circuit. The inductance can be figured at about 30 nH per inch from the power supply. Any voltage spikes are on top of the bus voltage and the back EMF from the motor. All this must be taken into account when designing and laying out the system. If everything has been minimized, there is another solution. A second capacitance between 5 and 10 times the first capacitor and it should either have some ESR or a resistor can be added in series with the second capacitor to help damp the voltage spikes.
Be careful of the ripple current in all the capacitors. Excessive ripple current, beyond what the capacitors can handle, will destroy the capacitors. 15VIN FILTER CAPACITORS It is recommended that about 10 F of capacitance (tantalum electrolytic) for bypassing the + and -15V inputs be placed as close to the module pins as practical. Adding ceramic bypass capacitors of about 0.1 F or 1 F will aid in suppressing noise transients. GENERAL LAYOUT Good PC layout techniques are important. Ground planes for the analog circuitry must be used and should be tied back to the small signal grounds, pins 17,18,33 and 34. The high power grounds (RTN) pins 1,2 and 3 get tied back to the small signal ground internally. DO NOT connect these grounds externally. A ground loop will result. LOW POWER STARTUP When starting up a system utilizing the MSK 4363 for the first time, there are a few things to keep in mind. First, because of the small size of the module, short circuiting the output phases either to ground or the DC bus will destroy the bridge. The current limiting and control only works for current actually flowing through the bridge. The current sense resistor has to see the current in order for the electronics to control it. If possible, for startup use a lower voltage and lower current power supply to test out connections and the low current stability. With a limited current supply, even if the controller locks up, the dissipation will be limited. By observing the E/A OUT pin which is the error amp output, much can be found out about the health and stability of the system. An even waveform with some rounded triangle wave should be observed. As current goes up, the DC component of the waveform should move up or down. At full current (with a regular supply) the waveform should not exceed +4 volts positive peak, or -4 volts negative peak. Some audible noise will be heard which will be the commutation frequency. If the motor squeals, there is instability and power should be removed immediately unless power dissipation isn't excessive due to limited supply current. For compensation calculations, refer to the block diagram for all information to determine the amplifier gain for loop gain calculations. For the power up sequence, 15 volts should be powered at the same time or before the V+ voltage is applied.
5
Rev. G 8/01
MSK4363 TEST CIRCUIT
6
Rev. G 8/01
MECHANICAL SPECIFICATIONS
NOTE: ALL DIMENSIONS ARE .010 INCHES UNLESS OTHERWISE LABELED.
ORDERING INFORMATION
Part Number MSK4363 MSK4363H Screening Level Industrial Military-Mil-PRF-38534
4707 Dey Road, Liverpool, New York 13088 Phone (315) 701-6751 FAX (315) 701-6752 www.mskennedy.com
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make changes to its products or specifications without notice, however, and assumes no liability for the use of its products. Please visit our website for the most recent revision of this datasheet.
M.S. Kennedy Corp.
7
Rev. G 8/01


▲Up To Search▲   

 
Price & Availability of MSK4363H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X