Part Number Hot Search : 
200BZ UA777HC N4148 39VF80 SC441A10 B1521RW P2600 000AKCY
Product Description
Full Text Search
 

To Download MSK4362U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ISO 9001 CERTIFIED BY DSCC
M.S.KENNEDY CORP.
4707 Dey Road Liverpool, N.Y. 13088
30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
4362
(315) 701-6751
FEATURES:
MIL-PRF-38534 CERTIFIED
75 Volt Motor Supply Voltage 30 Amp Output Switch Capability 100% Duty Cycle High Side Conduction Capable Shoot-Through/Cross Conduction Protection Hall Sensing and Commutation Circuitry on Board "Real" Four Quadrant Torque Control Capability Good Accuracy Around the Null Torque Point Isolated Package Design for High Voltage Isolation Plus Good Thermal Transfer 60/ 120 Phasing Selectable Plus and Minus 15 Volt Regulated Voltage Outputs are available for Powering Other Circuitry.
DESCRIPTION:
The MSK 4362 is a complete 3 Phase MOSFET Bridge Brushless Motor Control System in a convenient isolated hermetic package. The hybrid is capable of 30 amps of output current and 75 volts of DC bus voltage. It has the normal features for protecting the bridge. Included is all the bridge drive circuitry, hall sensing circuitry, commutation circuitry and all the current sensing and analog circuitry necessary for closed loop current mode (torque) control. When PWM'ing, the transistors are modulated in locked anti-phase mode for the tightest control and the most bandwidth. Provisions for applying different compensation schemes are included. The MSK 4362 has good thermal conductivity of the MOSFET's due to isolated package design that allows direct heat sinking of the hybrid without insulators.
BLOCK DIAGRAM
TYPICAL APPLICATIONS
3 Phase Brushless DC Motor Control Servo Control Fin Actuator Control Gimbal Control AZ-EL Control
1 2 3 4 5 6 7 8 9 10 11 12 REFOUT HALL A HALL B HALL C 60 /120 BRAKE CLOCK SYNC DIS GND N/C N/C E/A OUT 1
PIN-OUT INFORMATION
13 14 15 16 17 18 19 20 21 22 23 24 E/A GND +Current Command -Current Command +15 VIN Current Monitor Out -15 VIN -REG IN L1 -15 VOUT GND +15 VOUT 25+REG IN 26 LGND 27 RTN 28 RTN 29 CVS 30 CVS 31 CO 32 CO 33 CV+ 34 BVS 35 BVS 36 BO 37 38 39 40 41 42 43 BO BV+ AVS AVS AO AO AV+
Rev. G 2/05
ABSOLUTE MAXIMUM RATINGS

ELECTRICAL SPECIFICATIONS
Parameter
INPUT CURRENT +15 VIN -15 VIN PWM Clock Free Running Frequency CLOCK SYNC INPUT VIL 1 VIH 1 Duty Cycle 1 SYNC Frequency 1 REGULATORS +15 VOUT -15 VOUT REFOUT -15 VOUT Ripple LOGIC INPUTS (Hall A,B,C,Brake,60/120,DIS) VIL 1 VIH 1 ANALOG SECTION Current Command Input Range 1 Current Command Input Current 1 Transconductance 8 Offset Current Current Monitor 8 Current Monitor Voltage Swing ERROR AMP E/A OUT Swing 1 Slew Rate 1 Gain Bandwidth Product 1 Large Signal Voltage Gain 1 OUTPUT SECTION 1 Voltage Drop Across Bridge (1 Upper & 1 Lower) 1 30 AMPS Voltage Drop Across Bridge (1 Upper & 1 Lower) 1 30 AMPS @ 150c Junction Leakage Current 1 7 All switches off, V+=60V, 150C Junction Diode VSD 1 trr 1 Dead Time 1 1 5mA Load 5mA Load 25mA Load 25mA Load 15mA Load 50mA Load 6 6
Test Conditions
Group A Subgroup 1 1 4 5,6 1,2,3 1,2,3 1,2,3 4
MSK 4362H/E 3 Min. Typ. Max. 21 18.7 12.5 10 Clock +0 14.25 -14.25 5.82 68 30 22 22 85 40 23 25.3
Min. 20 -
MSK 4362 2 Typ. Max. 68 30 22 85 40 24 -
Output PWM'ing Current Command=0 Volts
2.5 12.5 10 90 Clock +3 Clock +0 15.75 -15.75 6.57 250 14.25 -14.25 5.82 -
2.5 VOLTS VOLTS 90 % Clock +3 KHz 15.75 VOLTS -15.75 VOLTS 6.57 VOLTS 250 mV
4 5,6 1 2,3 4 5,6 -
3.0 -13.5 2.70 2.55 -25 -50 0.300 0.280 -12 -12 6.5 175 -
3 3 0 0 0.33 0.33 8 6.5 275 280 2
0.8 +13.5 1.5 3.30 3.45 25 50 0.367 0.380 +12 +12 1 1.83 750 2.6 -
3.0 -13.5 2.55 -50 0.280 -12 -12 6.5 175 -
3 0 0.33 8 6.5 275 280 2
0.8 -
Current Command=0Volts
+13.5 VOLTS 1.5 mA 3.45 A/V A/V 50 mA mA 0.380 V/A V/A +12 VOLTS +12 1 1.83 750 2.6 VOLTS V/Sec MHz V/mV VOLTS VOLTS A VOLTS nSec Sec
NOTES:
1 2 3 4 5 Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only. Industrial grade devices and "E" suffix shall be tested to subgroups 1 and 4 unless otherwise specified. Military grade devices ("H" Suffix) shall be 100% tested to Subgroups 1, 2, 3 and 4. Subgroups 5 and 6 testing available upon request. Subgroup 1, 4 TA = TC = +25C 2, 5 TA = TC =+125C 3, 6 TA = TC = -55C Maximum power dissipation must be limited according to voltage regulator power dissipation. Hybrid powered by external 15V supplies. Measurements do not include offset current at 0V current command. Continuous operation at or above absolute maximum ratings may adversly effect the device performance and/or life cycle.
6 7 8 9
2
Rev. G 2/05









TC TJ
-40C to +125C -55C to +125C +150C




75V High Voltage Supply (internal regulators disabled) 55V High Voltage Supply (using internal regulators) 13.5V Current Command Input -0.2V to REFOUT Logic Inputs 25 mA 15VOUT External Load 15 mA REFOUT External Load 5 mA E/A OUT External Load -0.2V to +15V Clock SYNC Input 30 Amps Continuous Output Current 41 Amps Peak Output Current

RJC RJC TST TLD
Thermal Resistance (Output Switches) Thermal Resistance (Regulator) Storage Temperature Range Lead Temperature Range (10 Seconds) Case Operating Temperature MSK4362 MSK4362H/E Junction Temperature
1.5C/W 9C/W -65C to +150C +300C
Units
mA mA KHz KHz
VOLTS VOLTS
APPLICATION NOTES MSK 4362 PIN DESCRIPTIONS
AV+, BV+, CV+ - are the power connections from the hybrid to the bus. The pins for each phase are brought out separately and must be connected together to the V+ source externally. The external wiring to these pins should be sized according to the RMS current required by the motor. These pins should be bypassed by a high quality monolithic ceramic capacitor for high frequencies and enough bulk capacitance for keeping the V+ supply from drooping. 78 F of ceramic capacitance and 6200 F of bulk capacitance was used in the test circuit. The voltage range on these pins is from 16 volts up to 75 volts. AO, BO & CO- are the connections to the motor phase windings from the bridge output. The wiring to these pins should be sized according to the required current by the motor. There are no short circuit provisions for these outputs. Shorts to V+ or gound from these pins must be avoided or the bridge will be destroyed. AVS, BVS, CVS - are the return pins on the bottom of each half bridge. They are brought out separately and should be connected together externally to allow the current from each half bridge to flow through the sense resistor. The wiring on these pins should be sized according to the current requirements of the motor. RTN - is the power return connection from the module to the bus. All ground returns connect to this point from internal to the module in a star fashion. All external ground connections to this point should also be made in a similar fashion. The V+ capacitors should be returned to this pin as close as possible. Wire sizing to this pin connection should be made according to the required current. LGND - is an isolated ground connection to the RTN pin of the hybrid that is connected internally. For any circuitry that needs to be connected to the RTN pin without the influence of current flow through RTN should be connected at this point. GND - is a ground pin that connects to the ground plane for all low powered circuitry inside the hybrid. +REG IN - is the input pin for applying power to the internal +15V regulator. To use the regulator, connect the +REG IN pin to the motor bus (V+). See regulator app. note for more info on input voltage. If the +15V regulator is not needed, no connection should be made to +REG IN and +15 VOUT. +15 volts will have to be supplied from an external source to +15VIN. Absolute maximum voltage on this pin is 55 volts. See voltage regulator portion of app. note for additional information. +15 VOUT- is a regulated +15 volt output available for external uses. Up to 25 mA is available at this pin. A 100 microfarad capacitor should be connected as close to this pin as possible and returned to GND along with a 0.22 microfarad monolithic ceramic capacitor. CAUTION: See Voltage Regulator Power Dissipation. +15 VIN - is the input for applying +15 volts to run the low power section of the hybrid. This pin should be connected to +15 VOUT if running off of the internal regulator. The required bypassing of the +15 VOUT pin is sufficient in this case. For bringing in external +15 volts, this pin should be bypassed with a 10 F capacitor and a 0.1 F capacitor as close to this pin as possible.
-REF IN - is the input pin for applying power to the internal -15V DC - DC converter. To use the converter, connect the -REG IN pin to +15 VOUT pin. If the -15V converter is not needed, no connection should be made to -REG IN and -15 VOUT. -15 volts will have to be supplied from an external source to -15VIN. Also, L1 can be left open. See voltage regulator portion of app. note for additional information. L1 - is a pin for connecting an external inductor to the DC DC converter for generating -15 volts. A 47 H inductor capable of running at 250 KHz and about 1 amp of DC current shall be used. Connect the inductor between L1 and GND. -15 VOUT - is a regulated -15 volt output available for external uses. Up to 25 mA is available at this pin. A 100 microfarad capacitor should be connected as close to this pin as possible and returned to GND along with a 0.22 microfarad monolithic ceramic capacitor. CAUTION: See Voltage Regulator Power Dissipation -15 VIN - is the input for applying -15 volts to run the low power section of the hybrid. This pin should be connected to -15 VOUT if running off of the internal regulator. The required bypassing of the -15 VOUT pin is sufficient in this case. For bringing in -15 volts, this pin should be bypassed with a 10 F capacitor and a 0.1 F capacitor as close to this pin as possible. CURRENT COMMAND (+,-) - are differential inputs for controlling the module in current mode. Scaled at 3 amps per volt of input command, the bipolar input allows both forward and reverse current control capability regardless of motor commutation direction. The maximum operational command voltage should be 10 volts for 30 amps of motor current. CURRENT MONITOR- is a pin providing a current viewing signal for external monitoring purposes. This is scaled at 3 amps of motor current per volt output, up to a maximum of 10 volts, or 30 amps. As 30 amps is exceeded, the peaks of the waveform may become clipped as the rails of the amplifiers are reached. This voltage is typically 12.5 volts, equating to 37 amps of current peaks.
IN
E/A OUT - is the current loop error amp output connection. It is brought out for allowing various loop compensation circuits to be connected between this and E/A-. E/A- -is the current loop error amp inverting input connection. It is brought out for allowing various loop compensation circuits to be connected between this and E/A OUT. CLOCK SYNC- is an input for synchronizing to an external clock. The sync circuit will trigger on the edges of the applied clock and effectively shorten the period of the internal oscillator on each cycle. The frequency can be increased from a free running 22 KHz to 25 KHz maximum. The clock applied shall be 15 volts amplitude with at least a 10% duty cycle. REFOUT - is a 6.25 volt regulated output to be used for powering the hall devices in various motors. Up to 15 mA of output current is available. HALL A, B & C - are the hall input pins from the hall devices in the motor. These pins are internally pulled up to 6.25 volts. The halls can reflect a 120/240 degree commutation scheme or a 60/300 degree scheme. 3 Rev. G 2/05
APPLICATION NOTES CONTINUED
BRAKE - is a pin for commanding the output bridge into a motor BRAKE mode. When pulled low, normal operation commences. When pulled high, the 3 high side bridge switches turn off and the 3 low side bridge switches turn on, causing rapid deceleration of the motor and will cease motor operation until pulled high again. Logic levels for this input are TTL compatible. It is internally pulled high. DIS - is a pin for externally disabling the output bridge. A TTL logic low will enable the bridge and a TTL logic high will disable it. It is internally pulled up by a 100 Amp pullup. 60/120- is a pin for selecting the orientation of the commutation scheme of the motor. A high state will produce 60/300 degree commutation, whereas a low state will produce 120/240 degree commutation. Logic levels for this input are TTL compatible. It is internally pulled high.
VOLTAGE REGULATOR POWER DISSIPATION - To figure voltage regulator power dissipation and junction temperature, use the following as an example: Given: V+ = 28V, MSK 4362 +15V IQ = 85mA, -15V IQ = 40mA. External Loads: +15V = 25 mA, -15V = 25 mA -15V Converter Efficiency = 50% PDISS due to +15V IQ,85 mA x 13V = 1.11 W PDISS due to -15V IQ, (40 mA / 0.5) x 13V = 1.04 W PDISS due to +15V Ext load, 25 mA x 13V = 325 mW PDISS due to -15V Ext load, (25 mA / 0.5) x 13V = 650 mW PDISS Total = 1.11 W + 1.04 W + 325 mW+650 mW=3.13W 3.13 W x 9C/W = 28.1C RISE above case temperature Maximum Case Temperature = 150C - 28.1C = 121.9C To lower power dissipation in the regulator, a dropping resistor can be added in series from V+ to the +REG IN pin. Using the above example, if V+ = 39V and there is no dropping resistor, total power dissipation rises to about 5.76 watts. Temperature rise is now 51.8C above case temperature, limiting maximum case temperature to 98.2C. By adding a dropping resistor to lower the +REG IN pin voltage to 24.1V, the regulator power dissipation is lowered to 2.19 watts. Temperature rise is now 19.7C above case temperature, allowing a maximum case temperature all the way to +125C.
ALTERNATE REGULATOR CONNECTION OPTIONS By connecting the regulators in different ways, various capabilities can be obtained. 1. Higher than 55 volt operation For operation at higher than 55 volt motor bus voltages, there are three options available:
4
Rev. G 2/05
APPLICATION NOTES CONTINUED
COMMUTATION TRUTH TABLE HALL SENSOR PHASING 120 60 ICOMMAND = POS. ICOMMAND = NEG. BRAKE
HALL A 1 1 0 0 0 1 1 0 X
HAL B 0 1 1 1 0 0 1 0 X
HAL C 0 0 0 1 1 1 1 0 X
HAL A 1 1 1 0 0 0 1 0 X
HAL B 0 1 1 1 0 0 0 1 X
HAL C 0 0 1 1 1 0 1 0 X
AO H L L H L
BO H H L L L
CO L L H H L
AO L H H L L
BO L L H H L
CO H H L L L 0 0 0 0 0 0 0 0 1
1 0 X
= High Level = Low Level = Don't Care
H L -
= SOURCE = SINK = OPEN
NOTE:
Because of the true 4 quadrant method of output switching, the output switches will PWM between the ICOMMAND POSITIVE and ICOMMAND NEGATIVE states, with the average percentage based on ICOMMAND being a positive voltage and a negative voltage. With a zero voltage ICOMMAND, the output switches will modulate with exactly a 50% duty cycle between the ICOMMAND POSITIVE and ICOMMAND NEGATIVE states.
5
Rev. G 2/05
APPLICATION NOTES CONTINUED
BUS VOLTAGE FILTER CAPACITORS The size and placement of the capacitors for the DC bus has a direct bearing on the amount of noise filtered and also on the size and duration of the voltage spikes seen by the bridge. What is being created is a series RLC tuned circuit with a resonant frequency that is seen as a damped ringing every time one of the transistors switches. For the resistance, wire resistance, power supply impedance and capacitor ESR all add up for the equivalent lumped resistance in the circuit. The inductance can be figured at about 30 nH per inch from the power supply. Any voltage spikes are on top of the bus voltage and the back EMF from the motor. All this must be taken into account when designing and laying out the system. If everything has been minimized, there is another solution. A second capacitance between 5 and 10 times the first capacitor and it should either have some ESR or a resistor can be added in series with the second capacitor to help damp the voltage spikes.
Be careful of the ripple current in all the capacitors. Excessive ripple current, beyond what the capacitors can handle, will destroy the capacitors. REGULATED VOLTAGE FILTER CAPACITORS It is recommended that about 100 F of capacitance (tantalum electrolytic) for bypassing the + and -15V regulated outputs be placed as close to the module pins as practical. Adding ceramic bypass capacitors of about 0.1 F or 1 F will aid in suppressing noise transients. GENERAL LAYOUT Good PC layout techniques are a must. Ground planes for the analog circuitry must be used and should be tied back to the small pin grounds 9, 14 and 23. Additional ground, pin 26 is an isolated ground that connects internally directly back to the main DC bus ground pin 27. This can be used as necessary for voltage sensing, etc. LOW POWER STARTUP When starting up a system utilizing the MSK 4362 for the first time, there are a few things to keep in mind. First, because of the small size of the module, short circuiting the output phases either to ground or the DC bus will destroy the bridge. The current limiting and control only works for current actually flowing through the bridge. The current sense resistor has to see the current in order for the electronics to control it. If possible, for startup use a lower voltage and lower current power supply to test out connections and the low current stability. With a limited current supply, even if the controller locks up, the dissipation will be limited. By observing the E/A OUT pin which is the error amp output, much can be found out about the health and stability of the system. An even waveform with some rounded triangle wave should be observed. As current goes up, the DC component of the waveform should move up or down. At full current (with a regular supply) the waveform should not exceed +8 volts positive peak, or -8 volts negative peak. Some audible noise will be heard which will be the commutation frequency. If the motor squeals, there is instability and power should be removed immediately unless power dissipation isn't excessive due to limited supply current. For compensation calculations, refer to the block diagram for all information to determine the amplifier gain for loop gain calculations.
6
Rev. G 2/05
MSK4362 TEST CIRCUIT
7
Rev. G 2/05
MECHANICAL SPECIFICATIONS
WEIGHT = 88 GRAMS TYPCAL NOTE: ALL DIMENSIONS ARE .010 INCHES UNLESS OTHERWISE LABELED. ESD TRIANGLE INDICATES PIN 1.
ORDERING INFORMATION
MSK4362 H U
LEAD CONFIGURATION S=STRAIGHT, U=BENT UP, D=BENT DOWN SCREENING BLANK=INDUSTRIAL; E=EXTENDED RELIABILITY; H=MIL-PRF-38534 CLASS H GENERAL PART NUMBER
THE ABOVE EXAMPLE IS A MILITARY GRADE HYBRID WITH LEADS BENT UP.
M.S. Kennedy Corp.
4707 Dey Road Liverpool, New York 13088 Phone (315) 701-6751 FAX (315) 701-6752 www.mskennedy.com
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make changes to its products or specifications without notice, however, and assumes no liability for the use of its products. Please visit our website for the most recent revision of this datasheet.
8
Rev. G 2/05


▲Up To Search▲   

 
Price & Availability of MSK4362U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X