Part Number Hot Search : 
LG1030 2SB1018A 4X337M00 IS42S164 BCR3AS CT100 12K8EC PER100
Product Description
Full Text Search
 

To Download MSK4360U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ISO 9001 CERTIFIED BY DSCC
M.S.KENNEDY CORP.
4707 Dey Road Liverpool, N.Y. 13088
10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
4360
(315) 701-6751
FEATURES:
55 Volt Motor Supply Voltage 10 Amp Output Switch Capability 100% Duty Cycle High Side Conduction Capable Shoot-Through/Cross Conduction Protection Hall Sensing and Commutation Circuitry on Board Internal 15 Volt Regulators "Real" Four Quadrant Torque Control Capability Good Accuracy Around the Null Torque Point Isolated Package for High Voltage Isolation Plus Good Thermal Transfer
MIL-PRF-38534 QUALIFIED
DESCRIPTION:
The MSK 4360 is a complete 3 Phase MOSFET Bridge Brushless Motor Control System in an electrically isolated hermetic package. The hybrid is capable of 10 amps of output current and 55 volts of DC bus voltage. It has the normal features for protecting the bridge. Included is all the bridge drive circuitry, hall sensing circuitry, commutation circuitry and all the current sensing and analog circuitry necessary for closed loop current mode (torque) control. When PWM'ing, the transistors are modulated in locked anti-phase mode for the tightest control and the most bandwidth. Provisions for applying different compensation schemes are included. The MSK 4360 has good thermal conductivity of the MOSFET's due to isolated substrate/package design that allows direct heat sinking of the hybrid without insulators.
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
3 Phase Brushless DC Motor Control Servo Control Fin Actuator Control Gimbal Control AZ-EL Control
1 Rev. G 11/01
ABSOLUTE MAXIMUM RATINGS

-40C to +85C -55C to +125C +150C

ELECTRICAL SPECIFICATIONS
Parameter
PWM Clock Frequency REGULATORS +15 VOUT -15 VOUT -15 VOUT Ripple HALL INPUTS VIL 1 VIH 1 ANALOG SECTION Current Command Input Range Current Command Input Current Transconductance Offset Current Current Monitor 7 1 7 20mA Load 20mA Load 20mA Load 6 6
Test Conditions
Group A Subgroup 4 5,6 1,2,3 1,2,3 4 -
MSK 4360H/E 3 Min. 15 13.6 14.25 -15.75 3.0 -13.5 1.9 1.8 -25 -50 0.475 0.45 -12 -12 Typ. 16 22 2 2 0 0 0.5 0.5 3 1.8 400 0.8 1.6 86 2 Max. 17 18.4 15.75 -14.25 250 0.8 +13.5 1.5 2.1 2.2 25 50 0.525 0.55 +12 +12 1.92 750 1.6 Min. 15 14.25 -15.75 3.0 -13.5 1.8 -50 0.45 -12 -12 -
MSK 4360 2 Typ. 16 2 0 0.5 3 1.8 400 0.8 1.6 86 2 Max. 17 -
15.75 VOLTS -14.25 VOLTS mV 250 0.8 VOLTS VOLTS
1 1
Current Command=0 Volts @ 1 Amp Output
5mA Load 5mA Load
Current Monitor Voltage Swing ERROR AMP E/A OUTPUT Swing Slew Rate 1 Unity Gain Bandwidth 1
4 5,6 1 2,3 4 5,6 -
+13.5 VOLTS mA 1.5 A/V 2.2 A/V mA 50 mA V/A 0.55 V/A +12 VOLTS +12 1.92 750 1.6 VOLTS V/Sec MHz V/mV VOLTS VOLTS A VOLTS nSec Sec
1 Large Signal Voltage Gain OUTPUT SECTION
1 10 AMPS 1 1 10 AMPS @ 150c Junction All switches off, V+=44V, 150C Junction
Voltage Drop Across Bridge (1 Upper & 1 Lower) Voltage Drop Across Bridge (1 Upper & 1 Lower) Leakage Current Diode VSD 1 trr 1 Dead Time 1 1
-
NOTES:
1 2 3 4 5 Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only. Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified. Military grade devices ("H" Suffix) shall be 100% tested to Subgroups 1, 2, 3 and 4. Subgroups 5 and 6 testing available upon request. Subgroup 1, 4 TA = TC = +25C 2, 5 TA = TC =+125C 3, 6 TA = TC = -55C 6 Maximum power dissipation must be limited according to voltage regulator power dissipation. 7 Measurements do not include offset current at 0V current command.
2
Rev. G 11/01
















V+ IQ VIN +15V -15V IOUT IPK
High Voltage Supply V+ Quiescent Current Current Command Input Output Current Output Current Continuous Output Current Peak Output Current
55V 0.16A 13.5V 20mA 20mA 10A 16A
OJC Thermal Resistance TST Storage Temperature Range TLD Lead Temperature Range (10 Seconds) TC Case Operating Temperature TJ MSK4360 MSK4360H/E Junction Temperature
3.6C/W -65C to +150C +300C
Units
KHz KHz
APPLICATION NOTES MSK 4360 PIN DESCRIPTIONS
V+ - is the power connection from the hybrid to the bus. The external wiring to the pin should be sized according to the RMS current required by the motor. The pin should be bypassed by a high quality monolithic ceramic capacitor for high frequencies and enough bulk capacitance for keeping the V+ supply from drooping. 78 F of ceramic capacitance and 1700 F of bulk capacitance was used in the test circuit. The voltage range on the pin is from 16 volts up to 55 volts. MOTOR DRIVE A,B,C - are the connections to the motor phase windings from the bridge output. The wiring to these pins should be sized according to the required current by the motor. There are no short circuit provisions for these outputs. Shorts to V+ or V+ RTN from these pins must be avoided or the bridge will be destroyed. V+ RTN - is the power return connection from the module to the bus. All ground returns connect to this point from internal to the module in a star fashion. All external ground connections to this point should also be made in a similar fashion. The V+ capacitors should be returned to this pin as close as possible. Wire sizing to this pin connection should be made according to the required current. SIG GND - is a ground pin that connects to the ground plane for all low powered circuitry inside the hybrid. +15 V - is a regulated +15 volt output available for external uses. Up to 20 mA is available at this pin. A 10 microfarad capacitor should be connected as close to this pin as possible and returned to SIG GND along with a 0.22 microfarad monolithic ceramic capacitor. CAUTION: See Voltage Regulator Power Dissipation. L1 - is a pin for connecting an external inductor to the DC DC converter for generating -15 volts. A 47 H switching inductor capable of running at 250 KHz and about 1 amp of DC current shall be used. Connect the inductor between L1 and SIG GND. -15 V - is a regulated -15 volt output available for external uses. Up to 20 mA is available at this pin. A 10 microfarad capacitor should be connected as close to this pin as possible and returned to SIG GND along with a 0.22 microfarad monolithic ceramic capacitor. CAUTION: See Voltage Regulator Power Dissipation CURRENT COMMAND (+,-) - are differential inputs for controlling the module in current mode. Scaled at 2 amps per volt of input command, the bipolar input allows both forward and reverse current control capability regardless of motor commutation direction. The maximum operational command voltage should be 5 volts for 10 amps of motor current.
CURRENT MONITOR- is a pin providing a current viewing signal for external monitoring purposes. This is scaled at 2 amps of motor current per volt output, up to a maximum of 5 volts, or 10 amps. As 10 amps is exceeded, the peaks of the waveform may become clipped as the rails of the amplifiers are reached. This voltage is typically 8 volts, equating to 16 amps of current peaks. E/A OUT - is the current loop error amp output connection. It is brought out for allowing various loop compensation circuits to be connected between this and E/A-. E/A- -is the current loop error amp inverting input connection. It is brought out for allowing various loop compensation circuits to be connected between this and E/A OUT. HALL A, B & C - are the hall input pins from the hall devices in the motor. These pins are internally pulled up to 6.25 volts. The halls reflect a 120/240 degree commutation scheme.
VOLTAGE REGULATOR POWER DISSIPATION - To figure voltage regulator power dissipation and junction temperature, use the following as an example: Given: V+ = 28V, MSK 4360 +15V IQ = 80mA, -15V IQ = 40mA. External Loads: +15V = 20 mA, -15V = 20 mA -15V Converter Efficiency = 50% PDISS due to +15V IQ,80 mA x 13V = 1.04 W PDISS due to -15V IQ, (40 mA / 0.5) x 13V = 1.04 W PDISS due to +15V Ext load, 20 mA x 13V = 260 mW PDISS due to -15V Ext load, (20 mA / 0.5) x 13V = 620mW PDISS Total = 1.04W + 1.04 W + 260 mW + 520mW = 2.86W 3.12W x 9C/W = 28C RISE above case temperature Maximum Case Temperature = 150C - 25.7C = 124C
3
Rev. G 11/01
APPLICATION NOTES CONTINUED
COMMUTATION TRUTH TABLE
HALL SENSOR PHASING 120 HALL A 1 1 0 0 0 1 1 0 X HALL B 0 1 1 1 0 0 1 0 X HALL C 0 0 0 1 1 1 1 0 X ICOMMAND = POS. AO H L L H L BO H H L L L CO L L H H L ICOMMAND = NEG. AO L H H L L BO L L H H L CO H H L L L
1 0 X
= High Level = Low Level = Don't Care
H L -
= SOURCE = SINK = OPEN
NOTE:
Because of the true 4 quadrant method of output switching, the output switches will PWM between the ICOMMAND POSITIVE and ICOMMAND NEGATIVE states, with the average percentage based on ICOMMAND being a positive voltage and a negative voltage. With a zero voltage ICOMMAND, the output switches will modulate with exactly a 50% duty cycle between the ICOMMAND POSITIVE and ICOMMAND NEGATIVE states.
4
Rev. G 11/01
APPLICATION NOTES CONTINUED
BUS VOLTAGE FILTER CAPACITORS The size and placement of the capacitors for the DC bus has a direct bearing on the amount of noise filtered and also on the size and duration of the voltage spikes seen by the bridge. What is being created is a series RLC tuned circuit with a resonant frequency that is seen as a damped ringing every time one of the transistors switches. For the resistance, wire resistance, power supply impedance and capacitor ESR all add up for the equivalent lumped resistance in the circuit. The inductance can be figured at about 30 nH per inch from the power supply. Any voltage spikes are on top of the bus voltage and the back EMF from the motor. All this must be taken into account when designing and laying out the system. If everything has been minimized, there is another solution. A second capacitance between 5 and 10 times the first capacitor and it should either have some ESR or a resistor can be added in series with the second capacitor to help damp the voltage spikes.
Be careful of the ripple current in all the capacitors. Excessive ripple current, beyond what the capacitors can handle, will destroy the capacitors. REGULATED VOLTAGE FILTER CAPACITORS It is recommended that about 10 F of capacitance (tantalum electrolytic) for bypassing the + and -15V regulated outputs be placed as close to the module pins as practical. Adding ceramic bypass capacitors of about 0.1 F to 1 F will aid in suppressing noise transients. GENERAL LAYOUT Good PC layout techniques are a must. Ground plane for the analog circuitry must be used and should be tied back to the SIG GND. Ground plane for the power circuitry should be tied back to the V+ RTN pin, pin 16. Pin 16 should be connected to pin 10 external to the hybrid by a single thick trace. This will connect the two ground planes together. LOW POWER STARTUP When starting up a system utilizing the MSK 4360 for the first time, there are a few things to keep in mind. First, because of the small size of the module, short circuiting the output phases either to ground or the DC bus will destroy the bridge. The current limiting and control only works for current actually flowing through the bridge. The current sense resistor has to see the current in order for the electronics to control it. If possible, for startup use a lower voltage and lower current power supply to test out connections and the low current stability. With a limited current supply, even if the controller locks up, the dissipation will be limited. By observing the E/A OUT pin which is the error amp output, much can be found out about the health and stability of the system. An even waveform with some rounded triangle wave should be observed. As current goes up, the DC component of the waveform should move up or down. At full current (with a regular supply) the waveform should not exceed +8 volts positive peak, or -8 volts negative peak. Some audible noise will be heard which will be the commutation frequency. If the motor squeals, there is instability and power should be removed immediately unless power dissipation isn't excessive due to limited supply current. For compensation calculations, refer to the block diagram for all information to determine the amplifier gain for loop gain calculations.
5
Rev. G 11/01
MSK4360 TEST CIRCUIT
6
Rev. G 11/01
MECHANICAL SPECIFICATIONS
ESD Triangle Indicates Pin 1. NOTE: ALL DIMENSIONS ARE .010 INCHES UNLESS OTHERWISE LABELED.
ORDERING INFORMATION
MSK4360 H U
LEAD CONFIGURATIONS S= STRAIGHT; U= BENT UP; D= BENT DOWN SCREENING BLANK= INDUSTRIAL; E=EXTENDED RELIABILITY; H=CLASS H GENERAL PART NUMBER The above example is a Military grade hybrid with leads bent up. 4707 Dey Road Liverpool, New York 13088 Phone (315) 701-6751 FAX (315) 701-6752 www.mskennedy.com
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make changes to its products or specifications without notice, however, and assumes no liability for the use of its products. Please visit our website for the most recent revision of this datasheet.
M.S. Kennedy Corp.
7
Rev.G 11/01


▲Up To Search▲   

 
Price & Availability of MSK4360U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X