Part Number Hot Search : 
AS737D SS310A QESM012 N271MP LV100 13318 SR100 1KE9CA
Product Description
Full Text Search
 

To Download MSK0002RH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIL-PRF-38534 CERTIFIED
M.S.KENNEDY CORP. FEATURES:
RAD TOLERANT, HIGH SPEED, BUFFER AMPLIFIER
0002RH
(315) 701-6751
4707 Dey Road Liverpool, N.Y. 13088 Total Dose Tested to 300 Krads (Si) RAD Tolerant LH0002 Replacement High Input Impedance-180K Min Low Output Impedance-10 Max Low Harmonic Distortion DC to 30 MHz Bandwidth Slew Rate is Typically 400 V/S Operating Range from5V to 20V Contact MSK for MIL-PRF-38534 Qualification Status and Appendix G (Radiation Status)
DESCRIPTION:
The MSK 0002RH is a general purpose current amplifier. It is the industry wide RAD tolerant replacement for the LH0002. The device is ideal for use with an operational amplifier in a closed loop configuration to increase current output. The MSK 0002RH is designed with a symmetrical output stage that provides low output impedances to both the positive and negative portions of output pulses. The MSK 0002RH is packaged in a hermetic 8 lead low profile T0-5 header and is specified over the full military temperature range.
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
High Speed D/A Conversion 30MHz Buffer Line Driver Precision Current Source
1
PIN-OUT INFORMATION
1 2 3 4 V1+ V2+ E3 Output 5 6 7 8 E4 V2V1Input
Rev. A 4/07
ABSOLUTE MAXIMUM RATINGS

5
ELECTRICAL SPECIFICATIONS
4
Parameter
Test Conditions 1 6 VIN=0V RS=10K RL=1.0K
Group A Subgroup 1 1
MSK 0002K/H/E RH Min. 180 Typ. 6.3 5 10 6 10 -
MSK 0002RH Min. 180 Typ. 6.3 5 6 Max. 12 20 35 -
Max. 10 15 20 30 30 -
Quiescent Current
Input Current
RS=10K RL=1.0K 2,3 1
Output Offset Voltage
RS=300 RL=1.0K 2,3 VIN=1.0VRMS RS=200K RL=1K f=1.0KHz
Input Impedance 3
4
Output Impedance 3
VIN=1.0VRMS Rs=10K RL=50 f=1.0KHz RL=1.0K
4
-
-
10
-
-
10
4
10
11
-
10
11
-
Output Voltage Swing
f=1.0KHz RL=100 VCC=15V f=1.0KHz 4 4 5,6 4 9.5 0.95 0.92 0.97 6 12 9.5 0.95 0.97 6 15 Vp V/V V/V nS
Voltage Gain 2
VIN=3.0VPP f=1.0KHz RS=10K RL=1.0K
Rise Time
VOUT=2.5VPP f=10KHz RS=100 RL=50
NOTES:
1 Unless otherwise specified VCC=12VDC, RL=1K. 2 Subgroups 5 & 6 shall be tested as part of device initial characterization and after design and process changes. Parameter shall be guaranteed to the limits specified for subgroups 5 & 6 for all lots not specifically tested. 3 Devices shall be capable of meeting the parameter, but need not be tested. 4 Subgroup 1,4 TA=TC=+25C Subgroup 2,5 TA=TC=+125C Subgroup 3,6 TA=TC=-55C 5 Continuous operation at or above absolute maximum ratings may adversly effect the device performance and/or life cycle. 6 Consult factory for post radiation limits.
2
Rev. A



-55C to +125C -40C to +85C




















VCC VIN Pd Tc
Supply Voltage Input Voltage Power Dissipation Case Operating Temperature (MSK 0002K/H/E RH) (MSK 0002RH)
20V 20V 600mW
TST Storage Temperature Range -65C to +150C TLD Lead Temperature Range +300C (10 Seconds) TJ Junction Temperature +175C jC Thermal Resistance @ TC=125C Output Devices 55C/W
Units
mA A A mV mV K
Vp
4/07
APPLICATION NOTES HEAT SINKING
To determine if a heat sink is necessary for your application and if so, what type, refer to the thermal model and governing equation below. RSA = ((TJ - TA)/PD) - (RJC) - (RCS) = ((125C - 80C) / 0.36W) - 55C/W - 0.15C/W = 125 - 55.15 = 69.9C/W This heat sink in this example must have a thermal resistance of no more than 69.9C/W to maintain a junction temperature of no more than +125C.
Thermal Model:
Typical Applications:
Governing Equation:
TJ=PD X (RJC +RCS +RSA) +TA Where TJ=Junction Temperature PD=Total Power Dissipation RJC=Junction to Case Thermal Resistance RCS=Heat Sink to Ambient Thermal Resistance TC=Case Temperature TA=Ambient Temperature TS=Sink Temperature
Example:
This example demonstrates a worst case analysis for the buffer output stage. This occurs when the output voltage is 1/2 the power supply voltage. Under this condition, maximum power transfer occurs and the output is under maximum stress. Conditions: VCC= 12VDC Vo= 6Vp Sine Wave, Freq. = 1KHz RL= 100 For a worst case analysis we will treat the 6Vp sine wave as an 6 VDC output voltage. 1.) Find Driver Power Dissipation PD= (Vcc-Vo) (Vo/RL) = (12V-6V) (6V/100) = 360mW 2.) For conservative design, set TJ=+125C Max. 3.) For this example, worst case TA=+80C 4.) RJC = 55 C/W from MSK 0002RH Data Sheet 5.) RCS = 0.15 C/W for most thermal greases 6.) Rearrange governing equation to solve for RSA 3 Rev. A 4/07
TYPICAL PERFORMANCE CURVES
4
Rev. A
4/07
RADIATION CURVES
NOTE: All radiation curve test conditions are in accordance with the electrical specifications table (page 2). See RAD report for bias and dose rate. 5
Rev. A
4/07
RADIATION CURVES CONT'D
NOTE: All radiation curve test conditions are in accordance with the electrical specifications table (page 2). See RAD report for bias and dose rate. 6
Rev. A
4/07
MECHANICAL SPECIFICATIONS
WEIGHT=1 GRAM TYPICAL ALL DIMENSIONS ARE 0.010 INCHES UNLESS OTHERWISE LABELED
ORDERING INFORMATION
Part Number MSK0002RH MSK0002ERH MSK0002HRH MSK0002KRH Screening Level Industrial Extended Reliability MIL-PRF-38534 Class H MIL-PRF-38534 Class K
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, New York 13088 Phone (315) 701-6751 FAX (315) 701-6752 www.mskennedy.com
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make changes to its products or specifications without notice, however, and assumes no liability for the use of its products. Please visit our website for the most recent revision of this datasheet. Contact MSK for MIL-PRF-38534 qualification status and Appendix G (radiation status)
7
Rev. A
4/07


▲Up To Search▲   

 
Price & Availability of MSK0002RH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X