Part Number Hot Search : 
215016P SIA418DJ SMA5103 DFB54 SDA667MF STB6NC80 FSL230R4 1N5358B
Product Description
Full Text Search
 

To Download MSK0002H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ISO 9001 CERTIFIED BY DSCC
M.S.KENNEDY CORP.
4707 Dey Road Liverpool, N.Y. 13088
HIGH SPEED, BUFFER AMPLIFIER AMP
0002
MIL-PRF-38534 CERTIFIED
(315) 701-6751
FEATURES:
Industry Wide LH0002 Replacement High Input Impedance-180K Min Low Output Impedance-10 Max Low Harmonic Distortion DC to 30 MHz Bandwidth Slew Rate is Typically 400 V/S Operating Range from5V to 20V Available to DSCC SMD5962-7801301XC
DESCRIPTION:
The MSK 0002 is a general purpose current amplifier. It is the industry wide replacement for the LH0002. The device is ideal for use with an operational amplifier in a closed loop configuration to increase current output. The MSK 0002 is designed with a symmetrical output stage that provides low output impedances to both the positive and negative portions of output pulses. The MSK 0002 is packaged in a hermetic 8 lead low profile T0-5 header and is specified over the full military temperature range.
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
High Speed D/A Conversion 30MHz Buffer Line Driver Precision Current Source
1
PIN-OUT INFORMATION
1 2 3 4 V1+ V2+ E3 Output 5 6 7 8 E4 V2V1Input
Rev. - 10/00
ABSOLUTE MAXIMUM RATINGS

ELECTRICAL SPECIFICATIONS
Group A Subgroup 1 1 2,3 1 2,3 4 4 4 4 4 5,6 4 MSK 0002H 4 Min. 180 10 9.5 0.95 0.95 Typ. 6.3 2 2 6 10 11 0.97 8 Max. 10 10 10 30 30 10 12 Min. 180 10 9.5 0.95 MSK 0002 Typ. 6.3 2 6 11 0.97 8 Max. 10 10 30 10 12
Parameter
Test Conditions 1 VIN=0V RS=10K RL=1.0K RS=10K RL=1.0K RS=300 RL=1.0K VIN=1.0VRMS RS=200K RL=1K f=1.0KHz VIN=1.0VRMS Rs=10K RL=50 f=1.0KHz VIN=12Vp RL=1.0K f=1.0KHz VIN=10Vp RL=100 +VCC=15V f=1.0KHz VIN=3.0VPP f=1.0KHz RS=10K RL=1.0K VOUT=2.5VPP f=10KHz RS=100 RL=50
Quiescent Current Input Offset Current Input Offset Voltage Input Impedance 3 Output Impedance 3
Output Voltage Swing
Voltage Gain 2 Rise Time
NOTES:
1 Unless otherwise specified VCC=12VDC 2 Subgroups 5 & 6 shall be tested as part of device initial characterization and after design and process changes. Parameter shall be guaranteed to the limits specified for subgroups 5 & 6 for all lots not specifically tested. 3 Devices shall be capable of meeting the parameter, but need not be tested. 4 Subgroup 1,4 TA=TC=+25C Subgroup 2,5 TA=TC=+125C Subgroup 3,6 TA=TC=-55C
2
Rev. - 10/00



-55C to +125C -40C to +85C













VCC VIN Pd Tc
Supply Voltage Input Voltage Power Dissipation Case Operating Temperature (MSK 0002H) (MSK 0002)

22V 22V 600mW
TST Storage Temperature Range TLD Lead Temperature Range (10 Seconds) TJ Junction Temperature jC Thermal Resistance
-65C to +150C +300C +175C 40C/W
Units mA A A mV mV K
Vp Vp V/V V/V nS
APPLICATION NOTES HEAT SINKING
To determine if a heat sink is necessary for your application and if so, what type, refer to the thermal model and governing equation below. RSA = ((TJ - TA)/PD) - (RJC) - (RCS) = ((125C - 80C) / 0.36W) - 40C/W - 0.15C/W = 125 - 40.15 = 84.9C/W This heat sink in this example must have a thermal resistance of no more than 84.9C/W to maintain a junction temperature of no more than +125C.
Thermal Model:
Typical Applications:
Governing Equation:
TJ=PD X (RJC +RCS +RSA) +TA Where TJ=Junction Temperature PD=Total Power Dissipation RJC=Junction to Case Thermal Resistance RCS=Heat Sink to Ambient Thermal Resistance TC=Case Temperature TA=Ambient Temperature TS=Sink Temperature
Example:
This example demonstrates a worst case analysis for the buffer output stage. This occurs when the output voltage is 1/2 the power supply voltage. Under this condition, maximum power transfer occurs and the output is under maximum stress. Conditions: VCC= 12VDC Vo= 6Vp Sine Wave, Freq. = 1KHz RL= 100 For a worst case analysis we will treat the 6Vp sine wave as an 6 VDC output voltage. 1.) Find Driver Power Dissipation PD= (Vcc-Vo) (Vo/RL) = (12V-6V) (6V/100) = 360mW 2.) For conservative design, set TJ=+125C Max. 3.) For this example, worst case TA=+80C 4.) RJC = 40 C/W from MSK 0002H Data Sheet 5.) RCS = 0.15 C/W for most thermal greases 6.) Rearrange governing equation to solve for RSA
3
Rev. - 10/00
TYPICAL PERFORMANCE CURVES
4
Rev. - 10/00
MECHANICAL SPECIFICATIONS
ALL DIMENSIONS ARE 0.010 INCHES UNLESS OTHERWISE LABELED
ORDERING INFORMATION
Part Number MSK0002 MSK0002H 7801-301XC Screening Level Industrial Military-Mil-PRF-38534 DSCC-SMD
4707 Dey Road, Liverpool, New York 13088 Phone (315) 701-6751 FAX (315) 701-6752 www.mskennedy.com
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
M.S. Kennedy Corp.
5
Rev. - 10/00


▲Up To Search▲   

 
Price & Availability of MSK0002H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X