Part Number Hot Search : 
CRO2065B BAV99BRW MB91307 CA307 70506 A2210 IN80C49N TS2GUSD
Product Description
Full Text Search
 

To Download MSIW1047 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MSIW1000 Series
3W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
Key Features
Efficiency up to 83% 1500VDC Isolation MTBF > 1,000,000 Hours 2:1 Wide Input Range UL1950 Safety Approval Short Circuit Protection Temperature Performance -40] to +71] Industry Standard Pinout UL 94V-0 Package Material Internal SMD Construction
Minmax's MSIW1000 3W DC/DC's are in "gull-wing" SMT package and meet 245]/10sec in solder-reflow for lead free process. The series consists of 21 models that operate over input voltage ranges of 9-18VDC, 18-36VDC and 36-75VDC which provide precisely regulated output voltages of 3.3V, 5V, 12V, 15V, {5V, {12V and {15VDC. The -40] to +71] operating temperature range makes it ideal for data communication equipments, mobile battery driven equipments, distributed power systems, telecommunication equipments, mixed analog/digital subsystems, process/machine control equipments, computer peripheral systems and industrial robot systems. The modules have a maximum power rating of 3W and a typical full-load efficiency of 83%, continuous short circuit, 50mV output ripple, built-in filtering for both input and output minimize the need for external filtering. The MSIW1000 units are available in tape and reel package.
I/O Isolation
Low Cost Wide Range SMD Low Profile
1500 VDC
$
2:1
Block Diagram
Single Output Dual Output
+Vin
LC Filter
+Vo
+Vin
LC Filter
+Vo Com.
-Vo PFM Isolation Ref.Amp PFM Isolation Ref.Amp
-Vo
-Vin
-Vin
1
MINMAX
REV:0 2005/04
MSIW1000 Series
Model Selection Guide
Model Number Input Voltage Output Voltage Output Current Input Current Reflected Ripple Current mA (Typ.) Efficiency
VDC MSIW1021 MSIW1022 MSIW1023 MSIW1024 MSIW1025 MSIW1026 MSIW1027 MSIW1031 MSIW1032 MSIW1033 MSIW1034 MSIW1035 MSIW1036 MSIW1037 MSIW1041 MSIW1042 MSIW1043 MSIW1044 MSIW1045 MSIW1046 MSIW1047 48 ( 36 ~ 75 ) 24 ( 18 ~ 36 ) 12 ( 9 ~ 18 )
VDC 3.3 5 12 15 {5 {12 {15 3.3 5 12 15 {5 {12 {15 3.3 5 12 15 {5 {12 {15
Max. mA 700 600 250 200 {300 {125 {100 700 600 250 200 {300 {125 {100 700 600 250 200 {300 {125 {100
Min. mA 70 60 25 20 {30 {12.5 {10 70 60 25 20 {30 {12.5 {10 70 60 25 20 {30 {12.5 {10
@Max. Load mA (Typ.) 257 316 305 305 321 309 309 127 156 151 151 158 152 152 63 78 75 75 79 76 76
@No Load mA (Typ.)
@Max. Load % (Typ.) 75 79 82
20
25
82 78 81 81 76 80 83
5
15
83 79 82 82 76 80 83
3
10
83 79 82 82
Absolute Maximum Ratings
Parameter Input Surge Voltage ( 1000 mS ) 12VDC Input Models 24VDC Input Models 48VDC Input Models Min. -0.7 -0.7 -0.7 ----Max. 25 50 100 260 2,500 Unit VDC VDC VDC ] mW
Notes :
1. Specifications typical at Ta=+25], resistive load, nominal input voltage, rated output current unless otherwise noted. 2. Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%. 3. These power converters require a minimum output loading to maintain specified regulation. 4. Operation under no-load conditions will not damage these modules; however, they may not meet all specifications listed.
Lead Temperature (1.5mm from case for 10 Sec.) Internal Power Dissipation
Exceeding the absolute maximum ratings of the unit could cause damage. These are not continuous operating ratings.
Environmental Specifications
Parameter Operating Temperature Operating Temperature Storage Temperature Humidity Cooling Conditions Ambient Case Min. -40 -40 -40 --Free-Air Convection Max. +71 +90 +125 95 Unit ] ] ] %
5. All DC/DC converters should be externally fused at the front end for protection 6. Other input and output voltage may be available, please contact factory. 7. Specifications subject to change without notice.
REV:0 2005/04
MINMAX
2
MSIW1000 Series
Input Specifications
Parameter Start Voltage Model 12V Input Models 24V Input Models 48V Input Models Under Voltage Shutdown 12V Input Models 24V Input Models 48V Input Models Reverse Polarity Input Current Short Circuit Input Power Input Filter All Models Min. 4.5 8 16 ----------Typ. 6 12 24 ----------Pi Filter Max. 8 18 36 8 16 32 0.5 1500 A mW VDC Unit
Output Specifications
Parameter Output Voltage Accuracy Output Voltage Balance Line Regulation Load Regulation Ripple & Noise (20MHz) Ripple & Noise (20MHz) Ripple & Noise (20MHz) Over Power Protection Transient Recovery Time Transient Response Deviation Temperature Coefficient Output Short Circuit 25% Load Step Change Over Line, Load & Temp. Dual Output, Balanced Loads Vin=Min. to Max. Io=10% to 100% Conditions Min. --------------120 ------Continuous Typ. {0.5 {0.5 {0.1 {0.3 50 ------200 {2 {0.01 Max. {1.0 {2.0 {0.3 {1.0 75 100 10 --500 {6 {0.02 Unit % % % % mV P-P mV P-P mV rms % uS % %/]
General Specifications
Parameter Isolation Voltage Rated Isolation Voltage Test Isolation Resistance Isolation Capacitance Switching Frequency MTBF MIL-HDBK-217F @ 25], Ground Benign Conditions 60 Seconds Flash Tested for 1 Second 500VDC 100KHz,1V Min. 1500 1650 1000 ----1000 Typ. ------65 300 --Max. ------100 ----Unit VDC VDC M[ pF KHz K Hours
Capacitive Load
Models by Vout Maximum Capacitive Load # For each output 3.3V 4700 5V 4700 12V 4700 15V 4700 {5V # 180 {12V # 180 {15V # 180 Unit uF
3
MINMAX
REV:0 2005/04
MSIW1000 Series
Input Fuse Selection Guide
12V Input Models 750mA Slow - Blow Type 24V Input Models 350mA Slow - Blow Type 48V Input Models 200mA Slow - Blow Type
Input Voltage Transient Rating
150 140 130 120 110 100 Vin ( VDC ) 90 80 70 60 50 40 30 20 10 0 10uS 100uS 1mS 10mS 100mS 12VDC Input Models 24VDC Input Models 48VDC Input Models
REV:0 2005/04
MINMAX
4
MSIW1000 Series
100 90 Efficiency (%) 80 70 60 50
100 90 Efficiency (%)
Low Nom Input Voltage (V) High
80 70 60 50
Low
Nom Input Voltage (V)
High
Efficiency vs Input Voltage ( Single Output )
Efficiency vs Input Voltage ( Dual Output )
90 80 Efficiency (%) Efficiency (%) 10 20 40 60 80 70 60 50 40 30 20 100
90 80 70 60 50 40 30 20 10 20 40 60 80 100
Load Current (%)
Load Current (%)
Efficiency vs Output Load ( Single Output )
Efficiency vs Output Load ( Dual Output )
100 80 Output Power (%) 100LFM Natural convection 400LFM
200LFM
60
40
20 0 -40
50 60 70 80 ] 90 100 110
Ambient Temperature
Derating Curve
5
MINMAX
REV:0 2005/04
MSIW1000 Series
Test Configurations
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with a inductor Lin (4.7uH) and Cin (220uF, ESR < 1.0[ at 100 KHz) to simulate source impedance. Capacitor Cin, offsets possible battery impedance. Current ripple is measured at the input terminals of the module, measurement bandwidth is 0-500 KHz.
To Oscilloscope + Battery + Lin Current Probe +Vin +Out Load
Overcurrent Protection
To provide protection in a fault (output overload) condition, the unit is equipped with internal current limiting circuitry and can endure current limiting for an unlimited duration. At the point of current-limit inception, the unit shifts from voltage control to current control. The unit operates normally once the output current is brought back into its specified range.
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect the stability of the power module. In applications where power is supplied over long lines and output loading is high, it may be necessary to use a capacitor at the input to ensure startup. Capacitor mounted close to the power module helps ensure stability of the unit, it is recommended to use a good quality low Equivalent Series Resistance (ESR < 1.0[ at 100 KHz) capacitor of a 3.3uF for the 12V input devices and a 1.5uF for the 24V and 48V devices.
DC / DC Converter -Vin -Out
Cin
Peak-to-Peak Output Noise Measurement Test
Use a Cout 0.47uF ceramic capacitor. Scope measurement should be made by using a BNC socket, measurement bandwidth is 0-20 MHz. Position the load between 50 mm and 75 mm from the DC/DC Converter.
+Vin Single Output DC / DC Converter -Vin -Out +Out Copper Strip Cout Scope Resistive Load
+ DC Power Source + Cin
+Vin DC / DC Converter -Vin
+Out Load -Out
Output Ripple Reduction
+Vin Dual Output DC / DC Converter -Vin +Out Com. Cout -Out
+ +Vin Single Output DC / DC Converter -Vin -Out +Out
Copper Strip Cout Scope Resistive Load Scope
A good quality low ESR capacitor placed as close as practicable across the load will give the best ripple and noise performance. To reduce output ripple, it is recommended to use 3.3uF capacitors at the output.
Design & Feature Considerations
Maximum Capacitive Load
The MSIW1000 series has limitation of maximum connected capacitance at the output. The power module may be operated in current limiting mode during start-up, affecting the ramp-up and the startup time. For optimum performance we recommend 180uF maximum capacitive load for dual outputs and 4700uF capacitive load for single outputs. The maximum capacitance can be found in the data sheet.
DC Power Source -
Cout
Load
+ DC Power Source -
+Vin
+Out Dual Output DC / DC Com. Converter Cout Load
-Vin
-Out
REV:0 2005/04
MINMAX
6
MSIW1000 Series
Thermal Considerations
Many conditions affect the thermal performance of the power module, such as orientation, airflow over the module and board spacing. To avoid exceeding the maximum temperature rating of the components inside the power module, the case temperature must be kept below 90C. The derating curves were determined from measurements obtained in an experimental apparatus.
Position of air velocity probe and thermocouple 15mm / 0.6in
50mm / 2in
Air Flow
DUT
7
MINMAX
REV:0 2005/04
MSIW1000 Series
Mechanical Dimensions Connecting Pin Patterns
Top View ( 2.54 mm / 0.1 inch grids )
17.82 [0.702]
24 23 22 TOP 1 2 3
15 14 13
14.8 [0.58]
16.1 [0.63]
18.8 [0.74]
27.94mm 2.8mm
10 11 12
20.0mm
2.54 [0.100] 32.3 [1.27]
0.5 [0.020]
Side
10.2 [0.40]
2.54mm
17.78mm
1.0mm
0.5 [0.02]
2.2 [0.09]
0.15
Tolerance
Millimeters X.X{0.25 X.XX{0.13 {0.05
Inches X.XX{0.01 X.XXX{0.005 {0.002
Pin
Pin Connections
Pin 1 2 3 10 11 12 13 14 15 22 23 24 Single Output -Vin -Vin NC NC NC NC +Vout NC -Vout NC +Vin +Vin NC: No Connection Dual Output -Vin -Vin NC Common NC -Vout +Vout NC Common NC +Vin +Vin
Physical Characteristics
Case Size : 32.3*14.8*10.2 mm 1.27*0.58*0.40 inches Non-Conductive Black Plastic 5.75g UL94V-0
Case Material Weight Flammability
: : :
The MSIW1000 converter is encapsulated in a low thermal resistance molding compound that has excellent resistance/electrical characteristics over a wide temperature range or in high humidity environments. The encapsulant and unit case are both rated to UL 94V-0 flammability specifications. Leads are tin plated for improved solderability.
REV:0 2005/04
MINMAX
8


▲Up To Search▲   

 
Price & Availability of MSIW1047

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X