|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
74ABT245 Octal Bi-Directional Transceiver with 3-STATE Outputs September 1991 Revised March 2005 74ABT245 Octal Bi-Directional Transceiver with 3-STATE Outputs General Description The ABT245 contains eight non-inverting bidirectional buffers with 3-STATE outputs and is intended for bus-oriented applications. Current sinking capability is 64 mA on both the A and B ports. The Transmit/Receive (T/R) input determines the direction of data flow through the bidirectional transceiver. Transmit (active HIGH) enables data from A Ports to B Ports; Receive (active LOW) enables data from B Ports to A Ports. The Output Enable input, when HIGH, disables both A and B ports by placing them in a HIGH Z condition. Features s Bidirectional non-inverting buffers s A and B output sink capability of 64 mA, source capability of 32 mA s Guaranteed output skew s Guaranteed multiple output switching specifications s Output switching specified for both 50 pF and 250 pF loads s Guaranteed simultaneous switching, noise level and dynamic threshold performance s Guaranteed latchup protection s High impedance glitch-free bus loading during entire power up and power down cycle s Non-destructive hot insertion capability s Disable time is less than enable time to avoid bus contention Ordering Code: Order Number 74ABT245CSC 74ABT245CSJ 74ABT245CMSA 74ABT245CMTC 74ABT245CMTCX_NL (Note 1) 74ABT245CPC Package Number M20B M20D MSA20 MTC20 MTC20 N20A Package Description 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Pb-Free 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Device also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code. Pb-Free package per JEDEC J-STD-020B. Note 1: "_NL" indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only. (c) 2005 Fairchild Semiconductor Corporation DS010945 www.fairchildsemi.com 74ABT245 Connection Diagram Logic Symbol Pin Descriptions Pin Names OE T/R A0-A7 B0-B7 Description Output Enable Input (Active LOW) Transmit/Receive Input Side A Inputs or 3-STATE Outputs Side B Inputs or 3-STATE Outputs Truth Table Inputs OE L L H H HIGH Voltage Level L LOW Voltage Level X Immaterial Output T/R L H X Bus B Data to Bus A Bus A Data to Bus B HIGH Z State Logic Diagram www.fairchildsemi.com 2 74ABT245 Absolute Maximum Ratings(Note 2) Storage Temperature Ambient Temperature under Bias Junction Temperature under Bias VCC Pin Potential to Ground Pin Input Voltage (Note 3) Input Current (Note 3) Voltage Applied to Any Output in the Disabled or Power-off State in the HIGH State Current Applied to Output in LOW State (Max) DC Latchup Source Current Over Voltage Latchup (I/O) twice the rated IOL (mA) 65qC to 150qC 55qC to 125qC 55qC to 150qC 0.5V to 7.0V 0.5V to 7.0V 30 mA to 5.0 mA Recommended Operating Conditions Free Air Ambient Temperature Supply Voltage Minimum Input Edge Rate ('V/'t) Data Input Enable Input 50 mV/ns 20 mV/ns 40qC to 85qC 4.5V to 5.5V 0.5V to 5.5V 0.5V to VCC Note 2: Absolute maximum ratings are values beyond which the device may be damaged or have its useful life impaired. Functional operation under these conditions is not implied. Note 3: Either voltage limit or current limit is sufficient to protect inputs 500 mA 10V DC Electrical Characteristics Symbol VIH VIL VCD VOH VOL IIH Parameter Input HIGH Voltage Input LOW Voltage Input Clamp Diode Voltage Output HIGH Voltage Output LOW Voltage Input HIGH Current 2.5 2.0 0.55 1 1 IBVI IBVIT IIL Input HIGH Current Breakdown Test Input HIGH Current Breakdown Test (I/O) Input LOW Current 7 100 Min 2.0 0.8 Typ Max Units V V V V V V Min Min Min Min Max Max Max Max 0.0 VCC Conditions Recognized HIGH Signal Recognized LOW Signal IIN IOH IOH IOL VIN VIN VIN VIN VIN VIN IID 1.2 18 mA (OE, T/R) 3 mA (An, Bn) 32 mA (An, Bn) 64 mA (A n, Bn) 2.7V (OE, T/R) VCC (OE, T/R) 7.0V (OE, T/R) 5.5V (An, Bn) 0.5V (OE, T/R) 0.0V (OE, T/R) 1.9 PA (OE, T/R) PA PA PA PA V 1 1 4.75 VID IIH IOZH IIL I OZL IOS ICEX IZZ ICCH ICCL ICCZ ICCT Input Leakage Test All Other Pins Grounded Output Leakage Current Output Leakage Current Output Short-Circuit Current Output HIGH Leakage Current Bus Drainage Test Power Supply Current Power Supply Current Power Supply Current Additional I CC/Input Outputs Enabled Outputs 3-STATE Outputs 3-STATE ICCD Dynamic ICC No Load 10 PA PA mA 0 5.5V VOUT 0 5.5V VOUT Max Max 0.0 Max Max Max VOUT VOUT VOUT 2.7V (An, Bn); OE 0.5V (An, Bn); OE 0.0V (An, Bn) V CC (An, Bn) 5.5V (An, Bn); 2.0V 2.0V 10 100 275 50 100 50 30 50 2.5 2.5 50 0.1 PA PA PA mA All Others GND All Outputs HIGH All Outputs LOW OE VI Max V CC, T/R V CC 2.1V VCC 2.1V V CC 2.1V GND or VCC; PA mA mA All Other GND or VCC OE, T/R V I Data Input VI Outputs Open OE GND, T/R GND or VCC One Bit Toggling, 50% Duty Cycle PA mA/ MHz All Others at VCC or GND. Max 3 www.fairchildsemi.com 74ABT245 DC Electrical Characteristics (SOIC package) Symbol VOLP VOLV VOHV VIHD VILD Parameter Quiet Output Maximum Dynamic VOL Quiet Output Minimum Dynamic VOL Minimum HIGH Level Dynamic Output Voltage Minimum HIGH Level Dynamic Input Voltage Maximum LOW Level Dynamic Input Voltage Min Typ 0.7 Max 1.0 Units V V V V 0.6 V VCC 5.0 5.0 5.0 5.0 5.0 TA TA TA TA TA Conditions CL 50 pF, RL 500: 25qC (Note 4) 25qC (Note 4) 25qC (Note 6) 25qC (Note 5) 25qC (Note 5) 1.3 2.7 2.0 1.0 3.1 1.7 0.9 Note 4: Max number of outputs defined as (n). n-1 data inputs are driven 0V to 3V. One output at LOW. Guaranteed, but not tested. Note 5: Max number of data inputs (n) switching. n-1 inputs switching 0V to 3V. Input-under-test switching: 3V to threshold (VILD), 0V to threshold (VIHD ). Guaranteed, but not tested. Note 6: Max number of outputs defined as (n). n 1 data inputs are driven 0V to 3V. One output HIGH. Guaranteed, but not tested. AC Electrical Characteristics (SOIC and SSOP package) TA Symbol Parameter Min tPLH tPHL tPZH tPZL tPHZ tPLZ Propagation Delay Data to Outputs Output Enable Time Output Disable Time 1.0 1.0 1.5 1.5 1.0 1.0 VCC CL 25qC 5V 50 pF Typ 2.1 2.4 3.2 3.7 3.6 3.3 Max 3.6 3.6 6.0 6.0 6.1 5.6 TA 55qC to 125qC VCC CL Min 1.0 1.0 1.0 2.0 1.7 1.7 4.5V-5.5V 50 pF Max 4.8 4.8 6.7 7.5 7.4 6.5 TA 40qC to 85qC 4.5V-5.5V 50 pF Max 3.6 3.6 6.0 6.0 6.1 5.6 ns ns ns Units CL VCC Min 1.0 1.0 1.5 1.5 1.0 1.0 Extended AC Electrical Characteristics (SOIC package) 40qC to 85qC VCC Symbol Parameter CL 4.5V-5.5V 50 pF TA 40qC to 85qC 4.5V-5.5V 250 pF CL TA 40qC to 85qC 4.5V-5.5V 250 pF Units CL VCC VCC 8 Outputs Switching (Note 7) Min fTOGGLE tPLH tPHL tPZH tPZL tPHZ tPLZ Output Disable Time Max Toggle Frequency Propagation Delay Data to Outputs Output Enable Time 1.5 1.5 1.5 1.5 1.0 1.0 Typ 100 5.0 5.0 6.5 6.5 6.5 5.6 Max 1 Output Switching (Note 8) Min 1.5 1.5 2.5 2.5 (Note 10) Max 6.0 6.0 7.5 7.5 8 Outputs Switching (Note 9) Min 2.5 2.5 2.5 2.5 Max MHz 8.5 8.5 9.5 11.0 (Note 10) ns ns ns Note 7: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase (i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.). Note 8: This specification is guaranteed but not tested. The limits represent propagation delay with 250 pF load capacitors in place of the 50 pF load capacitors in the standard AC load. This specification pertains to single output switching only. Note 9: This specification is guaranteed but not tested. The limits represent propagation delays for all paths described switching in phase (i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.) with 250 pF load capacitors in place of the 50 pF load capacitors in the standard AC load. Note 10: The 3-STATE delays are dominated by the RC network (500:, 250 pF) on the output and have been excluded from the datasheet. www.fairchildsemi.com 4 74ABT245 Skew (SOIC package) TA 40qC to 85qC 4.5V-5.5V 50 pF CL TA 40qC to 85qC 4.5V-5.5V 250 pF Units CL VCC Symbol Parameter VCC 8 Outputs Switching (Note 13) Max tOSHL (Note 11) tOSLH (Note 11) tPS (Note 15) tOST (Note 11) tPV (Note 12) Pin to Pin Skew HL Transitions Pin to Pin Skew LH Transitions Duty Cycle LH-HL Skew Pin to Pin Skew LH/HL Transitions Device to Device Skew LH/HL Transitions 1.3 1.0 2.0 2.0 2.0 8 Outputs Switching (Note 14) Max 2.3 1.8 3.5 3.5 3.5 ns ns ns ns ns Note 11: Skew is defined as the absolute value of the difference between the actual propagation delays for any two separate outputs of the same device. The specification applies to any outputs switching HIGH-to-LOW (tOSHL), LOW-to-HIGH (tOSLH), or any combination switching LOW-to-HIGH and/or HIGH-to-LOW (tOST). The specification is guaranteed but not tested. Note 12: Propagation delay variation for a given set of conditions (i.e., temperature and VCC) from device to device. This specification is guaranteed but not tested. Note 13: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase (i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.) Note 14: These specifications guaranteed but not tested. The limits represent propagation delays with 250 pF load capacitors in place of the 50 pF load capacitors in the standard AC load. Note 15: This describes the difference between the delay of the LOW-to-HIGH and the HIGH-to-LOW transition on the same pin. It is measured across all the outputs (drivers) on the same chip, the worst (largest delta) number is the guaranteed specification. This specification is guaranteed but not tested. Capacitance Conditions Symbol CIN CI/O (Note 16) Parameter Input Capacitance I/O Capacitance Typ 5.0 11.0 1 MHz, per MIL-STD-883, Method 3012. Units pF pF V CC V CC TA 0V (OE, T/R) 5.0V (An, Bn) 25qC Note 16: CI/O is measured at frequency f 5 www.fairchildsemi.com 74ABT245 AC Loading *Includes jig and probe capacitance FIGURE 1. Standard AC Test Load FIGURE 2. Test Input Signal Levels Amplitude 3.0V Rep. Rate 1 MHz tW 500 ns tr 2.5 ns tf 2.5 ns FIGURE 3. Test Input Signal Requirements AC Waveforms FIGURE 4. Propagation Delay Waveforms for Inverting and Non-Inverting Functions FIGURE 6. 3-STATE Output HIGH and LOW Enable and Disable Times FIGURE 5. Propagation Delay, Pulse Width Waveforms FIGURE 7. Setup Time, Hold Time and Recovery Time Waveforms www.fairchildsemi.com 6 74ABT245 Physical Dimensions inches (millimeters) unless otherwise noted 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Package Number M20B 7 www.fairchildsemi.com 74ABT245 Physical Dimensions inches (millimeters) unless otherwise noted (Continued) Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M20D www.fairchildsemi.com 8 74ABT245 Physical Dimensions inches (millimeters) unless otherwise noted (Continued) 20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide Package Number MSA20 9 www.fairchildsemi.com 74ABT245 Physical Dimensions inches (millimeters) unless otherwise noted (Continued) 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC20 www.fairchildsemi.com 10 74ABT245 Octal Bi-Directional Transceiver with 3-STATE Outputs Physical Dimensions inches (millimeters) unless otherwise noted (Continued) 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N20A Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 11 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com www.fairchildsemi.com |
Price & Availability of MSA20 |