Part Number Hot Search : 
PIC16F 72C334 1002D E005233 166TQC 15510 1002D 22000
Product Description
Full Text Search
 

To Download MS8104160A-XXTB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OKI Semiconductor MS8104160A
Dual FIFO (262,214 Words x 8 Bits) x 2
FEDS8104160A-01
This version: Nov. 21, 2002
GENERAL DESCRIPTION
The MS8104160A is a single-chip 4Mb FIFO functionally composed of two OKI 2Mb FIFO (First-In First-Out) memories which were designed for 262,214 x 8-bit high-speed asynchronous read/write operation. The read clocks and the write clocks of each of the 2Mb FIFO memories are connected in common. The MS8104160A, functionally compatible with Oki's 2Mb FIFO memory (MSM518222A), can be used as a x16 configuration FIFO. The MS8104160A is a field memory for wide or low end use in general commodity TVs and VTRs exclusively and is not designed for high end use in professional graphics systems, which require long term picture storage, data storage, medical use and other storage systems. The MS8104160A provides independent control clocks to support asynchronous read and write operations. Different clock rates are also supported, which allow alternate data rates between write and read data streams. The MS8104160A provides high speed FIFO (First-in First-out) operation without external refreshing: MS8104160A refreshes its DRAM storage cells automatically, so that it appears fully static to the users. Moreover, fully static type memory cells and decoders for serial access enable the refresh free serial access operation, so that serial read and/or write control clock can be halted high or low for any duration as long as the power is on. Internal conflicts of memory access and refreshing operations are prevented by special arbitration logic. The MS8104160A's function is simple, and similar to a digital delay device whose delay-bit- length is easily set by reset timing. The delay length and the number of read delay clocks between write and read, is determined by externally controlled write and read reset timings. Additional SRAM serial registers, or line buffers for the initial access of 71 x 16-bit enable high speed first-bit-access with no clock delay just after the write or read reset timings. Additionally, the MS8104160A has a write mask function or input enable function (IE), and read- data skipping function or output enable function (OE). The differences between write enable (WE) and input enable (IE), and between read enable (RE) and output enable (OE) are that WE and RE can stop serial write/read address increments, but IE and OE cannot stop the increment, when write/read clocking is continuously applied to MS8104160A. The input enable (IE) function allows the user to write into selected locations of the memory only, leaving the rest of the memory contents unchanged. This facilitates data processing to display a "picture in picture" on a TV screen.
1/24
FEDS8104160A-01
OKI Semiconductor
MS8104160A
FEATURES
* * * * * * * * * 262,214 words x 8 bits x 2 Fast FIFO (First-In First-Out) Operation: 25 ns cycle time Self refresh (No refresh control is required) High speed asynchronous serial access Read/Write Cycle Time 20 ns/25 ns Access Time 18 ns/22 ns Variable length delay bit (150 to 262214) Write mask function (Output enable control) Cascading capability by mode setting Single power supply: 5.0 V 0.5V Package: 100-Pin plastic TQFP (TQFP 100-P-1414-0.50-k) (Product: MS8104160A-XXTB) xx indicates speed rank.
Parameter Access Time Read/Write Cycle Time Operation current Standby current
Symbol tAC tSWC tSRC ICC1 ICC2
MS8104160A-XXTB -20 18 ns 20 ns 170 mA 5 mA -25 22 ns 25 ns 170 mA 5 mA
2/24
FEDS8104160A-01
OKI Semiconductor
MS8104160A
PIN CONFIGURATION (TOP VIEW)
NC DI22 DI21 DI20 RSTW2 IE2 WE2 VSS VCC VSS NC VCC NC VSS NC MODE1 NC VCC RSTR2 RE2 OE2 NC VSS VSS NC
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76
NC DI23 VSS DI24 DI25 DI26 DI27 NC VSS VSS VCC VCC SWCK VCC VCC VSS VSS NC DI17 DI16 DI15 DI14 VSS DI13 NC
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
100 PIN TQFP TOP VIEW
75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
VCC DO20 DO21 VSS DO22 DO23 DO24 DO25 VSS DO26 DO27 VCC SRCK VCC DO17 DO16 VSS DO15 DO14 DO13 DO12 VSS DO11 DO10 VCC
Pin Name SWCK WE1 RE1 IE1 OE1 RSTW1 RSTR1 DI10 to 17 DO10 to 17 MODE1,2 VCC
NC DI12 DI11 DI10 RSTW1 IE1 WE1 VSS VCC VSS NC VCC NC VSS NC MODE2 NC VCC RSTR1 RE1 OE1 NC VSS VSS NC
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
Function Serial Write clock Port1 Write Enable Port1 Read Enable Port1 Input Enable Port1 Output Enable Port1 Reset Write Port1 Reset Read Port1 Data Input Port1 Data Output Mode Input Power Supply (5.0 V)
Pin Name SRCK WE2 RE2 IE2 OE2 RSTW2 RSTR2 DI20 to 27 DO20 to 27 NC VSS
Function Serial Read Clock Port2 Write Enable Port2 Read Enable Port2 Input Enable Port2 Output Enable Port2 Reset Write Port2 Reset Read Port2 Data Input Port2 Data Output No Connection Ground (0 V)
Note:
The same power supply voltage must be provided to every VCC pin, and the same GND voltage level must be provided to every VSS pin.
3/24
OKI Semiconductor
BLOCK DIAGRAM
DO (x8) SRCK RE2
OE1
RE1
RSTR1
SRCK RSTR2
OE2 DO (x8)
Data-Out Buffer (x8) Serial Read Controller
Serial
Read
Controller
Data-Out Buffer (x8)
Serial Read Register (x8)
Serial Read Register (x8)
x8
x8 71 Word Sub-Register (x8) x Decoder Decoder Read/Write and Refresh Controller x Read/Write and Refresh Controller 256k (x8) Memory Array
71 Word Sub-Register (x8)
256k (x8)
71 Word Sub-Register (x8) Clock Oscillator
Memory Array
71 Word Sub-Register (x8) x8 Serial Write Register (x8)
x8
Serial Read Register (x8)
MODE1,2 Serial Write Controller Data-In Buffer (x8)
Data-In Buffer (x8)
Serial
Write
Controller
DI (x8)
IE1
WE1
RSTW1
SWCK
VBB Generator
SWCK
RSTW2
WE2
IE2
DI (x8)
FEDS8104160A-01
MS8104160A
4/24
FEDS8104160A-01
OKI Semiconductor
MS8104160A
PIN DESCRIPTION
Data Inputs: (DIN10 to 17) These pins are used for serial data inputs. Write Reset: RSTW1 The first positive transition of SWCK after RSTW becomes high resets the write address pointers to zero. RSTW1 setup and hold times are referenced to the rising edge of SWCK. Because the write reset function is solely controlled by the SWCK rising edge after the high level of RSTW1, the states of WE1 and IE1 are ignored in the write reset cycle. Before RSTW1 may be brought high again for a further reset operation, it must be low for at least two SWCK cycles. Write Enable: WE1 WE1 is used for data write enable/disable control. WE1 high level enables the input, and WE1 low level disables the input and holds the internal write address pointer. There are no WE1 disable time (low) and WE1 enable time (high) restrictions, because the MS8104160A is in fully static operation as long as the power is on. Note that WE1 setup and hold times are referenced to the rising edge of SWCK. Input Enable: IE1 IE1 is used to enable/disable writing into memory. IE1 high level enables writing. The internal write address pointer is always incremented by cycling SWCK regardless of the IE1 level. Note that IE1 setup and hold times are referenced to the rising edge of SWCK. Data Out: (DOUT0 to 11) These pins are used for serial data outputs. Read Reset: RSTR1 The first positive transition of SRCK after RSTR1 becomes high resets the read address pointers to zero. RSTR1 setup and hold times are referenced to the rising edge of SRCK. Because the read reset function is solely controlled by the SRCK rising edge after the high level of RSTR, the states of RE1 and OE1 are ignored in the read reset cycle. Before RSTR may be brought high again for a further reset operation, it must be low for at least *two SRCK cycles. Read Enable: RE1 The function of RE1 is to gate of the SRCK clock for incrementing the read pointer. When RE1 is high before the rising edge of SRCK, the read pointer is incremented. When RE1 is low, the read pointer is not incremented. RE1 setup times (tRENS and tRDSS) and RE1 hold times (tRENH and tRDSH) are referenced to the rising edge of the SRCK clock. Output Enable: OE1 OE1 is used to enable/disable the outputs. OE1 high level enables the outputs. The internal read address pointer is always incremented by cycling SRCK regardless of the OE1 level. Note that OE1 setup and hold times are referenced to the rising edge of SRCK. Serial Write: Clock SWCK The SWCK latches the input data on chip when WE1,2 and IE1,2 are high, and also increments the internal write address pointer when WE1,2 is high. Data-in setup time tDS, and hold time tDH are referenced to the rising edge of SWCK. Serial Read Clock: SRCK Data is shifted out of the data registers. It is triggered by the rising edge of SRCK when RE1, 2 is high during a read operation. The SRCK input increments the internal read address pointer when RE1, 2 is high. The three-state output buffer provides direct TTL compatibility (no pullup resistor required). Data out is the same polarity as data in. The output becomes valid after the access time interval tAC that begins with the rising edge of SRCK.
5/24
FEDS8104160A-01
OKI Semiconductor
MS8104160A
Data Input: (DIN20 to 27) These pins are used for serial data inputs. Write Reset: RSTW2 The first positive transition of SWCK after RSTW becomes high resets the write address pointers to zero. RSTW2 setup and hold times are referenced to the rising edge of SWCK. Because the write reset function is solely controlled by the SWCK rising edge after the high level of RSTW2, the states of WE2 and IE2 are ignored in the write reset cycle. Before RSTW2 may be brought high again for a further reset operation, it must be low for at least two SWCK cycles. Write Enable: WE2 WE is used for data write enable/disable control. WE2 high level enables the input, and WE2 low level disables the input and holds the internal write address pointer. There are no WE2 disable time (low) and WE2 enable time (high) restrictions, because the MS8104160A is in fully static operation as long as the power is on. Note that WE2 setup and hold times are referenced to the rising edge of SWCK. Input Enable: IE2 IE2 is used to enable/disable writing into memory. IE2 high level enables writing. The internal write address pointer is always incremented by cycling SWCK regardless of the IE2 level. Note that IE2 setup and hold times are referenced to the rising edge of SWCK. Data Out: (DOUT20 to 27) These pins are used for serial data outputs. Read Reset: RSTR2 The first positive transition of SRCK after RSTR2 becomes high resets the read address pointers to zero. RSTR2 setup and hold times are referenced to the rising edge of SRCK. Because the read reset function is solely controlled by the SRCK rising edge after the high level of RSTR2, the states of RE2 and OE2 are ignored in the read reset cycle. Before RSTR2 may be brought high again for a further reset operation, it must be low for at least *two SRCK cycles. Output Enable: OE2 OE2 is used to enable/disable the outputs. OE2 high level enables the outputs. The internal read address pointer is always incremented by cycling SRCK regardless of the OE2 level. Note that OE2 setup and hold times are referenced to the rising edge of SRCK. Mode Setting1: MODE1 The Cascade/Non cascade select pin. Setting the MODE1 pin to the VCC level configures this memory device as cascade type and setting the pin to the VSS level configures this memory device as non cascade. During memory operation, the pin must be permanently connected to VCC or VSS. If a MODE1 level is changed during memory operation, memory data is not guaranteed. Mode Setting2: MODE2 MODE2 selects whether the control input signals are enabled at a high level or a low level. Setting MODE2 to the Vcc level enables the control input signals at a low level and setting MODE2 to the Vss level enables the control input signals at a high level. Note: Cascade/Non cascade When MODE1 is set to the VSS level, memory accessing starts in the cycle in which the control signals are input (Non cascade type). When MODE1 is set to the VCC level, memory accessing starts in the cycle subsequent to the cycle in which the control signals are input (Cascade type). This type is used for consecutive memory accessing.
6/24
FEDS8104160A-01
OKI Semiconductor
MS8104160A
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter Input Output Voltage Output Current Power Dissipation Operating Temperature Storage Temperature Symbol VT IOS PD TOPR TSTG Condition at Ta = 25C, VSS Ta = 25C Ta = 25C -- -- Rating -1.0 to +7.0 50 1 0 to 70 -55 to +150 Unit V mA W C C
Recommended Operating Conditions
Parameter Power Supply Voltage Power Supply Voltage Input High Voltage Input Low Voltage Symbol VCC VSS VIH VIL Min. 4.5 0 2.4 -0.3 Typ. 5.0 0 VCC 0 Max. 5.5 0 VCC +0.5 +0.8 Unit V V V V
DC Characteristics
Parameter Input Leakage Current Output Leakage Current Output "H" Level Voltage Output "L" Level Voltage Operating Current Standby Current Symbol ILI ILO VOH VOL ICC1 ICC2 Condition 0Capacitance
(Ta = 25C, f = 1 MHz) Parameter Input Capacitance (DI, SWCK, SRCK, RSTW, RSTR, WE, RE, IE, OE) Output Capacitance (DO) Symbol CI CO Max. 7 7 Unit pF pF
7/24
FEDS8104160A-01
OKI Semiconductor
MS8104160A
AC Characteristics
(VCC = 5.0 V 0.5 V, Ta = 0 to 70C) Parameter Access Time from SRCK DOUT Hold Time from SRCK DOUT Enable Time from SRCK SWCK "H" Pulse Width SWCK "L" Pulse Width Input Data Setup Time Input Data Hold Time WE Enable Setup Time WE Enable Hold Time WE Disable Setup Time WE Disable Hold Time IE Enable Setup Time IE Enable Hold Time IE Disable Setup Time IE Disable Hold Time WE "H" Pulse Width WE "L" Pulse Width IE "H" Pulse Width IE "L" Pulse Width RSTW Setup Time RSTW Hold Time SRCK "H" Pulse Width SRCK "L" Pulse Width RE Enable Setup Time RE Enable Hold Time RE Disable Setup Time RE Disable Hold Time OE Enable Setup Time OE Enable Hold Time OE Disable Setup Time OE Disable Hold Time RE "H" Pulse Width RE "L" Pulse Width OE "H" Pulse Width OE "L" Pulse Width RSTR Setup Time RSTR Hold Time SWCK Cycle Time SRCK Cycle Time Transition Time (Rise and Fall) Symbol tAC tDDCK tDECK tWSWH tWSWL tDS tDH tWENS tWENH tWDSS tWDSH tIENS tIENH tIDSS tIDSH tWWEH tWWEL tWIEH tWIEL tRSTWS tRSTWH tWSRH tWSRL tRENS tRENH tRDSS tRDSH tOENS tOENH tODSS tODSH tWREH tWREL tWOEH tWOEL tRSTRS tRSTRH tSWC tSRC tT MS8104160A-20 Min. Max. -- 18 6 -- 6 20 9 -- 9 -- 3 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 3 -- 10 -- 9 -- 9 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 3 -- 10 -- 20 -- 20 -- 3 30 MS8104160A-25 Min. Max. -- 22 6 -- 6 25 12 -- 12 -- 3 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 3 -- 10 -- 12 -- 12 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 5 -- 3 -- 10 -- 25 -- 25 -- 3 30 Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
8/24
FEDS8104160A-01
OKI Semiconductor
MS8104160A
AC Characteristics Measuring Conditions
Output Compare Level Output Load Input Signal Level Input Signal Rise/Fall Time Input Signal Measuring Reference Level 1.5 V / 1.5 V 1 TTL + 30 pF 3.0 V / 0.0 V 3 ns 1.5 V
1. Input voltage levels for the AC characteristic measurement are VIH = 3.0 V and VIL= 0 V. The transition time tT is defined to be a transition time that signal transfers between VIH = 3.0 V and VIL = 0 V. 2. AC measurements assume tT = 3 ns. 3. Read address must have more than a 150 address delay than write address in every cycle when asynchronous read/write is performed. 4. Read must have more than a 150 address delay than write in order to read the data written in a current series of write cycles which has been started at last write reset cycle: this is called "new data read". When read has less than a 20 address delay than write, the read data are the data written in a previous series of write cycles which had been written before at last write reset cycle: this is called "old data read". 5. When the read address delay is between more than 21 and less than 149 or more than 262,214, read data will be undetermined. However, normal write is achieved in this address condition.
9/24
FEDS8104160A-01
OKI Semiconductor
MS8104160A
OPERATION MODE
Write Operation Cycle (MODE2 = VSS) The write operation is controlled by seven control signals, SWCK, RSTW1, RSTW2, WE1, WE2 and IE1, IE2. Port1 write operation is accomplished by cycling SWCK, and holding WE1 and IE1 high after the write address pointer reset operation or RSTW1. RSTW1 must be preformed for internal circuit initialization before Write operation. Each write operation, which begins after RSTW1, must contain at least 140 active write cycles, i.e. SWCK cycles while WE1 and IE1 are high. To transfer the last data to the DRAM array, which at that time is stored in the serial data registers attached to the DRAM array, an RSTW1 operation is required after the last SWCK cycle. Note that every write timing of MS8104160A is delayed by one clock compared with read timings for easy cascading without any interface delay devices. Setting MODE1 to the VSS level starts write data accessing in the cycle in which RSTW1, WE1, and IE1 control signals are input. Setting MODE1 to the VCC level starts write data accessing in the cycle subsequent to the cycle in which RSTW1, WE1, and IE1 control signals are input. These operation are the same for Port1 and Port2. Settings of WE1, 2 and IE1, 2 to the operation mode of Write address pointer and Data input.
WE1, 2 H H L IE1, 2 H L X Internal Write address pointer Incremented Halted Data input Input Not input X indicates "don't care"
Write Operation Cycle (MODE2=VCC) The write operation is controlled by seven control signals, SWCK, RSTW1, RSTW2, WE1, WE2, and IE1, IE2. Port1 write operation is accomplished by cycling SWCK and holding WE1 and IE1 low after the write address pointer reset operation or RSTW1. RSTW1 must be performed for internal circuit initialization before write operation. Each write operation, which begins after RSTW1, must contain at least 140 active write cycle, i.e. SWCK cycles while WE1 and IE1 are high. To transfer the last data to the DRAM array, which at that time is stored in the serial data registers attached to the DRAM array, an RSTW1 operation is required after the last SWCK cycle. Note that every write timing of MS8104160A is delayed by one clock compared with read timings for easy cascading without any interface delay devices. Setting MODE1 to the VSS level starts write data accessing in the cycle in which RSTW1.WE1, and IE1 control signals are input. Setting MODE1 to the VCC level starts write data accessing in the cycle in which RSTW1, WE1, and IE1 control signals are input. Setting MODE1 to the VCC level starts write data accessing in the cycle subsequent to the cycle in which RSTW1, WE1, and IE1 control signals are input. These operations are the same for port1 and Port2.
10/24
FEDS8104160A-01
OKI Semiconductor
MS8104160A
Read Operation Cycle (MODE2=VSS) The read operation is controlled by seven control signals, SRCK, RSTR1, RSTR2, RE1, RE2, and OE1, OE2. Port1 read operation is accomplished by cycling SRCK, and holding RE1 and OE1 high after the read address pointer reset operation or RSTR1. Each read operation, which begins after RSTR1, must contain at least 140 active read cycles, i.e. SRCK cycles while RE1 and OE1 are high. These operations are the same for Port1 and Port2. Settings of RE1, 2 and OE1, 2 to the operation mode of read address pointer and Data output.
WE1, 2 H H L L IE1, 2 H L X L Internal Write address pointer Incremented Halted Data output Output High impedance Output High impedance
Read Operation Cycle (MODE2=VCC) The read operation is controlled by seven control signals, SRCK, RSTR1, RSTR2, RE1, RE2, and OE1, OE2. Port1 read operation is accomplished by cycling SRCK, and holding RE1 and OE1 low after the read address pointer reset operation or RSTR1. Each read operation, which begins after RSTR1, must contain at least 140 active read cycles, i.e. SRCK cycles while RE1 and OE1 are low. These operations are the same for Port1 and Port2. Settings of RE1, 2 and OE1, 2 to the operation mode of read address pointer and Data output.
RE1,2 L L H H
OE1,2 Internal Write address pointer L Incremented H L Halted H
Data output Output High impedance Output High impedance
11/24
FEDS8104160A-01
OKI Semiconductor
MS8104160A
Power-up and Initialization On power-up, the device is designed to begin proper operation after at least 100 s after VCC has stabilized to a value within the range of recommended operating conditions. After this 100 s stabilization interval, the following initialization sequence must be performed. Because the read and write address pointers are undefined after power-up, a minimum of 80 dummy write operations (SWCK cycles) and read operations (SRCK cycles) must be performed, followed by an RSTW1, 2 operation and an RSTR1, 2 operation, to properly initialize the write and the read address pointer. Dummy write cycles/RSTW1, 2 and dummy read cycles/RSTR1, 2 may occur simultaneously. If these dummy read and write operations start while VCC and/or the substrate voltage has not stabilized, it is necessary to perform an RSTR1, 2 operation plus a minimum of 80 SRCK cycles plus another RSTR1, 2 operation, and an RSTW1, 2 operation plus a minimum of 80 SWCK cycles plus another RSTW1, 2 operation to properly initialize read and write address pointers.
Old/New Data Access There must be a minimum delay of 150 SWCK cycles between writing into memory and reading out from memory. If reading from the first field starts with an RSTR1, 2 operation, before the start of writing the second field (before the next RSTW1, 2 operation), then the data just written will be read out. The start of reading out the first field of data may be delayed past the beginning of writing in the second field of data for as many as 20 SWCK cycles. If the RSTR1, 2 operation for the first field read-out occurs less than 20 SWCK cycles after the RSTW1, 2 operation for the second field write-in, then the internal buffering of the device assures that the first field will still be read out. The first field of data that is read out while the second field of data is written is called "old data". In order to read out "new data", i.e., the second field written in, the delay between an RSTW1, 2 operation and an RSTR1, 2 operation must be at least 150 SRCK cycles. If the delay between RSTW1, 2 and RSTR1, 2 operations is more than 21 but less than 149 cycles, then the data read out will be undetermined. It may be "old data" or "new data", or a combination of old and new data. Such a timing should be avoided.
12/24
FEDS8104160A-01
OKI Semiconductor
MS8104160A
TIMING WAVEFORM
Write Cycle Timing (Write Reset): MODE1 = VCC, MODE2 =VSS
n cycle SWCK tRSTWS tRSTWH tWSWH tWSWL tSWC RSTW1, 2 VIL tDS DI 10-17/20-27 tDH VIH n-1 n 0 1 2 VIL VIH IE1, 2 VIL VIH WE1, 2 VIL VIH 0 cycle 1 cycle 2 cycle VIH VIL
Write Cycle Timing (Write Enable): MODE1 = VCC, MODE2 =VSS
n cycle SWCK tWENH tWDSH tWDSS tWENS Disable cycle Disable cycle n + 1 cycle VIH VIL VIH WE1, 2 tWWEL VIL tWWEH VIH DI 10-17/20-27 n-1 n n+1 VIL VIH IE1, 2 VIL VIH RSTW1, 2 VIL
13/24
FEDS8104160A-01
OKI Semiconductor
MS8104160A
Write Cycle Timing (Input Enable): MODE1 = VCC, MODE2 =VSS
n cycle SWCK tIENH tWIEL IE1, 2 VIL tWIEH VIH DI 10-17/20-27 n-1 n n+3 VIL VIH WE1, 2 VIL VIH RSTW1, 2 VIL tIDSH tIDSS tIENS VIL VIH n + 1 cycle n + 2 cycle n + 3 cycle VIH
Write Cycle Timing (Write Reset): MODE1 = VCC, MODE2 =VCC
n cycle SWCK tRSTWS tRSTWH tWSWH RSTW1, 2 tDS DI 10-17/20-27 tDH VIH n-1 n 0 1 2 VIL VIH IE1, 2 VIL VIH WE1, 2 VIL tSWC tWSWL VIH VIL 0 cycle 1 cycle 2 cycle VIH VIL
14/24
FEDS8104160A-01
OKI Semiconductor
MS8104160A
Write Cycle Timing (Write Enable): MODE1 = VCC, MODE2 =VCC
n cycle SWCK tWENH tWDSH tWDSS tWENS Disable cycle Disable cycle n + 1 cycle VIH VIL VIH WE1, 2 tWWEL VIL tWWEH VIH DI 10-17/20-27 n-1 n n+1 VIL VIH IE1, 2 VIL VIH RSTW1, 2 VIL
Write Cycle Timing (Input Enable): MODE1 = VCC, MODE2 =VCC
n cycle SWCK tIENH tIDSH tIDSS tIENS VIL VIH IE1, 2 tWIEL VIL tWIEH VIH DI 10-17/20-27 n-1 n n+3 VIL VIH WE1, 2 VIL VIH RSTW1, 2 VIL n + 1 cycle n + 2 cycle n + 3 cycle VIH
15/24
FEDS8104160A-01
OKI Semiconductor
MS8104160A
Write Cycle Timing (Write Reset): MODE1 = VSS, MODE2 =VSS
n cycle SWCK tRSTWS tRSTWH VIL tWSWH tWSWL VIH VIL tDS DI 10-17/20-27 tDH VIH n 0 1 2 3 VIL VIH WE1, 2 VIL VIH IE1, 2 VIL tSWC RSTW1, 2 0 cycle 1 cycle 2 cycle
VIH
Write Cycle Timing (Write Enable): MODE1 = VSS, MODE2 =VSS
n cycle Disable cycle Disable cycle n + 1 cycle VIH SWCK tWENH tWWEL WE1, 2 tWWEH VIH DI 10-17/20-27 n n+1 n VIL VIH IE1, 2 VIL VIH RSTW1, 2 VIL tWDSH tWDS tWENS VIL VIH VIL
16/24
FEDS8104160A-01
OKI Semiconductor
MS8104160A
Write Cycle Timing (Input Enable): MODE1 = VSS, MODE2 =VSS
n cycle n + 1 cycle
n + 2 cycle n + 3 cycle
VIH SWCK tIENH tWIEL IE1, 2 tWIEH VIH DI 10-17/20-27 n
n
tIDSH
tIDSS
tIENS
VIL VIH VIL
n+3
n+4 VIL VIH
WE1, 2
VIL VIH
RSTW1, 2
VIL
Write Cycle Timing (Write Reset): MODE1 = VSS, MODE2 =VCC
n cycle SWCK VIL tRSTWS RSTW1, 2 tDS DI 10-17/20-27 tDH VIH n 0 1 2 3 VIL VIH WE1, 2 VIL VIH IE1, 2 VIL tRSTWH tWSWH tWSWL VIH tSWC VIL 0 cycle 1 cycle 2 cycle
VIH
17/24
FEDS8104160A-01
OKI Semiconductor
MS8104160A
Write Cycle Timing (Write Enable): MODE1 = VSS, MODE2 =VCC
n cycle Disable cycle Disable cycle n + 1 cycle VIH SWCK tWENH tWDSH tWWEL WE1, 2 tWWEH VIH DI 10-17/20-27 n n+1 n VIL VIH IE1, 2 VIL VIH RSTW1, 2 VIL tWDS tWENS VIL VIH VIL
Write Cycle Timing (Input Enable): MODE1 = VSS, MODE2 =VCC
n cycle n + 1 cycle
n + 2 cycle n + 3 cycle
VIH SWCK tIENH tIDSH tIDSS tIENS VIL VIH IE1, 2 tWIEL VIL tWIEH VIH DI 10-17/20-27 n
n
n+3
n+4 VIL VIH
WE1, 2
VIL VIH
RSTW1, 2
VIL
18/24
FEDS8104160A-01
OKI Semiconductor
MS8104160A
Read Cycle Timing (Read Reset): MODE1 = VCC/VSS, MODE2 =VSS
n cycle SRCK tRSTRS VIL tRSTRH tWSRH tWSRL tSRC RSTR1, 2 tAC DO 10-17/20-27 tDDCK VIL VIH n-1 n 0 1 2 VIL VIH RE1, 2 VIL VIH OE1, 2 VIL VIH 0 cycle 1 cycle 2 cycle VIH
Read Cycle Timing (Read Enable): MODE1 = VCC/VSS, MODE2 =VSS
n cycle SRCK tREN tWREL RE1, 2 VIL tWREH DO 10-17/20-27 VIH n-1 n n+1 VIL VIH OE1, 2 VIL VIH RSTR1, 2 VIL tRDSH tRDSS tRENS VIL VIH Disable cycle Disable cycle n + 1 cycle
VIH
19/24
FEDS8104160A-01
OKI Semiconductor
MS8104160A
Read Cycle Timing (Output Enable): MODE1 = VCC/VSS, MODE2 =VSS
n cycle SRCK tOENH tWOEL OE1, 2 tDECK tWOEH DO 10-17/20-27 VIH n-1 n Hi-Z n+3 VIL VIH RE1, 2 VIL VIH RSTR1, 2 VIL VIL tODSH tODSS tOENS VIL VIH
n + 1 cycle n + 2 cycle n + 3 cycle
VIH
Read Cycle Timing (Read Reset): MODE1 = VCC/VSS, MODE2 =VCC
n cycle SRCK VIL tRSTRS RSTR1, 2 tAC DO 10-17/20-27 tDDCK tRSTRH tWSRH tWSRL VIH tSRC VIL VIH n-1 n 0 1 2 VIL VIH RE1, 2 VIL VIH OE1, 2 VIL 0 cycle 1 cycle 2 cycle VIH
20/24
FEDS8104160A-01
OKI Semiconductor
MS8104160A
Read Cycle Timing (Read Enable): MODE1 = VCC/VSS, MODE2 =VCC
n cycle SRCK tREN tRDSH tRDSS tRENS VIL VIH RE1, 2 tWREL tWREH DO 10-17/20-27 VIH n-1 n n+1 VIL VIH OE1, 2 VIL VIH RSTR1, 2 VIL VIL Disable cycle Disable cycle n + 1 cycle
VIH
Read Cycle Timing (Output Enable): MODE1 = VCC/VSS, MODE2 =VCC
n cycle SRCK tOENH tODSH tODSS tOENS VIL VIH OE1, 2 tWOEL tWOEH DO 10-17/20-27 n-1 n Hi-Z tDECK VIL VIH n+3 VIL VIH RE1, 2 VIL VIH RSTR1, 2 VIL
n + 1 cycle n + 2 cycle n + 3 cycle
VIH
21/24
FEDS8104160A-01
OKI Semiconductor
MS8104160A
PACKAGE DIMENSIONS
(Unit: mm)
TQFP100-P-1414-0.50-K
Mirror finish
5
Notes for Mounting the Surface Mount Type Package
Package material Lead frame material Pin treatment Package weight (g) Rev. No./Last Revised
Epoxy resin 42 alloy Solder plating (5m) 0.55 TYP. 4/Oct. 28, 1996
The surface mount type packages are very susceptible to heat in reflow mounting and humidity absorbed in storage. Therefore, before you perform reflow mounting, contact Oki's responsible sales person for the product name, package name, pin number, package code and desired mounting conditions (reflow method, temperature and times).
22/24
FEDS8104160A-01
OKI Semiconductor
MS8104160A
REVISION HISTORY
Document No.
FEDS8104160A-01
Date
Nov. 21, 2002
Page Previous Current Edition Edition
- - Final edition 1
Description
23/24
FEDS8104160A-01
OKI Semiconductor
MS8104160A
NOTICE 1. The information contained herein can change without notice owing to product and/or technical improvements. Before using the product, please make sure that the information being referred to is up-to-date. 2. The outline of action and examples for application circuits described herein have been chosen as an explanation for the standard action and performance of the product. When planning to use the product, please ensure that the external conditions are reflected in the actual circuit, assembly, and program designs. When designing your product, please use our product below the specified maximum ratings and within the specified operating ranges including, but not limited to, operating voltage, power dissipation, and operating temperature. Oki assumes no responsibility or liability whatsoever for any failure or unusual or unexpected operation resulting from misuse, neglect, improper installation, repair, alteration or accident, improper handling, or unusual physical or electrical stress including, but not limited to, exposure to parameters beyond the specified maximum ratings or operation outside the specified operating range. Neither indemnity against nor license of a third party's industrial and intellectual property right, etc. is granted by us in connection with the use of the product and/or the information and drawings contained herein. No responsibility is assumed by us for any infringement of a third party's right which may result from the use thereof. The products listed in this document are intended for use in general electronics equipment for commercial applications (e.g., office automation, communication equipment, measurement equipment, consumer electronics, etc.). These products are not authorized for use in any system or application that requires special or enhanced quality and reliability characteristics nor in any system or application where the failure of such system or application may result in the loss or damage of property, or death or injury to humans. Such applications include, but are not limited to, traffic and automotive equipment, safety devices, aerospace equipment, nuclear power control, medical equipment, and life-support systems. Certain products in this document may need government approval before they can be exported to particular countries. The purchaser assumes the responsibility of determining the legality of export of these products and will take appropriate and necessary steps at their own expense for these. No part of the contents contained herein may be reprinted or reproduced without our prior permission. Copyright 2002 Oki Electric Industry Co., Ltd.
3.
4.
5.
6.
7.
8.
24/24


▲Up To Search▲   

 
Price & Availability of MS8104160A-XXTB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X