Part Number Hot Search : 
BU2090F PTPM749A MTZJ30B MAX934 SP3243 BU801 BA3899F S4101
Product Description
Full Text Search
 

To Download MS1506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 140 COMMERCE DRIVE MONTGOMERYVILLE, PA 18936-1013 PHONE: (215) 631-9840 FAX: (215) 631-9855
MS1506
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Features
* * * * * 160 MHz 13.6 VOLTS POUT = 40 WATTS GP = 9.0 dB MINIMUM COMMON EMITTER CONFIGURATION
DESCRIPTION:
The MS1506 is a 13.6 volt Class C epitaxial silicon NPN planar transistor designed primarily for VHF communications. The MS1506 utilizes an emitter ballasted die geometry to withstand severe load mismatch conditions.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25 C)
Symbol
VCBO VCEO VCES VEBO IC PDISS TJ T STG Collector-Base Voltage Collector-Emitter Voltage Collector-Emitter Voltage Emitter-Base Voltage Device Current Power Dissipation Junction Temperature Storage Temperature 36 18 36 4.0 8.0 70 +200 -65 to +150 V V V V A W C C
Thermal Data
RTH(J-C) Junction-case Thermal Resistance 1.2 C/W
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
140 COMMERCE DRIVE MONTGOMERYVILLE, PA 18936-1013 PHONE: (215) 631-9840 FAX: (215) 631-9855
MS1506
ELECTRICAL SPECIFICATIONS (Tcase = 25 C) 25
Symbol
BVCES BVCEO BVEBO ICBO hFE IC = 15 mA IC = 50 mA IE = 5 mA VCB = 15 V VCE = 5 V
STATIC STATIC
Test Conditions
VBE = 0 mA IB = 0 mA IC = 0 mA IE = 0 mA IC = 250 mA
Min.
36 18 4.0 --20
Value Typ.
-----------
Max.
------5 200
Unit
V V V mA ---
DYNAMIC
Symbol POUT GP
Cob f = 160 MHz f = 160 MHz VCE = 12.5V
Test Conditions
PIN = 5.0 W PIN = 5.0 W f = 1 MHz VCE = 13.6 V VCE = 13.6 V
Min.
40 9 ---
Value Typ.
----95
Max.
-------
Unit
W dB pf
IMPEDANCE DATA
FREQ 160 MHz PIN = 3.0 W VCE = 12.5V ZIN() ) 1.0 +j0.4 ZCL() ) 2.3 + j0.1
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
140 COMMERCE DRIVE MONTGOMERYVILLE, PA 18936-1013 PHONE: (215) 631-9840 FAX: (215) 631-9855
MS1506
PACKAGE MECHANICAL DATA
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.


▲Up To Search▲   

 
Price & Availability of MS1506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X