Part Number Hot Search : 
FQP4N25 30005 0602N FUF4001 MSK4852 A1703 MP564 EU1DG
Product Description
Full Text Search
 

To Download MS1337 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MS1337
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Features
* * * * * 175 MHz 12.5 VOLTS POUT = 30W MINIMUM GP = 10 dB GAIN COMMON EMITTER CONFIGURATION
DESCRIPTION:
The MS1337 is a 12.5 volt epitaxial silicon NPN planar transistor designed primarily for Class C, VHF communication applications. The MS1337 utilizes an emitter ballasted die geometry to withstand severe load mismatch conditions.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C)
Symbol
VCBO VCEO VCES VEBO IC PDISS TJ TSTG
Parameter
Value
36 18 36 4.0 8.0 70 +200 -65 to +150
Unit
V V V V A W C C
Collector-Base Voltage Collector-Emitter Voltage Collector-Emitter Voltage Emitter-Base Voltage Device Current Power Dissipation Junction Temperature Storage Temperature
Thermal Data
RTH(J-C) Junction-case Thermal Resistance 1.2 C/W
053-7069 Rev - 10-2002
MS1337
25 ELECTRICAL SPECIFICATIONS (Tcase = 25C)
Symbol
BVCES BVCEO BVEBO ICBO HFE IC = 15 mA IE = 50 mA IE = 5 mA VCB = 15 V VCE = 5 V
STATIC STATIC
Test Conditions Min.
VBE = 0 mA IB = 0 mA IC = 0 mA IE = 0 mA IC = 250 mA 36 18 4.0 --20
Value Typ.
-----------
Max.
------5 200
Unit
V V V mA ---
DYNAMIC
Symbol
POUT GP Cob f =175 MHz f =175 MHz f =1 MHz
Test Conditions Min.
PIN = 3.0 W PIN = 3.0 W VCB = 15 V VCE =12.5 V VCE =12.5 V 30 10 ---
Value Typ.
-------
Max.
----120
Unit
W dB pf
IMPEDANCE DATA
FREQ 175 MHz PIN = 3.0W VCE = 12.5V ZIN() ) 1.0 +j0.4 ZCL() ) 2.3 + j0.1
053-7069 Rev - 10-2002
MS1337
PACKAGE MECHANICAL DATA
053-7069 Rev - 10-2002


▲Up To Search▲   

 
Price & Availability of MS1337

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X