Part Number Hot Search : 
AD8306 2SC33 74HC2440 EW730 STC12C B2901 200100 HD6305
Product Description
Full Text Search
 

To Download MS1336 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 140 COMMERCE DRIVE MONTGOMERYVILLE, PA 18936-1013 PHONE: (215) 631-9840 FAX: (215) 631-9855
MS1336
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Features
* * * * * 175 MHz 12.5 VOLTS POUT = 30W MINIMUM GP = 10 dB GAIN COMMON EMITTER CONFIGURATION
DESCRIPTION:
The MS1337 is a 12.5 volt epitaxial silicon NPN planar transistor designed primarily for Class C, VHF communication applications. The MS1337 utilizes an emitter ballasted die geometry to withstand severe load mismatch conditions.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25 C)
Symbol
VCBO VCEO VCES VEBO IC PDISS TJ T STG
Parameter
Collector-Base Voltage Collector-Emitter Voltage Collector-Emitter Voltage Emitter-Base Voltage Device Current Power Dissipation Junction Temperature Storage Temperature
Value
36 18 36 4.0 8.0 70 +200 -65 to +150
Unit
V V V V A W C C
Thermal Data
RTH(J-C) Junction-case Thermal Resistance 1.2 C/W
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
140 COMMERCE DRIVE MONTGOMERYVILLE, PA 18936-1013 PHONE: (215) 631-9840 FAX: (215) 631-9855
MS1336
STATIC STATIC
ELECTRICAL SPECIFICATIONS (Tcase = 25 C) 25
Symbol
BVCES BVCEO BVEBO ICBO HFE IC = 15 mA IE = 50 mA IE = 5 mA VCB = 15 V VCE = 5 V
Test Conditions
VBE = 0 mA IB = 0 mA IC = 0 mA IE = 0 mA IC = 250 mA
Value Min.
36 18 4.0 --20
Typ.
-----------
Max.
------5 200
Unit
V V V mA ---
DYNAMIC
Symbol
POUT GP Cob f =175 MHz f =175 MHz f =1 MHz
Test Conditions
PIN = 3.0 W PIN = 3.0 W VCB = 15 V VCE =12.5 V VCE =12.5 V
Value Min.
30 10 ---
Typ.
-------
Max.
----120
Unit
W DB Pf
IMPEDANCE DATA
FREQ 175 MHz PIN = 3.0W VCE = 12.5V ZIN() ) 1.0 +j0.4 ZCL() ) 2.3 + j0.1
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
140 COMMERCE DRIVE MONTGOMERYVILLE, PA 18936-1013 PHONE: (215) 631-9840 FAX: (215) 631-9855
MS1336
PACKAGE MECHANICAL DATA
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
140 COMMERCE DRIVE MONTGOMERYVILLE, PA 18936-1013 PHONE: (215) 631-9840 FAX: (215) 631-9855
MS1336
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.


▲Up To Search▲   

 
Price & Availability of MS1336

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X