Part Number Hot Search : 
7401B2B2 MS310 74LCX00M 7401B2B2 TSOP7523 TE6137 HBR20100 MBRM10E
Product Description
Full Text Search
 

To Download MS1051 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 140 COMMERCE DRIVE MONTGOMERYVILLE, PA 18936-1013 PHONE: (215) 631-9840 FAX: (215) 631-9855
MS1051
RF & MICROWAVE TRANSISTORS HF SSB APLICATIONS Features
* * * * * * * 30 MHz 12.5 VOLTS POUT = 100 WATTS GPE = 12.0 dB MINIMUM IMD = -30 dBc GOLD METALLIZATION COMMON EMITTER CONFIGURATION
DESCRIPTION:
The MS1051 is a 12.5 V Class C epitaxial silicon NPN planar transistor designed primarily for HF communications. This device utilizes state-of-the-art diffused emitter ballasting to achieve extreme ruggedness under severe operating conditions.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C)
Symbol
VCBO VCEO VEBO IC PDISS TJ T STG
Parameter
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Device Current Power Dissipation Junction Temperature Storage TEmperature
Value
36 18 4.0 20 290 +200 -65 to +150
Unit
V V V A W C C
THERMAL DATA
RTH(J-C) Thermal Resistance Junction-case 0.6 C/W
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct. Rev A 11/2005
MS1051
ELECTRICAL SPECIFICATIONS (Tcase = 25C) STATIC
Symbol
BVCBO BVCES BVCEO BVEBO ICES hFE IC = 100mA IC = 100mA IC = 10mA IE = 20mA VCE = 15V VCE = 5V
Test Conditions Min.
IE = 0mA VBE = 0V IB = 0mA IC = 0mA IC = 0mA IC = 5A 36 36 18 4.0 --20
Value Typ.
-------------
Max.
--------20 200
Unit
V V V V mA ---
DYNAMIC
Symbol
POUT GP IMD3* COB Condition s f = 30 MHz f = 30 MHz POUT = 100 W PEP f = 1 MHz f1 = 30.000MHz
Test Conditions Min.
VCE = 12.5 V VCE = 12.5 V VCE = 12.5 V VCB = 12.5 V f2 = 30.001MHz ICQ = 150mA ICQ = 150mA ICQ = 150mA 100 11 -----
Value Typ.
--13 --400
Max.
-----30 ---
Unit
W dB dBc pf
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MS1051
IMPEDANCE DATA
FREQ 30 MHz ZIN() 0.57 + j 0.78 ZCL() 0.80 + j 0.43
POUT = 100 WPEP, VCE = 12.5 V
TEST CIRCUIT
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MS1051
PACKAGE MECHANICAL DATA
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.


▲Up To Search▲   

 
Price & Availability of MS1051

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X