Part Number Hot Search : 
25Q128A SI9135 WP793GD 2A100 2A100 MAX942 74H000 JE13005
Product Description
Full Text Search
 

To Download MS1006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 140 COMMERCE DRIVE MONTGOMERYVILLE, PA 18936-1013 PHONE: (215) 631-9840 FAX: (215) 631-9855
MS1006
RF AND MICROWAVE TRANSISTORS HF SSB APPLICATIONS Features
* * * * * * * Optimized for SSB 30 MHz 50 Volts Common Emitter Gold Metallization POUT = 75 W Min. GP = 14 dB Gain
DESCRIPTION:
The MS1006 is a 50 V Class AB epitaxial silicon NPN planar transistor designed primarily for SSB and VHF communications. This device utilizes emitter ballasting for improved ruggedness and reliability.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C)
Symbol Parameter Value Unit
VCBO VCEO VEBO IC PDISS TJ T STG
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Device Current Power Dissipation Junction Temperature Storage Temperature
110 55 4.0 3.25 127 +200 -65 to +150
V V V A W C C
Thermal Data
RTH(j-c) Junction-Case Thermal Resistance 2.0 C/W
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MS1006
ELECTRICAL SPECIFICATIONS (Tcase = 25 C) 25 STATIC
Symbol Test Conditions Min. Value Typ. Max. Units
BVCES BVCEO BVEBO hFE
IC = 100 mA IC = 200 mA IE = 10 mA VCE = 6 V
VBE = 0 V IB = 0 mA IC = 0 mA IC = 1.4 A
110 55 4.0 19
V V V 50
DYNAMIC
Symbol Test Conditions Min. Value Typ. Max. Units
POUT GP * IMD * C * COB
f = 30 MHz POUT = 75 W PEP POUT = 75 W PEP POUT = 75 W PEP f = 1 MHz
VCE = 50 V VCE = 50 V VCE = 50 V VCE = 50 V VCB = 50 V
75 14 -30 37 100
W dB dBc % PF
Note: * f1 = 30.00 MHz, f2 = 30.01 MHz
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MS1006
PACKAGE MECHANICAL DATA
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.


▲Up To Search▲   

 
Price & Availability of MS1006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X