Part Number Hot Search : 
M40Z111 CONDUCTO D2020 74LV373 MC20A MAX687 UF5404 TA7758P
Product Description
Full Text Search
 

To Download MRUS51S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 New Product DATA SHEET
MR Sensor
MRUS51S
Micro power Built-in IC ultra-minimum MR sensor
1.FEATURES
High-sensitivity (1.5mT(typ.) ) & Ultra-minimum Size & Low source supply
*Micro power (6W(typ):Vcc=1.8V) (suited for battery-operation) *Ultra-small size MR(Magneto-resistance)sensor Volume and mounting area are 70% smaller than MRSS22L. * Height is about 50 % lower than MRSS22L. *Operating in one way magnetic field *Operating with independent pole (easily manufacture) *Superior Temperature stability *Lead free goods 2.Fundamental Operation 2-1.Direction of Magnetic Field
1.Dimension (Unit:mm)
Gnd
1.45 1.2
Vcc
Out
1.4
Max0.55
2-2.Circuit Block
u q1 q2
SAMPLING LOGIC
LATCH
C-MOS
Operation
nts
Op-Amp q3 q4
SWITCH R1 * R 4 * F MR Elements
fmc
2-3.Performance Characteristics (25+3 C) Operating require Condition When power switch is ON When magnetic field is applied When magnetic field is applied
H = 0 mT (Magnetic Flux Density) H * H *... 2.2 mT (Magnetic Flux Density) 0.5 mT (Magnetic Flux Density)
Output Voltage Hi-level Lo-level Hi-level
New Product DATA SHEET
MR Sensor
MRUS51S
3.Performance 3-1.Operating Conditions Recommended (Ta = 25+3 C unless otherwise specified) Item Supply Voltage Supply Current Ambient Temperature Output Voltage VOL Hi-level output Hon Lo-level output Hoff Output VOH Condition Vcc=1.8V Vcc=1.8V Iout=1mA VCC=1.8V Iout=-1mA 25+3C Min 1.6 -40 1.6 Std 1.8 3 25 1.5 (1.4) Max 3.5 85 0.2 Unit V A
C
V V mT(*1 (kA/m)
2.2
(1.8) -
Operating Magnetic Field
25+3C
*1)
0.5 (0.4)
1 [mT](SI) = 10 [G] (CGS)
3-2.Absolute Maximum Ratings (Ta = 25+3 C unless otherwise specified) Item Supply Voltage Storage Temperature Condition Specifications 6.0 -40 ~ +125 Unit V
C
The products and product specifications described in this material are subject to change without notice for reasons of modification or improvement.
New Product DATA SHEET
MR Sensor
MRUS51S
3-3.
Recommended mounting Pad
0.5
0.5
0.45
0.45
1.3
Unit(mm)
The products and product specifications described in this material are subject to change without notice for reasons of modification or improvement.
NEC Corporation Fiber Optic Device Division (Shin Tamachi Building) 34-6, Shiba 5-chome, Minato-ku, Tokyo 108-0014, Japan Tel:+81-3-3798-5864 Fax:+81-3-3798-5857
http://www.sw.nec.co.jp/on/dd/en/ EWV-19-0087-01E, Feb., 2005 Copyright (c) 2005 NEC Corporation


▲Up To Search▲   

 
Price & Availability of MRUS51S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X