Part Number Hot Search : 
XP0121N SMBJ190A FMMT2484 MK325B LR1102 FBS56 F6S21140 PCA9546D
Product Description
Full Text Search
 

To Download MRF3866G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 140 COMMERCE DRIVE MONTGOMERYVILLE, PA 18936-1013 PHONE: (215) 631-9840 FAX: (215) 631-9855
MRF3866, R1, R2
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF3866G, R1, R2
* G Denotes RoHS Compliant, Pb Free Terminal Finish
Features
* * * * Low Cost SO-8 Plastic Surface Mount Package. S-Parameter Characterization Tape and Reel Packaging Options Available Maximum Available Gain = 17 dB @ 300 MHz
SO-8
R1 suffix-Tape and Reel, 500 units R2 suffix-Tape and Reel, 2500 units
DESCRIPTION: Designed for general-purpose RF amplifier applications, such as; pre-drivers, Oscillators, etc.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C)
Symbol VCEO VCBO VEBO IC Parameter Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Value 30 55 3.5 400 Unit Vdc Vdc Vdc mA
Thermal Data
P
D Total Device Dissipation @ TC = 25C Derate above 25C 1.0 8 Watts mW/ C
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct. Rev A 9/2005
MRF3866, R1, R2 MRF3866G, R1, R2
ELECTRICAL SPECIFICATIONS (Tcase = 25C)
STATIC (off)
Symbol BVCER BVCBO BVEBO ICEO Test Conditions Collector-Emitter Breakdown Voltage (IC = 5.0 mAdc, IB = 0, rbe = 10 Ohms) Collector-Base Breakdown Voltage (IC = 0.1 mAdc, IE = 0) Emitter-Base Breakdown Voltage (IE = 0.1 mAdc, IC = 0) Collector Cutoff Current (VCE = 15 Vdc, VBE = 0 Vdc) Value Min. 55 55 3.5 Typ. Max. .02 Unit Vdc Vdc Vdc mA
(on)
HFE DC Current Gain (IC = 360 mAdc, VCE = 5.0 Vdc) (IC = 50 mAdc, VCE = 5.0 Vdc) 5.0 10 250 200
DYNAMIC
Symbol COB Ftau Test Conditions Output Capacitance (VCB = 30 Vdc, IE = 0, f = 1.0 MHz) Current-Gain Bandwidth Product (IC = 50 mAdc, VCE = 15 Vdc, f = 200 MHz) Value Min. 800 Typ. 1.6 1000 Max. 2.0 Unit pF MHz
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct. Rev A 9/2005
MRF3866, R1, R2 MRF3866G, R1, R2
FUNCTIONAL
Symbol Test Conditions Maximum Unilateral Gain IC = 50 mAdc, VCE = 15 Vdc, f = 300 MHz Maximum Available Gain IC = 50 mAdc, VCE = 15 Vdc, f = 300 MHz Insertion Gain IC = 50 mAdc, VCE = 15 Vdc, f = 300 MHz Amplifier Power Gain (VCC = 28 Vdc; POUT = 1 W; f = 400 MHz) Collector Efficiency (VCC = 28 Vdc; POUT = 1 W; f = 400 MHz) Value Min. 11.5 10 45 Typ. 15 17 12.5 Max. Unit dB dB dB dB %
G
U max
MAG |S21| Gpe
2
Table 1. Common Emitter S-Parameters, @ VCE = 15 V, IC = 50 mA
f
S11
(MHz)
100 300 500 700 1000
|S11|
.632 .683 .710 .717 .715
-164 -179 171 162 158
S21
|S21|
12.94 4.33 2.57 1.82 1.24
93 75 62 51 36
S12
|S12|
.018 .039 .056 .071 .092
53 61 61 62 65
S22
|S22|
.315 .307 .346 .393 .455
-27 -29 -43 -58 -72
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct. Rev A 9/2005
MRF3866, R1, R2 MRF3866G, R1, R2
RF Low Power PA, LNA, and General Purpose Discrete Selector Guide
GPE Freq (MHz)
Efficiency (%)
IC max (mA)
Gu Max (dB)
SO-8 TO-39 POWER MACRO POWER MACRO TO-39 TO-39 TO-72
MRF4427, R2 2N4427 MRF553 MRF553T MRF607 2N6255 2N5179
NPN NPN NPN NPN NPN NPN NPN
175 175 175 175 175 175 200
0.15 1 1.5 1.5 1.75 3
18 10 11.5 11.5 11.5 7.8 20
60 50 60 50 50 50
12 12 12.5 12.5 12.5 12.5 6
20 400 20 400 16 500 16 500 16 330 18 1000 12 50
TO-39 TO-39 SO-8 TO-72 TO-72 TO-39
2N5109 MRF5943C 2N5179 2N2857 MRF517
NPN 200 NPN 200 NPN 200 NPN 300 NPN 300
3
10
15 15 15 6 6 15
12 15 17 13 5.5
1200 1300 900 1600 4600
3.5
3.4 30 3.4 30 4.5 1.5 5.5 50 7.5 50
11.4 1000 1 1 3
MRF5943, R1, R2 NPN 200
TO-72 TO-72 MACRO T MACRO T SO-8 MACRO X Macro TO-72 TO-72 MACRO X TO-39
MRF904 2N6304 BFR91 BFR96 MRF581A BFR90 BFY90 MRF914 MRF581 MRF586
NPN 450 NPN 450 NPN 500 NPN 500 NPN 500 NPN 500 NPN 500 NPN 500 NPN 500 NPN 500
1.5 5 1.9 2 2 2 2.4 2.5 2.5 3
5 2 2
6 5 5 11
11 14 14.5 14 15 15 18 20 15 15 11
4000 1400 500 5000 5000 1300 4500
16.5 5000
1 2.6
MACRO X MRF559 MACRO X MRF559 TO-39 2N3866A SO-8 MRF3866, R1, R2 POWER MACRO MRF555 POWER MACRO MRF555T
NPN NPN NPN NPN NPN NPN
512 512 400 400 470 470
0.5 0.5 1 1 1.5 1.5
10 13 10 10 11 11
6.5 9.5 8 8 8
65 7.5 16 150 60 12.5 16 150 45 28 30 400 45 28 30 400 50 12.5 16 400 50 12.5 16 400
70 65 55 55 55 7.5 12.5 12.5 12.5 12.5 16 16 16 16 16 150 150 200 400 400
10 10 50 10 2 2 5 10 5 10
MRF5812, R1, R2 NPN 500
50 10 15.5 17.8 5000 1
2.5 50 10 90 15
17.8 5000 14.5 4500 2.2
MACRO X MRF559 NPN 870 0.5 MACRO X MRF559 NPN 870 0.5 SO-8 MRF8372,R1,R2 NPN 870 0.75 POWER MACRO MRF557 NPN 870 1.5 POWER MACRO MRF557T NPN 870 1.5
MACRO X MACRO X MACRO T MACRO T
MRF951 MRF571 BFR91 BFR90
NPN 1000 1.3 NPN 1000 1.5 NPN 1000 2.5 NPN 1000 3
5 10 2 2
6 6 5 10
14 10 8 10
17 11
8000 0.45 10 100 8000 5000 1 1 1 10 70 12 35 15 30
12.5 5000
TO-39 TO-39
MRF545 MRF544
PNP NPN
14
1400
13.5 1500
RF (Low Power PA / General Purpose) Selection Guide
RF (LNA / General Purpose) Selection Guide
Low Cost RF Plastic Package Options
1 4 3 3 2 4 2
8 1
5
Macro T
Macro X
Power Macro
SO-8
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct. Rev A 9/2005
Ccb(pF) BVCEO IC max (mA)
20 400 30 400 30 400 12 15 50 40 25 150
Pout (watts)
Freq (MHz)
Package
NF (dB) NF IC (mA) NF VCE
Device
Ftau (MHz)
GPE (dB)
GPE VCC
Package
GN (dB)
Device
BVCEO
Type
Type
1 1
15 15
30 50
12 35 15 100 15 200 15 200 15 30 15 12 50 40
16 200 17 200
2
70 400 70 400
MRF3866, R1, R2 MRF3866G, R1, R2
PIN 1. EMITTER 2. COLLECTOR 3. COLLECTOR 4. EMITTER
5. EMITTER 6. BASE 7. BASE 8. EMITTER
8.
5.
1.
4.
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct. Rev A 9/2005


▲Up To Search▲   

 
Price & Availability of MRF3866G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X