Part Number Hot Search : 
LM75A G1402P1T 1102G 2SK35 SI9135 37509 AD7237TQ SST25W
Product Description
Full Text Search
 

To Download MRF166W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR TECHNICAL DATA
Order this document by MRF166W/D
The RF MOSFET Line Power Field Effect Transistor
N-Channel Enhancement-Mode MOSFET
* Push-Pull Configuration Reduces Even Numbered Harmonics * Guaranteed Performance at 500 MHz, 28 Vdc Output Power = 40 Watts Gain = 14 dB Efficiency = 50% * Typical Performance at 175 MHz, 28 Vdc Output Power = 40 Watts Gain = 17 dB Efficiency = 60% * Excellent Thermal Stability, Ideally Suited for Class A Operation * Facilitates Manual Gain Control, ALC and Modulation Techniques * 100% Tested for Load Mismatch at All Phase Angles with 30:1 VSWR * Low Crss -- 4.0 pF @ VDS = 28 Volts Designed primarily for wideband large-signal output and driver stages to 30 - 500 MHz.
MRF166W
40 W, 500 MHz TMOS BROADBAND RF POWER FET
CASE 412-01, Style 1
1 3 5 4 FLANGE 2
MAXIMUM RATINGS (TJ = 25C unless otherwise noted)
Rating Drain-Gate Voltage Drain-Gate Voltage (RGS = 1.0 M) Gate-Source Voltage Drain Current -- Continuous Total Device Dissipation @ TC = 25C Derate above 25C Storage Temperature Range Operating Junction Temperature Symbol VDSS VDGR VGS ID PD Tstg TJ Value 65 65 20 8.0 175 1.0 - 65 to +150 200 Unit Vdc Vdc Adc ADC Watts C/W C C
THERMAL CHARACTERISTICS
Thermal Resistance -- Junction to Case RJC 1.0 C/W
NOTE -- CAUTION -- MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and packaging MOS devices should be observed.
REV 3
1
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS (1)
Drain-Source Breakdown Voltage (VGS = 0 Vdc, ID = 5.0 mA) Zero Gate Voltage Drain Current (VDS = 28 Vdc, VGS = 0 Vdc) Gate-Source Leakage Current (VGS = 20 Vdc, VDS = 0 Vdc) V(BR)DSS 65 IDSS -- IGSS -- -- 1.0 -- 0.5 A -- -- mA Vdc
ON CHARACTERISTICS (1)
Gate Threshold Voltage (VDS= 10 Vdc, ID = 25 mA) Forward Transconductance (VDS= 10 Vdc, ID = 1.5 A) VGS(th) 1.5 gfs 0.9 1.1 -- 3.0 4.5 mS Vdc
DYNAMIC CHARACTERISTICS (1)
Input Capacitance (VDS = 28 Vdc, VGS = 0 Vdc, f = 1.0 MHz) Output Capacitance (VDS = 28 Vdc, VGS = 0 Vdc, f = 1.0 MHz) Reverse Transfer Capacitance (VDS = 28 Vdc, VGS = 0 Vdc, f = 1.0 MHz) Ciss -- Coss -- Crss -- 4.0 -- 30 -- pF 28 -- pF pF
FUNCTIONAL CHARACTERISTICS (2)
Common Source Power Gain (VDD = 28 Vdc, Pout = 40 W, f = 500 MHz, IDQ = 100 mA) Drain Efficiency (VDD = 28 Vdc, Pout = 40 W, f = 500 MHz, IDQ = 100 mA) Electrical Ruggedness (VDD = 28 Vdc, Pout = 40 W, f = 500 MHz, IDQ = 100 mA) Load VSWR = 30:1, All phase angles at frequency of test Series Equivalent Input Impedance (VDD = 28 Vdc, Pout = 40 W, f = 500 MHz, IDQ = 100 mA) Series Equivalent Output Impedance (VDD = 28 Vdc, Pout = 40 W, f = 500 MHz, IDQ = 100 mA) (1) Each transistor chip measured separately. (2) Both transistor chips operating in a push-pull amplifier. Gps 14 50 No Degradation in Output Power Zin -- Zout -- 6.12 -j9.43 -- 2.88 -j7.96 -- Ohms Ohms 55 -- 16 -- % dB
REV 3
2
BIAS SUPPLY R1 C11 R2 R3 L1 RF INPUT B1 C2 C12 C13
+ -
C14
VDD = 28 Vdc
B2 C7
RF OUTPUT
C3
D.U.T. C4
C5
C6
C1 R4 L2
C8
C9 Inputs Line 70 mils x 2460 mils
C10 Output Lines 70 mils x 2380 mils
C4 C3 490 mils C5 680 mils C6
C1, C2, C7, C8 220 pF, 100 mil Chip Capacitor, ATC C3, C6 0 - 10 pF, Johanson C4 27 pF, 100 mil Chip Capacitor, ATC C5 22 pF, 100 mil Chip Capacitor, ATC C9, C10, C11, C12 0.01 F Blue Capacitor C13 470 pF, 100 mil Chip Capacitor, ATC C14 50 50 V Electrolytic Capacitor L1, L2 8 Turns #20 AWG, 0.100 mils ID B1, B2 6 long, ID = 550 mils, 50 Semi-Rigid Coax R1 1.0 kW 1/2 Watt R2 10 kW 1/2 Watt R3, R4 45 1/2 Watt Board Material - Teflon(R) Fiberglass Dielectric Thickness = 0.30, r = 2.55 Copper Clad, 2.0 oz. Copper
mF,
W
W
Figure 1. MRF166W 500 MHz Test Circuit Schematic
REV 3
3
Pout , OUTPUT POWER (WATTS)
Pout , OUTPUT POWER (WATTS)
60 55 50 45 40 35 30 25 20 15 10 5 0
24 f = 500 MHz 20 16 12 8 4 0 VDD = 13.5 Vdc IDQ = 100 mA 0 0.4 0.8 1.2 1.6 2 Pin, INPUT POWER (WATTS) 2.4 2.8 f = 500 MHz
VDD = 28 Vdc IDQ = 100 mA 0 0.5 1 1.5 2 Pin, INPUT POWER (WATTS) 2.5 3
Figure 2. Output Power versus Input Power, 28 Vdc
Figure 3. Output Power versus Input Power, 13.5 Vdc
56 Pout , OUTPUT POWER (WATTS) Pout , OUTPUT POWER (WATTS) 52 48 44 40 36 32 28 24 20 16 12 8 Pin = 0.5 W IDQ = 100 mA f = 500 MHz Pin = 2 W
45 40 35 30 25 20 15 10 5 12 14 16 18 20 22 24 VDD, SUPPLY VOLTAGE (VOLTS) 26 28 0 -5 -4 -3 -2 -1 0 1 2 3 TYPICAL DEVICE SHOWN VGS(th) = 3.0 V f = 500 MHz VDD = 28 Vdc IDQ = 100 mA
Pin = 1 W
VDS, GATE-SOURCE VOLTAGE (VOLTS)
Figure 4. Output Power versus Supply Voltage
Figure 5. Output Power versus Gate Voltage
100 90 80 C, CAPACITANCE (pF) 70 60 50 40 30 20 10 0 0 4 Crss 8 12 16 20 24 VDS, DRAIN-SOURCE VOLTAGE (VOLTS) 28 Ciss Coss VGS = 0 V f = 1.0 MHz
Figure 6. Capacitance versus Voltage
REV 3
4
Zin 400 500 ZOL* 400 175 f = 175 MHz
f = 500 MHz
Zo = 50
VDD = 28 Vdc, IDQ = 100 mA, Pout = 40 W f MHz 175 400 500 Zin Ohms 3.7 - j 22.4 3.6 - j 10.99 2.88 - j 7.96 ZOL* Ohms 15.2 - j 16.6 10.3 - j 7.99 6.12 - j 9.43 ZOL* = Conjugate of the optimum load impedance into which the device output operates at a given output power, voltage and frequency. NOTE: Input and output impedance values given are measured from gate to gate and drain to drain respectively.
Table 1. Input and Output Impedances Figure 7. Series Equivalent Input/Output Impedance
REV 3
5
MRF166W-500MHZ M J B
NOTES: 1) 3 X 5 inch Glass Teflon(R) 32 Mil Board, Copper Both Sides NOTES: 2) Small Holes are 40 Mils ID and Plated Through NOTES: 3) Large Holes are 140 Mils ID and Plated Through
(Scale 1:1)
Figure 8. MRF166W Circuit Board Photomaster
Figure 9. MRF166W Test Fixture
REV 3
6
AAAAA A A A A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAA A A A A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAA A A A A A A A AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A A A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA
7
REV 3
f MHz
440 430 420 410 400 390 380 370 360 350 340 330 320 310 300 290 280 270 260 250 240 230 220 210 200 190 180 170 160 150 140 130 120 100 110 90 80 70 60 50 40 30
0.826 0.822 0.821 0.821 0.818 0.812 0.807 0.805 0.804 0.799 0.795 0.796 0.794 0.788 0.782 0.777 0.777 0.773 0.767 0.766 0.769 0.767 0.759 0.755 0.756 0.753 0.746 0.741 0.748 0.747 0.740 0.734 0.732 0.735 0.730 0.724 0.742 0.751 0.758 0.775 0.554 0.711 |S11|
S11
Table 1. Common Source S-Parameters (VDS = 24 V, ID = 230 mA)
-171 -171 -170 -170 -170 -169 -169 -168 -168 -168 -168 -167 -167 -166 -166 -166 -165 -165 -165 -164 -164 -163 -163 -162 -162 -161 -160 -160 -159 -157 -156 -155 -153 -151 -149 -146 -143 -139 -132 -124 -113 -85
10.00
12.70
14.60
17.50
20.00
20.30
11.30
|S21|
1.67 1.74 1.83 1.86 1.91 2.00 2.06 2.15 2.17 2.27 2.38 2.47 2.54 2.66 2.80 2.89 3.03 3.07 3.26 3.41 3.56 3.75 3.91 4.15 4.51 4.67 4.94 5.22 5.66 6.01 6.57 7.01 7.53 8.29 8.97
S21
100
100
107
128
113
43 44 44 46 47 48 48 50 51 52 54 54 55 57 57 58 61 61 63 63 64 65 68 69 70 73 74 76 76 78 81 83 84 87 90 92 95
0.025 0.026 0.028 0.029 0.027 0.028 0.029 0.030 0.030 0.030 0.031 0.032 0.033 0.034 0.034 0.034 0.035 0.035 0.035 0.037 0.038 0.039 0.039 0.039 0.040 0.041 0.041 0.040 0.041 0.042 0.043 0.042 0.042 0.043 0.042 0.042 0.043 0.042 0.050 0.041 0.040 0.044 |S12|
S12
-10
-12
-12
-13
-13
-12
-12
-13
-10
-10
-12
-12
-10
-11
-11
-11
-11
-11
-11
-11
-7 -9 -8 -8 -7 -6 -4 -4 -4 -2 20 20 26 28 11 0 1 2 3 6 8 9
0.788 0.791 0.823 0.830 0.784 0.796 0.782 0.796 0.782 0.772 0.753 0.787 0.760 0.764 0.744 0.732 0.753 0.725 0.725 0.726 0.733 0.751 0.724 0.727 0.729 0.725 0.719 0.690 0.715 0.688 0.701 0.688 0.666 0.683 0.663 0.657 0.666 0.666 0.570 0.652 0.632 0.628 |S22|
S22
-170 -170 -171 -170 -168 -170 -170 -169 -169 -168 -170 -169 -167 -169 -169 -169 -167 -167 -167 -167 -167 -169 -166 -165 -166 -165 -164 -161 -162 -162 -160 -159 -158 -156 -154 -151 -149 -145 -135 -135 -123 -121
AAAAA A A A A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAA A A A A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A A A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AA AA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA A A A A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAA A A A A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAA A A A A A A A AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A A A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA
8
REV 3
1000
f MHz
f MHz
300 290 280 270 260 250 240 230 220 210 200 190 180 170 160 150 140 130 120 100 900 800 700 600 500 490 480 470 460 450 110 90 80 70 60 50 40 30
0.785 0.781 0.782 0.780 0.775 0.774 0.775 0.771 0.762 0.759 0.761 0.759 0.753 0.749 0.757 0.754 0.747 0.740 0.738 0.741 0.737 0.732 0.751 0.759 0.727 0.764 0.783 0.601 0.975 0.966 0.932 0.910 0.874 0.823 0.835 0.835 0.832 0.831 0.830 |S11| |S11|
Table 1. Common Source S-Parameters (VDS = 24 V, ID = 230 mA) (continued)
S11
S11
Table 2. Common Source S-Parameters (VDS = 28 V, ID = 250 mA)
-166 -166 -165 -165 -165 -165 -164 -164 -163 -162 -161 -161 -160 -159 -159 -157 -156 -154 -153 -150 -149 -146 -142 -138 -131 -122 -179 -176 -174 -173 -173 -172 -172 -171 -112 -86 172 176 179
10.70
12.10
13.50
15.50
18.50
21.20
22.20
|S21|
|S21|
3.01 3.10 3.24 3.29 3.52 3.69 3.83 4.03 4.18 4.44 4.81 4.99 5.28 5.59 6.07 6.43 7.01 7.47 8.01 8.81 9.55 0.54 0.63 0.74 0.86 1.12 1.43 1.43 1.50 1.54 1.64 1.68
S21
S21
100
101
108
128
114
58 59 61 61 63 64 65 66 69 70 70 73 75 76 77 79 82 83 85 88 90 93 95 12 18 23 29 37 38 39 41 41 42 5
0.033 0.032 0.034 0.034 0.034 0.035 0.036 0.037 0.037 0.037 0.038 0.039 0.039 0.038 0.039 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.040 0.039 0.045 0.038 0.037 0.040 0.042 0.029 0.035 0.013 0.003 0.025 0.024 0.024 0.025 0.026 0.025 |S12| |S12|
S12
S12
-171
-12 -10 -10 -10 -10 -10 -11 -9 -7 -6 -7 -5 -4 -3 -3 -2 12 21 21 27 29 49 68 61 89 -3 -7 -7 1 2 3 4 6 8 9 3 1
-11
0.733 0.722 0.741 0.712 0.715 0.713 0.715 0.733 0.709 0.713 0.719 0.712 0.701 0.670 0.693 0.669 0.684 0.675 0.654 0.670 0.648 0.641 0.649 0.648 0.574 0.637 0.616 0.796 0.953 0.897 0.904 0.867 0.873 0.849 0.835 0.836 0.827 0.843 0.820 |S22| |S22|
S22
S22
-168 -168 -168 -168 -168 -166 -165 -167 -164 -163 -165 -164 -163 -161 -161 -161 -158 -157 -156 -155 -153 -150 -148 -143 -135 -133 -122 -177 -176 -172 -171 -172 -173 -174 -170 -119 174 179 178
AAAAA A A A A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAA A A A A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAA A A A A A A A AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AA A A A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AA AA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA
1000 f MHz 900 800 700 600 500 490 480 470 460 450 440 430 420 410 400 390 380 370 360 350 340 330 320 310 0.974 0.966 0.935 0.912 0.879 0.845 0.844 0.840 0.835 0.833 0.832 0.828 0.824 0.823 0.823 0.820 0.813 0.809 0.808 0.807 0.803 0.800 0.801 0.798 0.792 |S11|
9
REV 3
Table 2. Common Source S-Parameters (VDS = 28 V, ID = 250 mA) (continued)
S11
-179
-176
-173
-173
-172
-172
-172
-172
-172
-171
-171
-170
-170
-170
-169
-169
-169
-169
-168
-168
-167
-167
172 176 179
|S21|
0.57 0.67 0.79 0.92 1.21 1.56 1.55 1.60 1.65 1.75 1.81 1.83 1.89 1.98 2.02 2.06 2.14 2.19 2.30 2.33 2.44 2.58 2.68 2.75 2.87
S21
18
23
29
37
38
40
41
41
41
43
44
44
45
47
49
48
50
50
52
53
53
56
57
11
5
0.043 0.030 0.039 0.017 0.002 0.022 0.022 0.022 0.023 0.025 0.024 0.024 0.025 0.026 0.027 0.026 0.027 0.028 0.029 0.029 0.029 0.030 0.031 0.032 0.032 |S12|
S12
138
-10
-10
-10
-13
-10
-12
-13
-12
-13
-13
-12
-12
-12
-14
-13
-12
-12
-11
-11
-11
49 69 58 77
0.945 0.892 0.887 0.862 0.870 0.833 0.819 0.818 0.817 0.838 0.812 0.785 0.778 0.794 0.805 0.765 0.775 0.768 0.787 0.772 0.755 0.727 0.760 0.739 0.750 |S22|
S22
-176
-176
-173
-172
-172
-173
-175
-172
-173
-174
-173
-170
-167
-169
-170
-169
-171
-170
-172
-170
-166
-167
175 179 179
PACKAGE DIMENSIONS
-A- U G
Q 2 PL 0.51 (0.020)
M
TA
M
B
M
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A B C D E G H J K N Q U INCHES MIN MAX 0.965 0.985 0.245 0.265 0.165 0.185 0.050 0.070 0.070 0.080 0.254 BSC 0.095 0.105 0.003 0.006 0.625 0.675 0.495 0.520 0.120 0.140 0.725 BSC DRAIN DRAIN GATE GATE SOURCE MILLIMETERS MIN MAX 24.52 25.01 6.23 6.73 4.20 4.69 1.27 1.77 1.78 2.03 6.45 BSC 2.42 2.66 0.08 0.15 15.88 17.14 12.58 13.20 3.05 3.55 18.42 BSC
1
2
K
3 4 5
-B-
D 4 PL 0.51 (0.020) N
M
TA
M
B
M
J H
E C -T-
SEATING PLANE
STYLE 1: PIN 1. 2. 3. 4. 5.
CASE 412-01 ISSUE O
Specifications subject to change without notice. n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
REV 3
10


▲Up To Search▲   

 
Price & Availability of MRF166W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X