Part Number Hot Search : 
1N3034C 24C00 2102D GMC945 PN100 C1001 A1200 C390D
Product Description
Full Text Search
 

To Download MR856G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MR850G THRU MR856G
Features
* Plastic package has Underwrites Laboratory Flammability Classification 94V-0 * Fast switching high efficiency * Glass passivated junction * High current capability * High temperature soldering guaranteed:250E /10 seconds, 0.375"(9.5mm) lead length, 5 lbs.(2.3kg) tension.
CURRENT 3.0 Amperes VOLTAGE 50 to 600 Volts
DO-201AD
0.210(5.3) 0.188(4.8) DIA.
1.0(25.4) MIN.
0.375(9.5) 0.285(7.2)
Mechanical Data
* Case : JEDEC DO-201AD molded plastic body * Terminals : Plated axial lead solderable per MIL-STD-750, method 2026 * Polarity : Color band denotes cathode end * Mounting Position : Any * Weight : 0.041 ounce, 1.18 grams
0.042(1.1) 0.037(0.9) DIA. 1.0(25.4) MIN.
Dimensions in inches and (millimeters)
Maximum Ratings And Electrical Characteristics
(Ratings at 25E ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive load. For capacitive load, derate by 20%)
Symbols
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current R load at TA=90E Peak forward surge current 10ms single half sine-wave superimposed on rated load at (JEDEC method) Maximum instantaneous forward voltage at 3.0A Maximum DC reverse current at rated DC blocking voltage TA=25E TA=125E Trr Re JA CJ TJ TSTG VRRM VRMS VDC I(AV) IFSM VF IR
MR850G
50 35 50
MR851G
100 70 100
MR852G
200 140 200 3.0 100.0 1.25 5.0 100 150 30 25.0 -65 to +175
MR854G
400 280 400
MR856G
600 420 600
Units
Volts Volts Volts Amps Amps Volts iA ns E /W pF E
Maximum reverse recovery time (Note 1) Max.thermal resistance Typical junction capacitance (Note 2) Operating junction and storage temperature range
Notes:
(1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A. (2) Measured at 1MHz and applied reverse voltage of 4.0 Volts.
RATINGS AND CHARACTERISTIC CURVES MR850G THRU MR856G
FIG.1-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
100
5
10mm 10mm
Tj=25E
4 IF INSTANTANEOUS FORWARD CURRENT (A) IF AVERAGE FORWARD CURRENT (A)
10
3
2
1
1
0.1 0.6 0.8 1 1.2 1.4 1.6
0 0 25 50 75 100 125 150 175 LEAD TEMPERATURE (E )
VF INSTANTANEOUS FORWARD VOLTAGE DROP (V)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
125
8.3m SINGLE HALF SINE WAVE (JEDEC Method)
FIG.4-TYPICAL JUNCTION CAPACITANCE
100
PEAK FORWARD SURGE CURRENT(AMPERES)
100 75 50 25 0 CJ DIODE CAPACITANCE (pF)
50
Tj=25E f=1MHz
1
2
4
6
8 10
20
40
60
100
NUMBER OF CYCLES AT 60Hz 10
5 1 5 10 50 100 VR REVERSE VOLTAGE (V)


▲Up To Search▲   

 
Price & Availability of MR856G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X