Part Number Hot Search : 
1N5266B LC020 16245 2SK21 TS0013A 1N6082B UT7Q512 1005C
Product Description
Full Text Search
 

To Download MR533252J-XXTP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor MR533252J
2,097,152-Word X 16-Bit or 4,194,304-Word X 8-Bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM
This version: Feb. 1999 Previous version: -------
Preliminary
DESCRIPTION
The MR533252J is a 32Mbit Read-Only Memory whose configuration can be electrically switched between 2,097,152 word x 16bit and 4,194,304 word x 8bit. The MR533252J operates asynchronously, external clocks are not required, making this device easy-to-use. The MR533252J is suitable as largecapacity fixed memory for microcomputers and data terminals. It is manufactured using a CMOS silicon gate technology and is offered in 44-pin SOP or 44-pin TSOP packages.
FEATURES
* 2,097,152word x 16bit / 4,194,304 word x 8bit electrically switchable configuration * 8word x 16-Bit or 16word x 8-bit / Page read mode * Single +4.5V~5.5V power supply * Normal Access time * Page Access time * VCC power supply current * VCC standby current * Three-state output * Packages 44-pin plastic SOP (SOP44-P-600-1.27-K) MR533252J-XXMA 44-pin plastic TSOP (TSOPII44-P-400-0.80-K) MR533252J-XXTP 100ns 40ns 100mA 50mA
* Input / Output TTL compatible
1/6
Semiconductor
MR533252J
PIN CONFIGURATION (TOP VIEW)
NC A18 A17 A7 A6 A5 A4 A3 A2
1 2 3 4 5 6 7 8 9
44 A20 43 A19 42 A8 41 A9 40 A10 39 A11 38 A12 37 A13 36 A14 35 A15 34 A16 33 BYTE 32 VSS 31 D15/A-1 30 D7 29 D14 28 D6 27 D13 26 D5 25 D12 24 D4 23 VCC
A1 10 A0 11 CE 12 VSS 13 OE 14 D0 15 D8 15 D1 17 D9 18 D2 19 D10 20 D3 21 D11 22
44-Pin SOP 44-Pin TSOPII
PIN NAMES D15/A-1 A0~A20 D0~D14 CE OE BYTE VCC VSS NC
FUNCTIONS Data output / Address input Address input Data output Chip enable Output enable Mode switch Power supply voltage GND Non connection
2/6
Semiconductor
MR533252J
BLOCK DIAGRAM
A-1 BYTE
X8/X16 SWITCH CE OE
CE
OE
CONTROL
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16 A17 A18 A19 A20
Row Decoder Address Buffer
Memory Cell Matrix 2,097,152 x 16 or 4,194,304 x 8
Column Decoder
Multiplex
Output Buffer
D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 D14 D15
FUNCTION TABLE
MODE STAND BY OUTPUT DISABLE READ(16-BIT) READ(8-BIT) CE H L L L L OE X H H L L BYTE X H L H L D0~D7 D8~D14 Hi-Z DOUT Hi-Z L/H L/H A-1/D15
DOUT
3/6
Semiconductor
MR533252J
ABSOLUTE MAXIMUM RATINGS
Parameter Operating temperature under bias Storage temperature Input voltage Output voltage Power supply voltage Power dissipation per package Symbol TOPR TSTG VI VO VCC PD Condition Relative to VSS Value 0 ~ 70 -55 ~ 125 -0.5 ~ VCC+0.5 -0.5 ~ VCC+0.5 -0.5 ~ 7 1.0 Unit C C V V V W
RECOMMENDED OPERATING CONDITIONS FOR READ
Parameter VCC power supply voltage Input "H" level Input "L" level Voltage is relative to VSS Symbol VCC VIH VIL Condition VCC=4.5V ~ 5.5V Min. 4.5 2.2 -0.5 Typ. 5.0 -
(Ta=0 ~ 70C) Min. Unit 5.5 C VCC+0.5 C 0.8 V
PIN Capacitance
Parameter Input Output Symbol CIN COUT Condition VI=0V VO=0V
(Vcc=5.0V, Ta=25C, f=1MHz) Min. Typ. Min. Unit 12 pF 15 pF
4/6
Semiconductor
MR533252J
ELECTRICAL CHARACTERISTICS
DC Characteristics Parameter Input leakage current Output leakage current VCC power supply current (Standby) VCC power supply current (Active) Input "H" level Input "L" level Output "H" level Output "L" level Voltage is relative to VSS AC Characteristics Symbol CIN COUT ICCSC ICCST ICCA VIH VIL VOH VOL Condition VI=0V~VCC VO=0V~VCC CE= VCC CE= VIH CE= VIL, OE= VIH tc= 100ns IOH=-400 mA IOL=2.1mA (Vcc=4.5V~5.5V, Ta=0~70C) Min. Typ. Min. Unit 10 mA 10 mA 50 mA 1 mA 2.0 -0.5 2.4 100 VCC+0.5 0.8 0.4 mA V V V V
(Vcc=4.5V~5.5V, Ta=0~70C) Parameter Symbol Condition Min. Min. Unit Address access cycle time TC 100 ns Address access time TACC CE=OE= VIL 100 ns Page set up time TPSET NOTE.1 100 ns Page access cycle time TPC 40 ns Page access time TPAC 40 ns CE access time TCE OE= VIL 100 ns OE access time TOE CE= VIL 40 ns Output disable time TCHZ OE= VIL 0 35 ns TOHZ CE= VIL 0 30 ns Output hold time TOH CE=OE= VIL 0 ns NOTE.1 TPSET is defined as the end of either CE falling edge or address transition in random access term until the first page address transition. Measurement condition Input signal level Input timing reference level Output load Output timing reference level
1.9V
0V/3V 0.8V/2.0V 100pF 0.8V/2.0V
400W Output 100pF
5/6
Semiconductor
MR533252J
TIMING CHART NORMAL MODE READ CYCLE
tC ADDRESS tOH
tCE CE
tCHZ tOE OE tACC DOUT Hi-Z Valid Data tOHZ Hi-Z
PAGE MODE READ CYCLE
tC A3-A20 tPSET A0~A2 (x16mode) A-1~A2 (x8mode) tPSET tPC tPC
tCE CE
tOH
tCHZ tOE OE
tACC DOUT Hi-Z
tPA
tPA
tOHZ
6/6
Semiconductor
NOTICE
The information contained herein can change without notice owing to product and/or technical improvements. Before using the product, please make sure that the information being referred to is up-todate. The outline of action and examples for application circuits described herein have been chosen as an explanation for the standard action and performance of the product. When planning to use the product, please ensure that the external conditions are reflected in the actual circuit, assembly, and program designs. When designing your product, please use our product below the specified maximum ratings and within the specified operating ranges including, but not limited to, operating voltage, power dissipation, and operating temperature. Oki assumes no responsibility or liability whatsoever for any failure or unusual or unexpected operation resulting from misuse, neglect, improper installation, repair, alteration or accident, improper handling, or unusual physical or electrical stress including, but not limited to, exposure to parameters beyond the specified maximum ratings or operation outside the specified operating range. Neither indemnity against nor license of a third party's industrial and intellectual property right, etc. is granted by us in connection with the use of the product and/or the information and drawings contained herein. No responsibility is assumed by us for any infringement of a third party's right which may result from the use thereof. The products listed in this document are intended for use in general electronics equipment for commercial applications (e.g., office automation, communication equipment, measurement equipment, consumer electronics, etc.). These products are not authorized for use in any system orapplication that requires special or enhanced quality and reliability characteristics nor in any system or application where the failure of such system or application may result in the loss or damage of property, or death or injury to humans. Such applications include, but are not limited to, traffic and automotive equipment, safety devices, aerospace equipment, nuclear power control, medical equipment, and life-support systems. Certain products in this document may need government approval before they can be exported to particular countries. The purchaser assumes the responsibility of determining the legality of export of these products and will take appropriate and necessary steps at their own expense for these. No part of the contents cotained herein may be reprinted or reproduced without our prior permission. All brand, company and product names are the trademarks or registered trademarks of their respective owners.
Copyright 1998 Oki Electric Industry Co., Ltd. Marketing Communications Team (RB)
Page 1
ADDRESSES & SEMICONDUCTOR WEB SITES
People To People Technology
Ltd., OKI Electric Industry Co., Ltd. Device Business Group, 10-3, Shibaura, 4-chome, Minato-ku, Tokyo 108, Japan, Tel.: +81-(0)3-5445-6327, Fax.: +81-(0)3-5445-6328, http://www.oki.co.jp/semi/ Group, OKI Semiconductor Group 785 North Mary Avenue, Sunnyvale, CA 94086, U.S.A., Tel.: +1-408-720-1900, Fax.: +1-408-720-1918, http://www.okisemi.com/ GmbH, OKI Electric Europe GmbH Head Office Europe, Hellersbergstrasse 2, D-41460 Neuss, Germany, Tel: +49-2131-15960, Fax: +49-2131-103539, http://www.oki-europe.de/ Ltd., OKI Electronics (Hong Kong) Ltd. Suite 1901-1&19, Tower 3, China Hong Kong City, 33 Canton Road, Tsimshatsui, Kowloon, Hong Kong, Tel.: +852-2-736-2336, Fax.: +852-2-736-2395 Ltd., OKI Semiconductor (Asia) Pte. Ltd. 78 Shenton Way 09-01, Singapore 0207, Tel.: +65-221-3722, Fax.: +65-323-5376 Ltd., OKI Semiconductor (Asia) Pte. Ltd. Taipei Branch, 7th Fl. No.260, Tun Hwa North Road, Taipei, Taiwan, R.O.C., Sumitomo-Flysun Building, Tel.: +886-2-2719-2561, Fax.: +886-2-2715-2892 http://www.oki.net.tw/
For further information, please contact:


▲Up To Search▲   

 
Price & Availability of MR533252J-XXTP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X