Part Number Hot Search : 
TDA4480C 2005B 1212D AN8816 PS256 MB8848 TA0230A SL431AM
Product Description
Full Text Search
 

To Download MR4S16AYS35 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor Data Sheet: Advance Information
Document Number: MR0A16A Rev. 0, 6/2007
64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
Introduction The MR0A16A is a 1,048,576-bit magnetoresistive random access memory (MRAM) device organized as 65,536 words of 16 bits. The MR0A16A is equipped with chip enable (E), write enable (W), and output enable (G) pins, allowing for significant system design flexibility without bus contention. Because the MR0A16A has separate byte-enable controls (LB and UB), individual bytes can be written and read. MRAM is a nonvolatile memory technology that protects data in the event of power loss and does not require periodic refreshing. The MR0A16A is the ideal memory solution for applications that must permanently store and retrieve critical data quickly. The MR0A16A is available in a 400-mil, 44-lead plastic small-outline TSOP type-II package with an industry-standard center power and ground SRAM pinout. The MR0A16A is available in Commercial (0C to 70C), Industrial (-40C to 85C) and Extended (-40C to 105C) ambient temperature ranges. Features * *
MR0A16A
44-TSOP Case 924A-02
Single 3.3-V power supply Commercial temperature range (0C to 70C), Industrial temperature range (-40C to 85C) and Extended temperature range (-40C to 105C) Symmetrical high-speed read and write with fast access time (35 ns) Flexible data bus control -- 8 bit or 16 bit access Equal address and chip-enable access times Automatic data protection with low-voltage inhibit circuitry to prevent writes on power loss All inputs and outputs are transistor-transistor logic (TTL) compatible Fully static operation Full nonvolatile operation with 20 years minimum data retention
* * * *
* * *
This document contains information on a new product under development. Freescale reserves the right to change or discontinue this product without notice. (c) Freescale Semiconductor, Inc., 2007. All rights reserved.
Device Pin Assignment
OUTPUT ENABLE BUFFER
G
UPPER BYTE OUTPUT ENABLE LOWER BYTE OUTPUT ENABLE
A[15:0] ADDRESS BUFFERS 16
8 8 ROW DECODER COLUMN DECODER SENSE AMPS UPPER BYTE OUTPUT BUFFER LOWER BYTE OUTPUT BUFFER 8 FINAL WRITE DRIVERS UPPER BYTE WRITE DRIVER LOWER BYTE WRITE DRIVER 8
8
E
CHIP ENABLE BUFFER 64K x 16 BIT MEMORY ARRAY
16
8
8
W
WRITE ENABLE BUFFER
8
DQU[15:8]
16
8
UB LB
BYTE ENABLE BUFFER LB
UB
UPPER BYTE WRITE ENABLE LOWER BYTE WRITE ENABLE
8
DQL[7:0]
Figure 1. Block Diagram
Device Pin Assignment
A0 A1 A2 A3 A4 E DQL0 DQL1 DQL2 DQL3 VDD VSS DQL4 DQL5 DQL6 DQL7 W A5 A6 A7 A8 A9
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22
44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23
A15 A14 A13 G UB LB DQU15 DQU14 DQU13 DQU12 VSS VDD DQU11 DQU10 DQU9 DQU8 NC VDD VSS A12 A11 A10
Table 1. Pin Functions
Signal Name A[15:0] E W G UB LB DQL[7:0] DQU[15:8] VDD VSS NC Function Address input Chip enable Write enable Output enable Upper byte select Lower byte select Data I/O, lower byte Data I/O, upper byte Power supply Ground Do not connect this pin
Figure 2. MR0A16A in 44-Pin TSOP Type II Package
MR0A16A Advanced Information Data Sheet, Rev. 0
2
Freescale Semiconductor
Electrical Specifications
Table 2. Operating Modes
E1 H L L L L L L L L G1 X H X L L L X X X W1 X H X H H H L L L LB1 X X H L H L L H L UB1 X X H H L L H L L Mode Not selected Output disabled Output disabled Lower byte read Upper byte read Word read Lower byte write Upper byte write Word write VDD Current ISB1, ISB2 IDDA IDDA IDDA IDDA IDDA IDDA IDDA IDDA DQL[7:0]2 Hi-Z Hi-Z Hi-Z DOut Hi-Z DOut DIn Hi-Z DIn DQU[15:8]2 Hi-Z Hi-Z Hi-Z Hi-Z DOut DOut Hi-Z DIn DIn
NOTES: 1 H = high, L = low, X = don't care 2 Hi-Z = high impedance
Electrical Specifications
Absolute Maximum Ratings This device contains circuitry to protect the inputs against damage caused by high static voltages or electric fields; however, it is advised that normal precautions be taken to avoid application of any voltage greater than maximum rated voltages to these high-impedance (Hi-Z) circuits. The device also contains protection against external magnetic fields. Precautions should be taken to avoid application of any magnetic field more intense than the maximum field intensity specified in the maximum ratings.
MR0A16A Advanced Information Data Sheet, Rev. 0 Freescale Semiconductor
3
Electrical Specifications
Table 3. Absolute Maximum Ratings1
Parameter Supply voltage2 pin2 dissipation3 Voltage on any Package power Symbol VDD VIn IOut PD TBias Tstg TLead Hmax_write Value -0.5 to 4.0 -0.5 to VDD + 0.5 20 0.600 -10 to 85 -45 to 95 -45 to 110 -55 to 150 260 15 25 25 100 100 100 Unit V V mA W C C C Oe
Output current per pin Temperature under bias MR0A16AYS35 (Commercial) MR0A16ACYS35 (Industrial) MR0A16AVYS35 (Extended) Storage temperature Lead temperature during solder (3 minute max) Maximum magnetic field during write MR0A16AYS35 (Commercial) MR0A16ACYS35 (Industrial) MR0A16AVYS35 (Extended) Maximum magnetic field during read or standby MR0A16AYS35 (Commercial) MR0A16ACYS35 (Industrial) MR0A16AVYS35 (Extended)
Hmax_read
Oe
NOTES: 1 Permanent device damage may occur if absolute maximum ratings are exceeded. Functional operation should be restricted to recommended operating conditions. Exposure to excessive voltages or magnetic fields could affect device reliability. 2 All voltages are referenced to V . SS 3 Power dissipation capability depends on package characteristics and use environment.
Table 4. Operating Conditions
Parameter Power supply voltage Write inhibit voltage Input high voltage Input low voltage Operating temperature MR0A16AYS35 (Commercial) MR0A16ACYS35 (Industrial) MR0A16AVYS35 (Extended) Symbol VDD VWI VIH VIL TA Min 3.01 2.5 2.2 -0.53 0 -40 -40 Typ 3.3 2.7 -- -- Max 3.6 3.01 VDD + 0.32 0.8 70 85 105 Unit V V V V C
NOTES: 1 After power up or if V DD falls below VWI, a waiting period of 2 ms must be observed, and E and W must remain high for 2 ms. Memory is designed to prevent writing for all input pin conditions if VDD falls below minimum VWI. 2 V (max) = V IH DD + 0.3 Vdc; VIH (max) = VDD + 2.0 Vac (pulse width 10 ns) for I 20.0 mA. 3 V (min) = -0.5 Vdc; V (min) = -2.0 Vac (pulse width 10 ns) for I 20.0 mA. IL IL
MR0A16A Advanced Information Data Sheet, Rev. 0
4
Freescale Semiconductor
Electrical Specifications
Direct Current (dc)
Table 5. dc Characteristics
Parameter Input leakage current Output leakage current Output low voltage (IOL = +4 mA) (IOL = +100 A) Output high voltage (IOH = -4 mA) (IOH = -100 mA) Symbol Ilkg(I) Ilkg(O) VOL Min -- -- -- Typ -- -- -- Max 1 1 0.4 VSS + 0.2 -- Unit A A V
VOH
2.4 VDD - 0.2
--
V
Table 6. Power Supply Characteristics
Parameter ac active supply current -- read (IOut = 0 mA, VDD = max) modes1 Symbol IDDR IDDW ISB1 Typ TBD TBD TBD Max TBD TBD TBD Unit mA mA mA
ac active supply current -- write modes1 (VDD = max) ac standby current (VDD = max, E = VIH) (no other restrictions on other inputs) CMOS standby current (E VDD - 0.2 V and VIn VSS + 0.2 V or VDD - 0.2 V) (VDD = max, f = 0 MHz)
ISB2
TBD
TBD
mA
NOTES: 1 All active current measurements are measured with one address transition per cycle.
Table 7. Capacitance1
Parameter Address input capacitance Control input capacitance Input/output capacitance Symbol CIn CIn CI/O Typ -- -- -- Max 6 6 8 Unit pF pF pF
NOTES: 1 f = 1.0 MHz, dV = 3.0 V, T = 25C, periodically sampled rather than 100% tested. A
MR0A16A Advanced Information Data Sheet, Rev. 0 Freescale Semiconductor
5
Electrical Specifications
Table 8. ac Measurement Conditions
Parameter Logic input timing measurement reference level Logic output timing measurement reference level Logic input pulse levels Input rise/fall time Output load for low and high impedance parameters Output load for all other timing parameters Value 1.5 V 1.5 V 0 or 3.0 V 2 ns See Figure 3A See Figure 3B
+3.3 V ZD = 50 OUTPUT RL = 50 VL = 1.5 V OUTPUT 600 5 pF 725
A
B
Figure 3. Output Load for ac Test
MR0A16A Advanced Information Data Sheet, Rev. 0
6
Freescale Semiconductor
Timing Specifications
Timing Specifications
Read Mode Table 9. Read Cycle Timing1, 2
Parameter Read cycle time Address access time Enable access time3 Output enable access time Byte enable access time Output hold from address change Enable low to output active4, 5 active4, 5 active4, 5 Hi-Z4, 5 Output enable low to output Byte enable low to output Enable high to output Byte high to output Symbol tAVAV tAVQV tELQV tGLQV tBLQV tAXQX tELQX tGLQX tBLQX tEHQZ tGHQZ tBHQZ Min 35 -- -- -- -- 3 3 0 0 0 0 0 Max -- 35 35 15 15 -- -- -- -- 15 10 10 Unit ns ns ns ns ns ns ns ns ns ns ns ns
Hi-Z4, 5
Output enable high to output Hi-Z4, 5
NOTES: 1 W is high for read cycle. 2 Due to product sensitivities to noise, power supplies must be properly grounded and decoupled, and bus contention conditions must be minimized or eliminated during read and write cycles. 3 Addresses valid before or at the same time E goes low. 4 This parameter is sampled and not 100% tested. 5 Transition is measured 200 mV from steady-state voltage.
MR0A16A Advanced Information Data Sheet, Rev. 0 Freescale Semiconductor
7
Timing Specifications
tAVAV A (ADDRESS) tAXQX Q (DATA OUT) PREVIOUS DATA VALID tAVQV DATA VALID
NOTES: 1 Device is continuously selected (E VIL, G VIL).
Figure 4. Read Cycle 11
tAVAV A (ADDRESS) tAVQV tELQV E (CHIP ENABLE) tELQX G (OUTPUT ENABLE) tGLQV tGLQX LB, UB (BYTE ENABLE) tBLQV tBLQX Q (DATA OUT) DATA VALID tBHQZ tGHQZ tEHQZ
Figure 5. Read Cycle 2
MR0A16A Advanced Information Data Sheet, Rev. 0
8
Freescale Semiconductor
Timing Specifications
Write Mode Table 10. Write Cycle Timing 1 (W Controlled)1, 2, 3, 4, 5
Parameter Write cycle time6 Address set-up time Address valid to end of write (G high) Address valid to end of write (G low) Write pulse width (G high) Write pulse width (G low) Data valid to end of write Data hold time Write low to data Hi-Z7, 8, 9 active7, 8, 9 Write high to output Write recovery time Symbol tAVAV tAVWL tAVWH tAVWH tWLWH tWLEH tWLWH tWLEH tDVWH tWHDX tWLQZ tWHQX tWHAX Min 35 0 18 20 15 15 10 0 0 3 12 Max -- -- -- -- -- -- -- -- 12 -- -- Unit ns ns ns ns ns ns ns ns ns ns ns
NOTES: 1 A write occurs during the overlap of E low and W low. 2 Due to product sensitivities to noise, power supplies must be properly grounded and decoupled and bus contention conditions must be minimized or eliminated during read and write cycles. 3 If G goes low at the same time or after W goes low, the output will remain in a high-impedance state. 4 After W, E, or UB/LB has been brought high, the signal must remain in steady-state high for a minimum of 2 ns. 5 The minimum time between E being asserted low in one cycle to E being asserted low in a subsequent cycle is the same as the minimum cycle time allowed for the device. 6 All write cycle timings are referenced from the last valid address to the first transition address. 7 This parameter is sampled and not 100% tested. 8 Transition is measured 200 mV from steady-state voltage. 9 At any given voltage or temperature, t WLQZ max < tWHQX min.
MR0A16A Advanced Information Data Sheet, Rev. 0 Freescale Semiconductor
9
Timing Specifications
tAVAV A (ADDRESS) tAVWH E (CHIP ENABLE) tWLEH tWLWH tAVWL tWHAX
W (WRITE ENABLE)
LB, UB (BYTE ENABLE) tDVWH D (DATA IN) tWLQZ Q (DATA OUT) Hi-Z Hi-Z tWHQX DATA VALID tWHDX
Figure 6. Write Cycle 1 (W Controlled)
MR0A16A Advanced Information Data Sheet, Rev. 0
10
Freescale Semiconductor
Timing Specifications
Table 11. Write Cycle Timing 2 (E Controlled)1, 2, 3, 4, 5
Parameter Write cycle time6 Address set-up time Address valid to end of write (G high) Address valid to end of write (G low) Enable to end of write (G high) Enable to end of write (G low)7, 8 Data valid to end of write Data hold time Write recovery time Symbol tAVAV tAVEL tAVEH tAVEH tELEH tELWH tELEH tELWH tDVEH tEHDX tEHAX Min 35 0 18 20 15 15 10 0 12 Max -- -- -- -- -- -- -- -- -- Unit ns ns ns ns ns ns ns ns ns
NOTES: 1 A write occurs during the overlap of E low and W low. 2 Due to product sensitivities to noise, power supplies must be properly grounded and decoupled and bus contention conditions must be minimized or eliminated during read and write cycles. 3 If G goes low at the same time or after W goes low, the output will remain in a high-impedance state. 4 After W, E, or UB/LB has been brought high, the signal must remain in steady-state high for a minimum of 2 ns. 5 The minimum time between E being asserted low in one cycle to E being asserted low in a subsequent cycle is the same as the minimum cycle time allowed for the device. 6 All write cycle timings are referenced from the last valid address to the first transition address. 7 If E goes low at the same time or after W goes low, the output will remain in a high-impedance state. 8 If E goes high at the same time or before W goes high, the output will remain in a high-impedance state.
MR0A16A Advanced Information Data Sheet, Rev. 0 Freescale Semiconductor
11
Timing Specifications
tAVAV A (ADDRESS) tAVEH tELEH E (CHIP ENABLE) tAVEL W (WRITE ENABLE) tELWH tEHAX
LB, UB (BYTE ENABLE) tDVEH D (DATA IN) DATA VALID tEHDX
Q (DATA OUT)
Hi-Z
Figure 7. Write Cycle 2 (E Controlled)
MR0A16A Advanced Information Data Sheet, Rev. 0
12
Freescale Semiconductor
Timing Specifications
Table 12. Write Cycle Timing 3 (LB/UB Controlled)1, 2, 3, 4, 5, 6
Parameter Write cycle time7 Address set-up time Address valid to end of write (G high) Address valid to end of write (G low) Byte pulse width (G high) Byte pulse width (G low) Data valid to end of write Data hold time Write recovery time Symbol tAVAV tAVBL tAVBH tAVBH tBLEH tBLWH tBLEH tBLWH tDVBH tBHDX tBHAX Min 35 0 18 20 15 15 10 0 12 Max -- -- -- -- -- -- -- -- -- Unit ns ns ns ns ns ns ns ns ns
NOTES: 1 A write occurs during the overlap of E low and W low. 2 Due to product sensitivities to noise, power supplies must be properly grounded and decoupled and bus contention conditions must be minimized or eliminated during read and write cycles. 3 If G goes low at the same time or after W goes low, the output will remain in a high-impedance state. 4 After W, E, or UB/LB has been brought high, the signal must remain in steady-state high for a minimum of 2 ns. 5 If both byte control signals are asserted, the two signals must have no more than 2 ns skew between them. 6 The minimum time between E being asserted low in one cycle to E being asserted low in a subsequent cycle is the same as the minimum cycle time allowed for the device. 7 All write cycle timings are referenced from the last valid address to the first transition address.
MR0A16A Advanced Information Data Sheet, Rev. 0 Freescale Semiconductor
13
Timing Specifications
tAVAV A (ADDRESS) tAVBH E (CHIP ENABLE) tAVBL tBLEH tBLWH tBHAX
LB, UB (BYTE ENABLE) tBHDX W (WRITE ENABLE) tDVBH D (DATA IN) DATA VALID
Q (DATA OUT)
Hi-Z
Hi-Z
Figure 8. Write Cycle 3 (LB/UB Controlled)
MR0A16A Advanced Information Data Sheet, Rev. 0
14
Freescale Semiconductor
Ordering Information
Ordering Information
This product is available in Commercial, Industrial, and Extended temperature versions. Freescale's semiconductor products can be classified into the following tiers: "Commercial", "Industrial" and "Extended." A product should only be used in applications appropriate to its tier as shown below. For questions, please contact a Freescale sales representative. * * Commercial -- Typically 5 year applications - personal computers, PDA's, portable telecom products, consumer electronics, etc. Industrial, Extended -- Typically 10 year applications - installed telecom equipment, workstations, servers, etc. These products can also be used in Commercial applications.
Part Numbering System
(Order by Full Part Number) MR Freescale MRAM Memory Prefix Density Code (0 = 1 Mb, 1 = 2 Mb, 2 = 4 Mb, 4 = 16 Mb) Memory Type (A = async, S = sync) 0 A 16 A V YS 35 Timing Set (35 = 35 ns) Package Type (YS = TSOP II) Operating Temperature Range (Missing = 0C to 70C, C = -40C to 85C, V = -40C to 105C) Revision (A = rev 1) I/O Configuration (08 = 8 bits, 16 = 16 bits)
Package Information
Table 13. Package Information
Device MR0A16A Pin Count 44 Package Type TSOP Type II Designator YS Case No. 924A-02 Document No. 98ASS23673W RoHS Compliant True
Revision History
Revision History Revision 0 Date 18 Jun 2007 Description of Change Initial Advance Information Release
MR0A16A Advanced Information Data Sheet, Rev. 0 Freescale Semiconductor
15
Mechanical Drawing
Mechanical Drawing
The following pages detail the package available to MR0A16A.
MR0A16A Advanced Information Data Sheet, Rev. 0
16
Freescale Semiconductor
How to Reach Us:
USA/Europe/Locations not listed: Freescale Semiconductor Literature Distribution P.O. Box 5405, Denver, Colorado 80217 1-800-521-6274 or 480-768-2130 Japan: Freescale Semiconductor Japan Ltd. SPS, Technical Information Center 3-20-1, Minami-Azabu Minato-ku Tokyo 106-8573, Japan 81-3-3440-3569 Asia/Pacific: Freescale Semiconductor H.K. Ltd. 2 Dai King Street Tai Po Industrial Estate Tai Po, N.T. Hong Kong 852-26668334 Learn More: For more information about Freescale Semiconductor products, please visit http://www.freescale.com
Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part. FreescaleTM and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. (c) Freescale Semiconductor, Inc. 2004, 2006, 2007.
MR0A16A
Rev. 0, 6/2007


▲Up To Search▲   

 
Price & Availability of MR4S16AYS35

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X