Part Number Hot Search : 
A143E ACT88 EPC10 FP6291 I2001RW A143E 01061 BPC150
Product Description
Full Text Search
 

To Download MR3230 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MR3230
VBR : 30 Volts Io : 32 Amperes
FEATURES :
* Avalanche Voltage 38 to 42 Volts * High Power capability * Increased Capacity by Parallel Operation
* Pb / RoHS Free
AUTOMOTIVE TRANSIENT SUPPRESSOR DIODE
0.342 (8.69) 0.332 (8.43) 5 NOM
MECHANICAL DATA :
* * * * * Case : Molded plastic Epoxy : UL94V-O rate flame retardant Polarity : Cathode polarity band Mounting position : Any Weight : 2.69 grams
0.246 (6.25) 0.234 (5.94)
0.175 (4.45) 0.165 (4.19)
0.222 (5.64) 0.218 (5.54)
Dimensions in inches and ( millimeter )
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Working Peak Reverse Voltage Maximum DC Blocking Voltage Minimum Breakdown Voltage Maximum Breakdown Voltage ( IR = 100 mA, Tc = 25C ) ( IR = 100 mA, Tc = 25C ) (1) (1)
SYMBOL
VRWM VR VBR(min) VBR(max) IF(AV)
VALUE
30 30 38 42 32
UNIT
V V V V A
Maximum Average Rectified Forward Current ( Single Phase, Resistive Load, 60 Hz, Tc = 150 C ) Maximum Repetitive Peak Reverse Surge Current ( Time Constant = 10 ms, Duty Cycle 1%, Tc = 25 C ) Maximum Instantaneous Forward Voltage (IF =100 A , Tc = 150 C) (1) Maximum Reverse Current ( VR = 30 V, Tc = 25 C ) Maximum Reverse Current ( VR = 30 V, Tc = 150 C ) Typical Thermal Resistance Junction to Case Junction Temperature Range Storage Temperature Range
Note : (1) Pulse Test : Pulse Width 300s, Duty Cycle 2%.
IRSM VF IR IR RJC TJ TSTG
77 1.1 1.0 500 0.8 - 65 to + 175 - 65 to + 175
A V A A C/W C C
Page 1 of 1
Rev. 02 : March 24, 2005


▲Up To Search▲   

 
Price & Availability of MR3230

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X