|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Monolithic crystal filter MQF10.7-0240/05 Application * 10 pol filter * i.f.- filter * use in mobile and stationary transceivers Limiting values Unit Value Center frequency Insertion loss Pass band at 6.0 dB Ripple in pass band Stop band attenuation Alternate attenuation fo fo fo fo fo 0.90 kHz 3.3 kHz 4 kHz 4 kHz...1MHz MHz dB kHz dB dB dB dB 10.7 6.0 1.20 2.0 75 > 90 > 90 Terminating impedance Z R1 || C1 R2 || C2 Ohm/pF Ohm/pF 500 || 20 500 || 20 Operating temp. range C -20... +70 Characterstics Pass band MQF10.7-0240/05 Stop band Pin connections: 1 2 3 4 TELE FILTER tft GmbH Input Input-E Output Output-E 04.05.99 Potsdamer Str. 18 D- 14513 Teltow ! 03328-4784-10 |
Price & Availability of MQF107-0240-05 |