Part Number Hot Search : 
AK46311 B1375 LC758 8F400 S15025D 1N591 72028 2220A
Product Description
Full Text Search
 

To Download MPZ1005S600C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (1/2)
Chip Beads(SMD) For Power Line
MPZ Series MPZ1005 Type
FEATURES * TDK has manufactured MPZ1005 type as EMI countermeasure product for power line. * This type is the best for energy-saving in the low DC resistance. * No cross talk with closed magnetic circuit structural design. * It is a product conforming to RoHS directive. APPLICATIONS USB, cellular phones, HDDs, CD-ROMs, DVDs, DSCs, LCD panels, etc. PRODUCT IDENTIFICATION MPZ 1005 S 121 C T (1) (2) (3) (4) (5) (6) (1) Series name (2) Dimensions Lx W (3) Material code (4) Nominal impedance [at 100MHz] (5) Characteristic type (6) Packaging style T:Taping(reel) RECOMMENDED SOLDERING CONDITION REFLOW SOLDERING
Conformity to RoHS Directive
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
10.05 0.50.05 0.5 0.1min. 0.50.05 0.45 0.5 0.45 Weight: 1mg Dimensions in mm
TEMPERATURE RANGES
Operating/storage -40 to +85C
PACKAGING STYLE AND QUANTITIES
Packaging style Taping Quantity 10000 pieces/reel
10s max. 250 to 260C 230C Natural cooling
180C 150C Preheating 60 to 120s Time(s) Soldering 30 to 60s
HANDLING AND PRECAUTIONS * Before soldering, be sure to preheat components. The preheating temperature should be set so that the temperature difference between the solder temperature and product temperature does not exceed 150C. * After mounting components onto the printed circuit board, do not apply stress through board bending or mishandling. * The inductance value may change due to magnetic saturation if the current exceeds the rated maximum. * Do not expose the inductors to stray magnetic fields. * Avoid static electricity discharge during handling. * When hand soldering, apply the soldering iron to the printed circuit board only. Temperature of the iron tip should not exceed 350C. Soldering time should not exceed 3 seconds.
ELECTRICAL CHARACTERISTICS
Part No. MPZ1005S100C MPZ1005S300C MPZ1005S600C MPZ1005S121C
Impedance ()[100MHz] 105 3010 6025% 12025%
DC resistance ()max. 0.045 0.050 0.075 0.090
Rated current (A)max. 2.0 1.7 1.5 1.2
Test equipment: E4991A or equivalent Test tool: 16192A or equivalent
* Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications. * Please contact our Sales office when your application are considered the following: The device's failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)
* All specifications are subject to change without notice. 001-05 / 20061022 / e9413_mpz1005.fm
(2/2)
TYPICAL ELECTRICAL CHARACTERISTICS Z, X, R vs. FREQUENCY CHARACTERISTICS MPZ1005S100C MPZ1005S300C
20 18 16 14 12 10 8 6 4 2 0 60 50 Impedance () Z R 40 30 20 10 10000 0 1 10 X 100 1000 Frequency (MHz) 10000 Z R
MPZ1005S600C
100 90 80 70 60 50 40 30 20 10 0
Impedance ()
Impedance ()
Z
R
X 1 10 100 1000 Frequency (MHz)
X 1 10 100 1000 Frequency (MHz) 10000
MPZ1005S121C
200 180 160 140 120 100 80 60 40 20 0
Impedance ()
Z R X
1
10
100 1000 Frequency (MHz)
10000
PACKAGING STYLES REEL DIMENSIONS
TAPE DIMENSIONS
Sprocket hole 1.5 +0.1 -0.0 Cavity 1.750.1 300min. Dimensions in mm 1.150.1 3.50.05 8.00.3 0.8max. 0.650.1 4.00.1 2.00.05 2.00.05 160min. Taping 200min.
1.0
2.00.5 o130.5 o210.8 o1782.0
9.00.3 13.01.4
o602.0 Dimensions in mm
Drawing direction
* All specifications are subject to change without notice. 001-05 / 20061022 / e9413_mpz1005.fm


▲Up To Search▲   

 
Price & Availability of MPZ1005S600C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X