Part Number Hot Search : 
78DL09P KBP005 F060214 R1B05F0 SMAW250 SN8P1700 SM5102 NCE8205
Product Description
Full Text Search
 

To Download MPX2200GVP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Freescale Semiconductor Technical Data
MPX2200 Rev 11, 12/2006
200 kPa On-Chip Temperature Compensated & Calibrated Pressure Sensors
The MPX2200 series device is a silicon piezoresistive pressure sensor providing a highly accurate and linear voltage output - directly proportional to the applied pressure. The sensor is a single monolithic silicon diaphragm with the strain gauge and a thin-film resistor network integrated on-chip. The chip is laser trimmed for precise span and offset calibration and temperature compensation. They are designed for use in applications such as pump/motor controllers, robotics, level indicators, medical diagnostics, pressure switching, barometers, altimeters, etc. Features * * * * Temperature Compensated Over 0C to +85C 0.25% Linearity (MPX2200D) Easy-to-Use Chip Carrier Package Options Available in Absolute, Differential and Gauge Configurations
MPX2200 SERIES
0 TO 200 kPA (0 TO 29 psi) 40 mV FULL SCALE SPAN (TYPICAL)
UNIBODY PACKAGES
MPX2200A/D CASE 344-15
Typical Applications * * * * * * * Pump/Motor Controllers Robotics Level Indicators Medical Diagnostics Pressure Switching Barometers Altimeters
MPX2200AP/GP CASE 344B-01
ORDERING INFORMATION(1)
Device Type Basic Element Options Absolute, Differential Case No. 344 344C 344B 344D MPX Series Order Number MPX2200A MPX2200D MPX2200DP MPX2200AP MPX2200GP MPX2200GVP Device Marking MPX2200A MPX2200D MPX2200DP MPX2200AP MPX2200GP MPX2200GVP MPX2200GVP CASE 344D-01 MPX2200DP CASE 344C-01
Ported Differential Elements Absolute, Gauge Gauge, Vacuum
1. MPX2200 series pressure sensors are available in absolute, differential and gauge configurations. Devicesare available in the basic element package or with pressure port fittings which provide printed circuit board mounting ease and barbed hose pressure connections.
PIN NUMBER
1 2 GND1 +VOUT 3 4 VS -VOUT
1. Pin 1 in noted by the notch in the lead.
(c) Freescale Semiconductor, Inc., 2006. All rights reserved.
VS 3 Thin Film Temperature Compensation and Calibration Circuitry 1 GND 2 4
Sensing Element
+VOUT -VOUT
Figure 1. Temperature Compensation Pressure Sensor Schematic
VOLTAGE OUTPUT VS. APPLIED DIFFERENTIAL PRESSURE
The differential voltage output of the sensor is directly proportional to the differential pressure applied. The absolute sensor has a built-in reference vacuum. The output voltage will decrease as vacuum, relative to ambient, is drawn on the pressure (P1) side. The output voltage of the differential or gauge sensor increases with increasing pressure applied to the pressure Table 1. Maximum Ratings(1)
Rating Maximum Pressure (P1 > P2) Storage Temperature Operating Temperature Symbol PMAX TSTG TA Value 800 -40 to +125 -40 to +125 Unit kPa C C
(P1) side relative to the vacuum (P2) side. Similarly, output voltage increases as increasing vacuum is applied to the vacuum (P2) side relative to the pressure (P1) side. Figure 1 illustrates a block diagram of the internal circuitry on the stand-alone pressure sensor chip.
1. Exposure beyond the specified limits may cause permanent damage or degradation to the device.
MPX2200 2 Sensors Freescale Semiconductor
Table 2. Operating Characteristics (VS = 10 VDC, TA = 25C unless otherwise noted, P1 > P2)
Characteristic Differential Pressure Range Supply Voltage(2) Supply Current Full Scale Span(3) Offset(4) Sensitivity Linearity
(5) (1)
Symbol POP VS IO VFSS VOFF V/ MPX2200D Series MPX2200A Series -- -- -- TCVFSS TCVOFF ZIN ZOUT tR -- --
Min 0 -- -- 38.5 -1.0 -- -0.25 -1.0 -- -- -1.0 -1.0 1300 1400 -- -- --
Typ -- 10 6.0 40 -- 0.2 -- -- 0.1 0.5 -- -- -- -- 1.0 20 0.5
Max 200 16 -- 41.5 1.0 -- 0.25 1.0 -- -- 1.0 1.0 2500 3000 -- -- --
Units kPa VDC mAdc mV mV mV/kPa %VFSSl %VFSS %VFSS %VFSS mV W W ms ms %VFSS
Pressure Hysteresis(5)(0 to 200 kPa) Temperature Hysteresis(5)(- 40C to +125C) Temperature Coefficient of Full Scale Span(5) Temperature Coefficient of Offset(5) Input Impedance Output Impedance Response Time(6) (10% to 90%) Warm-Up Time Offset Stability(7) 1. 1.0 kPa (kiloPascal) equals 0.145 psi.
2. Device is ratiometric within this specified excitation range. Operating the device above the specified excitation range may induce additional error due to device self-heating. 3. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the minimum related pressure. 4. Offset (VOFF) is defined as the output voltage at the minimum rated pressure. 5. Accuracy (error budget) consists of the following: * Linearity: * * * * Output deviation from a straight line relationship with pressure, using end point method, over the specified pressure range. Temperature Hysteresis:Output deviation at any temperature within the operating temperature range, after the temperature is cycled to and from the minimum or maximum operating temperature points, with zero differential pressure applied. Pressure Hysteresis: Output deviation at any pressure with the specified range, when this pressure is cycled to and from the minimum or maximum rated pressure at 25C. TcSpan: Output deviation at full rated pressure over the temperature range of 0 to 85C, relative to 25C. TcOffset: Output deviation with minimum rated pressure applied, over the temperature range of 0 to 85C, relative to 25C.
6. Response Time is defined as the time form the incremental change in the output to go from 10% to 90% of its final value when subjected to a specified step change in pressure. 7. Offset stability is the product's output deviation when subjected to 1000 hours of Pulsed Pressure, Temperature Cycling with Bias Test.
MPX2200 Sensors Freescale Semiconductor 3
LINEARITY Linearity refers to how well a transducer's output follows the equation: VOUT = VOFF + sensitivity x P over the operating pressure range. There are two basic methods for calculating nonlinearity: (1) end point straight line fit (see Figure 2) or (2) a least squares best line fit. While a least squares fit gives the
"best case" linearity error (lower numerical value), the calculations required are burdensome. Conversely, an end point fit will give the "worst case" error (often more desirable in error budget calculations) and the calculations are more straightforward for the user. Freescale's specified pressure sensor linearities are based on the end point straight line method measured at the midrange pressure.
Least Squares Fit Exaggerated Performance Curve Relative Voltage Output Least Square Deviation
Straight Line Deviation
End Point Straight Line Fit
Offset 0 50 Pressure (% Fullscale) 100
Figure 2. Linearity Specification Comparison
ON-CHIP TEMPERATURE COMPENSATION AND CALIBRATION
Figure 3 shows the output characteristics of the MPX2102/ MPXV2102G series at 25C. The output is directly proportional to the differential pressure and is essentially a straight line. The effects of temperature on Full Scale Span and Offset are very small and are shown under Operating Characteristics.
40 35 30 25 Output (mVDC) 20 15 10 5 0 kPa PSI -5 0
VS = 10 VDCTA = 25C P1 > P2
TYP Span Range (TYP) MIN
MAX
25
50 7.25
75
100 125 14.5 Pressure
150 21.75
175
200 29
Offset (TYP)
Figure 3. Output vs. Pressure Differential
MPX2200 4 Sensors Freescale Semiconductor
Silicone Gel Die Coat Wire Bond
Differential/Gauge Die P1
Stainless Steel Metal Cover Epoxy Case
Silicone Gel Die Coat Wire Bond
Absolute Die P1
Stainless Steel Metal Cover Epoxy Case
Lead Frame
Differential/Gauge Element P2
Bond Die
Lead Frame
Absolute Element P2
Die Bond
Figure 4. Cross Sectional Diagrams (Not to Scale) Figure 4 illustrates an absolute sensing die (right) and the differential or gauge die in the basic chip carrier (Case 344). A silicone gel isolates the die surface and wire bonds from the environment, while allowing the pressure signal to be transmitted to the silicon diaphragm. The MPX2200 series pressure sensor operating characteristics and internal reliability and qualification tests are based on use of dry air as the pressure media. Media other than dry air may have adverse effects on sensor performance and long term reliability. Contact the factory for information regarding media compatibility in your application.
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Freescale designates the two sides of the pressure sensor as the Pressure (P1) side and the Vacuum (P2) side. The Pressure (P1) side is the side containing the silicone gel which isolates the die from the environment. The differential or gauge sensor is designed to operate with positive differential pressure applied, P1 > P2. The absolute sensor is designed for vacuum applied to P1 side. The Pressure (P1) side may be identified by using Figure 3. Table 3. Pressure (P1) Side Delineation
Part Number MPX2200A/D MPX2200DP MPX2200AP/GP MPX2200GVP Case Type 344 344C 344B 344D Pressure (P1) Side Identifier Stainless Steep Cap Side with Part Marking Side with Port Attached Stainless Steep Cap
MPX2200 Sensors Freescale Semiconductor 5
PACKAGE DIMENSIONS
C R M
1
B
-AN
PIN 1
1234
2
3
4
Z
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION -A- IS INCLUSIVE OF THE MOLD STOP RING. MOLD STOP RING NOT TO EXCEED 16.00 (0.630).
DIM A B C D F G J L M N R Y Z INCHES MILLIMETERS MIN MAX MIN MAX 0.595 0.630 15.11 16.00 0.514 0.534 13.06 13.56 0.200 0.220 5.08 5.59 0.016 0.020 0.41 0.51 0.048 0.064 1.22 1.63 0.100 BSC 2.54 BSC 0.014 0.016 0.36 0.40 0.695 0.725 17.65 18.42 30 NOM 30 NOM 0.475 0.495 12.07 12.57 0.430 0.450 10.92 11.43 0.048 0.052 1.22 1.32 0.106 0.118 2.68 3.00
L
-TJ
SEATING PLANE
G
M
F Y
F D 4 PL 0.136 (0.005)
TA
M
DAMBAR TRIM ZONE: THIS IS INCLUDED WITHIN DIM. "F" 8 PL
STYLE 1: PIN 1. 2. 3. 4.
GROUND + OUTPUT + SUPPLY - OUTPUT
STYLE 2: PIN 1. 2. 3. 4.
VCC - SUPPLY + SUPPLY GROUND
STYLE 3: PIN 1. 2. 3. 4.
GND -VOUT VS +VOUT
CASE 344-15 ISSUE AA UNIBODY PACKAGE
SEATING PLANE
-TR H N
PORT #1 POSITIVE PRESSURE (P1)
-AU L
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
DIM A B C D F G H J K L N P Q R S U INCHES MILLIMETERS MIN MAX MIN MAX 1.145 1.175 29.08 29.85 0.685 0.715 17.40 18.16 0.305 0.325 7.75 8.26 0.016 0.020 0.41 0.51 0.048 0.064 1.22 1.63 0.100 BSC 2.54 BSC 0.182 0.194 4.62 4.93 0.014 0.016 0.36 0.41 0.695 0.725 17.65 18.42 0.290 0.300 7.37 7.62 0.420 0.440 10.67 11.18 0.153 0.159 3.89 4.04 0.153 0.159 3.89 4.04 0.230 0.250 5.84 6.35 0.220 0.240 5.59 6.10 0.910 BSC 23.11 BSC
-Q-
B
12 34
PIN 1
K
S
-P0.25 (0.010) J C
M
TQ
S
F G D 4 PL 0.13 (0.005)
M
TS
S
Q
S
STYLE 1: PIN 1. GROUND 2. + OUTPUT 3. + SUPPLY 4. - OUTPUT
CASE 344B-01 ISSUE B UNIBODY PACKAGE
MPX2200 6 Sensors Freescale Semiconductor
PACKAGE DIMENSIONS
V R
PORT #2 PORT #1
-AU W H N
PORT #2 VACUUM (P2)
L
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
DIM A B C D F G H J K L N P Q R S U V W INCHES MILLIMETERS MIN MAX MIN MAX 1.145 1.175 29.08 29.85 0.685 0.715 17.40 18.16 0.405 0.435 10.29 11.05 0.016 0.020 0.41 0.51 0.048 0.064 1.22 1.63 0.100 BSC 2.54 BSC 0.182 0.194 4.62 4.93 0.014 0.016 0.36 0.41 0.695 0.725 17.65 18.42 0.290 0.300 7.37 7.62 0.420 0.440 10.67 11.18 0.153 0.159 3.89 4.04 0.153 0.159 3.89 4.04 0.063 0.083 1.60 2.11 0.220 0.240 5.59 6.10 0.910 BSC 23.11 BSC 0.248 0.278 6.30 7.06 0.310 0.330 7.87 8.38
PORT #1 POSITIVE PRESSURE (P1)
-QSEATING PLANE
B
SEATING PLANE
PIN 1
1234
-P-TJ C -T0.25 (0.010)
M
K S
TQ
S
F G D 4 PL
0.13 (0.005)
M
TS
S
Q
S
STYLE 1: PIN 1. 2. 3. 4.
GROUND + OUTPUT + SUPPLY - OUTPUT
CASE 344C-01 ISSUE B UNIBODY PACKAGE
-AU -TR N -QSEATING PLANE PORT #2 VACUUM (P2)
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: INCH.
DIM A B C D F G H J K L N P Q R S U INCHES MILLIMETERS MIN MAX MIN MAX 1.145 1.175 29.08 29.85 0.685 0.715 17.40 18.16 0.305 0.325 7.75 8.26 0.016 0.020 0.41 0.51 0.048 0.064 1.22 1.63 0.100 BSC 2.54 BSC 0.182 0.194 4.62 4.93 0.014 0.016 0.36 0.41 0.695 0.725 17.65 18.42 0.290 0.300 7.37 7.62 0.420 0.440 10.67 11.18 0.153 0.159 3.89 4.04 0.153 0.158 3.89 4.04 0.230 0.250 5.84 6.35 0.220 0.240 5.59 6.10 0.910 BSC 23.11 BSC
L H
POSITIVE PRESSURE (P1)
B
12 34
K S
PIN 1
C J
-P0.25 (0.010)
M
F TQ
S
G D
4 PL
0.13 (0.005)
M
TS
S
Q
S
STYLE 1: PIN 1. 2. 3. 4.
GROUND + OUTPUT + SUPPLY - OUTPUT
CASE 344D-01 ISSUE B UNIBODY PACKAGE
MPX2200 Sensors Freescale Semiconductor 7
How to Reach Us:
Home Page: www.freescale.com Web Support: http://www.freescale.com/support USA/Europe or Locations Not Listed: Freescale Semiconductor, Inc. Technical Information Center, EL516 2100 East Elliot Road Tempe, Arizona 85284 +1-800-521-6274 or +1-480-768-2130 www.freescale.com/support Europe, Middle East, and Africa: Freescale Halbleiter Deutschland GmbH Technical Information Center Schatzbogen 7 81829 Muenchen, Germany +44 1296 380 456 (English) +46 8 52200080 (English) +49 89 92103 559 (German) +33 1 69 35 48 48 (French) www.freescale.com/support Japan: Freescale Semiconductor Japan Ltd. Headquarters ARCO Tower 15F 1-8-1, Shimo-Meguro, Meguro-ku, Tokyo 153-0064 Japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com Asia/Pacific: Freescale Semiconductor Hong Kong Ltd. Technical Information Center 2 Dai King Street Tai Po Industrial Estate Tai Po, N.T., Hong Kong +800 2666 8080 support.asia@freescale.com For Literature Requests Only: Freescale Semiconductor Literature Distribution Center P.O. Box 5405 Denver, Colorado 80217 1-800-441-2447 or 303-675-2140 Fax: 303-675-2150 LDCForFreescaleSemiconductor@hibbertgroup.com
Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters that may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals", must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part. FreescaleTM and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. (c) Freescale Semiconductor, Inc. 2006. All rights reserved.
MPX2200 Rev. 11 12/2006


▲Up To Search▲   

 
Price & Availability of MPX2200GVP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X