Part Number Hot Search : 
2SD16 2SK1290 IA4805 2N6487 PA2755NL ZL10355 CWST6120 PS9634
Product Description
Full Text Search
 

To Download MPSA55 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
AUDIO FREQUENCY AMPLIFIER APPLICATIONS.
B
MPSA55
EPITAXIAL PLANAR PNP TRANSISTOR
C
FEATURES
Driver Stage Application of 20 to 25 Watts Amplifiers.
N K D E G
A
Complementary to MPSA05.
MAXIMUM RATING (Ta=25
CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Emitter Current Collector Power Dissipation Junction Temperature Storage Temperature
)
SYMBOL VCBO VCEO VEBO IC IE PC Tj Tstg RATING -60 -60 -5 -500 500 625 150 -55 150 UNIT
F
H
F
V
L
V V mA mA mW
1
2
3
M
C
DIM A B C D E F G H J K L M N
MILLIMETERS 4.70 MAX 4.80 MAX 3.70 MAX 0.45 1.00 1.27 0.85 0.45 _ 14.00 + 0.50 0.55 MAX 2.30 0.45 MAX 1.00
J
1. EMITTER 2. BASE 3. COLLECTOR
TO-92
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Collector Cut-off Current Emitter Cut-off Current Collector-Emitter Breakdown Voltage DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Voltage Transition Frequency Collector Output Capacitance
)
TEST CONDITION VCB=-60V, IE=0 VCE=-60V, IB=0 IC=-5mA, IB=0 VCE=-1V, IC=-10mA VCE=-1V, IC=-100mA IC=-100mA, IB=-10mA VCE=-1V, IC=-100mA VCE=-1V, IC=-100mA VCB=-10V, IE=0, f=1MHz MIN. -60 100 100 50 TYP. 14 MAX. -100 -100 -0.25 -1.2 V V MHz pF UNIT nA nA V ICBO ICEO
SYMBOL
V(BR)CEO hFE(1) hFE(2) VCE(sat) VBE fT Cob
1998. 1. 9
Revision No : 2
1/1


▲Up To Search▲   

 
Price & Availability of MPSA55

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X