Part Number Hot Search : 
ORD221 ZUR53W U4065B FN4782 MAX354 PT1204 NCV4276 CD3022B
Product Description
Full Text Search
 

To Download MPSA4302 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MPSA43
MPSA43
NPN High Voltage Amplifier
* This device is designed for application as a video output to drive color CRT and other high voltage applications. * Sourced from process 48. * See MPSA42 for characteristics. TO-92
1
1. Emitter 2. Base 3. Collector
Absolute Maximum Ratings * TA=25C unless otherwise noted
Symbol VCES VCBO VEBO IC TJ, TSTG Parameter Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous Operating and Storage Junction Temperature Range Value 200 200 6.0 200 -55 ~ +150 Units V V V mA C
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired. NOTES: 1. These ratings are based on a maximum junction temperature of 150 degrees C. 2. These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Electrical Characteristics TA=25C unless otherwise noted
Symbol Off Characteristics V(BR)CEO V(BR)CBO V(BR)EBO ICBO IEBO hFE Parameter Test Condition IC = 1.0mA, IB = 0 IC = 100A, IE = 0 IC = 100A, IC = 0 VCB = 160V, IE = 0 VEB = 4.0V, IC = 0 IC = 1.0mA, VCE = 10V IC = 10mA, VCE = 10V IC = 30mA, VCE = 10V IC = 20mA, IB = 2.0mA IC = 20mA, IB = 2.0mA IC = 10mA, VCE = 20V, f = 100MHz VCB = 20V, IE = 0, f = 1.0MHz 50 4.0 25 40 50 Min. 200 200 6.0 0.1 0.1 Max. Units V V V A A Collector-Emitter Breakdown Voltage * Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain
On Characteristics *
200 0.4 0.9 V V MHz pF
VCE(sat) VBE(sat) fT Ccb
Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Current Gain Dandwidth Product Collector-Base Capacitance
Small Signal Characteristics *
* Pulse Test: Pulse Width 300s, Duty Cycle 2.0%
Thermal Characteristics TA=25C unless otherwise noted
Symbol PD RJC RJA Parameter Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient Max. 625 5.0 83.3 200 Units mW mW/C C/W C/W
(c)2002 Fairchild Semiconductor Corporation
Rev. B, November 2002
MPSA43
Package Dimensions
TO-92
4.58 -0.15
+0.25
0.46
14.47 0.40
0.10
4.58 0.20
1.27TYP [1.27 0.20] 3.60
0.20
1.27TYP [1.27 0.20]
0.38 -0.05
+0.10
3.86MAX
1.02 0.10
0.38 -0.05
+0.10
(R2.29)
(0.25)
Dimensions in Millimeters
(c)2002 Fairchild Semiconductor Corporation Rev. B, November 2002
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FACTTM ActiveArrayTM FACT Quiet seriesTM BottomlessTM FAST(R) FASTrTM CoolFETTM CROSSVOLTTM FRFETTM GlobalOptoisolatorTM DOMETM EcoSPARKTM GTOTM E2CMOSTM HiSeCTM EnSignaTM I2CTM Across the board. Around the world.TM The Power FranchiseTM Programmable Active DroopTM DISCLAIMER
ImpliedDisconnectTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM
PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SILENT SWITCHER(R) SMART STARTTM
SPMTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET(R) VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2002 Fairchild Semiconductor Corporation
Rev. I1


▲Up To Search▲   

 
Price & Availability of MPSA4302

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X