Part Number Hot Search : 
SP5659KG 7808V 100LR HEATSINK NB7V586M LTC18 BTS611L SDA20
Product Description
Full Text Search
 

To Download MPSA18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MPSA18
Discrete POWER & Signal Technologies
MPSA18
C
BE
TO-92
NPN General Purpose Amplifier
This device is designed for low noise, high gain, applications at collector currents from 1 A to 50 mA. Sourced from Process 07. See 2N5088 for characteristics.
Absolute Maximum Ratings*
TA = 25C unless otherwise noted
Symbol
VCEO VCBO VEBO IC TJ, Tstg Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage
Parameter
Value
45 45 6.5 100 -55 to +150
Units
V V V mA C
Collector Current - Continuous Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJC RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient
Max
MPSA18 625 5.0 83.3 200
Units
mW mW/C C/W C/W
(c) 1997 Fairchild Semiconductor Corporation
MPSA18
NPN General Purpose Amplifier
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO I CBO Collector-Emitter Breakdown Voltage* Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current IC = 10 mA, IB = 0 IC = 100 A, I E = 0 IE = 10 A, IC = 0 VCB = 30 V, IE = 0 45 45 6.5 50 V V V nA
ON CHARACTERISTICS*
hFE DC Current Gain VCE = 5.0 V, IC = 10 A VCE = 5.0 V, IC = 100 A VCE = 5.0 V, IC = 1.0 mA VCE = 5.0 V, IC = 10 mA I C = 10 mA, I B = 0.5 mA I C = 50 mA, I B = 5.0 mA VCE = 5.0 V, IC = 1.0 mA 400 500 500 500
VCE(sat) VBE(on)
Collector-Emitter Saturation Voltage Base-Emitter On Voltage
1500 0.2 0.3 0.7
V V V
SMALL SIGNAL CHARACTERISTICS
Ccb Ceb fT NF Collector-Base Capacitance Emitter-Base Capacitance Current Gain - Bandwidth Product Noise Figure VCB = 5.0 V, f = 1.0 MHz VEB = 0.5 V, f = 1.0 MHz IC = 1.0 mA, VCE = 5.0 V, f = 100 MHz VCE = 5.0 V, I C = 100 A, RS = 10 k, f = 1.0 kHz, 100 1.5 3.0 6.5 pF pF MHz dB
*Pulse Test: Pulse Width 300
s, Duty Cycle 2.0%


▲Up To Search▲   

 
Price & Availability of MPSA18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X