Part Number Hot Search : 
APTGF 6042004 P6KE12 03994002 19NC60 10125 101MCL 9840KS
Product Description
Full Text Search
 

To Download MPSA1305 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MPSA13 NPN Darlington Transistor
February 2005
MPSA13
NPN Darlington Transistor
* This device is designed for applications requiring extremely high Current gain at collector Currents to 1.0A. * Sourced from process 05. * See MPSA14 for characteristics.
1
TO-92
1. Emitter 2. Base 3. Collector
Absolute Maximum Ratings
Symbol
VCES VCBO VEBO IC TJ, TSTG Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current
Ta = 25C unless otherwise noted
Parameter
Value
30 30 10
Units
V V V A C
- Continuous
1.2 -55 to +150
Operating and Storage Junction Temperature Range
Electrical Characteristics Ta=25C unless otherwise noted
Symbol
Off Characteristics V(BR)CES ICBO IEBO hFE VCE (sat) VBE (on) fT Collector-Emitter Breakdown Voltage Collector-Cutoff Current Emitter-Cutoff Current IC = 100A, IB = 0 VCB = 30V, IE = 0 VEB = 10V, IC = 0 VCE = 5.0V, IC =10mA VCE = 5.0, IC = 100mA IC = 100mA, IB = 0.1mA IC = 100mA,VCE = 5.0V IC = 10mA, VCE = 10V, f = 100MHz 125 5,000 10,000 1.5 2.0 V V 30 100 100 V nA nA
Parameter
Test Condition
Min.
Max.
Units
On Characteristics * DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter On Voltage
Small Signal Characteristics Current Gain Bandwidth Product pF
* Pulse Test: Pulse Width300s, Duty Cycle2%
(c)2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
MPSA13 Rev. B
MPSA13 NPN Darlington Transistor
Thermal Characteristics Ta=25C unless otherwise noted
Symbol
PD RJC RJA
Parameter
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient
Max.
625 5.0 83.3 200
Units
mW mW/C C/W C/W
* Device mounted on FR-4PCB 1.6" x 1.6" x 0.06".
2 MPSA13 Rev. B
www.fairchildsemi.com
MPSA13 NPN Darlington Transistor
Mechanical Dimensions
TO-92
4.58 -0.15
+0.25
0.46
14.47 0.40
0.10
4.58 0.20
1.27TYP [1.27 0.20] 3.60
0.20
1.27TYP [1.27 0.20]
0.38 -0.05
+0.10
3.86MAX
1.02 0.10
0.38 -0.05
+0.10
(R2.29)
(0.25)
Dimensions in Millimeters
3 MPSA13 Rev. B
www.fairchildsemi.com
MPSA13 NPN Darlington Transistor
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM
ActiveArrayTM BottomlessTM CoolFETTM CROSSVOLTTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
FAST(R) FASTrTM FPSTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM I2CTM i-LoTM ImpliedDisconnectTM
Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM
IntelliMAXTM ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM
POPTM Power247TM PowerEdgeTM PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM SILENT SWITCHER(R) SMART STARTTM
SPMTM StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHCTM UltraFET(R) UniFETTM VCXTM
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
Rev. I15
4 MPSA13 Rev. B
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of MPSA1305

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X