Part Number Hot Search : 
C5196 110A2 APA3010 UBA2070P 74279252 XXXBA CM3602 27N60
Product Description
Full Text Search
 

To Download MPSA0506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (NPN) MPSA05, MPSA06*, (PNP) MPSA55, MPSA56*
*Preferred Devices
Amplifier Transistors
Voltage and Current are Negative for PNP Transistors
http://onsemi.com Features
NPN COLLECTOR 3 2 BASE 1 EMITTER STYLE 1 MPSA05, MPSA06 2 BASE 1 EMITTER STYLE 1 MPSA55, MPSA56 PNP COLLECTOR 3
* Pb-Free Packages are Available*
MAXIMUM RATINGS
Rating Collector -Emitter Voltage MPSA05, MPSA55 MPSA06, MPSA56 Collector -Base Voltage MPSA05, MPSA55 MPSA06, MPSA56 Emitter -Base Voltage Collector Current - Continuous Total Device Dissipation @ TA = 25C Derate above 25C Total Device Dissipation @ TC = 25C Derate above 25C Operating and Storage Junction Temperature Range Symbol VCEO 60 80 VCBO 60 80 VEBO IC PD PD TJ, Tstg 4.0 500 625 5.0 1.5 12 -55 to +150 Vdc mAdc W mW/C W mW/C C Vdc Value Unit Vdc
1 2 3
TO-92 CASE 29-11 STYLE 1
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction-to-Ambient (Note 1) Thermal Resistance, Junction-to-Case Symbol RqJA RqJC Max 200 83.3 Unit C/W C/W
MARKING DIAGRAM
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. 1. RqJA is measured with the device soldered into a typical printed circuit board.
MPS Axx AYWW G G
MPSAxx = Device Code xx = 05, 06, 55 or 56 A = Assembly Location Y = Year WW = Work Week G = Pb-Free Package (Note: Microdot may be in either location)
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 6 of this data sheet.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2006
Preferred devices are recommended choices for future use and best overall value.
1
January, 2006 - Rev. 2
Publication Order Number: MPSA05/D
(NPN) MPSA05, MPSA06*, (PNP) MPSA55, MPSA56*
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Collector -Emitter Breakdown Voltage (Note 2) (IC = 1.0 mAdc, IB = 0) Emitter -Base Breakdown Voltage (IE = 100 mAdc, IC = 0) Collector Cutoff Current (VCE = 60 Vdc, IB = 0) Collector Cutoff Current (VCB = 60 Vdc, IE = 0) (VCB = 80 Vdc, IE = 0) ON CHARACTERISTICS DC Current Gain (IC = 10 mAdc, VCE = 1.0 Vdc) (IC = 100 mAdc, VCE = 1.0 Vdc) Collector -Emitter Saturation Voltage (IC = 100 mAdc, IB = 10 mAdc) Base-Emitter On Voltage (IC = 100 mAdc, VCE = 1.0 Vdc) SMALL- SIGNAL CHARACTERISTICS Current -Gain - Bandwidth Product (Note 3) (IC = 10 mA, VCE = 2.0 V, f = 100 MHz) (IC = 100 mAdc, VCE = 1.0 Vdc, f = 100 MHz) 2. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2%. 3. fT is defined as the frequency at which |hfe| extrapolates to unity. fT MPSA05 MPSA06 MPSA55 MPSA56 100 50 - - MHz hFE 100 100 VCE(sat) VBE(on) - - - - 0.25 1.2 Vdc Vdc - MPSA05, MPSA55 MPSA06, MPSA56 V(BR)CEO MPSA05, MPSA55 MPSA06, MPSA56 V(BR)EBO ICES ICBO - - 0.1 0.1 60 80 4.0 - - - - 0.1 Vdc mAdc mAdc Vdc Symbol Min Max Unit
TURN-ON TIME -1.0 V VCC +40 V RL OUTPUT Vin 0 tr = 3.0 ns 5.0 mF 100 5.0 ms tr = 3.0 ns RB * CS t 6.0 pF Vin 5.0 mF
TURN-OFF TIME +VBB VCC +40 V 100 RB * CS t 6.0 pF 100 RL OUTPUT
5.0 ms +10 V
100
*Total Shunt Capacitance of Test Jig and Connectors For PNP Test Circuits, Reverse All Voltage Polarities
Figure 1. Switching Time Test Circuits
http://onsemi.com
2
(NPN) MPSA05, MPSA06*, (PNP) MPSA55, MPSA56*
NPN
f T , CURRENT-GAIN - BANDWIDTH PRODUCT (MHz) 300 200 VCE = 2.0 V TJ = 25C f T , CURRENT-GAIN - BANDWIDTH PRODUCT (MHz) 200 VCE = -2.0 V TJ = 25C
PNP
100 70 50
100 70 50 30
30 20 -2.0 -3.0
2.0
3.0
5.0 7.0 10
20
30
50
70 100
200
-5.0 -7.0 -10
-20 -30
-50 -70 -100
-200
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
Figure 2. MPSA05/06 Current-Gain -- Bandwidth Product
Figure 3. MPSA55/56 Current-Gain -- Bandwidth Product
80 60 40 C, CAPACITANCE (pF) Cibo 20 C, CAPACITANCE (pF) TJ = 25C
100 70 50 30 20 Cibo TJ = 25C
10 8.0 6.0 4.0 0.1 0.2 0.5 1.0 2.0 5.0 10 20 Cobo 50 100
10 7.0 5.0 -0.1 -0.2 -0.5 -1.0 -2.0 -5.0 -10 -20
Cobo
-50 -100
VR, REVERSE VOLTAGE (VOLTS)
VR, REVERSE VOLTAGE (VOLTS)
Figure 4. MPSA05/06 Capacitance
Figure 5. MPSA55/56 Capacitance
1.0 k 700 500 300 t, TIME (ns) 200 100 70 50 30 20 10 VCC = 40 V IC/IB = 10 IB1 = IB2 TJ = 25C 5.0 7.0 10
ts
1.0 k 700 500 300 t, TIME (ns) 200 100 70 50 30 20 500 VCC = -40 V IC/IB = 10 IB1 = IB2 TJ = 25C
ts
tf tr td @ VBE(off) = 0.5 V 20 30 50 70 100 200 300
tf
td @ VBE(off) = -0.5 V -20 -30 -50 -70 -100
tr -200 -300 -500
10 -5.0 -7.0 -10
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
Figure 6. MPSA05/06 Switching Time
Figure 7. MPSA55/56 Switching Time
http://onsemi.com
3
(NPN) MPSA05, MPSA06*, (PNP) MPSA55, MPSA56*
NPN
1.0 k 700 500 300 200 TA = 25C 100 70 50 30 20 10 1.0 2.0 TC = 25C 100 ms 1.0 ms 1.0 s -1.0 k -700 -500 -300 TC = 25C TA = 25C 1.0 s -200 -100 -70 -50 -30 -20 -10 -1.0
PNP
100 ms 1.0 ms
I C , COLLECTOR CURRENT (mA)
CURRENT LIMIT THERMAL LIMIT SECOND BREAKDOWN LIMIT MPSA05 3.0 5.0 7.0 10 MPSA06 20 30 50 70 100
I C , COLLECTOR CURRENT (mA)
CURRENT LIMIT THERMAL LIMIT SECOND BREAKDOWN LIMIT MPSA55 -2.0 -3.0 -5.0 -7.0 -10 MPSA56 -20 -30 -50 -70 -100
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
Figure 8. MPSA05/06 Active-Region Safe Operating Area
400 TJ = 125C VCE = 1.0 V h FE , DC CURRENT GAIN 200 25C -55C 100 80 60 40 h FE , DC CURRENT GAIN 200 400
Figure 9. MPSA55/56 Active-Region Safe Operating Area
TJ = 125C
VCE = -1.0 V
25C -55C
100 80 60
0.5
1.0
2.0 3.0 5.0
10
20 30
50
100
200 300 500
40 -0.5 -1.0 -2.0
-5.0 -10
-20
-50 -100 -200
-500
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
Figure 10. MPSA05/06 DC Current Gain
Figure 11. MPSA55/56 DC Current Gain
1.0
TJ = 25C VBE(sat) @ IC/IB = 10 V, VOLTAGE (VOLTS)
-1.0
TJ = 25C VBE(sat) @ IC/IB = 10
0.8 V, VOLTAGE (VOLTS)
-0.8
0.6
VBE(on) @ VCE = 1.0 V
-0.6
VBE(on) @ VCE = -1.0 V
0.4 0.2 VCE(sat) @ IC/IB = 10 0 0.5 1.0 2.0 5.0 10 20 50 100 200 500
-0.4 -0.2 VCE(sat) @ IC/IB = 10 0 -0.5 -1.0 -2.0 -5.0 -10 -20 -50 -100 -200 -500
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
Figure 12. MPSA05/06 "ON" Voltages
Figure 13. MPSA55/56 "ON" Voltages
http://onsemi.com
4
(NPN) MPSA05, MPSA06*, (PNP) MPSA55, MPSA56*
NPN
VCE , COLLECTOR-EMITTER VOLTAGE (VOLTS) VCE , COLLECTOR-EMITTER VOLTAGE (VOLTS) 1.0 TJ = 25C 0.8 IC = 50 mA 0.6 IC = 100 mA IC = 250 mA IC = 500 mA -1.0 TJ = 25C -0.8 IC = -50 mA IC = -100 mA IC = -250 mA IC = -500 mA
PNP
-0.6
0.4 0.2 0 IC = 10 mA
-0.4 -0.2 IC = -10 mA
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
0 -0.05 -0.1 -0.2
-0.5
-1.0
-2.0
-5.0
-10
-20
-50
IB, BASE CURRENT (mA)
IB, BASE CURRENT (mA)
Figure 14. MPSA05/06 Collector Saturation Region
Figure 15. MPSA55/56 Collector Saturation Region
R qVB , TEMPERATURE COEFFICIENT (mV/ C)
-1.2
R qVB , TEMPERATURE COEFFICIENT (mV/ C)
-0.8
-0.8
-1.2
-1.6 -2.0 RqVB for VBE
-1.6 -2.0 RqVB for VBE
-2.4 -2.8 0.5
-2.4 -2.8 -0.5 -1.0 -2.0
1.0
2.0
5.0
10
20
50
100
200
500
-5.0
-10
-20
-50
-100 -200
-500
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
Figure 16. MPSA05/06 Base-Emitter Temperature Coefficient
Figure 17. MPSA55/56 Base-Emitter Temperature Coefficient
r(t), NORMALIZED TRANSIENT THERMAL RESISTANCE
1.0 0.7 0.5 0.3 0.2 0.1 0.07 0.05 0.03 0.02 0.01
D = 0.5 0.2 0.1 0.05 SINGLE PULSE 0.02 0.01 P(pk) t1 SINGLE PULSE t2 DUTY CYCLE, D = t1/t2 1.0 2.0 5.0 10 20 50 100 200 t, TIME (ms) 500 1.0 k 2.0 k 5.0 k
ZqJC(t) = r(t) * RqJC TJ(pk) - TC = P(pk) ZqJC(t) ZqJA(t) = r(t) * RqJA TJ(pk) - TA = P(pk) ZqJA(t) D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT t1 (SEE AN469) 10 k 20 k 50 k 100 k
Figure 18. MPSA05, MPSA06, MPSA55 and MPSA56 Thermal Response http://onsemi.com
5
(NPN) MPSA05, MPSA06*, (PNP) MPSA55, MPSA56*
ORDERING INFORMATION
Device MPSA05 MPSA05G MPSA05RLRA MPSA05RLRAG MPSA05RLRM MPSA05RLRMG MPSA06 MPSA06G MPSA06RL1 MPSA06RL1G MPSA06RL MPSA06RLG MPSA06RLRA MPSA06RLRAG MPSA06RLRM MPSA06RLRMG MPSA06RLRP MPSA06RLRPG MPSA55 MPSA55G MPSA55RLRA MPSA55RLRAG MPSA56 MPSA56G MPSA56RLRA MPSA56RLRAG MPSA56RLRM MPSA56RLRMG MPSA56RLRP MPSA56RLRPG MPSA56ZL1 MPSA56ZL1G Package TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) TO-92 TO-92 (Pb-Free) Shipping 5,000 Units / Box 5,000 Units / Box 2,000 / Tape & Reel 2,000 / Tape & Reel 2,000 / Ammo Pack 2,000 / Ammo Pack 5,000 Units / Box 5,000 Units / Box 2,000 / Tape & Reel 2,000 / Tape & Reel 2,000 / Tape & Reel 2,000 / Tape & Reel 2,000 / Tape & Reel 2,000 / Tape & Reel 2,000 / Ammo Pack 2,000 / Ammo Pack 2,000 / Ammo Pack 2,000/Ammo Pack 5,000 Units / Box 5,000 Units / Box 2,000 / Tape & Reel 2,000 / Tape & Reel 5,000 Units / Box 5,000 Units / Box 2,000 / Tape & Reel 2,000 / Tape & Reel 2,000 / Ammo Pack 2,000 / Ammo Pack 2,000 / Ammo Pack 2,000 / Ammo Pack 2,000 / Ammo Pack 2,000 / Ammo Pack
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D.
http://onsemi.com
6
(NPN) MPSA05, MPSA06*, (PNP) MPSA55, MPSA56*
PACKAGE DIMENSIONS
TO-92 (TO-226) CASE 29-11 ISSUE AL
A R P L
SEATING PLANE
B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. CONTOUR OF PACKAGE BEYOND DIMENSION R IS UNCONTROLLED. 4. LEAD DIMENSION IS UNCONTROLLED IN P AND BEYOND DIMENSION K MINIMUM. DIM A B C D G H J K L N P R V INCHES MIN MAX 0.175 0.205 0.170 0.210 0.125 0.165 0.016 0.021 0.045 0.055 0.095 0.105 0.015 0.020 0.500 --- 0.250 --- 0.080 0.105 --- 0.100 0.115 --- 0.135 --- MILLIMETERS MIN MAX 4.45 5.20 4.32 5.33 3.18 4.19 0.407 0.533 1.15 1.39 2.42 2.66 0.39 0.50 12.70 --- 6.35 --- 2.04 2.66 --- 2.54 2.93 --- 3.43 ---
K
XX G H V
1
D J C SECTION X-X N N
STYLE 1: PIN 1. EMITTER 2. BASE 3. COLLECTOR
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
7
MPSA05/D


▲Up To Search▲   

 
Price & Availability of MPSA0506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X