Part Number Hot Search : 
AS4028 ANTX1 PE2023 ARF1501 171ED 03515 S6B1400X 1100P
Product Description
Full Text Search
 

To Download MPS6562 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MPS6562
Discrete POWER & Signal Technologies
MPS6562
C
BE
TO-92
PNP General Purpose Amplifier
This device is designed for use as general purpose amplifiers and switches requiring collector currents to 500 mA. Sourced from Process 67. See TN4033A for characteristics.
Absolute Maximum Ratings*
Symbol
VCEO VCBO VEBO IC TJ, Tstg Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous
TA = 25C unless otherwise noted
Parameter
Value
25 25 5.0 1.0 -55 to +150
Units
V V V A C
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJC RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient
Max
MPS6562 625 5.0 83.3 200
Units
mW mW/C C/W C/W
(c) 1997 Fairchild Semiconductor Corporation
MPS6562
PNP General Purpose Amplifier
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO ICBO ICEO IEBO Collector-Emitter Breakdown Voltage* Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Collector Cutoff Current Emitter Cutoff Current IC = 10 mA, IB = 0 IC = 100 A, I E = 0 IE = 100 A, IC = 0 VCB = 20 V, IE = 0 VCE = 25 V, IE = 0 VEB = 4.0 V, IC = 0 25 25 5.0 100 100 100 V V V nA nA nA
ON CHARACTERISTICS*
hFE DC Current Gain VCE = 1.0 V, IC = 10 mA VCE = 1.0 V, IC = 100 mA VCE = 1.0 V, IC = 500 mA IC = 500 mA, I B = 50 mA VCE = 1.0 V, IC = 500 mA 35 50 50 200 0.5 1.2
VCE(sat) VBE(on)
Collector-Emitter Saturation Voltage Base-Emitter On Voltage
V V
SMALL SIGNAL CHARACTERISTICS
Cob fT Output Capacitance Current Gain - Bandwidth product VCB = 10 V, f = 100 kHz IC = 10 mA, VCE = 10 V, f = 20 MHz 60 30 pF MHz
*Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%


▲Up To Search▲   

 
Price & Availability of MPS6562

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X