Part Number Hot Search : 
A72910 MMBT3906 66000 752C041 TA2151FN 40N06 LS353 MAX662
Product Description
Full Text Search
 

To Download MPR24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MPR24
Vishay BCcomponents
Ultra Precision Leaded Resistors
FEATURES
* Ultra high precision resistors * Ultra high stability * Ultra low temperature coefficient.
APPLICATIONS
* Test and measurement * Telecom.
DESCRIPTION
A homogeneous film of metal alloy is deposited on a high grade ceramic body. After a helical groove has been cut in the resistive layer, tinned connecting wires of electrolytic copper are welded to the end-caps. The resistors are coated with lacquer which provides electrical, mechanical, and climatic protection.
TECHNICAL SPECIFICATIONS
DESCRIPTION CECC size Resistance range Resistance tolerance Temperature coefficient Climatic category (LCT/UCT/days) Max. rated dissipation, P70 Operating voltage, Umax AC/DC Film temperature Max. resistance change for resistance range, R/R max., after: load climatic tests soldering short time overload Permissible voltage against ambient : 1 minute continuous Failure rate 500 V 75 V 0.3 x 10-9/h (0.05 % + 0.01 ) (0.05 % + 0.01 ) (0.01 % + 0.01 ) (0.01 % + 0.01 ) 125 C 0.05 %; 0.02 %; 0.01 % 55/125/56 0.125 W 250 V 155 C MPR24 B 4.99 to 1 M 0.5 %; 0.25 %; 0.1 % 55/155/56 0.25 W 25 ppm/K; 15 ppm/K; 10 ppm/K; 05 ppm/K
ORDERING INFORMATION - type description and ordering code
MPR24 TYPE TC 10 TEMPERATURE COEFFICIENT 05 ppm/K 10 ppm/K 15 ppm/K 25 ppm/K 0.1 % TOLERANCE 0.01 % 0.02 % 0.05 % 0.1 % 0.25 % 0.5 % 1000 UNITS PACKAGING Number of Units 47 K RESISTANCE VALUE See Temperature Coefficient and Resistance Range Table
Note: We recommend that the clear text ordering code is used to minimize the possibility of errors in order handling.
Document Number: 28727 Revision: 08-Mar-04
For technical questions contact: ff3cresistors@vishay.com
www.vishay.com 1
MPR24
Vishay BCcomponents
Ultra Precision Leaded Resistors
DIMENSIONS
L
D
I
I d
M
DIMENSIONS - leaded resistor types, mass and relevant physical dimensions
TYPE Dmax (mm) Lmax (mm) dnom (mm) Imin (mm) Mmin (mm) MASS (mg)
MPR 24
2.5
6.3
0.6
28.0
7.5
220
SCRIPT MARKING(1) TEMPERATURE COEFFICIENT AND TOLERANCE - printed resistance value and letter coding
RESISTANCE VALUE Clear text code for value TOL. (%) 0.5 0.25 0.1 0.05 0.02 0.01 LETTER CODE D C B A P T TC (ppm/K) 25 15 10 05 LETTER CODE E F B A -
Note 1. Resistors of T.C. 25 ppm/K in combination with tolerances 0.5 %, 0.25 % and 0.1 % are only available with colour coding in accordance with IEC 60062.
www.vishay.com 2
For technical questions contact: ff3cresistors@vishay.com
Document Number: 28727 Revision: 08-Mar-04
MPR24
Ultra Precision Leaded Resistors
Vishay BCcomponents
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
DESCRIPTION T.C.(1) TOLERANCE 0.5 % 0.25 % 0.1 % 25 ppm/K 0.05 % 0.02 % 0.01 % 0.5 % 0.25 % 0.1 % 15 ppm/K 0.05 % 0.02 % 0.01 % 0.5 % 0.25 % 0.1 % 10 ppm/K 0.05 % 0.02 % 0.01 % 0.5 % 0.25 % 0.1 % 05 ppm/K 0.05 % 0.02 % 0.01 % Notes 1. The temperature coefficient is specified over the temperature range + 20 C to + 70 C. 2. Resistance values to be selected from E192 series, for other values please contact the factory. 24 to 100 k 24 to 100 k 24 to 100 k 24 to 100 k 24 to 100 k 24 to 100 k 4.99 to 1 M 4.99 to 1 M 4.99 to 1 M 24 to 100 k 24 to 100 k 24 to 100 k 4.99 to 1 M 4.99 to 1 M 4.99 to 1 M 24 to 100 k 24 to 100 k 24 to 100 k 4.99 to 1 M 4.99 to 1 M 4.99 to 1 M RESISTANCE VALUE(2) MPR24 4.99 to 1 M 4.99 to 1 M 4.99 to 1 M
Document Number: 28727 Revision: 08-Mar-04
For technical questions contact: ff3cresistors@vishay.com
www.vishay.com 3
MPR24
Vishay BCcomponents
Ultra Precision Leaded Resistors
FUNCTIONAL PERFORMANCE
Power Dissipation P
0.5 %; 0.25 %; 0.1 % 0.05 %; 0.02 %; 0.01 %
0.2 W ** 0.1
0 -50 0 50 70 100
C
150
Ambient Temperature amb
Derating - Depending on Resistance Tolerances
TESTS AND REQUIREMENTS
Essentially all tests are carried out in accordance with the following specifications: EN 140000 / IEC 60115-1, Generic specification (includes tests) EN 140100 / IEC 60115-2, Sectional specification (includes schedule for qualification approval) CECC 40101-806, Detail specification (includes schedule for conformance inspection) Most of the components are approved in accordance with the European CECC-system, where applicable. The following table contains only the most important tests. For the full test schedule refer to the documents listed above. The testing also covers most of the requirements specified by EIA/IS-703 and JIS-C-5202. The tests are carried out in accordance with IEC 60 068 and under standard atmospheric conditions in accordance with IEC 60068-1, 5.3. Climatic category LCT/UCT/56 (rated temperature range: Lower Category Temperature, Upper Category Temperature; damp heat, long term, 56 days) is valid. Unless otherwise specified the following values apply: Temperature: 15 C to 35 C Relative humidity: 45 % to 75 % Air pressure: 86 kPa to 106 kPa (860 mbar to 1 060 mbar). For testing the components are mounted on a test board in accordance with IEC 60115-1, 4.31 unless otherwise specified. In the Test Procedures and Requirements table only the tests and requirements are listed with reference to the relevant clauses of IEC 60115-1 and IEC 60068-2; a short description of the test procedure is also given.
www.vishay.com 4
For technical questions contact: ff3cresistors@vishay.com
Document Number: 28727 Revision: 08-Mar-04
MPR24
Ultra Precision Leaded Resistors
Vishay BCcomponents
TEST PROCEDURES AND REQUIREMENTS
IEC 60115-1 CLAUSE IEC 60068-2 TEST METHOD TEST PROCEDURE REQUIREMENTS PERMISSIBLE CHANGE (R/R)
Stability for product types: MPR24 4.5 4.8.4.2 - - resistance temperature coefficient - at 20 / 70 / 20 C at 20 / LCT / 20 C and 20 / UCT / 20 C U = P 70 x R or U = Umax; 1.5 h on; 0.5 h off 70 C; 2000 h 4.24 78 (Cab) damp heat, steady state climatic sequence: 2 (Ba) 30 (Db) dry heat damp heat, cyclic cold low air pressure damp heat, cyclic short time overload rapid change of temperature component solvent resistance resistance to soldering heat 125 C; 16 h 55 C; 24 h; 90 to 100 % RH; 1 cycle -55 C; 2 h 8.5 kPa; 2 h; 15 to 35 C 55 C; 5 days; 95 to 100 % RH; 5 cycles room temperature; U = 2.5 x P 70 x R or U = 2 x Umax; 5 s 30 minutes at LCT and 30 minutes at UCT; 5 cycles isopropyl alcohol +23 C; toothbrush method unmounted components; (260 5) C; (10 1) s + 235 C; 2 s solder bath method 6 h; 10 to 2 000 Hz 1.5 mm or 196 m/s2 tensile, bending and torsion Urms = 100 V; 60 s IEC 60 195: R 100 k R > 100 k (0.05 % + 0.01 ) no visible damage (0.01 % + 0.01 ) no visible damage (0.01 % + 0.01 ) no visible damage marking legible; no visible damage (0.01 % + 0.01 ) no visible damage (40 2) C; 56 days; (93 3) % RH (0.05 % + 0.01 ) (0.05 % + 0.01 ) 24 to 100 k 0.5 %; 0.25 %; 0.1 %; 0.05 %; 0.02 %; 0.01 % 4.99 to < 24 ; > 100 k to 1 M 0.5 %; 0.25 %; 0.1 %
25 ppm/K; 15 ppm/K; 10 ppm/K; 05 ppm/K 25 ppm/K
4.25.1
-
endurance at 70 C
4.23 4.23.2 4.23.3
4.23.4 4.23.5 4.23.6
1 (Aa) 13 (M) 30 (Db)
4.13
-
4.19
14 (Na)
4.29
45 (XA)
4.18.2
20 (Tb)
4.17 4.22 4.16
20 (Ta) 6 (B4) 21 (Ua1) 21 (Ub) 21 (Uc) - -
solderability vibration robustness of terminations voltage proof noise
good tinning ( 95 % coverage); (0.01 % + 0.01 ); no visible damage (0.01 % + 0.01 ); no visible damage no flashover or breakdown max. 0.25 V/V max. 0.5 V/V www.vishay.com 5
4.7 4.12
Document Number: 28727 Revision: 08-Mar-04
For technical questions contact: ff3cresistors@vishay.com
MPR24
Ultra Precision Leaded Resistors
Vishay BCcomponents
ORDERING INFORMATION
Components may be ordered by using either a simple clear text ordering code, see "Type Description and Ordering Code" or Vishay BCcomponents' unique 12NC. Numeric Ordering Code (12NC) * The resistors have a 12-digit ordering code starting with 2322 14. * The subsequent 3 digits indicate the resistor type, specification and packaging; see the 12NC Ordering Code table. * The remaining 3 digits indicate the resistance value. The number is available upon request and is fixed by the supplier. Ordering Example The ordering code of an MPR24 resistor with tolerance of 0.02 % and TC 05 ppm/K, taped on bandolier in box of 100 units starts with 2322 141 77...; the last 3 digits are available upon request and are fixed by the supplier.
12NC ORDERING CODE - resistor type and packaging
DESCRIPTION TYPE T.C. TOL. 0.5 % 0.25 % 25 ppm/K 0.1 % 0.05 % 0.02 % 0.01 % 0.5 % 0.25 % 15 ppm/K 0.1 % 0.05 % 0.02 % MPR24 0.01 % 0.5 % 0.25 % 10 ppm/K 0.1 % 0.05 % 0.02 % 0.01 % 0.5 % 0.25 % 05 ppm/K 0.1 % 0.05 % 0.02 % 0.01 % ORDERING CODE 2322 14. ..... BANDOLIER IN BOX 100 units 1 00... 1 20... 1 40... 1 64... 1 74... 1 84... 1 05... 1 25... 1 45... 1 65... 1 75... 1 85... 1 06... 1 26... 1 46... 1 66... 1 76... 1 86... 1 07... 1 27... 1 47... 1 67... 1 77... 1 87... BANDOLIER IN BOX 1000 units 1 10... 1 30... 1 50... 3 64... 3 74... 3 84... 1 15... 1 35... 1 55... 3 65... 3 75... 3 85... 1 16... 1 36... 1 56... 3 66... 3 76... 3 86... 1 17... 1 37... 1 57... 3 67... 3 77... 3 87... BANDOLIER ON REEL 5000 units 3 10... 3 30... 3 50... - - - 3 15... 3 35... 3 55... - - - 3 16... 3 36... 3 56... - - - 3 17... 3 37... 3 57... - - -
Document Number: 28727 Revision: 08-Mar-04
For technical questions contact: ff3cresistors@vishay.com
www.vishay.com 6


▲Up To Search▲   

 
Price & Availability of MPR24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X