Part Number Hot Search : 
MM1381 16250 HER406G MP6801 2SD388 FQB9N25 ASI10713 MV5753A
Product Description
Full Text Search
 

To Download MPB80-3300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MPB80 SERIES
The MPB80 combines high density power and other standard features usually found in premium power systems. The low-profile package neatly fits 1U height constraints in an industry-standard 3" X 5" footprint. This Power Factor Corrected (PFC), multiple output product line features overvoltage and overcurrent protection. In addition to UL, CSA, and TUV, regulatory agency compliances include the CE Marking and harmonic compliance to EN61000-3-2.
FEATURES * Power Factor Correction (PFC) Meets EN61000-3-2 * Low-Profile Height Fits 1U Constraints * High 3.3V and 5V Current Capabilities Available * CE Marked to Low Voltage Directive * Autoranging AC Input, 85-264 VAC * Overvoltage Protection on the Main Output
SINGLE OUTPUT MODEL SELECTION CHART - UP TO 72W CONVECTION COOLED, UP TO 100W FORCED AIR COOLED (300 LFM)
MODEL OUTPUT VOLTAGE ADJUSTMENT RANGE CONVECTION COOLED OUTPUT CURRENT FORCED AIR OUTPUT CURRENT LINE REGULATION LOAD REGULATION RIPPLE & NOISE %p-p (NOTE 1) INITIAL SETTING ACCURACY
MPB80-1012 MPB80-1024 MPB80-1048
12V 24V 48V
11V to 13V 22V to 26V 46V to 50V
6A 3A 1.5A
8.4A 4.2A 2.1A
0.5% 0.5% 0.5%
1% 1% 1%
1% 1% 1%
11.94V to 12.06V 23.88V to 24.12V 47.76V to 48.24V
NOTES: 1) Maximum peak-to-peak noise, bandwidth limited to 20 MHz.
DUAL AND TRIPLE OUTPUT MODEL SELECTION CHART - UP TO 63W CONVECTION COOLED, UP TO 80W FORCED AIR COOLED (300 LFM)
MODEL OUTPUT VOLTAGE ADJUSTMENT RANGE CONVECTION COOLED CURRENT FORCED AIR CURRENT LINE REGULATION TOTAL REGULATION RIPPLE & NOISE mV (NOTE 1) INITIAL SETTING ACCURACY
MPB80-2000
MPB80-3000
MPB80-3300 (Note 2)
+5V +12V +5V +12V -12V +3.3V +5V +12V
4.7V to 5.8V Fixed 4.7V to 5.8V Fixed Fixed 3.0V to 3.9V 4.7V to 5.8V Fixed
11A/15A PK 0.5A/1A PK 7A/8.5A PK 2.5A/3A PK 0.3A/0.7A PK 7A/8.5A PK 3A/5A PK 0.4A/0.65A PK
15A 1A 8.5A 3A 0.7A 8.5A 5A 0.65A
0.8% 0.5% 0.5% 1.5% 0.5% 0.7% 0.5% 1.5%
-4%, +2% 5% -4%, +6% -7%, +13% 4% 2% 2% -15%, +17%
1% 1% 1% 1% 1% 1% 1% 1%
4.9V to 5.1V 11.5V to 12.5V 4.9V to 5.1V 11.5V to 12.5V -11.5V to -12.5V 3.27V to 3.33V 4.95V to 5.05V 10.2V to 14.0V
NOTES: 1) Maximum peak-to-peak noise, bandwidth limited to 20 MHz. 2) MPB80-3300 has overvoltage protection on +3.3V and +5V outputs.
NUCLEAR AND MEDICAL APPLICATIONS Power-One products are not authorized for use as critical components in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written consent of the President of Power-One, Inc. TECHNICAL REVISIONS The appearance of products, including safety agency certifications pictured on labels, may change depending on the date manufactured. Specifications are subject to change without notice.
Rev. 10/2000
1
MPB80 SERIES
INPUT SPECIFICATIONS
PARAMETER CONDITIONS/DESCRIPTION MIN NOM MAX UNITS
Input Voltage - AC Input Frequency Brown Out Protection Hold-Up Time Input Current
Input Protection Inrush Surge Current Operating Frequency
Autoranging AC input automatically adjusts, no manual strapping required. AC input. Lowest AC input voltage that regulation is maintained with full rated loads. After last AC line peak. Full load @ 120 VAC Full load @ 220 VAC Single Output Models, 120 VAC Single Output Models, 230 VAC Dual and Triple Output Models, 120 VAC Dual and Triple Output Models, 230 VAC Non-user serviceable internally located AC input line fuse. Internally limited by thermistor. Vin = 230 VAC (one cycle). Switching frequency of main transformer.
85 47 85 16 20
264 63
VAC Hz VAC mS
1.5 0.75 1.1 0.55 32 68
ARMS
60
APK kHz
OUTPUT SPECIFICATIONS
PARAMETER CONDITIONS/DESCRIPTION MIN NOM MAX UNITS
Efficiency Minimum Loads
Ripple and Noise Output Power
Overshoot / Undershoot Regulation Transient Response Turn-On Delay Turn-On Rise Time
Full rated load, 230 VAC. Varies with distribution of loads among outputs. Single Output Models Minimum load required on V1 for regulation of V2, V3. MPB80-2000 All other Multiple Output Models Full load, 20 MHz bandwidth Convection cooled, continuous output power. MPB80-10XX MPB80-2000 MPB80-3000 MPB80-3300 Forced air cooled, 300 LFM, or convection cooled, peak MPB80-10XX output power 10% duty cycle, 30 seconds maximum. MPB80-2000 MPB80-3000 MPB80-3300 Output voltage overshoot/undershoot at turn-on. Varies by output. Total regulation includes: line changes from 85-132 VAC or 170-264 VAC, changes in load starting at 20% load and changing to 100% load. Recovery time, to within 1% of initial set point due to a 50-100% load change, 5% max. deviation. Time required for initial output voltage stabilization. Time required for output voltage to rise from 10% to 90%.
73 0.0 1.5 0.7 See Model Selection Chart 72 61 63 43 100 80 80 61 2 See Model Selection Chart 500 2 20
% Amps
Watts
Watts %
S Sec mS
INTERFACE SIGNALS AND INTERNAL PROTECTION
PARAMETER CONDITIONS/DESCRIPTION MIN NOM MAX UNITS
Overvoltage Protection
Overload Protection
+3.3V 3.9 4.7 +5V, V1 & V2 5.8 6.8 12V 17.3 20.2 24V 32.2 37.8 48V 55.2 64.8 Fully protected against output overload and short circuit. Automatic recovery upon removal of overload condition.
V
2
MPB80 SERIES
SAFETY, REGULATORY, AND EMI SPECIFICATIONS
PARAMETER CONDITIONS/DESCRIPTION MIN NOM MAX UNITS
AC Input Harmonic Distortion Agency Approvals
Dielectric Withstand Voltage Electromagnetic Interference, Conducted Input Transient Protection Insulation Resistance Leakage Current
In compliance per EN61000-3-2. UL1950. CSA 22.2 No. 234/950. EN60950 (TUV). Input to output, 1 second. FCC CFR title 47 Part 15. EN55022 / CISPR 22 EN61000-4-5 class 3. Input to output. Per EN60950, 264 VAC.
Approved 2600 B B 2 10 1.0 VDC Class kV M mA
ENVIRONMENTAL SPECIFICATIONS
PARAMETER CONDITIONS/DESCRIPTION MIN NOM MAX UNITS
Altitude Cooling Operating Temperature Storage Temperature Relative Humidity Shock Vibration
Operating. Non-Operating. See model selection table for individual convection/forced air rating. At 100% load. Derate linearly above 50C by 2% per C. Non-condensing. Peak acceleration. Random vibration, 10 Hz to 2 kHz, 3 axis.
10k 30k 0 0 -40 50 70 85 95 20 6
ASL Ft.
C C % GPK GRMS
3
MPB80 SERIES
OVERALL SIZE: 5.00" x 3.00" x 1.40" (127.0mm x 76.2mm x 35.6mm) COMPONENT HEIGHT: 1.26" (32.0mm) WEIGHT: 0.8 LBS (0.36 kg)
0.225" (5.7mm)
4.550" (115 .6mm)
0.156" DIA THRU (3.96mm) 4 PLACES
J2 J1
PIN 1 Output
Input
L N
3.00" (76.2mm) 2.550" (64.8mm)
J3: 0.250 FASTON SAFETY EARTH GROUND
5.00" (127.0mm)
0.225" (5.7mm)
J2
MPB80-2000
PIN 1 2 3 4 5 6 7 V1 V1 V1 RTN RTN RTN V2
MPB80-3000
PIN 1 2 3 4 5 6 V2 V1 V1 RTN RTN V3
MPB80-3300
PIN 1 2 3 4 5 6 7 V2 RTN RTN RTN V1 V1 V3
MPB80-10XX
PIN 1 2 3 4 5 6 7 V1 V1 V1 RTN RTN RTN NC
INPUT CONNECTIONS, J1: MOLEX 26-60-4030 OR EQUIVALENT HEADER MATES WITH MOLEX HOUSING 09-50-3031 OR EQUIVALENT AND PINS 08-50-0106 (18-20 AWG) OR 08-50-0108 (22-26 AWG) OR EQUIVALENT. OUTPUT CONNECTIONS SIX CONNECTOR J2: MOLEX 26-60-4060 HEADER MATES WITH MOLEX 09-50-3061 OR EQUIVALENT AND PINS 08-50-0106 (18-20 AWG) OR 08-50-0108 (22-26 AWG) OR EQUIVALENT. SEVEN CONNECTOR J2: MOLEX 26-60-4070 HEADER MATES WITH MOLEX 09-50-3071 OR EQUIVALENT AND PINS 08-50-0106 (18-20 AWG) OR 08-50-0108 (22-26 AWG) OR EQUIVALENT. CHASSIS: 0.090" (2.3mm) ALUMINUM ALLOY, WITH CLEAR FINISH.
4


▲Up To Search▲   

 
Price & Availability of MPB80-3300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X