Part Number Hot Search : 
VQFP48C WJ2C48 SIR688DP EL2242D BGC30MH LT1237C 28F800B5 MN101C
Product Description
Full Text Search
 

To Download MP9100-800-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MP9100 TO-247 Kool-Pak(R) Power Film Resistor
TO-247 Style Power Package 100 Watt Non-Inductive Design
* * * * * * * 100 watt continuous power at +25C case temperature TO-247 package utilizes proven power semiconductor thermal solutions Equivalent to UL94 V-O flammability rating Excellent pulse/surge performance Non-inductive design for high speed switching, snubbers and rf applications Safe and reliable operation up to +175C case temperature Electrically isolated case
Maximum Ratings
Rating Power Dissipation: With heat sink TC=25C Symbol Value 100 Unit Watts
PD PD RJC TC,TJ, TSTG
Free Air at 25C without heat sink
Thermal Resistance: Resistance film (J) to Case (C)
3.5
1.5
Watts
C/W
Operating and Storage Temperature Range
-55 to +175
C
These products are covered by one or more patents, also patents pending.
Single Pulse/Surge Ratings: (1) TC = 25C with no continuous power applied, derate per Fig. 1
Duration 10 sec 100 sec 1 msec 10 msec 100 msec 250 msec V maximum Energy 0.07 0.25 0.9 3.5 15 38 600 Units Joules Joules
Derating Using Case Temperature (TC):
All power and overload ratings are derated based upon case temperature using the derating curve. The case temperature is measured at the center of the ceramic mounting surface, with the part properly mounted and under electrical load
Electrical Specifications:
Temperature Coefficient: TC referenced to +25C, R taken at +175C 0.50 ohm and above, -20 to +80 ppm/C 0.050 ohm to 0.49 ohm, 0 to +150 ppm/C Inductance: 10 nH typical in series when measured at the shoulder of the lead Capacitance: <1 pf typical without heat sink DWV: 1500 V RMSAC isolation to the mounting surface or a clip in contact with the top surface Insulation Resistance: 10,000 Megohms, min. The resistor element is electrically isolated from the mounting surface.
Derating Curve (Fig. 1)
100 80
Joules Joules Joules Joules volts peak
60
RATED POWER OR PULSE ENERGY, %
40
20
(1) For multiple pulses/surge ratings please contact applications engineering for assistance
0 25 100
o
175
CASE TEMPERATURE, C
Mounting Note: Mount on a smooth, clean and flat heat sink surface with a thermal interface material, such as thermal grease. The entire exposed ceramic portion must be in contact with the heat sink. When screw mounting, use a Belleville washer which provides a mounting force of 150 to 300 pounds (665 to 1330 N). Mounting torque to avoid package damage is 8 in-lbs. (0.90 N-m). If a spring clip is used, a clip force of 4.5 to 35 pounds (20 to 155 N) is recommended
Momentary Overload: 1.5 times rated power for 5 seconds, R (0.5 percent + 0.0005 ohm) max., based on a case temperature of +175C max.
Environmental Specifications:
Load Stability: 2000 hours at rated power R less than (1% +0.0005) Moisture Resistance: Mil-Std-202, Method 106, R (0.5 percent + 0.0005 ohm) max. Thermal Shock: Mil-Std-202, Method 107, Cond. F, R (0.5 percent + 0.00005 ohm) max. Shock: 100G, Mil-Std-202, Method 213, Cond. I, R (0.4 percent + 0.0005 ohm) max. Vibration, High Frequency: Mil-Std 202, Method 204, Condition D, R(0.4% +0.0005) max. Terminal Strength: Mil-Std-202, Method 211, Cond. A (Pull Test) 5 lbs., R (0.2 percent + 0.0005 ohm) max. Measurement Note: Resistance measurements shall be made at 0.2 inch (5.08 mm) from the resistor body For more information please see our website: Application Note: CAD-9100-1
Standard Resistance Values:
Tolerance: 1% Standard
0.620 0.010 (15.75 0.26) 0.143 0.004 (3.63 0.10) Dia.
C L
0.195 0.010 (4.95 0.26)
0.210 0.010 (5.33 0.26)
0.815 0.010 (20.70 0.26) 0.110 0.030 (2.79 0.76)
MP9100 50.0 1%
0.143 0.015 (3.63 0.38)
0.050 0.10 0.12 0.15 0.20 0.25 0.30 0.33 0.39

0.50 0.75 1.00 1.50 2.00 2.20 2.50 3.00 3.30

3.90 5.00 8.00 10.0 12.0 15.0 18.0 20.0 22.0

25.0 27.0 33.0 39.0 47.0 50.0 56.0 75.0 100

0.570 0.050 (14.48 1.27)
0.060 0.004 (1.52 0.10)
For custom values and tolerances contact applications engineering
0.032 +0.004 / -0.010 (0.81 +0.10 / -0.026) 0.095 0.010 (2.41 0.26)
0.400 0.010 (10.16 0.26)
Ordering Information: Parts shipped 25 per anti static plastic tube
MP9100 - 0.050 - 1%
Model Number: Resistor Value: (see table)
Tolerance (1% Std)
DIMENSIONS IN INCHES AND (MILLIMETERS)
RHOPOINT COMPONENTS LTD. Holland Road Hurst Green Oxted, Surrey, RH8 9AX
CADDOCK
www.caddock.com
Tel: +44 (0)1883 717988 Fax: +44 (0)1883 712938 Email: components@rhopoint.co.uk Website: www.rhopoint.co.uk/components/
IL-127.010
(c) 2000 Caddock Electronics, Inc.


▲Up To Search▲   

 
Price & Availability of MP9100-800-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X