Part Number Hot Search : 
MT1210 AT17F16 NCP699S 2N427 CT245 AD724 NM60N BCD07
Product Description
Full Text Search
 

To Download MP4TD4136T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M-Pulse Microwave
Silicon Bipolar MMIC Cascadable Amplifier
Features
* Cascadable 50 Gain Block * 3dB Bandwidth: DC to 1.0 GHz * 15.0 dB Typical Gain @ 0.5 GHz * Unconditionally Stable (k>1) * 3.3 Volt Operation * Cost Effective Ceramic Microstrip Package * Tape and Reel Packaging Available
MP4TD4135, MP4TD4136
Ceramic Microstrip Case Style Outlines1,2,3
Available in short lead version as MP4TD4136.
4 .085 2,16 RF OUT AND BIAS 3 .020 0,508 GND
RF INPUT 1
Description
M-Pulse's MP4TD4135 and MP4TD4136 are high performance silicon bipolar MMICs housed in a cost effective ceramic microstrip packages. The MP4TD4135 and MP4TD4136 are designed for use where a general purpose 50 gain block is required. Typical applications include narrow and wide band IF and RF amplifiers in industrial and military applications. The MP4TD4135 and MP4TD4136 are fabricated using a 10 GHz fT silicon bipolar technology that features gold metalization and IC passivation for increased performance and reliability. TYPICAL POWER GAIN vs FREQUENCY
18 16 14 GAIN (dB) 12 10 8 6 GAIN FLAT to DC 4 0.1 1 FREQUENCY (GHz) 10 Id=35mA
.057 1,45 .455 .030 11,54 0,76 0.180 0.010 4,57 0,25 MA4TD4136
2
GND
.100 2,54 o .083 2,11 .022 0,56
.006 .002 0,15 0,05
MA4TD4135
Notes: (unless otherwise specified) 1. Dimensions are in / mm 2. Tolerance: in .xxx = .005; mm .xx = .13 3. See last page of data sheet for short lead Micro-X
Pin Configuration Pin Number 1 2&4 3
Pin Description RF Input AC/DC Ground RF Output and DC Bias
Electrical Specifications @ TA = +25C, Id = 35 mA, Z0 = 50 Symbol Parameters Test Conditions Units 2) Gp f = 0.1 GHz dB Power Gain (S21 Gain Flatness f = 0.1 to 0.9 GHz dB Gp f3 dB 3 dB Bandwidth GHz SWRin Input SWR f = 0.1 to 1.5 GHz SWRout Output SWR f = 0.1 to 1.5 GHz P1dB Output Power @ 1dB Gain Compression f = 1.0 GHz dBm NF f = 1.0 GHz dB 50 Noise Figure IP3 Third Order Intercept Point f = 1.0 GHz dBm tD Group Delay f = 1.0 GHz ps Vd Device Voltage V dV/dT Device Voltage Temperature Coefficient mV/C Parameter Absolute Maximum Ratings1
Specification Subject to Change Without Notice
Min. Typ. Max. 15.5 16.0 17.0 + 1.0 1.2 1.5 1.5 8.5 4.2 19.0 200 2.8 3.3 3.7 -5.0 Absolute Maximum
1
M-Pulse Microwave
PH (408) 432-1480
__________________________________________________________________________________
FX (408) 432-3440
Silicon Bipolar MMIC Cascadable Amplifier
Device Current 75 mA Power Dissipation2,3 200 mW RF Input Power +13 dBm Junction Temperature 200C Storage Temperature -65C to +200C Thermal Resistance: jc = 150 C/W
1. Exceeding these limits may cause permanent damage. 2. Case Temperature (Tc) = 25 C. 3. Derate at 6.7 mW/C for Tc > 170C.
C (DC Block) IN 1
MP4TD4135, MP4TD4136
Typical Bias Configuration
Rbias
Id =
Vcc - Vd Rbias
Vcc > 5.5 V
RFC (Optional) 4
C (DC Block) 3 MP4TD4135 MP4TD4136 Vd = 3.3 V OUT
2
Typical Performance Curves @ Id = 35 mA, TA = +25C (unless otherwise noted)
DEVICE CURRENT vs DEVICE VOLTAGE
Id, DEVICE CURRENT (mA) RETURN LOSS (dB) 50 45 40 35 30 25 20 15 10 5 0 0.0 0.5 1.0 1.5 2.0 2.5 Vd, DEVICE VOLTAGE (V) 3.0 3.5 4.0 0 -5
RETURN LOSS vs FREQUENCY
INPUT -10 -15 -20 OUTPUT -25 -30 -35 0.1 1 FREQUENCY (GHz) 10
POWER GAIN vs CURRENT
18 16 14 GAIN (dB) 12 10 f= 2.0 GHz 8 6 4 10 15 20 25 30 35 Id, DEVICE CURRENT (mA) 40 45 50 f= 0.1 GHz POUT - 1dB (dBm) f= 0.5 GHz f= 1.0 GHz 14 13 12 11 10 9 8 7 6 5 4
POUT @ 1dB GAIN COMPRESSION vs FREQUENCY
0.1
1 FREQUENCY (GHz)
10
Specification Subject to Change Without Notice
M-Pulse Microwave
PH (408) 432-1480
__________________________________________________________________________________
2
FX (408) 432-3440
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD4135, MP4TD4136
NOISE FIGURE FREQUENCY
6.0 REVERSE ISOLATION (dB) NOISE FIGURE (dB) 5.5 Id=35mA 5.0 4.5 4.0 3.5 3.0 0.1 1 FREQUENCY (GHz) 10 -12 -13 -14 -15 -16 -17 -18 -19 -20 -21
REVERSE ISOLATION vs FREQUENCY
0.1
1 FREQUENCY (GHz)
10
Typical Scattering Parameters
Z0 = 50, TA = +25C, Id = 35 mA Frequency S11 (GHz) Mag. Angle 0.1 0.023 -59.7 0.2 0.042 -80.2 0.3 0.061 -90.0 0.4 0.080 -98.0 0.5 0.101 -102.5 0.6 0.120 -107.1 0.7 0.141 -111.9 0.8 0.159 -115.8 0.9 0.177 -120.8 1.0 0.196 -124.6 1.5 0.278 -144.6 2.0 0.338 -161.6 2.5 0.394 -175.3 3.0 0.424 172.6 S21 Mag. 6.58 6.49 6.38 6.24 6.08 5.89 5.68 5.49 5.25 4.99 3.97 3.15 2.60 2.16 Angle 172.2 164.7 157.4 150.2 143.4 136.6 129.8 123.5 117.6 111.6 86.7 66.8 51.1 38.3 Mag. 0.100 0.101 0.104 0.107 0.110 0.113 0.117 0.122 0.127 0.133 0.153 0.169 0.178 0.188 S12 Angle 3.3 6.1 9.0 11.3 13.2 15.3 17.2 18.2 19.2 19.8 19.9 18.0 16.3 14.3 Mag 0.122 0.123 0.127 0.130 0.134 0.138 0.141 0.141 0.142 0.142 0.123 0.086 0.069 0.105 S22 Angle -15.0 -30.9 -43.7 -59.2 -72.1 -85.3 -96.9 -107.6 -114.8 -124.8 -152.7 -165.2 -146.3 -133.6
Ordering Information Long Lead Model No. MP4TD4135 MP4TD4135T
Short Lead Model No. MP4TD4136 MP4TD4136T
Package Ceramic Tape and Reel
Mico-X Case Styles
(Long Lead)
(Short Lead)
Specification Subject to Change Without Notice
M-Pulse Microwave
PH (408) 432-1480
__________________________________________________________________________________
3
FX (408) 432-3440


▲Up To Search▲   

 
Price & Availability of MP4TD4136T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X