Part Number Hot Search : 
CLX34 PE6804 80220 MAX12 A220L UU9LFB R12I12 TSOP28ON
Product Description
Full Text Search
 

To Download MP4TD1120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M-Pulse Microwave
Silicon Bipolar MMIC Cascadable Amplifier
Features * High Dynamic Range Cascadable 50/75 Gain Block * 3dB Bandwidth: 50 MHz to 1.3 GHz * 17.0 dBm Typical P1dB @ 1.0 GHz * 12 dB Typical Gain @ 0.5 GHz * 3.8 dB Typical Noise Figure @ 1.0 GHz * Hermetic Gold-BeO Microstrip Package * The 20 package allows higher power operation Description
M-Pulse's MP4TD1120 is a high performance silicon bipolar MMIC housed in a hermetic high reliability package. The MP4TD1120 is designed for use in 50 or 75 systems where a high dynamic range gain block is required. Typical applications include narrow and wide band IF and RF amplifiers in industrial and military applications. The 20 style package is a superior thermal dissipation package. This allows larger DC Current and the resultant improvement in ouput power and P1dB performance than that available from the packages for this chip. The MP4TD1120 is fabricated using a 10 GHz fT silicon bipolar technology that features gold metalization and IC passivation for increased performance and reliability.
0.003 0.076
4 2
MP4TD1120
Gold-BeO Microstrip Package Outline1,2
0.030 0.762
3 1
0.30 7.62 TYP.
0.060 1.525 0.053 1.35
0.132 5.42 DIA
0.205 5.21 DIA
0.020 0.51
TYPICAL POWER GAIN vs FREQUENCY
14 12 Id=60mA GAIN (dB) 10 8 6
Notes: (unless otherwise specified) 1. Dimensions are in / mm 2. Tolerance: in .xxx = .005; mm .xx = .13
Pin Configuration
Pin Number 1 2&4 3 Pin Description RF Input AC/DC Ground RF Output and DC Bias
Ordering Information
4 0.1 1 FREQUENCY (GHz) 10
Model No. MP4TD1120
Package BeO Ceramic
Electrical Specifications @ TA = +25C, Id = 60 mA, Z0 = 50
Symbol Gp Gp f3 dB SWRin SWRout P1 dB NF IP3 tD Vd dV/dT Parameters Power Gain (S212) Gain Flatness 3 dB Bandwidth Input SWR Output SWR Output Power @ 1 dB Gain Compression 50 Noise Figure Third Order Intercept Point Group Delay Device Voltage Device Voltage Temperature Coefficient Test Conditions f = 0.1 GHz f = 0.1 to 0.7 GHz ref 50 MHz Gain f = 0.1 to 1.0 GHz f = 0.1 to 1.0 GHz f = 1.0 GHz f = 1.0 GHz f = 1.0 GHz f = 1.0 GHz Units dB dB GHz dBm dB dBm ps V mV/C Min. 11.5 -16.0 4.5 Typ. 12.5 0.8 1.3 1.9 2.1 17.0 3.8 30.0 160 5.5 -8.0 Max. 13.5 1.0 -4.5 6.5 -
Specification Subject to Change Without Notice
M-Pulse Microwave
PH (408) 432-1480
__________________________________________________________________________________
1
FX (408) 432-3440
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD1120
Absolute Maximum Ratings1
Parameter Absolute Maximum Device Current 90 mA Power Dissipation2,3 560 mW RF Input Power +20 dBm Junction Temperature 200C Storage Temperature -65C to +200C Thermal Resistance: jc = 135C/W
1. Exceeding these limits may cause permanent damage. 2. Case Temperature (Tc) = 25 C. 3. Derate at 7.4 mW/C for Tc > 124C.
IN
Typical Bias Configuration
Rbias
Vcc > 7.5 V Id = Vcc - Vd Rbias
RFC (Optional) 4
C (DC Block) MP4TD1120 1
C (DC Block) 3 OUT Vd = 5.5 V
2
Typical Performance Curves @ Id = 60 mA, TA = +25C (unless otherwise noted)
DEVICE CURRENT vs DEVICE VOLTAGE
100 Id, DEVICE CURRENT (mA) 4 -1 RETURN LOSS (dB) IN PU T -6 -11 -16 -21 -26 0 1 2 3 4 5 6 0.1 1 FR E QU E N C Y (GH z) 10 Vd, D E VIC E VO L AT GE (V) 80
RETURN LOSS vs FREQUENCY
60
40
O U T PU T
20
0
POWER GAIN vs CURRENT
14 13 12 11 POUT - 1dB (dBm) GAIN (dB) 10 9 8 7 6 5 4 0 20 40 60 80 100 10 Id, D EVIC E C U R R E N T (m A) 12 f=2.0 GH z f=1.0 GH z 18 f=0.1 GH z f=0.5 G H z 22 20
POUT @ 1dB GAIN COMPRESSION vs FREQUENCY
Id=75m A
Id=60m A 16 14
0.1
1 FR E QU E N C Y (GH z)
10
Specification Subject to Change Without Notice
M-Pulse Microwave
PH (408) 432-1480
__________________________________________________________________________________
2
FX (408) 432-3440
Silicon Bipolar MMIC Cascadable Amplifier
NOISE FIGURE vs FREQUENCY
5 REVERSE ISOLATION (dB) -8 -9 -10 -11 -12 -13 -14 -15 -16 3 0.1 1 FR E QU E N C Y (G H z) 10 -17 0.1 1 FR E QU EN C Y (GH z) Id=60m A
MP4TD1120
REVERSE ISOLATION vs FREQUENCY
NOISE FIGURE (dB)
4.5 Id=40m A 4
Id=75m A 3.5
10
Typical Scattering Parameters
Z0 = 50, TA = +25C, Id = 60 mA Frequency S11 (GHz) Mag. Angle 0.1 0.112 -124.0 0.2 0.129 -127.6 0.3 0.158 -128.3 0.4 0.192 -129.6 0.5 0.221 -131.8 0.6 0.247 -134.4 0.7 0.269 -137.7 0.8 0.286 -140.3 0.9 0.302 -143.4 1.0 0.311 -146.5 1.1 0.324 -150.1 1.2 0.335 -153.6 1.3 0.346 -156.1 1.4 0.357 -158.1 1.5 0.361 -160.3 1.6 0.360 -162.3 1.7 0.363 -163.6 1.8 0.361 -165.9 1.9 0.360 -168.2 2.0 0.359 -171.2 2.1 0.358 -174.2 2.2 0.362 -177.5 2.3 0.366 179.3 2.4 0.373 177.0 2.5 0.376 174.2 2.6 0.381 172.8 2.7 0.383 171.0 2.8 0.385 169.2 2.9 0.390 167.0 3.0 0.396 164.1 S21 Mag. 4.41 4.31 4.20 4.08 3.94 3.79 3.62 3.46 3.32 3.19 3.07 2.93 2.81 2.70 2.59 2.50 2.44 2.38 2.31 2.25 2.17 2.12 2.07 2.02 1.97 1.94 1.91 1.86 1.82 1.82 Angle 167.1 161.5 154.7 147.8 141.1 134.7 128.6 123.2 118.0 113.2 108.3 103.7 99.3 95.0 91.5 88.0 85.0 81.5 78.1 75.2 72.7 70.3 67.6 65.3 62.5 59.5 56.7 54.1 52.5 50.7 Mag. 0.151 0.155 0.157 0.161 0.165 0.170 0.174 0.178 0.182 0.188 0.194 0.198 0.202 0.207 0.211 0.214 0.220 0.227 0.232 0.234 0.238 0.240 0.246 0.248 0.257 0.264 0.268 0.272 0.273 0.282 S12 Angle 6.1 6.8 8.9 10.7 11.9 13.7 14.7 15.5 17.1 18.0 18.2 18.0 18.7 18.7 19.1 19.6 19.7 20.3 20.1 20.2 20.3 20.7 20.3 20.6 20.0 19.3 19.7 18.2 18.8 18.8 Mag 0.10 0.12 0.16 0.19 0.22 0.25 0.27 0.29 0.31 0.32 0.33 0.34 0.35 0.36 0.36 0.35 0.35 0.35 0.34 0.34 0.34 0.34 0.34 0.34 0.34 0.37 0.33 0.32 0.31 0.31 S22 Angle -117.0 -122.0 -123.6 -126.3 -130.2 -133.7 -137.6 -141.8 -146.1 -150.1 -154.0 -157.1 -159.9 -162.3 -164.8 -167.0 -168.6 -171.5 -173.7 -176.9 -179.4 178.1 176.4 174.4 174.7 173.4 172.2 171.6 169.0 167.3
Specification Subject to Change Without Notice
M-Pulse Microwave
PH (408) 432-1480
__________________________________________________________________________________
3
FX (408) 432-3440


▲Up To Search▲   

 
Price & Availability of MP4TD1120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X