Part Number Hot Search : 
T74C1 G15BN STM6913 SN8P2610 20121 CY7C1046 SGV120 89E58
Product Description
Full Text Search
 

To Download MP4TD1100W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M-Pulse Microwave
Silicon Bipolar MMIC Cascadable Amplifier
Features
* High Dynamic Range Cascadable 50/75 Gain Block * 3dB Bandwidth: 50 MHz to 1.0 GHz * 17.5 dBm Typical P1dB @ 0.7 Ghz * 11 dB Typical Gain @ 0.5 GHz * 3.5 dB Typical Noise Figure @ 1.0 GHz
RF Input
MP4TD1100
Chip Outline Drawing1,2,3,4
Description
M-Pulse's MP4TD1100 is a high performance silicon bipolar MMIC chip. The MP4TD1100 is designed for use in 50 or 75 systems where a high dynamic range gain block is required. Typical applications include narrow and wide band IF and RF amplifiers in industrial and military applications. The MP4TD1100 is fabricated using a 10 GHz f T silicon bipolar technology that features gold metalization and IC passivation for increased performance and reliability.
Feedback Capacitor Ground Optional RF Output & +5.5 Volts 375 (14.8 mil)
375 (14.8 mil)
14 12 10 GAIN (dB) 8 6 4 2 0
TYPICAL POWER GAIN vs FREQUENCY
Notes: (unless otherwise specified) 1. Chip Thickness is 120 m; 4.8 mils 2. Bond Pads are 40 m; 1.6 mils typical in diameter 3. Output Contact & +DC Voltage Is Normally Made On Backside Of Chip At Die Attach 4. Tolerance:m .xx = .13; mil .x = .5
Id=60mA
Ordering Information Model No. MP4TD1100G MP4TD1100W
Type of Carrier GEL PACK Waffle Pack
0.1
1 FREQUENCY (GHz)
10
Electrical Specifications @ T A = +25C, Id = 60 mA, Z0 = 50 Symbol Parameters Test Conditions Gp f = 0.1 GHz Power Gain (S212) Gain Flatness f = 0.1 to 0.7 GHz Gp f 3dB 3 dB Bandwidth ref 50 MHz Gain SWRin Input SWR f = 0.1 to 2.0 GHz SWRout Output SWR f = 0.1 to 2.0 GHz P1dB Output Power @ 1dB Gain Compression f = 0.7 GHz NF f = 1.0 GHz 50 Noise Figure IP3 Third Order Intercept Point f = 1.0 GHz tD Group Delay f = 1.0 GHz Vd Device Voltage dV/dT Device Voltage Temperature Coefficient Specification Subject to Change Without Notice
Units dB dB GHz dBm dB dBm ps V mV/C
Min. 4.5 -
Typ. 12.5 + 1.2 1.0 1.9 1.9 17.5 4.5 30.0 160 5.5 -8.0
Max. 6.5 1
M-Pulse Microwave
PH (408) 432-1480
__________________________________________________________________________________
FX (408) 432-3440
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD1100
Typical Bias Configuration
Rbias
Absolute Maximum Ratings1
Parameter Absolute Maximum Device Current 100 mA Power Dissipation2,3 650 mW RF Input Power +13 dBm Junction Temperature 200C Storage Temperature -65C to +200C Thermal Resistance: jms = 60C/W
1. Exceeding these limits may cause permanent damage. 2. Mounting Surface Temperature (TMS)= 25 C. 3. Derate at 16.7 mW/C for TMS > 161C
Id =
Vcc - Vd Rbias
Vcc > 7.5 V
RFC (Optional) 4
C (DC Block) IN 1 MP4TD1100
C (DC Block) 3 OUT Vd = 5.5 V
2
Typical Performance Curves @ Id = 60 mA, TA = +25C (unless otherwise noted)
DEVICE CURRENT vs DEVICE VOLTAGE
RETURN LOSS (dB)
12 0 Id, DEVICE CURRENT (mA) 10 0 80 60 40 20 0 0
-6 -8 -10 -12 -14 -16 -18 -20
RETURN LOSS vs FREQUENCY
IN P U T OUTPUT
2
4 V d, D E VI C E V O L T AG E (V)
6
8
0.1
1 F R E QU E N C Y (G H z)
10
14 12 10 GAIN (dB) 8 6 4 2 0
POWER GAIN vs CURRENT
23 0 .1 G H z 0.5 G H z POUT - 1dB (dBm) 1 .0 G H z 21 19
POUT @ 1dB GAIN COMPRESSION vs FREQUENCY
I d= 7 5m A
Id= 6 0m A 17 15 13 11
2 .0 G H z
I d= 40 m A
20
40
60 Id, D E V IC E C U R R E N T (m A)
80
10 0
0. 1
1 F R E Q U E N C Y (G H z)
10
Specification Subject to Change Without Notice
M-Pulse Microwave
PH (408) 432-1480
__________________________________________________________________________________
2
FX (408) 432-3440
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD1100
6 5 .5 NOISE FIGURE (dB) 5 4 .5 4 3 .5 3
NOISE FIGURE vs FREQUENCY
REVERSE ISOLATION (dB)
-3 -5 -7 -9 -11 -13 -15 -17 -19
REVERSE ISOLATION vs FREQUENCY
I d= 7 5m A Id= 6 0m A I d= 40 m A
0.1
1 F R E Q U E N C Y (G H z)
10
0.1
1 F R E QU E N C Y (G H z)
10
Typical Scattering Parameters
Z0 = 50, T A = +25C, Id = 60 mA Frequency S11 (GHz) 0.05 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.5 2.0 Mag. 0.133 0.134 0.140 0.148 0.153 0.162 0.172 0.185 0.198 0.216 0.232 0.279 0.314 Angle -104.9 -106.7 -112.4 -118.6 -123.0 -129.9 -137.3 -144.4 -148.7 -154.6 -159.8 -179.0 164.8 Mag. 4.23 4.19 4.05 3.90 3.79 3.62 3.44 3.25 3.12 2.95 2.79 2.23 1.88 S21 Angle 157.5 156.2 151.7 146.8 143.2 137.8 131.2 124.7 120.4 114.4 108.8 89.4 74.3 Mag. 0.152 0.154 0.158 0.164 0.168 0.174 0.182 0.190 0.196 0.205 0.214 0.254 0.294 S12 Angle 14.4 14.8 16.2 17.7 18.8 20.5 22.4 24.6 26.3 28.4 30.3 35.8 38.7 Mag 0.120 0.124 0.137 0.153 0.165 0.185 0.208 0.233 0.249 0.271 0.287 0.323 0.331 S22 Angle -98.7 -100.6 -106.6 -113.1 -120.2 -125.1 -132.8 -140.8 -145.3 -151.4 -156.8 -175.4 169.7
Specification Subject to Change Without Notice
M-Pulse Microwave
PH (408) 432-1480
__________________________________________________________________________________
3
FX (408) 432-3440


▲Up To Search▲   

 
Price & Availability of MP4TD1100W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X