|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MCC TM MP4005W omponents 20736 Marilla Street Chatsworth !"# $ % !"# Micro Commercial Components THRU MP4010W 40 Amp Single Phase Bridge Rectifier 50 to 1000 Volts MP-50W B Features * * * * Mounting Hole For #8 Screw Plastic Case with Metal Bottom Any Mounting Position Surge Rating Of 400 Amps Maximum Ratings * * Operating Temperature: -50C to +150C Storage Temperature: -50C to +150C Maximum Recurrent Peak Reverse Voltage MP4005W MP4005W 50V MP401W MP401W 100V MP402W MP402W 200V MP404W MP404W 400V MP406W MP406W 600V MP408W MP408W 800V MP4010W MP4010W 1000V MCC Catalog Number Device Marking Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V C E D IG AC + A AC H Electrical Characteristics @ 25C Unless Otherwise Specified Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element IF(AV) IFSM 40.0A 400A TJ = 55C 8.3ms, half sine D I A VF 1.2V IFM = 20A per element; TJ = 25C* DIM A B C D E G H i INCHES MIN 1.118 .432 .769 .673 .038 .193 .429 .169 DIMENSIONS MM MIN 28.40 10.97 19.53 17.10 .97 4.90 10.90 4.30 Maximum DC Reverse Current At IR 10A TJ = 25C Rated DC Blocking 1.0mA TJ = 100C Voltage *Pulse test: Pulse width 300 sec, Duty cycle 1% MAX 1.130 .442 --.752 .042 --.468 .236 MAX 28.70 11.23 --19.10 1.07 --11.90 6.00 NOTE 4PL/TYP www.mccsemi.com Revision: 5 2004/06/21 MP4005W thru MP4010W Figure 1 Typical Forward Characteristics 100 60 40 20 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .2 .4 .6 .8 1.0 1.2 1.4 10 6 4 2 1 .6 .4 .2 Amps .1 .06 .04 .02 .01 .006 .00 4 .002 .001 20 40 60 TJ=25C MCC Micro Commercial Components Figure 2 Typical Reverse Characteristics TM 80 Volts 100 120 140 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve 60 Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts Figure 4 Peak Forward Surge Current 600 50 500 400 300 Amps 200 100 40 30 Amps 20 10 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 25 50 75 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 100 150 175 0 1 2 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 00 60 80 100 www.mccsemi.com Revision: 5 2004/06/21 |
Price & Availability of MP408W |