Part Number Hot Search : 
HGBBN 74HC17 IC16F 240NS100 CXA2108 MC10125 ZSA5MA27 P000069
Product Description
Full Text Search
 

To Download MP1542DK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TM
EV1542DK-00A
700KHz/1.3MHz Boost Converter with a 2A Switch
EVALUATION BOARD
The Future of Analog IC Technology
TM
GENERAL DESCRIPTION
The EV1542DK-00A is the evaluation board for the MP1542, a current mode step-up converter with a 2A, 0.18 internal switch to provide a highly efficient regulator with quick response. The MP1542 can be operated at 700KHz or 1.3MHz allowing for easy filtering and low noise. An external compensation pin gives the user flexibility in setting loop dynamics, which allows the use of small, low-ESR ceramic output capacitors. Soft-start results in small inrush current and can be programmed with an external capacitor. The MP1542 operates from an input voltage as low as 2.5V and can generate 12V at up to 500mA from a 5V supply. The MP1542 includes under-voltage lockout, current limiting and thermal overload protection preventing damage in the event of an output overload. The MP1542 is available in a low profile 8-pin MSOP package.
FEATURES
* * * * * * * * * * * * * 2A, 0.18, 25V Power MOSFET Uses Tiny Capacitors and Inductors Pin Selectable 700KHz or 1.3MHz Fixed Switching Frequency Programmable Soft-Start Operates with Input Voltage as Low as 2.5V and Output Voltage as High as 22V 12V at 500mA from 5V Input UVLO, Thermal Shutdown Internal Current Limit Available in an 8-Pin MSOP Package LCD Displays Portable Applications Handheld Computers and PDAs Digital Still and Video Cameras
APPLICATIONS
"MPS" and "Monolithic Power Systems", are Trademarks of Monolithic Power Systems, Inc.
ELECTRICAL SPECIFICATIONS
Parameter Input Voltage Output Voltage Output Current Symbol VIN VOUT IOUT Value 2.5 - 6 8 400 Units V V mA
EV1542DK-00A EVALUATION BOARD
Efficiency vs Load Current
95 90
EFFICIENCY (%)
85 80 75 70 65 60 55 VIN = 3.3V VOUT = 8V 1 10 100 LOAD CURRENT (mA) 1000
Dimensions (2.0"X x 2.0"Y x 0.4"Z) Board Number EV1542DK-00A
EV1542DK-00A Rev. 1.2 6/8/2005
50
MPS IC Number MP1542DK
MP1542-EC02
www.MonolithicPower.com MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. (c) 2005 MPS. All Rights Reserved.
1
TM
EV1542DK-00A -- 700KHz/1.3MHz BOOST CONVERTER WITH A 2A SWITCH EVALUATION BOARD
EVALUATION BOARD SCHEMATIC
VIN 5V JP1
1 3 2
7 3 8
D1 1N5819HW-7
VOUT 8V
6 IN FSEL EN SS
5 SW FB 2
OFF ON
MP1542
GND 4 COMP 1
C4 10nF
C3 2.2nF
C5 NS
EV1542_S01
EV1542DK-00A BILL OF MATERIALS
Qty 2 1 1 1 1 1 1 1 2 2 1 Ref C1, C2 C3 C4 C5 D1 JP1 L1 R1 R2, R3 R4, R5 U1 4.7H 10k Value 10F 2.2nF 10nF Description Ceramic Capacitor, 10V, X7R Ceramic Capacitor, 50V, X7R Ceramic Capacitor, 50V, X7R Not Stuffed Schottky Diodes, 40V, 1A 3-Pin Connector Header, 0.100 2.01A, D53LC Film Resistor, 1% DC-DC Converter SMD 0805 0805 0805 MSOP-8 53.6k Film Resistor, 1% 100k Film Resistor, 5% SOD123 Diodes Inc Sullins Toko Panasonic Panasonic Panasonic MPS 1N5819HW-7 PTC03SAAN A915AY-4R7M ERJ-6ENF5362V ERJ-6ENF1002V ERJ-6GEYJ104V MP1542 Package 1210 0805 0805 Manufacturer Manufacturer P/N AVX AVX AVX 1210ZC106KAT2A 08055C222KAT2A 08055C103KAT2A
EV1542DK-00A Rev. 1.2 6/8/2005
www.MonolithicPower.com MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. (c) 2005 MPS. All Rights Reserved.
2
TM
EV1542DK-00A -- 700KHz/1.3MHz BOOST CONVERTER WITH A 2A SWITCH EVALUATION BOARD
PRINTED CIRCUIT BOARD LAYOUT
Figure 1--Top Silk Layer
Figure 2--Top Layer
Figure 3--Bottom Layer
EV1542DK-00A Rev. 1.2 6/8/2005
www.MonolithicPower.com MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. (c) 2005 MPS. All Rights Reserved.
3
TM
EV1542DK-00A -- 700KHz/1.3MHz BOOST CONVERTER WITH A 2A SWITCH EVALUATION BOARD
QUICK START GUIDE
The output voltage of this board is set to 8V. The board layout accommodates most commonly used inductors and output capacitors. 1. Preset Power Supply to 2.5V VIN 6V. 2. Turn Power Supply off. 3. Connect Power Supply terminals to: a. Positive (+): IN, EN b. Negative (-): GND 4. Connect Load to: a. Positive (+): OUT b. Negative (-): GND 5. Turn Power Supply on after making connections. 6. The MP1542 is enabled on the evaluation board once VIN is applied. To disable the MP1542, disconnect EN from IN. 7. The output voltage VOUT can be changed by varying R1. Calculate the new value using the fomula:
V R1 = OUT - 1R2 V FB
Where VFB = 1.25V and R2 = 10k For example, for VOUT = 12V
12V - 1 x 10k = 86k R1 = 1.25 V
Therefore use an 86.6k standard 1% value. For output voltages greater than 10V, the output capacitor C2 needs to be replaced with a capacitor with a higher voltage rating suitable for the new output voltage. 8. The switching frequency is set to 1.3MHz if jumper JP1 is shunted between 1 and 2. To get 700KHz operation, shunt JP1 between 2 and 3.
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications. Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not assume any legal responsibility for any said applications.
EV1542DK-00A Rev. 1.2 6/8/2005 www.MonolithicPower.com MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. (c) 2005 MPS. All Rights Reserved.
4


▲Up To Search▲   

 
Price & Availability of MP1542DK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X