Part Number Hot Search : 
RB050 000MT 50117K NAL25 MSK640B 170M6458 30F201 1N5235B
Product Description
Full Text Search
 

To Download MOC3053 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Glob a l Sup p lier of Op toelec tronic Solutions
MOC3053
UL # E244343
Sc hem a tic :
Fea tures:
1. Compact dual-in-line package 2. 600V peak blocking voltage 3. Isolation voltage between input and output (Viso:5000Vrms).
For dimensions and pin-outs, see the last page of this document.
Eq uiva lents: Ord ering :
Suffix to Standard Part Number * * * * O MOC3051, 2 V = VDE Approved G = 10mm Lead Spread S = Surface Mount Lead-form T = Tape & Reel This p a rt e q ua ls/ exc e ed s a ll sp e c ific a tio ns of:
Ab solute Ma xim um Ra tings:
(Ta=25C)
Parameter Input Forward current Peak forward current (100us) Reverse voltage Power dissipation Output Off-State Output Terminal voltage On-State R. M. S. Current Peak Repetitive Surget Current (PW=10ms, DC 10%) Power dissipation Total power dissipation Isolation voltage 1 minute Operating temperature Storage temperature Soldering temperature 10 second
Symbol IF IFM VR PD VDRM IT(RMS) ITSM PD Ptot Viso Topr Tstg Tsol
Rating 50 1 6 70 600 100 6 300 330 5000 -40 to +85 -50 to +125 260
Unit mA A V mW Vpeak mA A mW mW Vrms C C C
Elec tric al Chara c teristic s:
(Ta=25C)
Parameter Input I =10mA Forward voltage Peak forward voltage Reverse Leakage Current Output Transfer characteristics Peak Blocking Current ON-State Voltage Holding Current Critical rate of rise of OFF-state voltage Isolation resistance Minimum trigger current Tunr-on time
Symbol VF VFM IR IDRM VTM IH dV/dt 2) *Rated Riso IFT Ton
Conditions IFM=0.5A VR=4V VDRM=600V ITM=100mA
MIN.
TYP. 1.2
MAX. 1.4 3.5 10 100
Unit V V A nA V mA V/ S
1.6 1.0
2.8
VDRM= (1/ DC500V Main Terminal Voltage=3V VD=6V, RL=100 ohm, IF=20mA
600 5x1010 1011 5 100
ohm mA S
(c)COPYRIGHT 2004 OPTO INC. www.optoinc.com Telephone: 972-731-0573 Fax: 972-712-7756 Email: sales@optoinc.com
Glob a l Sup p lier of Op toelec tronic Solutions
MOC3053
UL # E244343
Fig.1 Forward Current vs. Ambient Temperature
Fig.2 Diode Power Dissipation vs. Ambient Temperature
Fig.3 On-State R. M. S. Current vs. Ambient Temperature
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
Fig.4 Total Power Dissipation vs. Ambient Temperature
Fig.5 Peak Forward Current vs. Duty Ratio
Fig.6 Forward Current vs. Forward Voltage
Ambient Temperature Ta (C)
Duty Ratio
Forward Voltage VF (V)
Fig.7 On-State Characteristics
Fig.8 Leakage with LED off vs. Ambient Temperature
Fig.9 Trigger Current vs. Ambient Temperature
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)
(c)COPYRIGHT 2004 OPTO INC. www.optoinc.com Telephone: 972-731-0573 Fax: 972-712-7756 Email: sales@optoinc.com
Glob a l Sup p lier of Op toelec tronic Solutions
MOC3053
UL # E244343
G
(c)COPYRIGHT 2004 OPTO INC. www.optoinc.com Telephone: 972-731-0573 Fax: 972-712-7756 Email: sales@optoinc.com


▲Up To Search▲   

 
Price & Availability of MOC3053

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X