Part Number Hot Search : 
STPS115 MMBZ5235 035CT AD713KN VDXXXX LT3495B 220M06 0000X
Product Description
Full Text Search
 

To Download MMUN2134 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMUN2111 Series Bias Resistor Transistor PNP Silicon
COLLECTOR
BASE
1
R1 R2
3
3 1 2
EMITTER
2
SOT-23
Maximum Ratings ( TA=25 C unless otherwise noted)
Rating Collector-Emitter Voltage Collector-Base Voltage Collector Current-Continuous Symbol VCEO VCBO IC Value 50 50 100 Unit Vdc Vdc mAdc
Thermal Characteristics
Characteristics
Total Device Dissipation FR-5 Board (1)TA=25 C Derate above 25 C
Symbol PD
Max 246 (1) 400 (2) 1.5 (1) 2.0 (2) 508 311 -55 to +150
Unit mW mW/ C C/W C
Thermal Resistance, Junction to Ambient Junction and Storage, Temperature Range
R JA TJ,Tstg
1.FR-4 @ minimum pad 2.FR-4 @ 1.0 l 1.0 inch Pad
l
Device Marking and Resistor Values
Device
MMUN2111 MMUN2112 MMUN2113 MMUN2114 MMUN2115 MMUN2116
Marking
A6A A6B A6C A6D A6E A6F
R1(K)
10 22 47 10 10 4.7
R2(K)
10 22 47 47 88
Device
MMUN2130 MMUN2131 MMUN2132 MMUN2133 MMUN2134
Marking
A6G A6H A6J A6K A6L
R1(K)
1.0 2.2 4.7 4.7 22
R2(K)
1.0 2.2 4.7 47 47
WE ITR O N
http://www.weitron.com.tw
MMUN2111 Series
Electrical Characteristics
(TA=25 C Unless Otherwise noted)
WE IT R ON
Symbol Min Typ Max Unit
Characteristics
Off Characteristics
Collector-Emitter Breakdown Voltage (IC=2.0mA, IB =0) Collector-Base Breakdown Voltage (IC=10 uA ,IE=0) Collector-Base Cutoff Voltage (VCB=50 V, I E =0) Collector-Emitter Cutoff Current (VCE=50V, I B =0) Emitter-Base Cutoff Current (VEB=6.0V, IC =0) V(BR)CEO V(BR)CBO ICBO ICEO MMUN2111 MMUN2112 MMUN2113 MMUN2114 MMUN2115 MMUN2116 MMUN2130 MMUN2131 MMUN2132 MMUN2133 MMUN2134 IEBO 50 50 100 500 0.5 0.2 0.1 0.2 0.9 1.9 4.3 2.3 1.5 0.18 0.13 V V nA nA mA
On Characteristics
Collector-Emitter Saturation Voltage (I C=10mA, IB =0.3mA) (IC =10mA, I B =5mA) MMUN2130/MMUN2131 (IC =10mA, IB =1mA) MMUN2115/MMUN2116 MMUN2132/MMUN2133/MMUN2134 3. Pulse Test: Pulse Width < 300 us, Duty Cycle < 2.0% VCE(sat) 0.25 Vdc
WEITRON
http://www.weitron.com.tw
MMUN2111 Series
WE IT R ON
(TA=25 C Unless Otherwise noted)
Electrical Characteristics
Characteristics
Symbol
Min
Typ
Max
Unit
On Characteristics (3)
DC Current Gain (VCE=10V, IC =5.0mA) MMUN2111 MMUN2112 MMUN2113 MMUN2114 MMUN2115 MMUN2116 MMUN2130 MMUN2131 MMUN2132 MMUN2133 MMUN2134 h FE 35 60 80 80 160 160 3.0 8.0 15 80 80 60 100 140 140 250 250 5.0 15 27 140 130 Vdc
Output Voltage(on) (VCC=5.0V, VB =2.5V, R L =1.0k )
(VCC=5.0V, VB =3.5V, R L =1.0k ) Output Voltage(off ) (VCC =5.0V, VB =0.5V, R L =1.0k ) (VCC =5.0V, VB =0.25V, R L =1.0k ) (VCC=5.0V, VB =0.050V, R L =1.0k ) V
MMUN2111 MMUN2112 MMUN2114 MMUN2115 MMUN2116 MMUN2130 MMUN2131 MMUN2132 MMUN2133 MMUN2134 MMUN2113
VOL
4.9
-
0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 -
VOH MMUN2115 MMUN2116 MMUN2131 MMUN2132 MMUN2130 V
Vdc
3. Pulse Test: Pulse Width 300 us, Duty Cycle 2.0%
WEITRON
http://www.weitron.com.tw
MMUN2111 Series
Electrical Characteristics On Characteristics
Input Resistor MMUN2111 MMUN2112 MMUN2113 MMUN2114 MMUN2115 MMUN2116 MMUN2130 MMUN2131 MMUN2132 MMUN2133 MMUN2134 R1 7.0 15.4 32.9 7.0 7.0 3.3 0.7 1.5 3.3 3.3 15.4 0.8 0.17 0.8 0.055 (TA=25 C Unless Otherwise noted)
WE IT R ON
Symbol Min Typ Max Unit
Characteristics
10 22 47 10 10 4.7 1.0 2.2 4.7 4.7 22 1.0 0.21 1.0 0.1
13 28.6 61.1 13 13 6.1 1.3 2.9 6.1 6.1 28.6 1.2 0.25 1.2 0.185
k
Resistor Ratio MMUNM2111/MMUN2112/MMUN2113 MMUN2114 MMUN2115/MMUN2116 MMUN2130/MMUN2131/MMUN2132 MMUN2133 4. Pulse Test: Pulse Width < 300 us, Duty Cycle < 2.0 %
R1/R2
WEITRON
http://www.weitron.com.tw
MMUN2111 Series
MMUN2111 Series TYPICAL ELECTRICAL CHARACTERISTICS MMUN2114
1 hFE , DC CURRENT GAIN (NORMALIZED) IC /IB =10 TA = -25 C 25 C 0.1 75 C 180 160 140 120 100 80 60 40 20 0 1 2 4 6 VCE = 10V
WE IT R ON
VCE(sat) , MAXIMUM COLLECT R VOLTAGE (VOLTS) O
TA =75 C 25 C -25 C
0.01
0.001
0
20 40 60 IC , COLLECTOR CURRENT (mA)
80
8 10 15 20 40 50 60 70 IC , COLLECTOR CURRENT (mA)
80
90 100
FIG.1 VCE(sat) versus IC
4.5 4 Cob , CAPACITANCE (pF) 3.5 3 2.5 2 1.5 1 0.5 0 0 2 4 6 8 10 15 20 25 30 35 40 VR , REVERSE BIAS VOL TAGE (VOLTS) 45 50 f = 1 MHz lE = 0 V TA = 25C 100
FIG.2 DC Current Gain
TA =75 C IC , COLLECTOR CURRENT (mA) -25 C
25C
10
VO = 5 V 1 0 2 4 6 Vin , INPUT VOLTAGE (VOLTS) 8 10
FIG.3 Output Capacitance
FIG.4 Output Current versus Input Voltage
+12 V
10 VO = 0.2V V in , INPUT VOLTAGE (VOLTS) TA = -25 C 25 C 75 C 1
Typic al A pplic ation for P NP B R Ts
LOAD 0.1
0
10
20 30 40 IC , COLLECTOR CURRENT (mA)
50
FIG.5 Input Voltage versus Output Current
FIG.6 Inexpensive, Unregulated Current Source
WEITRON
http://www.weitron.com.tw
MMUN2111 Series SOT-23 Package Outline Dimensions
Unit:mm
A
T OP V IE W
B
C
E
G H
D
K J L M
Dim Min Max A 0.35 0.51 B 1.19 1.40 C 2.10 3.00 D 0.85 1.05 E 0.46 1.00 G 1.70 2.10 H 2.70 3.10 J 0.01 0.13 K 0.89 1.10 L 0.30 0.61 M 0.076 0.25
WEITRON
http://www.weitron.com.tw


▲Up To Search▲   

 
Price & Availability of MMUN2134

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X