Part Number Hot Search : 
ER303 IDT74A L4957A D72FY4D2 2832425 D72FY4D2 LC503 TDA98
Product Description
Full Text Search
 

To Download MMSZ5257B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Zeners MMSZ5226B - MMSZ5257B
Zeners MMSZ5226B - MMSZ5257B
Absolute Maximum Ratings *
Symbol PD RJA TSTG TJ Parameter Power Dissipation @25C Thermal Resistance, Juncion to Ambient ** Storage Temperature Range Operating Junction Temperture
TA = 25C unless otherwise noted
Tolerance = 5%
Units mW C/W C C SOD-123
Value 500 340 -55 to +150 +150
* These ratings are limiting values above which the serviceability of the diode may be impaired. ** FR-4 or FR-5 = 3.5 x 1.5 inches using minimumrecommended land pads.
Electrical Characteristics
Device MMSZ5226B MMSZ5227B MMSZ5228B MMSZ5229B MMSZ5230B MMSZ5231B MMSZ5232B MMSZ5233B MMSZ5234B MMSZ5235B MMSZ5236B MMSZ5237B MMSZ5238B MMSZ5239B MMSZ5240B MMSZ5241B MMSZ5242B MMSZ5243B MMSZ5244B MMSZ5245B MMSZ5246B MMSZ5247B MMSZ5248B MMSZ5249B MMSZ5250B MMSZ5251B MMSZ5252B MMSZ5253B MMSZ5254B MMSZ5255B MMSZ5256B MMSZ5257B Mark D1 D2 D3 D4 D5 E1 E2 E3 E4 E5 F1 F2 F3 F4 F5 H1 H2 H3 H4 H5 J1 J2 J3 J4 J5 K1 K2 K3 K4 K5 M1 M2 Min. 3.135 3.42 3.705 4.085 4.465 4.845 5.32 5.7 5.89 6.46 7.125 7.79 8.265 8.645 9.5 10.45 11.4 12.35 13.3 14.25 15.2 16.15 17.1 18.05 19 20.92 22.8 23.75 25.65 26.6 28.5 31.35
TA=25C unless otherwise noted
VZ (V)
Typ. 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33
Max. 3.465 3.78 4.095 4.515 4.935 5.355 5.88 6.3 6.51 7.14 7.875 8.61 9.135 9.555 10.5 11.55 12.6 13.65 14.7 15.75 16.8 17.85 18.9 19.95 21 23.1 25.2 26.25 28.35 29.4 31.5 34.65
ZZ () @ IZK (mA) 28 24 23 22 19 17 11 7.0 7.0 5.0 6.0 8.0 8.0 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8
ZZK () @ IZK (mA) 1,600 1,700 1,900 1,000 1,900 1,600 1,600 1,600 1,000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
IR(A) @ VR (V) 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23 25
VF Foward Voltage = 0.9V Maximum @ IF = 10mA for all MMSZ5200 series
(c)2004 Fairchild Semiconductor Corporation
MMSZ5226B - MMSZ5257B, Rev. E
Zeners MMSZ5226B - MMSZ5257B
Typical Characteristics
35
V Z - ZENER VOLTAGE (V)
5000
V Z = 33.0V
25 20 15 10 5 1
V Z = 5.1V V Z = 3.3V
TA = 25 C
Z Z - IMPEDANCE (ohms)
30
2000 1000 500 V Z = 3.3V 200 100 50
V Z = 5.1V
TA = 25 C
V Z = 33.0V
V Z = 12.0V
20 10 V Z = 12.0V 5 2 1 0.1
2
5 10 I Z- ZENER CURRENT (mA)
20
30
0.2
0.5 1 2 5 I Z - ZENER CURRENT (mA)
10
20
Figure 1. Zener Current vs. Zener Voltage
Figure 2. Zener Current vs. Zener Impedence
5
V Z - ZENER VOLTAGE (V)
6
V Z = 3.3V
V Z = 5.1V
V Z - ZENER VOLTAGE (V)
4
T A = -25 C TA = 25 C
5.5
TA = 125 C
3
TA = 85 C
5 TA = 100 C
T A = 25 C TA = -25 C
TA = 85 C
2
T A = 100 C T A= 125 C
4.5
1
1
2
5 10 I Z- ZENER CURRENT (mA)
20
30
4
1
2
5 10 I Z - ZENER CURRENT (mA)
20
30
Figure 3. 3.3 Zener Voltage vs. Temperature
Figure 4. 5.1 Zener Voltage vs. Temperature
15
V Z - ZENER VOLTAGE (V)
V Z = 12.0V
40
TA = 125 C
V Z = 33.0V TA = 100 C
TA = 125 C
V Z - ZENER VOLTAGE (V)
35
10 T = -25 C A
TA = 25 C
TA = 85 C
TA = 100 C
30 TA = -25 C
T A = 25 C
TA = 85 C
5
25
0
1
2
5 10 I Z - ZENER CURRENT (mA)
20
30
20
1
2
5 10 I Z - ZENER CURRENT (mA)
20
30
Figure 5. 12 Zener Voltage vs. Zener Temperature
Figure 6. 33 Zener Voltage vs. Zener Temperature
(c)2004 Fairchild Semiconductor Corporation
MMSZ5226B - MMSZ5257B, Rev. E
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FACT Quiet SeriesTM ActiveArrayTM FAST BottomlessTM FASTrTM CoolFETTM FPSTM CROSSVOLTTM FRFETTM DOMETM GlobalOptoisolatorTM EcoSPARKTM GTOTM E2CMOSTM HiSeCTM EnSignaTM I2CTM FACTTM ImpliedDisconnectTM Across the board. Around the world.TM The Power FranchiseTM Programmable Active DroopTM
DISCLAIMER
ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC OPTOPLANARTM PACMANTM
POPTM Power247TM PowerTrench QFET QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SILENT SWITCHER SMART STARTTM SPMTM StealthTM
SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic TINYOPTOTM TruTranslationTM UHCTM UltraFET VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I7


▲Up To Search▲   

 
Price & Availability of MMSZ5257B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X