Part Number Hot Search : 
BP60390 PQ600 PIC12 SG6520DZ GT4124 STMICRO TF252C CBAT54AW
Product Description
Full Text Search
 

To Download MMST54011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODEL: MMST5401
Lead-free Green
MMST5401
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
* * * * * *
Epitaxial Planar Die Construction Complementary NPN Type Available (MMST5551) Ideal for Low Power Amplification and Switching Ultra-Small Surface Mount Package Lead Free/RoHS Compliant (Note 2) "Green" Device (Note 3 and 4)
B G H E BC A C
SOT-323 Dim A B C D E G
M
Min 0.25 1.15 2.00 0.30 1.20 1.80 0.0 0.90 0.25 0.10 0
Max 0.40 1.35 2.20 0.40 1.40 2.20 0.10 1.00 0.40 0.18 8
0.65 Nominal
Mechanical Data
* * * * * * * * *
Case: SOT-323 Case Material: Molded Plastic, "Green" Molding Compound, Note 4. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminal Connections: See Diagram Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Marking (See Page 2): K4M Ordering & Date Code Information: See Page 2 Weight: 0.006 grams (approximate)
B
K
H J K L M
J
D
E
L
C
All Dimensions in mm
E
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage
@ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC Pd RJA Tj, TSTG Value -160 -150 -5.0 -200 200 625 -55 to +150 Unit V V V mA mW C/W C
Characteristic
Collector Current - Continuous (Note 1) Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient (Note 1) Operating and Storage and Temperature Range
Note:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. No purposefully added lead. 3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 4. Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30170 Rev. 8 - 2
1 of 4 www.diodes.com
MMST5401
(c) Diodes Incorporated
Electrical Characteristics
Characteristic OFF CHARACTERISTICS (Note 5) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current ON CHARACTERISTICS (Note 5) DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage SMALL SIGNAL CHARACTERISTICS Output Capacitance Small Signal Current Gain Current Gain-Bandwidth Product Noise Figure
@ TA = 25C unless otherwise specified Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO Min -160 -150 -5.0 50 60 50 40 100 Max -50 -50 240 -0.2 -0.5 -1.0 Unit V V V nA A nA Test Condition IC = -100A, IE = 0 IC = -1.0mA, IB = 0 IE = -10A, IC = 0 VCB = -120V, IE = 0 VCB = -120V, IE = 0, TA = 100C VEB = -3.0V, IC = 0 IC = -1.0mA, VCE = -5.0V IC = -10mA, VCE = -5.0V IC = -50mA, VCE = -5.0V IC = -10mA, IB = -1.0mA IC = -50mA, IB = -5.0mA IC = -10mA, IB = -1.0mA IC = -50mA, IB = -5.0mA VCB = -10V, f = 1.0MHz, IE = 0 VCE = -10V, IC = -1.0mA, f = 1.0kHz VCE = -10V, IC = -10mA, f = 100MHz VCE = -5.0V, IC = -200A, RS = 10, f = 1.0kHz
hFE VCE(SAT) VBE(SAT)
V V
Cobo hfe fT NF
6.0 200 300 8.0
pF MHz dB
Ordering Information (Note 4 & 6)
Device MMST5401-7-F
Notes:
Packaging SOT-323
Shipping 3000/Tape & Reel
4. Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants. 5. Short duration test pulse used to minimize self-heating effect. 6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
K4M
Date Code Key Year Code 1998 J Month Code 1999 K Jan 1 2000 L 2001 M Feb 2 2002 N March 3 2003 P Apr 4
K4M = Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
YM
2004 R May 5
2005 S Jun 6
2006 T Jul 7
2007 U Aug 8
2008 V Sep 9
2009 W Oct O
2010 X
2011 Y Nov N
2012 Z Dec D
DS30170 Rev. 8 - 2
2 of 4 www.diodes.com
MMST5401
200 Note 1
10.0 IC = 10 IB
150
VCE(SAT), COLLECTOR TO EMITTER SATURATION VOLTAGE (V)
PD, POWER DISSIPATION (mW)
1.0 TA = 150C
100
0.1 TA = -50C TA = 25C
50
0 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE (C) Fig. 1, Max Power Dissipation vs Ambient Temperature
0.01 1 10 100 1000 IC, COLLECTOR CURRENT (mA) Fig. 2, Collector Emitter Saturation Voltage vs. Collector Current
10,000
1.0
VBE(ON), BASE EMITTER VOLTAGE (V)
VCE = 5V
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1
VCE = 5V TA = -50C
hFE, DC CURRENT GAIN
1000 TA = 150C
TA = 25C
100
TA = 25C 10 TA = -50C
TA = 150C
1 1 10 100 1000 IC, COLLECTOR CURRENT (mA) Fig. 3, DC Current Gain vs. Collector Current
0.1
1.0
10
100
IC, COLLECTOR CURRENT (mA) Fig. 4, Base Emitter Voltage vs. Collector Current
1000 ft, GAIN BANDWIDTH PRODUCT (MHz) VCE = 10V
100
10
1 1 10 100 IC, COLLECTOR CURRENT (mA) Fig. 5, Gain Bandwidth Product vs Collector Current
DS30170 Rev. 8 - 2
3 of 4 www.diodes.com
MMST5401
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30170 Rev. 8 - 2
4 of 4 www.diodes.com
MMST5401


▲Up To Search▲   

 
Price & Availability of MMST54011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X